Part Number Hot Search : 
ALD12 SN3JS 48S05 ATF16 16000 DB101 HER306 0MT11
Product Description
Full Text Search
 

To Download APTD1608SECK-J3-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsan2824 rev no: v.2a date: apr/18/2015 page: 1 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203014038 1.6x0.8mm smd chip led lamp part number: aptd1608seck/j3-pf hyper red features z 1.6mmx0.8mm smt led, 0.95mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package: 2000pcs / reel . z moisture sensitivity level : level 3. z rohs compliant. description the hyper red device is based on light emitting diode chip made from algainp. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.15(0.006") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsan2824 rev no: v.2a date: apr/18/2015 page: 2 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203014038 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1. 1 / 10 duty cycle, 0.1ms pulse width. part no. dice lens type iv (mcd) [2] @ 20ma v iewing angle [1] min. typ. 2 1/2 hyper red (algainp) water clear 1900 2700 60 *500 *800 aptd1608seck/j3-pf symbol parameter device typ. max. units test conditions peak peak wavelength hyper red 640 nm i f =20ma d [1] dominant wavelength hyper red 625 nm i f =20ma ? 1/2 spectral line half-width hyper red 20 nm i f =20ma c capacitance hyper red 27 pf v f =0v;f=1mhz v f [2] forward voltage hyper red 2.2 2.8 v i f =20ma i r reverse current hyper red 10 ua v r =5v parameter hyper red units power dissipation 84 mw dc forward current 30 ma peak forward current [1] 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c notes: 1. 1 / 2 is the angle from optical centerline where the lumi nous intensity is 1 / 2 of the optical peak value. 2. luminous intensity / luminous flux: + / -15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: + / -1nm. 2. forward voltage: + / -0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradat ion or premature failure.
spec no: dsan2824 rev no: v.2a date: apr/18/2015 page: 3 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203014038 hyper red aptd1608seck/j3-pf
spec no: dsan2824 rev no: v.2a date: apr/18/2015 page: 4 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203014038 aptd1608seck/j3-pf reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsan2824 rev no: v.2a date: apr/18/2015 page: 5 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203014038 packing & label specifications aptd1608seck/j3-pf terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APTD1608SECK-J3-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X