Part Number Hot Search : 
SST112 TGD24A PG2123 ADL5386 MBR2045C 3302UF 145406 CXA3785R
Product Description
Full Text Search
 

To Download APT30D120BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  053-0016 rev c 4-2005 product benefits ? low losses ? low noise switching ? cooler operation ? higher reliability systems ? increased system power density product features ? ultrafast recovery times ? soft recovery characteristics ? popular to-247 package or surface mount d 3 pak package ? low forward voltage ? low leakage current product applications ? anti-parallel diode -switchmode power supply -inverters ? free wheeling diode -motor controllers -converters -inverters ? snubber diode ? pfc ultrafast soft recovery rectifier diode 1200v 30a apt30d120b apt30d120s APT30D120BG* apt30d120sg* *g denotes rohs compliant, pb free terminal finish. maximum ratings all ratings: t c = 25c unless otherwise speci?ed. ? apt website - http://www.advancedpower.com static electrical characteristics symbol v f i rm c t unit volts a pf min typ max 2.0 2.5 2.3 1.8 250 500 32 characteristic / test conditionsforward voltage maximum reverse leakage current junction capacitance, v r = 200v i f = 30a i f = 60a i f = 30a, t j = 125c v r = v r rated v r = v r rated, t j = 125c to -247 1 2 d 3 pak 1 2 1 - cathode 2 - anode back of case - cathode 1 2 characteristic / test conditionsmaximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 128c, duty cycle = 0.5) rms forward current (square wave, 50% duty)non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature rangelead temperature for 10 sec. symbol v r v rrm v rwm i f(av) i f(rms) i fsm t j ,t stg t l unit volts amps c apt30d120b(g)_s(g) 1200 3059 210 -55 to 175 300 downloaded from: http:///
apt30d120b(g)_s(g) dynamic characteristics 053-0016 rev c 4-2005 apt reserves the right to change, without notice, the speci?cations and information contained herein . z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.700.60 0.50 0.40 0.30 0.20 0.10 0 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 figure 1b, transient thermal impedance model peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: thermal and mechanical characteristics characteristic / test conditionsjunction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque symbol r jc r ja w t torque min typ max .61 40 0.22 5.9 10 1.1 unit c/w oz g lb?in n?m min typ max - 31 - 370 - 660 - 5 - - 500 - 3450 - 12 - - 220 - 4650 - 37 unit ns nc amps ns nc amps ns nc amps characteristicreverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 30a, di f /dt = -200a/ s v r = 800v, t c = 25 c i f = 30a, di f /dt = -200a/ s v r = 800v, t c = 125 c i f = 30a, di f /dt = -1000a/ s v r = 800v, t c = 125 c i f = 1a, di f /dt = -100a/ s, v r = 30v, t j = 25 c 0.0442 c/w 0.242 c/w 0.324 c/w 0.00222 j/ c 0.00586 j/ c 0.0596 j/ c power (watts) junctiontemp ( c) rc model case temperature ( c) downloaded from: http:///
053-0016 rev c 4-2005 apt30d120b(g)_s(g) typical performance curves t j = 125 c v r = 800v 15a 30a 60a 600500 400 300 200 100 0 5040 30 20 10 0 duty cycle = 0.5 t j = 175 c 7060 50 40 30 20 10 0 1.41.2 1.0 0.8 0.6 0.4 0.2 0.0 250200 150 100 50 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 1000a/ s) i f(av) (a) t j , junction temperature ( c) case temperature ( c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forw ard current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage 100 9080 70 60 50 40 30 20 10 0 70006000 5000 4000 3000 2000 1000 0 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/ s) figure 2. forward current vs. forward voltage figure 3. reverse recovery ti me vs. current rate of change -di f /dt, current rate of change (a/ s) -di f /dt, current rate of change (a/ s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery curr ent vs. current rate of change q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = 150 c t j = -55 c t j = 25 c t j = 125 c 0 0.5 1 1.5 2 2.5 3 3.5 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 0 200 400 600 800 1000 1200 t j = 125 c v r = 800v 60a 15a 30a t j = 125 c v r = 800v 60a 30a 15a t rr q rr q rr t rr i rrm 0 25 50 75 100 125 150 25 50 75 100 125 150 175 1 10 100 200 downloaded from: http:///
apt30d120b(g)_s(g) 053-0016 rev c 4-2005 apt10035lll 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d. u.t. +18v 0v v r t rr / q rr waveform to - 247 package outline d 3 pak package outline 15.85 (.624)16.05(.632) 18.70 (.736)19.10 (.752) 1.15 (.045)1.45 (.057) 5.45 (.215) bsc (2 plcs.) 4.90 (.193)5.10 (.201) 1.45 (.057) 1.60 (.063) 2.70 (.106)2.90 (.114) 0.40 (.016)0.65 (.026) dimensions in millimeters (inches) heat sink (cathode) and leads are plated 2.40 (.094)2.70 (.106) (base of lead) cathode (heat sink) 1.90 (.075)2.10 (.083) cathode anode 0.020 (.001)0.250 (.010) 1.20 (.047)1.40 (.055) 12.40 (.488)12.70 (.500) 13.30 (.524)13.60(.535) 1.00 (.039)1.15(.045) 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 10.90 (.430) bsc 3.50 (.138) 3.81 (.150) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) dimensions in millimeters and (inches) cathode anode cathode e3 e1 sac: tin, silver, copper 100% sn downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT30D120BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X