Part Number Hot Search : 
DLFR105 MPC860UM MN1227 W9816 2815T TLHY4605 C3022 HC193
Product Description
Full Text Search
 

To Download APT10035B2FLLG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  characteristic / test conditionsdrain-source breakdown voltage (v gs = 0v, i d = 250a) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) drain-source on-state resistance 2 (v gs = 10v, 14a) zero gate voltage drain current (v ds = 1000v, v gs = 0v) zero gate voltage drain current (v ds = 800v, v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 2.5ma) 050-7037 rev c 2-2009 maximum ratings all ratings: t c = 25c unless otherwise specified. symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameterdrain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuousgate-source voltage transient total power dissipation @ t c = 25c linear derating factoroperating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/c c amps mj static electrical characteristics symbol bv dss i d(on) r ds(on) i dss i gss v gs(th) unit volts amps ohms ana volts min typ max 1000 28 0.37 250 1000 100 35 apt10035 1000 28 112 3040 690 5.5 -55 to 150 300 2850 3000 caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com t-max ? g d s to-264 b2fll lfll apt10035b2fll(g) apt10035lfll (g) 1000v 28a 0.37 ? ? lower input capacitance increased power dissipation lower miller capacitance easier to drive lower gate charge, qg popular t-max? or to-264 package fast recovery body diode power mos 7 ? is a new generation of low loss, high voltage, n-channel enhancement mode power mosfets. both conduction and switchinglosses are addressed with power mos 7 ? by significantly lowering r ds(on) and q g . power mos 7 ? combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with apt'spatented metal gate structure. power mos 7 r fredfet downloaded from: http:///
050-7037 rev c 2-2009 dynamic characteristics apt10035b2fll - lfll source-drain diode ratings and characteristics thermal characteristics characteristic / test conditionscontinuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -28a) peak diode recovery dv / dt 5 reverse recovery time(i s = -28a, di / dt = 100a/s) reverse recovery charge(i s = -28a, di / dt = 100a/s) peak recovery current(i s = -28a, di / dt = 100a/s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns c amps min typ max 28 112 1.3 18 t j = 25c 320 t j = 125c 650 t j = 25c 3.60 t j = 125c 9.72 t j = 25c 16.5 t j = 125c 24.7 symbol r jc r ja min typ max 0.18 40 unitc/w characteristicjunction to case junction to ambient 1 repetitive rating: pulse width limited by maximum junction temperature 2 pulse test: pulse width < 380 s, duty cycle < 2% 3 see mil-std-750 method 3471 4 starting t j = +25c, l = 7.65mh, r g = 25 , peak i l = 28a 5 dv / dt numbers reflect the limitations of the test circuit rather than the device itself. i s - i d 28a di / dt 700a/s v r v dss t j 150 c 6 eon includes diode reverse recovery. see figures 18, 20. apt reserves the right to change, without notice, the specifications and information contained herein. symbol c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f e on e off e on e off characteristicinput capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time turn-on switching energy 6 turn-off switching energyturn-on switching energy 6 turn-off switching energy test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 500v i d = 28a @ 25c resistive switching v gs = 15v v dd = 500v i d = 28a @ 25c r g = 0.6 inductive switching @ 25c v dd = 670v, v gs = 15v i d = 28a, r g = 5 inductive switching @ 125c v dd = 670v v gs = 15v i d = 28a, r g = 5 min typ max 5185 881160 186 24 122 1210 36 9 900623 1423 779 unit pf nc ns j note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm single pulse z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.200.15 0.10 0.05 0 0.5 0.1 0.3 0.7 0.9 0.05 downloaded from: http:///
050-7037 rev c 2-2009 r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) 0 5 10 15 20 25 30 0 2 4 6 8 10 0 10 20 30 40 50 60 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 8070 60 50 40 30 20 10 0 3025 20 15 10 50 2.52.0 1.5 1.0 0.5 0.0 6050 40 30 20 10 0 1.401.30 1.20 1.10 1.00 0.90 0.80 1.15 1.10 1.05 1.00 0.95 0.90 0.85 1.21.1 1.0 0.9 0.8 0.7 0.6 5.5v 6v 6.5v 7v 5v v gs =15,10 & 8v v gs =10v v gs =20v t j = +125c t j = +25c t j = -55c v ds > i d (on) x r ds (on)max. 250sec. pulse test @ <0.5 % duty cycle apt10035b2fll - lfll typical performance curves v ds , drain-to-source voltage (volts) figure 2, transient thermal impedance model figure 3, low voltage output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature (c) t j , junction temperature (c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature (c) t c , case temperature (c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature 0.02710.0656 0.0859 0.00899f0.0202f 0.293f power (watts) junction temp. ( c) rc model case temperature normalized to v gs = 10v @ 14a i d = 14a v gs = 10v downloaded from: http:///
apt10035b2fll - lfll 050-7037 rev c 2-2009 20,00010,000 1,000 100200 100 10 1 v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) 1 10 100 1000 0 10 20 30 40 50 0 50 100 150 200 250 0.3 0.5 0.7 0.9 1.1 1.3 1.5 112 5010 1 1612 84 0 t c =+25c t j =+150c single pulse operation here limited by r ds (on) 10ms 1ms 100s v ds =500v v ds =200v v ds =800v i d = 28a i d (a) i d (a) figure 14, delay times vs current figure 15, rise and fall times vs current i d (a) r g , gate resistance (ohms) figure 16, switching energy vs current figure 17, switching energy vs. gate resistance v dd = 670v r g = 5 t j = 125c l = 100h t d(on) t d(off) e on e off e on e off t r t f switching energy ( j) t d(on) and t d(off) (ns) switching energy ( j) t r and t f (ns) 0 10 20 30 40 50 0 10 20 30 40 50 0 10 20 30 40 50 0 5 1015202530 35404550 180160 140 120 100 8060 40 20 0 25002000 1500 1000 500 0 8060 40 20 0 50004000 3000 2000 1000 0 v dd = 670v r g = 5 t j = 125c l = 100h v dd = 670v r g = 5 t j = 125c l = 100h e on includes diode reverse recovery. v dd = 670v i d = 28a t j = 125c l = 100h e on includes diode reverse recovery. c rss c iss c oss t j =+150c t j =+25c downloaded from: http:///
050-7037 rev c 2-2009 apt10035b2fll - lfll 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) bsc 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) drain source gate these dimensions are equal to the to-247 without the mounting hole. drain 2-plcs. 19.51 (.768) 20.50 (.807) 19.81 (.780) 21.39 (.842) 25.48 (1.003) 26.49 (1.043) 2.29 (.090) 2.69 (.106) 0.76 (.030) 1.30 (.051) 3.10 (.122) 3.48 (.137) 4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079) 2.59 (.102) 3.00 (.118) 0.48 (.019) 0.84 (.033) drain source gate dimensions in millimeters and (inches) drain 2.29 (.090) 2.69 (.106) 5.79 (.228) 6.20 (.244) 2.79 (.110) 3.18 (.125) 5.45 (.215) bsc 2-plcs. dimensions in millimeters and (inches) t-max tm (b2) package outline to-264 (l) package outline apts products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign patents pending. all rights reserved. figure 18, turn-on switching waveforms and definitions figure 19, turn-off switching waveforms and definitions i c d.u.t. apt15df120b v ce figure 20, inductive switching test circuit g v dd 90% t d(off) 90% 10% 0 t f t j = 125 c drain current drain voltage gate voltage switching energy switching energy 10 % t d(on) 90% 5 % t r 10 % 5 % gate voltage t j = 125 c drain current drain voltage downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT10035B2FLLG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X