Part Number Hot Search : 
ESP3024 A1837 DG333ADJ 1225H DS1NBB 014FT10 VG024 11002
Product Description
Full Text Search
 

To Download APT1001RBVFRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050-5596 rev c 5-2004 maximum ratings all ratings: t c = 25c unless otherwise specified. caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. apt website - http://www.advancedpower.com characteristic / test conditionsdrain-source breakdown voltage (v gs = 0v, i d = 250a) drain-source on-state resistance 2 (v gs = 10v, i d = 5.5a) zero gate voltage drain current (v ds = 1000v, v gs = 0v) zero gate voltage drain current (v ds = 800v, v gs = 0v, t c = 125c) gate-source leakage current (v gs = 30v, v ds = 0v) gate threshold voltage (v ds = v gs , i d = 1ma) symbol v dss i d i dm v gs v gsm p d t j ,t stg t l i ar e ar e as parameterdrain-source voltage continuous drain current @ t c = 25c pulsed drain current 1 gate-source voltage continuousgate-source voltage transient total power dissipation @ t c = 25c linear derating factoroperating and storage junction temperature range lead temperature: 0.063" from case for 10 sec. avalanche current 1 (repetitive and non-repetitive) repetitive avalanche energy 1 single pulse avalanche energy 4 unit volts amps volts watts w/c c amps mj static electrical characteristics symbol bv dss r ds(on) i dss i gss v gs(th) unit volts ohms ana volts min typ max 1000 1.00 250 1000 100 24 apt1001rbvfr_svfr 1000 1144 3040 278 2.22 -55 to 150 300 1130 1210 g d s power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect,increases packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. avalanche energy rated lower leakage faster switching to-247 or surface mount d 3 pak package power mos v ? fredfet fast recovery body diode apt1001rbvfr apt1001rsvfr 1000v 11a 1.00 ?? ?? ? to-247 d 3 pak bvfr svfr downloaded from: http:///
050-5596 rev c 5-2004 dynamic characteristics apt1001rbvfr_svfr source-drain diode ratings and characteristics thermal characteristics characteristic / test conditionscontinuous source current (body diode) pulsed source current 1 (body diode) diode forward voltage 2 (v gs = 0v, i s = -11a) peak diode recovery dv / dt 5 reverse recovery time(i s = -11a, di / dt = 100a/s) reverse recovery charge(i s = -11a, di / dt = 100a/s) peak recovery current(i s = -11a, di / dt = 100a/s) symbol i s i sm v sd dv / dt t rr q rr i rrm unit amps volts v/ns ns c amps min typ max 1144 1.3 18 t j = 25c 200 t j = 125c 350 t j = 25c 0.7 t j = 125c 1.5 t j = 25c 11 t j = 125c 16 symbol r jc r ja min typ max 0.45 40 unitc/w characteristicjunction to case junction to ambient 1 repetitive rating: pulse width limited by maximum junction temperature 2 pulse test: pulse width < 380 s, duty cycle < 2% 3 see mil-std-750 method 3471 4 starting t j = +25c, l = 20.0mh, r g = 25 ? , peak i l = 11a 5 dv / dt numbers reflect the limitations of the test circuit rather than the device itself. i s - i d 11a di / dt 700a/s v r 1000v t j 150 c apt reserves the right to change, without notice, the specifications and information contained herein. symbol c iss c oss c rss q g q gs q gd t d(on) t r t d(off) t f test conditions v gs = 0v v ds = 25v f = 1 mhz v gs = 10v v dd = 500v i d = 11a @ 25c v gs = 15v v dd = 500v i d = 11a @ 25c r g = 1.6 ? min typ max 3050 280135 150 1670 12 11 55 12 unit pf nc ns characteristicinput capacitance output capacitance reverse transfer capacitance total gate charge 3 gate-source charge gate-drain ("miller ") charge turn-on delay time rise time turn-off delay time fall time z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 10 rectangular pulse duration (seconds) figure 1, maximum effective transient thermal impedance, junction-to-case vs pulse duration 0.50.1 0.050.01 0.0050.001 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.1 single pulse 0.02 0.05 0.2 d=0.5 0.01 downloaded from: http:///
050-5596 rev c 5-2004 typical performance curves apt1001rbvfr_svfr v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 2, typical output characteristics figure 3, typical output characteristics v gs , gate-to-source voltage (volts) i d , drain current (amperes) figure 4, typical transfer characteristics figure 5, r ds (on) vs drain current t c , case temperature (c) t j , junction temperature (c) figure 6, maximum drain current vs case temperature figure 7, breakdown voltage vs temperature t j , junction temperature (c) t c , case temperature (c) figure 8, on-resistance vs. temperature figure 9, threshold voltage vs temperature r ds (on), drain-to-source on resistance i d , drain current (amperes) i d , drain current (amperes) i d , drain current (amperes) (normalized) v gs (th), threshold voltage bv dss , drain-to-source breakdown r ds (on), drain-to-source on resistance i d , drain current (amperes) (normalized) voltage (normalized) 0 100 200 300 400 500 0 4 8 12 16 20 02468 051 01 52 02 53 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 i d = 0.5 i d [cont.] v gs = 10v 2016 12 84 0 1.51.4 1.2 1.0 0.8 1.151.10 1.05 1.00 0.95 0.90 1.21.1 1.0 0.9 0.8 0.7 0.6 2016 12 84 0 4030 20 10 0 1210 86 4 2 0 2.52.0 1.5 1.0 0.5 0.0 v ds > i d (on) x r ds (on)max. 250sec. pulse test @ <0.5 % duty cycle v gs =10v v gs =20v t j = -55c t j = +125c t j = +25c t j = -55c t j = +125c 4.5v 4v v gs =6v, 10v & 15v 5v 4.5v v gs =15v v gs =6v & 10v 3.5v 3.5v 4v normalized to v gs = 10v @ 0.5 i d [cont.] downloaded from: http:///
050-5596 rev c 5-2004 apt1001rbvfr_svfr apts products are covered by one or more of u.s.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. us and foreign patents pending. all rights reserved. to - 247 package outline (bvfr) d 3 pak package outline (svfr) 15.95 (.628)16.05(.632) 1.22 (.048)1.32 (.052) 5.45 (.215) bsc{2 plcs.} 4.98 (.196)5.08 (.200) 1.47 (.058) 1.57 (.062) 2.67 (.105)2.84 (.112) 0.46 (.018) 0.56 (.022) dimensions in millimeters (inches) heat sink (drain)and leads are plated 2.40 (.094)2.70 (.106) (base of lead) drain(heat sink) 1.98 (.078)2.08 (.082) gate drain source 0.020 (.001)0.178 (.007) 1.27 (.050)1.40 (.055) 11.51 (.453)11.61 (.457) 13.41 (.528)13.51(.532) 1.04 (.041)1.15(.045) 13.79 (.543)13.99(.551) 15.49 (.610)16.26 (.640) 5.38 (.212)6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780)20.32 (.800) 20.80 (.819)21.46 (.845) 1.65 (.065)2.13 (.084) 1.01 (.040)1.40 (.055) 3.50 (.138)3.81 (.150) 2.87 (.113)3.12 (.123) 4.69 (.185)5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087)2.59 (.102) 0.40 (.016)0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. v ds , drain-to-source voltage (volts) v ds , drain-to-source voltage (volts) figure 10, maximum safe operating area figure 11, typical capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (volts) figure 12, gate charges vs gate-to-source voltage figure 13, typical source-drain diode forward voltage v gs , gate-to-source voltage (volts) i d , drain current (amperes) i dr , reverse drain current (amperes) c, capacitance (pf) 1 5 10 50 100 500 1000 .01 .1 1 10 50 0 50 100 150 200 250 300 0.2 0.4 0.6 0.8 1.0 1.2 t c =+25c t j =+150c single pulse 5010 51 .5.1 2016 12 84 0 11,000 5,0001,000 500100 5050 10 51 .5.1 operation here limited by r ds (on) 10s t j =+150c t j =+25c c rss c oss c iss v ds =200v v ds =100v v ds =500v 1ms10ms 100ms dc 100s i d = i d [cont.] downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT1001RBVFRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X