Part Number Hot Search : 
12DRW MAX1484 N2809A M62220L 2SD2599 12DRW 95100 74ALS102
Product Description
Full Text Search
 

To Download 3TA200GK03NB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol test conditions maximum ratings unit i t(av) i t(rms) single phase, half wave, 180 o c conduction,t c =114 o c 200 314 a a 2 s t vj t vjm t stg -30...+150 150 -30...+125 o c weight 169 g i 2 t i tsm p gm p g(av) i fgm v fgm v rgm di/dt ms to heatsink m6 3 ~ 5 mt to terminals m 6 2.5 5 nm 1/2cycle, 50hz/60hz, peak value, non-repetitive 5400/6000 a 495000 10 1 w 3 a 10 5 v ig=15 0ma, tj=25 o c, v d =1/2v drm , di g /dt=1a/us 60 a /us ~ three phase thyristor module (half bridge) 3ta 200gkxxnb dimensions in mm (1mm = 0.0394") type 3TA200GK03NB 3ta200gk04nb 3ta200gk06nb v rrm v 300 400 v rsm v 400 500 k1 g1 k2 g2 3g 3k 1 2 3 a k3 k2 k1 k3 k2 k1 a g3 g2 k2 k3 k1 g1 400 500 p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
symbol test conditions unit i rrm v tm v i gt i drm ma r thjc v gd tgt min. typ. max. at v drm, single phase, half wave, tj=150 o c on-state current 630a, tj=25 o c inst. measurement dv/dt i h tj=25 o c, i t =1a, v d =6v tj=150 o c, v d =1/2v drm i t =100a, i g =200ma, tj=25 o c, v d =1/2v drm , di g /dt=1a/us tj=150 o c, v d =2/3v drm , exponential wave tj=25 o c junction to case (1/3 module) 60 60 1.25 150 0.25 10 150 100 0.12 ma v us v/us ma o c/w application: v gt 2 v three phase thyristor module (half bridge) features * international standard package * glass passivated chips * rohs compliant advantages * space and weight savings * simple mounting with two screws * improved temperature and power cycling * reduced protection circuits applications * welding machine power supply * dc power supply * copper base plate 3ta200gknb three phase thyristor module (half bridge) p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
3ta200gkxxnb three phase thyristor module (half bridge)  }    }    }    }    }    }    }    }         ?    ?      ?          5sbotjfou5ifsnbm*nqfebodf 5jnf u tfd 5sbotjfou5ifsnbm*nqfebodf  kd ?8 1fspoffmfnfou +vodujpoup$btf v  {   $poevdujpo"ohmf                     "wfsbhf0o4ubuf$vssfou7t.byjnvn"mmpxbcmf $btf5fnqfsbuvsf4johmfqibtfibmgxbwf  "wfsbhf0o4ubuf$vssfou "              "mmpxbcmf$btf5fnqfsbuvsf ? %$ 1fspoffmfnfou 1   ? 1   ? 1   ? 1? 1? 0o4ubuf7pmubhfnby 0o4ubuf7pmubhf 7                 } }  }  0o4ubuf$vssfou "                                4vshf0o4ubuf$vssfou3bujoh  /po3fqfujujwf 5jnfdzdmft 4vshf0o4ubuf$vssfou "   ) [ 1fspoffmfnfou 5k1? v  $poevdujpo"ohmf  {  1fspoffmfnfou 1   ? "wfsbhf0o4ubuf$vssfou7t1pxfs%jttjqbujpo 4johmfqibtfibmgxbwf  "wfsbhf0o4ubuf$vssfou "                     1pxfs%jttjqbujpo 8 %$  1? 1   ? 1? 1? (buf$ibsbdufsjtujdt (buf$vssfou n"                          (buf7pmubhf 7 1fbl(buf$vssfou "  1fbl'psxbse(buf7pmubh7 1fbl(buf 1pxfs 8 "wfsbhf(buf1pxfs 8 ? ? ? .byjnvn(buf7pmubhfuibuxjmmopuufsjhhfsbozvoju p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of 3TA200GK03NB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X