Part Number Hot Search : 
T823MB40 CS911 1N5237B PIC16 2SC46 2E8UM FBM26PT R1211
Product Description
Full Text Search
 

To Download 364208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 rast 5 connectors, pitch 5.0 mm rast 5 tab header, angular, with topside lock state: active approvals: of 3 36 3642 01/2018 ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c
2 *a k = keying p = positioning v = space for lock *b printed circuit board *d printed circuit board layout, solder side view environmental conditions temperature range 0 c20 c materials nsulating bod pa 0 according to u 1 contact tab cuzn, pre-nickel and tin-plated 1 component glow wire resistant (gwt 750 c), testing acc. to iec 60695-2-11, assessment acc. to iec 60335-1 (flame < 2 s) mechanical data contact tab 0 mm according to dn 2 eing proposals at lumbergcom ? ? electrical data (at t amb 20 c) ated current 0 a (t u 70 c) rated voltage 250 v ac material group iiia (iec)/2 (ul) (cti 250) creepage distance 4,2 mm clearance 4,2 mm insulation resistance > 10 g? associated products counterparts ? 3611 ? 3615 ? 3615-1 ? 3615-2 ? 3615-3 ? 3623 ? 3623 01 v01 ? 3626 of 3 36 3642 01/2018
3 designation pole number pu (pieces) mdq (pieces) dimensions a (mm) (mm) c (mm) 2 02 2 20 000 02 2 2 0 20 000 0 2 2 0 20 000 202 22 2 0 20 000 20 22 2 2 0 20 000 2 02 2 2 0 20 000 0 2 2 0 20 000 02 2 2 0 20 000 0 2 2 0 0 20 000 02 2 2 20 000 0 2 2 2 2 20 000 02 2 designation to be completed by further details (e.g. for keying, color or material options). packaging: in bulk, in a cardboard box of 3 36 3642 01/2018


▲Up To Search▲   

 
Price & Availability of 364208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X