1 rast 5 connectors, pitch 5.0 mm rast 5 tab header, angular, with topside lock, contact tab silvered state: active approvals: of 3 36 3642 v167 01/2018 ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c ps q k u a r l a i m t y e n e c m a t r i i o f n n d o e c l e a d f n a o b i r t i a c c a i f c i i t o r n e c
2 *a k = keying p = positioning v = space for lock *b printed circuit board *d printed circuit board layout, solder side view environmental conditions temperature range 0 c20 c materials nsulating bod pa 0 according to u 1 contact tab cuzn, pre-nickel and silver-plated 1 component glow wire resistant (gwt 750 c), testing acc. to iec 60695-2-11, assessment acc. to iec 60335-1 (flame < 2 s) mechanical data contact tab 0 mm according to dn 2 eing proposals at lumbergcom ? ? electrical data (at t amb 20 c) ated current a (t u 70 c) rated voltage 250 v ac material group iiia (iec)/2 (ul) (cti 250) creepage distance 4,2 mm clearance 4,2 mm insulation resistance > 10 g? associated products counterparts ? 3625 ? 3625 01 ? 3627 of 3 36 3642 v167 01/2018
3 designation pole number pu (pieces) mdq (pieces) dimensions a (mm) (mm) c (mm) 2 02 2 20 000 02 2 2 0 20 000 0 2 2 0 20 000 202 22 2 0 20 000 20 22 2 2 0 20 000 2 02 2 2 0 20 000 0 2 2 0 20 000 02 2 2 0 20 000 0 2 2 0 0 20 000 02 2 2 20 000 0 2 2 2 2 20 000 02 2 designation to be completed by further details (e.g. for keying, color or material options). packaging: in bulk, in a cardboard box of 3 36 3642 v167 01/2018
|