Part Number Hot Search : 
HSU276A 100262 IRL3705 IDT72131 S3C70F4 254112MA STR715FR IDT7203
Product Description
Full Text Search
 

To Download 2SC2500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jiangsu changji ang ele ctronics technology co., ltd to-92l plastic-encapsulate transistors 2SC2500 transist or (npn) features z s t robe flash applications z medium p o wer amplifier applications maximum ra tings (t a =25 unle ss other wise noted) symbol paramete r value unit v cbo coll ector-bas e voltage 30 v v ce o coll ector-emitter v oltage 10 v v eb o emitter-base v o ltage 6 v i c coll ector curr ent -continuous 2 a p c coll ector po wer dissipation 900 mw t j junctio n temperature 150 t st g s t orage temperature -55 to +150 to-92l 1. emitter 2. col lect or 3. base j c ( t www.cj-elec.com 1 www.cj-elec.com equivalent circuit  c2 500 ,!- .  ///, .  ordering inform a tion part number package packing method pack quantity t o -92l bulk t o -92l tape 2sc2 500 2sc2 500 -ta c2500  d,aug,2017 500pcs/bag 2000pcs/box solid dot = green mo ldi ng compou nd device, if none, the normal device
a t =25  unless otherwise specified www.cj-elec.com 2 d,aug,2017 parameter symbol test conditions min typ m ax unit co llector-base breakdown voltage v (b r)cbo i c =1 ma,i e = 0 30 v co llector-emitter breakdown voltage v (b r)ceo i c = 10ma,i b = 0 10 v emitter-b ase breakdown voltage v ( br)ebo i e =1 ma,i c =0 6 v co llector cut-off current i cb o v cb = 30v,i e = 0 0.1 a emitter cut-off current i ebo v eb =6 v,i c = 0 0.1 a h fe(1) v ce =1 v,i c = 500ma 140 600 dc cu rrent gain h fe(2) v ce =1 v,i c = 2a 70 co llector-emitter saturation voltage v ce (sat) i c =2 a,i b = 50ma 0.5 v base-emitter v oltage v be v ce =1 v,i c = 2a 1.5 v t ransition frequency f t v ce =1 v,i c = 500ma 150 mhz co llector output capacitance c ob v cb = 10v,i e = 0,f=1mhz 27 pf classific ation of h fe(1) rank a b c d ra nge 140-240 200-330 300-450 420-600
s ymbol dimensions in millimeters dimensions in inches min. max. min. max. a 3.750 4.050 0.148 0.159 a1 1.280 1.580 0.050 0.062 b 0.380 0.550 0.015 0.022 b1 0.620 0.780 0.024 0.031 c 0.350 0.450 0.014 0.018 d 4.750 5.050 0.187 0.199 d1 4.000 0.157 e 7.850 8.150 0.309 0.321 e 1.270 typ. 0.050 typ. e1 2.440 2.640 0.096 0.104 l 13.800 14.200 0.543 0.559 1.600 0.063 0.000 0.300 0.000 0.012 h www.cj-elec.com 3 d,aug,2017
www.cj-elec.com 4 d,aug,2017


▲Up To Search▲   

 
Price & Availability of 2SC2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X