Part Number Hot Search : 
KTLP160G SPD9105W SN74LS 3120A KTLP160G FRS244H 00005 DTA123
Product Description
Full Text Search
 

To Download 1N60P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?????? yangzhou yangjie electroni c technology co., ltd. ? ? document number s-a395 rev. 1.1, 16-jul-15 www.21yangjie.com 1n60/1N60P small signal schottky diodes features outline dimensions and mark v r 40v i fav 30ma ? applications ? ? use in super high spee d switching circuits, small current rectifier ? limiting values (absolute maximum rating) ? parameter test conditions type symbol value unit repetitive peak reverse voltage 1n60 vrrm 40 v 1N60P vrrm 45 v peak forward surge current tp 1s 1n60 ifsm 150 ma 1N60P ifsm 500 ma forward continuous current ta=25 1n60 if 30 ma 1N60P if 50 ma storage temperature range tstg -65-125 electrical characteristics t a =25 unless otherwise specified parameter test conditions type symbol min typ max unit forward voltage if=1ma 1n60 vf 0.32 0.5 v 1N60P vf ? 0.24 0.5 v if=30ma 1n60 vf ? 0.65 1.0 v if=200ma 1N60P vf ? 0.65 1.0 v reverse current vr=15v 1n60 ir 0.1 0.5 ua 1N60P ir 0.5 1.0 ua junction capacitance vr=1v,f=1mhz 1n60 cj 2.0 pf vr=10v,f=1mhz 1N60P cj 6.0 pf reverse recovery time if=ir=1mairr=1marc=100 trr 1.0 ns rohs compliant 1.02(26.0) min .165(4.20) max .022(0.55) max .079(2.00) max 1.02(26.0) min dimensions in inches and (millimeters) do-35
? ?????? yangzhou yangjie electroni c technology co., ltd. ? document number s-a395 rev. 1.1, 16-jul-15 www.21yangjie.com 1n60/1N60P ?? characteristics(typical) 10 0 1.0 0 vf(v) if(ma) ? 1 ??? fig1: forward current vs. forward voltage 0.2 0.4 0.6 0.8 20 30 40 50 60 70 80 90 100 0 0 vr(v) ir( a) ? 2 ???? fig2:reverse current vs. reverse voltage 5 1015202530 0.20 0.40 0.60 0.80 1.00 1.20 1.40 0 0 vr(v) cj(pf) ? 3 ???? fig3:junction capacitance vs. continuous reverse applied voltage 123 45 6 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 ? 4 ?? fig4: detection efficiency measurement circuit d.u.t input:3v output cl 10pf rl 3.8k ?


▲Up To Search▲   

 
Price & Availability of 1N60P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X