Part Number Hot Search : 
2SJ117 MCSO1 40106 AN7908T MC8820 SO20LL RF151 NCE3050
Product Description
Full Text Search
 

To Download 183J16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  183J16 www.hammondmfg.com low voltage p.c. board mounted power transformer connection information 183 series power t ransformers secondary connections - 183 series t ransformers primary connections - 183 series t ransformers 1 4 3 6 1 2 1 0 9 7 pr i sec 115 vac p r i m a r y w i r i n g f o r 115v ( p a r a lle l c o n nec t i o n ) 1 4 3 6 1 2 1 0 9 7 pr i sec 230 vac p r i m a r y w i r i n g f o r 2 30v ( s e r i e s c o n nec t i o n ) 1 4 3 6 1 2 1 0 9 7 pr i sec s e co nda r y w i r i n g ( p a r a lle l c o n nec t i on) 1 4 3 6 1 2 1 0 9 7 pr i sec s e co nda r y w i r i n g ( s e r i e s c o n nec t i on) mechanical - inches (mm) l 2.63 (66.8) w 2.19 (55.6) h 1.56 (39.6) a 0.55 (14) b 0.28 (7.1) c 1.68 (42.7) m - (-) n 1.75 (44.5) p 2.19 (55.6) pin size 0.045 (1.1) screw type #6 weight 1.15 lbs. / 0.52 kg electrical size (va) 30 primary 115 / 230 vac sec (series) 16v c.t. @ 1.9a sec (parallel) 8v @ 3.8a key features: ? universal operaton on 50/60hz, 115 or 230v dual primary for worldwide use. ? low profle, split bobbin with top shroud design ? dual winding secondary, non-concentrically wound. ? low primary to secondary coupling with no elec - tro-statc shield required. ? high insulaton - hipot of 4,000v rms ? class f insulaton - 155 degrees c. ? p.c. board mount with industry standard pin spacing. ? agency listngs: curus, ce, and tuv. n m p w note: pin numbers are not on the unit. instead, look for the paint dot. it is always on the secondary side. (pins 12-7). 1 3 4 6 12 10 9 7 183J16ww


▲Up To Search▲   

 
Price & Availability of 183J16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X