Part Number Hot Search : 
F44S211B HER10 CRTOUCH AQV21 TA70L CDSUR414 20N03L SAMPLE
Product Description
Full Text Search
 

To Download UCM1C101MCL1GS-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  130 cat.8100e ucm chip type, low impedance aluminum electrolytic capacitors dimension table in next page. ucm ucl ucv smaller higher capacitance smaller higher capacitance chip type, low impedance temperature range up to +105 ? . applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2011/65/eu). chip type specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 55 to +105? 6.3 to 50v 10 to 2200? 20% at 120hz, 20? after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv black print on the case top. the specifications listed at right shall be met when the capacitors are restored to 20 ? after the rated voltage is applied for 2000 hours at 105?. after storing the capacitors under no load at 105? for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20?, they shall meet the specified values for the endurance characteristics listed above. measurement frequency : 120hz at 20? measurement frequency : 120hz z 25? / z+20? z 40? / z+20? z 55? / z+20? rated voltage (v) impedance ratio zt / z20 (max.) 16 2 3 4 10 2 3 4 6.3 2 3 4 25 2 3 3 35 2 3 3 50 2 3 3 rated voltage (v) tan (max.) 50 0.10 35 0.12 25 0.14 16 0.16 10 0.19 6.3 0.26 within ?0% of the initial capacitance value less than or equal to the initial specified value 200% or less than the initial specified value capacitance change tan leakage current capacitance change leakage current tan within ?0% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250?. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20?. ( 4 to 6.3) ( 8 10l, 10 ) voltage v 6.3 10 16 25 35 50 code j a c e v h type numbering system (example : 16v 100 f)
131 cat.8100e aluminum electrolytic capacitors code v  +  "  $  &  7  )                                                                                                                                                                                                                                ?     y             rated ripple impedance ."9*nqfebodf 

bu?l)[ 3bufesjqqmfdvssfou n"snt
b u?l)[ ?*ouijtdbtf xjmmcfqvubuuiejhjupguzqfovncfsjoh tztufn taping specifications are given in page 23. recommended land size, soldering by refrow are given in page 18, 19. please refer to page 3 for the minimum order quantity. ucm dimensions frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.35 0.50 0.64 0.83 1.00


▲Up To Search▲   

 
Price & Availability of UCM1C101MCL1GS-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X