Part Number Hot Search : 
P6KE18C P6KE400 BS616 390MC MAX149 IRG4PC 221903B MOTOR
Product Description
Full Text Search
 

To Download TP2L24S24S-3W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp2l-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description: t p2l series are a range of isolated 3 watt converters in a sip package, 2:1 wide input range and tightly regulated output voltage qualifies these converters for many cost critical applications in industrial and consumer electronics. operating temperature range from -40 oc to 85 oc .the internal smd construction makes it possible to offer a product with high performance at low cost. 3w 1.5kvdcisolated wide input single and dual output dc/dc converters features rohs compliant 2:1 wide range voltage input continuous short circuit protection operating temperature: -40oc to 85oc low regulation 1.5kvdc isolation efficiency up to 83% power density 0.91w/cm 3 input voltage: 12v, 24v, 48v output voltage: 3.3v,5v, 9v, 12v, 15v,24v / 5v, 9v, 12v, 15v low noise external control selection guide part number input output efficiency (typ.) voltage(vdc) voltage current(ma) rated range values max* vdc max. min. % tp2l12d05s-3w 12 (2:1) 9-18 22 5 300 30 74 tp2l12d09s-3w 12 (2:1) 9-18 22 9 167 16 76 tp2l12d12s-3w 12 (2:1) 9-18 22 12 125 13 78 tp2l12d15s-3w 12 (2:1) 9-18 22 15 100 10 79 tp2l12s03s-3w 12 (2:1) 9-18 22 3.3 909 91 71 tp2l12s05s-3w 12 (2:1) 9-18 22 5 600 60 74 tp2l12s09s-3w 12 (2:1) 9-18 22 9 333 33 76 tp2l12s12s-3w 12 (2:1) 9-18 22 12 250 25 74 tp2l12s15s-3w 12 (2:1) 9-18 22 15 200 20 75 tp2l12s24s-3w 12 (2:1) 9-18 22 24 125 13 78 tp2l24d05s-3w 24 (2:1) 18-36 40 5 300 30 76 tp2l24d09s-3w 24 (2:1) 18-36 40 9 167 17 78 tp2l24d12s-3w 24 (2:1) 18-36 40 12 125 13 79 tp2l24d15s-3w 24 (2:1) 18-36 40 15 100 10 80 tp2l24s03s-3w 24 (2:1) 18-36 40 3.3 909 91 71 tp2l24s05s-3w 24 (2:1) 18-36 40 5 600 60 76 tp2l24s09s-3w 24 (2:1) 18-36 40 9 300 33 78 tp2l24s12s-3w 24 (2:1) 18-36 40 12 250 25 80 tp2l24s15s-3w 24 (2:1) 18-36 40 15 200 20 80 TP2L24S24S-3W 24 (2:1) 18-36 40 24 125 13 82 tp2l48s05s-3w 48 (2:1) 36-72 80 5 600 60 75 tp2l48s12s-3w 48 (2:1) 36-72 80 12 250 25 78 tp2l48s15s-3w 48 (2:1) 36-72 80 15 200 20 80 3kvdc isolation with /3h at the end of the part number. for exampletp2l24s05s-3w/3h. toppower
tp2l-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 all specifications typical at ta=25 c, nominal input voltage and rated output current unless otherwise specified. application notes external capacitance these converters will work without external capacitors, in order to guarantee the full parametric performance over the full line and load range we recommended you to use the value we listed at right side. all parts have been tested and characterized using the following values and test circuit. external capacitor table single vout (vdc) cout (uf) dual vout (vdc) cout (uf) 3.3 2200 5 680 5 1000 9 470 9 680 12 330 12 470 15 220 15 330 - - 24 220 - - recommended circuit common specifications parameter conditions min. typ. max. units storage humidity 95 % operating temperature -40 85 storage temperature -55 125 temp.rise at full load 15 lead temperature 1.5mm from case for 10 seconds 300 no-load power consumption 300 mw cooling free air convection short circuit protection continuous. automatic recovery case material piastic (ul94-v0) mtbf 1000 k hours weight 6 g isolation characteristics parameter conditions min. typ. max. units isolation voltage tested for 1 minute and leakage current less than 1 ma 1500 3000 vdc isolation resistance test at 500vdc 1 g isolation capacitance input/output,100khz/1v 80 pf output specifications parameter conditions min. typ. max. units output power refer to product program 0.3 3 w positive voltage accuracy refer to recommended circuit 1 3 % negative voltage accuracy refer to recommended circuit 3 5 % load regulation 10% to100% load (tp2l-d-3w) 0.5 0.75 % load regulation 10% to100% load (tp2l-s-3w) 0.5 1.0 % line regulation input voltage from low to high 0.2 0.5 % temperature drift ( vout ) refer to recommended circuit 0.03 %/ ripple & noise 20mhz bandwidth 50 100 mvp-p switching frequency 100% load ,input voltage range 300 khz single output dual output toppower
tp2l-3 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 mechanical dimensions pin connections 8 pin sip pin single dual 1 gnd gnd 2 vin vin 3 ctrl ctrl 5 * nc nc 6 +v0 +v0 7 0v 0v 8 cs -v0 recommended footprint details tube outline dimensions soldering information temperature derating graphs this series is compatib le with rohs soldering systems with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems. 2.50 0.30 0.20 0.55 0.45 11.10 9.20 tp2l05d05s-3w yyww 4.60 3.60 2.54 0.55 0.45 2.010.50 21.80 123 5678 bottom view unless otherwise stated all dimensions in mm 0.5mm. all dimensions in mm 0.5mm. tube length : 520mm 2mm . tube quantity: 23pcs 0.600.15 1.50 5.20 5.00 6.00 14.20 1 2 0 c 6.0 3.0 1.0 0 -40 0 50 100 150 output power(w) ambient temperature( c) 85 c safe operating area 7 1.00 1.15 2.54 2.54 7holes all dimensions in mm 0.25mm . all pins on a 2.54mm pitch and within 0.25mm of true position. weight: 5.0g * this pin must have no external connection . sip package toppower toppower


▲Up To Search▲   

 
Price & Availability of TP2L24S24S-3W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X