Part Number Hot Search : 
GA100 LVCH16 2SB12 BD46255G GZF62C A5061 9NC60 79890
Product Description
Full Text Search
 

To Download TP2L05S24S-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp2l-1 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 1 of 3 description: t p2l-1w series are a range of isolated 1 watt converters in a sip package, 2:1 wide input range and tightly regulated output voltage qualifies these converters for many cost critical applications in industrial and consumer electronics. operating temperature ranges from -40 oc to 85 oc the internal smd construction makes it possible to offer a product with high performance at low cost. 1w 1.5kvdc isolated wide input single and dual output dc/dc converters features rohs compliant 2:1 wide range voltage input continuous short circuit protection operating temperature: -40oc to 85oc low regulation 1.5kvdc isolation efficiency up to 83% power density 0.91w/cm 3 input voltage: 5v, 12v, 24v, 48v output voltage: 3.3v,5v, 9v, 12v, 15v,24v / 5v, 9v, 12v, 15v,24v low ripple noise external control selection guide part number input output efficiency voltage(vdc) voltage (vdc) current(ma) nominal raneg max* max. min. (%,typ.) tp2l05d05s-1w 5 (2:1) 4.5-9.0 11 5 100 10 72 tp2l05d09s-1w 5 (2:1) 4.5-9.0 11 9 55 5 72 tp2l05d12s-1w 5 (2:1) 4.5-9.0 11 12 42 4 74 tp2l05d15s-1w 5 (2:1) 4.5-9.0 11 15 33 3 73 tp2l05s05s-1w 5 (2:1) 4.5-9.0 11 5 200 20 70 tp2l05s09s-1w 5 (2:1) 4.5-9.0 11 9 111 11 71 tp2l05s12s-1w 5 (2:1) 4.5-9.0 11 12 83 8 76 tp2l05s15s-1w 5 (2:1) 4.5-9.0 11 15 67 7 75 TP2L05S24S-1W 5 (2:1) 4.5-9.0 11 24 42 4 72 tp2l12d05s-1w 12 (2:1) 9.0-18 22 5 100 10 76 tp2l12d09s-1w 12 (2:1) 9.0-18 22 9 55 5 76 tp2l12d12s-1w 12 (2:1) 9.0-18 22 12 42 4 74 tp2l12d15s-1w 12 (2:1) 9.0-18 22 15 33 3 75 tp2l12d24s-1w 12 (2:1) 9.0-18 22 24 21 2 73 tp2l12s03s-1w 12 (2:1) 9.0-18 22 3.3 303 30 74 tp2l12s05s-1w 12 (2:1) 9.0-18 22 5 200 20 76 tp2l12s09s-1w 12 (2:1) 9.0-18 22 9 111 11 78 tp2l12s12s-1w 12 (2:1) 9.0-18 22 12 83 8 79 tp2l12s15s-1w 12 (2:1) 9.0-18 22 15 67 7 80 tp2l12s24s-1w 12 (2:1) 9.0-18 22 24 42 4 72 tp2l24d05s-1w 24 (2:1) 18-36 40 5 100 10 78 tp2l24d09s-1w 24 (2:1) 18-36 40 9 55 5 76 tp2l24d12s-1w 24 (2:1) 18-36 40 12 42 4 78 tp2l24d15s-1w 24 (2:1) 18-36 40 15 33 3 76 tp2l24s03s-1w 24 (2:1) 18-36 40 3.3 303 30 72 tp2l24s05s-1w 24 (2:1) 18-36 40 5 200 20 76 tp2l24s09s-1w 24 (2:1) 18-36 40 9 111 11 78 tp2l24s12s-1w 24 (2:1) 18-36 40 12 83 8 80 tp2l24s15s-1w 24 (2:1) 18-36 40 15 67 7 80 tp2l24s24s-1w 24 (2:1) 18-36 40 24 42 4 77 tp2l48d05s-1w 48 (2:1) 36-72 80 5 100 10 76 tp2l48d12s-1w 48 (2:1) 36-72 80 12 42 4 77 tp2l48d15s-1w 48 (2:1) 36-72 80 15 33 3 75 tp2l48s05s-1w 48 (2:1) 36-72 80 5 200 20 76 tp2l48s09s-1w 48 (2:1) 36-72 80 9 111 11 78 tp2l48s12s-1w 48 (2:1) 36-72 80 12 83 8 80 tp2l48s15s-1w 48 (2:1) 36-72 80 15 67 7 80 3kvdc isolation with /3h at the end of the part number. for exampletp2l24s05s-1w/3h. toppower
tp2l-1 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 2 of 3 all specifications typical at ta=25c, nominal input voltage and rated output current unless otherwise specified. application notes external capacitance these converters will work without external capacitors, in order to guarantee the full parametric performance over the full line and load range we recommended you to use the value we listed at right side. all parts have been tested and characterized using the following values and test circuit. external capacitor table single vout (vdc) cout (uf) dual vout (vdc) cout (uf) 3.3 1000 5 330 5 680 9 330 9 560 12 220 12 470 15 150 15 330 24 100 24 220 - - recommended circuit common specifications parameter conditions min. typ. max. units storage humidity 95 % operating temperature -40 85 storage temperature -50 125 temp.rise at full loat 185 35 lead temperature 1.5mm from case for 10 seconds 300 no-load power consumption 120 mw cooling free air convection short circuit protection continuous.automatic recovery case material piastic (ul94-v0) mtbf 1000 k hours weight 5 g isolation characteristics parameter conditions min. typ. max. units isolation test voltage tested for 1minute and 1ma max 1500 3000 vdc isolation resistance test at 500 vdc 1 g isolation capacitance input/output,100khz/1v 35 output specifications parameter conditions min. typ. max. units output power refer to product program 0.1 1 w output voltage accuracy refer to recommended circuit 1 3 % load regulation 10% to100% load (tp2l-d-1w) 0.5 0.75 % load regulation 10% to100% load (tp2l-s-1w) 0.5 1.0 % line regulation input voltage from low to high 0.2 0.5 % temperature drift ( vout ) refer to recommended circuit 0.03 %/ ripple & noise 20mhz bandwidth 25 75 mvp-p switching frequency 100% load ,input voltage range 300 khz single output dual output toppower
tp2l-1 w series www.gztoppower.com tel:020-82019000 email:sales@gztoppower.com page 3 of 3 mechanical dimensions pin connections 8 pin sip pin single output dual output 1 gnd gnd 2 vin vin 3 ctrl ctrl 5 * nc nc 6 +v0 +v0 7 0v 0v 8 cs -v0 recommended footprint details tube outline dimensions soldering information temperature derating graphs this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems. unless otherwise stated all dimensions in mm 0.5mm. all dimensions in mm 0.5mm. tube length : 520mm 2mm . tube quantity: 23pcs 0.60 0.15 1.50 5.20 5.00 6.00 14.20 7 1.00 1.15 2.54 2.54 7holes 1 2 0 c 1.5 1.0 0.5 0 -40 0 50 100 150 o u t pu t p ower (w) ambient temperature ( c ) 85 c safe operating area weight: 5.0g all dimensions in mm0.25mm. all pins on a 2.54mm pitch and within0.25mm of true position. * this pin must have no external connection . sip package bottom view 8 7 6 5 3 2 1 21.80 2.010.50 0.55 0.45 2.54 4.60 3.60 yyww tp2l12s05s-1w 9.20 11.10 0.55 0.45 0.30 0.20 2.50 toppower toppower


▲Up To Search▲   

 
Price & Availability of TP2L05S24S-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X