Part Number Hot Search : 
MAPDCT MMSZ5226 01M16 DTD143 BD241BFP HMC262 FU220N 8821G
Product Description
Full Text Search
 

To Download TFS1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1003.doc version 1.2 05.04.2005 vi telefilter filter specification tfs 1003 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. measurement condition ambient temperature: 23 c input power level: 0 dbm terminating impedance: input: 50 ? output: 50 ? characteristics remark: the maximum attenuation in the pass band is defined as the insertion loss a e . the nominal frequency f n is fixed at 1003 mhz without any tolerance or limit. reference level for the relative attenuation a rel of the tfs 1003 is the insertion loss a e . the values of abs olute attenuation a abs are guaranteed for the whole operating temperature range. the frequency shift of the filter in the operat ing temperature range is included in the production tolerance scheme. d a t a typ. value tolerance / limit insertion loss a e 1,9 db max. 5,0 db nominal frequency f n - 1003,0 mhz passband pb - f n 15,0 mhz passband ripple p-p 1,3 db max. 2,7 db relative attenuation a rel f n ... f n 15 mhz 1,3 db max. 2,7 db f n - 993 mhz ... f n - 61 mhz 33 db min. 30 db f n - 61 mhz ... f n - 39 mhz 45 db min. 20 db f n - 39 mhz ... f n - 36 mhz 44 db min. 14 db f n + 36 mhz ... f n + 37 mhz 61 db min. 13 db f n + 37 mhz ... f n + 81 mhz 40 db min. 15 db absolute attenuation a abs f n + 81 mhz ? f n + 556 mhz 39 db min. 35 db f n + 556 mhz ... f n + 1997 mhz 35 db min. 10 db vswr in pb 1,8 : 1 max. 2,5 : 1 input power level - max. 10 dbm dc voltage - max. 10 v operating temperature range otr - - 40 c ... + 85 c storage temperature range - - 40 c ... + 85 c temperature coefficient of frequency tc f * - 42 ppm/k - *) ? f c (hz) = tc f (ppm/k) x (t - t o ) x f cat generated: checked / approved:
filename: tfs 1003.doc version 1.2 05.04.2005 vi telefilter filter specification tfs 1003 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. filter characteristic 10 310 610 910 1210 1510 1810 2110 2410 2710 3010 -80 -70 -60 -50 -40 -30 -20 -10 0 frequency in mhz magnitude in db construction and pin connection (all dimensions in mm) 50 ? test circuit l1 l2 2 5 1, 3, 4, 6 a03 t15 1 ground 2 input 3 ground 4 ground 5 output 6 ground date code: year + week t 2005 u 2006 v 2007 ... 980 990 1000 1010 1020 1030 -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 magnitude in db 980 990 1000 1010 1020 1030 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 frequency in mhz vswr
filename: tfs 1003.doc version 1.2 05.04.2005 vi telefilter filter specification tfs 1003 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. stability characteristics after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely, 1 octave per min, 10 cycles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; packing tape & reel: iec 286 ? 3, with exeption of value for n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters peer reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direc tion pin m a rke r t yp da te c od e ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 12,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 5,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 8,00 0,1 d1(min) : 1,50 a o : 4,30 0,1 bo : 4,30 0,1 ct : 9,5 0,1 reel (all dimensions in mm) a : 330 w1 : 12,4 +2/-0 w2(max) : 18,4 n(min) : 50 c : 13,0 +0,5/-0,2
filename: tfs 1003.doc version 1.2 05.04.2005 vi telefilter filter specification tfs 1003 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfs 1003.doc version 1.2 05.04.2005 vi telefilter filter specification tfs 1003 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. history version reason of changes name date 1.0 - generation of development specification strehl 08.09.2004 1.1 - change of characteristics text martens 27.10.2004 1.2 - change reflow profile ; - add typical value and filter characteristic; - generation of filter specification noack 05.04.2005


▲Up To Search▲   

 
Price & Availability of TFS1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X