Part Number Hot Search : 
P1S21 ST202BD PN2906 MJ11016G CEIDL369 74AUP3G 33287 MDAG04
Product Description
Full Text Search
 

To Download TFS1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 1000.doc version 2.1 12.06.2014 vectron international filter specification tfs 1000 1/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. measurement condition ambient temperature: 23 c input power level: 0 dbm terminating impedance: input: 50  output: 50  characteristics remark: the nominal frequency f n is fixed at 1000 mhz. the insertion loss a e is defined as loss value determined at f n. all specified data are met within the operating temperature range. d a t a typ. value tolerance / limit insertion loss a e 2.3 db max. 5.0 db nominal frequency f n - 1000 mhz centre frequency f c 1000 mhz - bandwidth bw 3 db 35.29 mhz - absolute attenuation a abs @ 125 mhz 80 db min. 50 db @ 250 mhz 70 db min. 50 db @ 375 mhz 61 db min. 50 db @ 500 mhz 56 db min. 50 db @ 625 mhz 52 db min. 40 db @ 750 mhz 49 db min. 40 db @ 875 mhz 46 db min. 40 db operating temperature range otr - -40 c ... + 90 c storage temperature range - -45 c ... + 95 c temperature coefficient of frequency tc f * -46 ppm/k - *) ? f(hz) = tc f (ppm/k) x (t-t b 0 b ) x f to (mhz). generated: checked / approved:
filename: tfs 1000.doc version 2.1 12.06.2014 vectron international filter specification tfs 1000 2/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. filter characteristic construction and pin connection (all dimensions in mm) 1 2 3 5 6 7 4 8 1 ,0 +/-0,15 3 ,0 +/-0,15 0,6 +/-0,15 0,6 +/-0,15 0,6 +/-0,15 3 ,0 +/-0,15 6 0 1 3 7 5 date code 50  test circuit l1 saw l2 2 6 1, 3, 4, 5, 7, 8 a00 e24 1 ground 2 input 3 ground 4 ground 5 ground 6 output 7 ground 8 ground date code: year + week e 2014 f 2015 g 2016 ... 0 200 400 600 800 1000 1200 -70 -60 -50 -40 -30 -20 -10 0 frequency in mhz m ag nitud e in db 980 984 988 992 996 1000 1004 1008 1012 1016 1020 -7 -6 -5 -4 -3 -2 -1 0 frequency in mhz m ag nitud e in db
filename: tfs 1000.doc version 2.1 12.06.2014 vectron international filter specification tfs 1000 3/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. stability characteristics, reliability after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0.35 mm or 5 g respe ctively, 1 octave per min, 10 cycles per plane, 3 planes; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 15 min. each / 1 00 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: three ti mes max.; for temperature conditions refer to the attached " air reflow temperature conditions" on page 4; this filter is rohs compliant (2011/65/eu) packing tape & reel: iec 286 ? 3, with exception of value f or n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 3000 reel of empty components at start: min. 300 mm reel of empty components at start including leader : min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direction pin marker typ date code ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 8,00 0,3 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,1 f : 3,50 0,05 g(min) : 0,75 p2 : 2,00 0,05 p1 : 4,00 0,1 d1(min) : 1,50 ao : 3,25 0,1 bo : 3,25 0,1 ct : 5,3 0,1 reel (all dimensions in mm) a : 330 or 180 w1 : 8,4 +1,5/-0 w2(max) : 14,4 n(min) : 60 c : 13,0 0,2
filename: tfs 1000.doc version 2.1 12.06.2014 vectron international filter specification tfs 1000 4/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/ second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfs 1000.doc version 2.1 12.06.2014 vectron international filter specification tfs 1000 5/5 vectron international gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@vectron.com vectron international gmbh reserves the right to ma ke changes to the product(s) and/or information con tained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. history version reason of changes name date 1.0 generation of development specification s. channaa 06.10.2009 1.1 change insertion loss and attenuation s. channaa 21.10.2009 1.2 add typical values and filter characteristic change stability, generation of filter specificatio n s. channaa 11.03.2010 2.0 changed pull off direction from reel sch?nbein 29.05.2012 2.1 filter characteristics plots corrected sch?nbein 12.06.2014


▲Up To Search▲   

 
Price & Availability of TFS1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X