Part Number Hot Search : 
PVR13N1 LY6264RL 15J301 AA541 MCL245 2SD180 2SD1523 RMXS2W
Product Description
Full Text Search
 

To Download STT181GK08B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t h yristo r -t h yristor modules stt181gkxx b type stt181gk08 b stt181gk12 b stt181gk14 b stt181gk16 b stt181gk18 b v rrm v drm v 800 1200 1400 1600 1800 v rsm v dsm v 900 1300 1500 1700 1900 dimensions in mm (1mm=0.0394") symbol t est conditions maximum ratings unit t vj =t vjm t c =85 o c; 180 o sine 300 181 a t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 6000 6400 5250 5600 a i tsm , i fsm t vj =45 o c t=10ms (50hz), sine v r =0 t=8.3ms (60hz), sine t vj =t vjm t=10ms(50hz), sine v r =0 t=8.3ms(60hz), sine 180000 170000 137000 128000 a 2 s i 2 dt (di/dt) cr 150 500 a/us (dv/dt) cr t vj =t vjm ; v dr =2/3v drm r gk = ; method 1 (linear voltage rise) 1000 v/us p gm t vj =t vjm t p =30us i t =i t a vm t p =500us 120 60 w p ga v 8 w i trms , i frms i t a vm , i f a vm o c t vj t vjm t stg -40...+125 125 -40...+125 v isol 50/60hz, rms t=1min i isol <1ma t=1s 3000 3600 v~ m d mounting torque (m6) t erminal connection torque (m6) _ 2.25-2.75/20-25 4.5-5.5/40-48 nm/lb.in. w eight g t vj =t vjm repetitive, i t =500a f=50hz, t p =200us v d =2/3v drm i g =0.5a non repetitive, i t =500a di g /dt=0.5a/us v rgm 10 v t ypical 173 p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
t h yristo r -t h yristor modules stt181gkxx b symbol t est conditions characteristic v alues unit v v t , v f i t , i f =300a ; t vj =25 o c 1.25 v t o f or p o w er-loss calculations only (t vj =125 o c) 0.88 v r t 1.15 m v d =6 v ; t vj =25 o c t vj =-40 o c v gt 2.5 2.6 v v d =6 v ; t vj =25 o c t vj =-40 o c i gt 150 200 ma v gd t vj =t vjm ; v d =2/3v drm 0.2 v i gd 10 ma i h t vj =25 o c ; v d =6 v ; r gk = 200 ma t vj =25 o c ; t p =30us ; v d =6v i g =0.5a ; di g /dt=0.5a/us 300 ma i l per t h y r istor/diode ; dc current per module r thjc 0.155 0.0775 k/w per t h y r istor/diode ; dc current per module r thjk 0.225 0.1125 k/w d s creeping distance on sur f ace 12.7 mm d a st r i k e distance through air 9.6 mm a maxi m um all o w a b le accele r ation 50 m/s 2 i rrm , i drm t vj =t vjm ; v r =v rrm ; v d =v drm 10 ma t vj =25 o c ; v d =1/2v drm i g =0.5a ; di g /dt=0.5a/us t gd 2 us t vj =t vjm ; i t =300a ; t p =200us ; -di/dt=10a/us ty p . v r =100 v ; dv/dt=20v/us ; v d =2/3v drm t q 150 us uc q s t vj =t vjm ; i t , i f =300a ; -di/dt=50a/us 550 i rm 235 a a d v an t a ges * space and w eight s a vings * simple mounting * impr o v ed tempe r ature and p o w er cycling * reduced protection circuits applic a tions * motor control * p o w er co n v e r ter * heat and tempe r ature control f or indust r ial fu r naces and chemical processes * lighting contro l * contactless s witches fe a tures * inte r national standard pa c kage * glass passi v ated chips * isolation v oltage 3600 v~ * ul file no.e310749 * rohs compliant * copper base plate p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
t h yristo r -t h yristor modules stt181gkxx b fig. 2a maximum forward current at case temperature fig. 3 power dissipation versus on- state current and ambient temperature (per thyristor or diode) fig. 5 three phase rectifier bridge: power dissipation versus direct output current and ambient temperature fig. 1 surge overload current i tsm , i fsm : crest value, t: duration fig. 4 gate trigger characteristics fig. 6 gate trigger delay time fig. 2 i 2 t versus time (1-10 ms) 3 x stt181b p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
t h yristo r -t h yristor modules stt181gkxx b fig. 7 three phase ac-controller: power dissipation versus rms output current and ambient temperature fig. 8 transient thermal impedance junction to case (per thyristor or diode) fig. 9 transient thermal impedance junction to heatsink (per thyristor or diode) r thjc for various conduction angles d: d r thjc (k/w) dc 0.155 180 o c 0.167 120 o c 0.176 60 o c 0.197 30 o c 0.227 constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.0072 0.001 2 0.0188 0.08 3 0.129 0.2 r thjk for various conduction angles d: d r thjk (k/w) dc 0.225 180 o c 0.237 120 o c 0.246 60 o c 0.267 30 o c 0.297 constants for z thjk calculation: ir thi (k/w) t i (s) 1 0.0072 0.001 2 0.0188 0.08 3 0.129 0.2 4 0.07 1.0 3 x stt181b p4 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of STT181GK08B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X