Part Number Hot Search : 
DTC114EE ZMM5227B D8LC20U 54LS1 IRFH7084 SAMP7720 VT1000 0F822A
Product Description
Full Text Search
 

To Download SMMBT3904TT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 november, 2011 ? rev. 5 1 publication order number: mmbt3904tt1/d mmbt3904tt1g, SMMBT3904TT1G general purpose transistors npn silicon this transistor is designed for general purpose amplifier applications. it is housed in the sot ? 416/sc ? 75 package which is designed for low power surface mount applications. features ? aec ? q101 qualified and ppap capable ? s prefix for automotive and other applications requiring unique site and control change requirements ? these devices are pb ? free, halogen free/bfr free and are rohs compliant* maximum ratings (t a = 25 ? c) rating symbol value unit collector ? emitter voltage v ceo 40 vdc collector ? base voltage v cbo 60 vdc emitter ? base voltage v ebo 6.0 vdc collector current ? continuous i c 200 madc thermal characteristics characteristic symbol max unit total device dissipation, fr ? 4 board (note 1) @t a = 25 ? c derated above 25 ? c p d 200 1.6 mw mw/ ? c thermal resistance, junction ? to ? ambient (note 1) r  ja 600 ? c/w total device dissipation, fr ? 4 board (note 2) @t a = 25 ? c derated above 25 ? c p d 300 2.4 mw mw/ ? c thermal resistance, junction ? to ? ambient (note 2) r  ja 400 ? c/w junction and storage temperature range t j , t stg ? 55 to +150 ? c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. fr ? 4 @ minimum pad 2. fr ? 4 @ 1.0 ? 1.0 inch pad *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com sot ? 416/sc ? 75 case 463 style 1 marking diagram device package shipping ? ordering information mmbt3904tt1g sot ? 416 (pb ? free) 3,000 tape & reel SMMBT3904TT1G sot ? 416 (pb ? free) 3,000 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. am = device code m = date code*  = pb ? free package general purpose amplifier transistors surface mount collector 3 1 base 2 emitter am m   1 *date code orientation may vary depending upon manufacturing location. (note: microdot may be in either location)
mmbt3904tt1g, SMMBT3904TT1G http://onsemi.com 2 electrical characteristics (t a = 25 ? c unless otherwise noted) characteristic symbol min max unit off characteristics collector ? emitter breakdown voltage (note 3) (i c = 1.0 madc, i b = 0) v (br)ceo 40 ? vdc collector ? base breakdown voltage (i c = 10  adc, i e = 0) v (br)cbo 60 ? vdc emitter ? base breakdown voltage (i e = 10  adc, i c = 0) v (br)ebo 6.0 ? vdc base cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i bl ? 50 nadc collector cutoff current (v ce = 30 vdc, v eb = 3.0 vdc) i cex ? 50 nadc on characteristics (note 3) dc current gain (i c = 0.1 madc, v ce = 1.0 vdc) (i c = 1.0 madc, v ce = 1.0 vdc) (i c = 10 madc, v ce = 1.0 vdc) (i c = 50 madc, v ce = 1.0 vdc) (i c = 100 madc, v ce = 1.0 vdc) h fe 40 70 100 60 30 ? ? 300 ? ? ? collector ? emitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v ce(sat) ? ? 0.2 0.3 vdc base ? emitter saturation voltage (i c = 10 madc, i b = 1.0 madc) (i c = 50 madc, i b = 5.0 madc) v be(sat) 0.65 ? 0.85 0.95 vdc small ? signal characteristics current ? gain ? bandwidth product (i c = 10 madc, v ce = 20 vdc, f = 100 mhz) f t 300 ? mhz output capacitance (v cb = 5.0 vdc, i e = 0, f = 1.0 mhz) c obo ? 4.0 pf input capacitance (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) c ibo ? 8.0 pf input impedance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h ie 1.0 10 k  voltage feedback ratio (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h re 0.5 8.0 x 10 ? 4 small ? signal current gain (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h fe 100 400 ? output admittance (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) h oe 1.0 40  mhos noise figure (v ce = 5.0 vdc, i c = 100  adc, r s = 1.0 k  , f = 1.0 khz) nf ? 5.0 db switching characteristics delay time (v cc = 3.0 vdc, v be = ? 0.5 vdc) mmbt3904tt1g, SMMBT3904TT1G t d ? 35 ns rise time (i c = 10 madc, i b1 = 1.0 madc) mmbt3904tt1g, SMMBT3904TT1G t r ? 35 storage time (v cc = 3.0 vdc, i c = 10 madc) mmbt3904tt1g, SMMBT3904TT1G t s ? 200 fall time (i b1 = i b2 = 1.0 madc) mmbt3904tt1g, SMMBT3904TT1G t f ? 50 3. pulse test: pulse width  300  s, duty cycle  2.0%.
mmbt3904tt1g, SMMBT3904TT1G http://onsemi.com 3 figure 1. normalized thermal response 0.00001 0.0001 0.001 0.01 0.1 1.0 10 100 1000 0.001 0.01 0.1 1.0 r(t), normalized transient thermal resistance t, time (s) single pulse 0.01 0.02 0.05 0.1 0.2 d = 0.5 figure 2. delay and rise time equivalent test circuit figure 3. storage and fall time equivalent test circuit +3 v 275 10 k 1n916 c s < 4 pf* +3 v 275 10 k c s < 4 pf* < 1 ns -0.5 v +10.9 v 300 ns duty cycle = 2% < 1 ns -9.1 v +10.9 v duty cycle = 2% t 1 0 10 < t 1 < 500  s * total shunt capacitance of test jig and connectors typical transient characteristics figure 4. capacitance reverse bias voltage (volts) 2.0 3.0 5.0 7.0 10 1.0 0.1 figure 5. charge data i c , collector current (ma) 5000 1.0 v cc = 40 v i c /i b = 10 q, charge (pc) 3000 2000 1000 500 300 200 700 100 50 70 2.0 3.0 5.0 7.0 10 20 30 50 70 100 200 capacitance (pf) 1.0 2.0 3.0 5.0 7.0 10 20 30 40 0.2 0.3 0.5 0.7 q t q a c ibo c obo t j = 25 ? c t j = 125 ? c
mmbt3904tt1g, SMMBT3904TT1G http://onsemi.com 4 figure 6. turn ? on time i c , collector current (ma) 70 100 200 300 500 50 figure 7. rise time i c , collector current (ma) time (ns) 1.0 2.0 3.0 10 20 70 5 100 t , rise time (ns) figure 8. storage time i c , collector current (ma) figure 9. fall time i c , collector current (ma) 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 70 100 200 300 500 50 1.0 2.0 3.0 10 20 70 5 100 5.0 7.0 30 50 200 10 30 7 20 r t , fall time (ns) f t , storage time (ns) s ? v cc = 40 v i c /i b = 10 v cc = 40 v i b1 = i b2 i c /i b = 20 i c /i b = 10 i c /i b = 10 t r @ v cc = 3.0 v t d @ v ob = 0 v 40 v 15 v 2.0 v i c /i b = 10 i c /i b = 20 i c /i b = 10 i c /i b = 20 t ? s = t s - 1 / 8 t f i b1 = i b2 typical audio small ? signal characteristics noise figure variations (v ce = 5.0 vdc, t a = 25 ? c, bandwidth = 1.0 hz) figure 10. noise figure f, frequency (khz) 4 6 8 10 12 2 0.1 figure 11. noise figure r s , source resistance (k ohms) 0 nf, noise figure (db) 1.0 2.0 4.0 10 20 40 0.2 0.4 0 100 4 6 8 10 12 2 14 0.1 1.0 2.0 4.0 10 20 40 0.2 0.4 100 nf, noise figure (db) f = 1.0 khz i c = 1.0 ma i c = 0.5 ma i c = 50  a i c = 100  a source resistance = 200  i c = 1.0 ma source resistance = 200  i c = 0.5 ma source resistance = 500  i c = 100  a source resistance = 1.0 k i c = 50  a
mmbt3904tt1g, SMMBT3904TT1G http://onsemi.com 5 h parameters (v ce = 10 vdc, f = 1.0 khz, t a = 25 ? c) figure 12. current gain i c , collector current (ma) 70 100 200 300 50 figure 13. output admittance i c , collector current (ma) h , current gain h , output admittance ( mhos) figure 14. input impedance i c , collector current (ma) figure 15. voltage feedback ratio i c , collector current (ma) 30 100 50 5 10 20 2.0 3.0 5.0 7.0 10 1.0 0.1 0.2 1.0 2.0 5.0 0.5 10 0.3 0.5 3.0 0.7 2.0 5.0 10 20 1.0 0.2 0.5 oe h , voltage feedback ratio (x 10 ) re h , input impedance (k ohms) ie 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 2 1 0.1 0.2 1.0 2.0 5.0 10 0.3 0.5 3.0 fe  -4 typical static characteristics figure 16. dc current gain i c , collector current (ma) 0.3 0.5 0.7 1.0 2.0 0.2 0.1 h , dc current gain (normalized) 0.5 2.0 3.0 10 50 70 0.2 0.3 0.1 100 1.0 0.7 200 30 20 5.0 7.0 fe v ce = 1.0 v t j = +125 ? c +25 ? c -55 ? c mmbt3904wt1
mmbt3904tt1g, SMMBT3904TT1G http://onsemi.com 6 figure 17. collector saturation region i b , base current (ma) 0.4 0.6 0.8 1.0 0.2 0.1 v , collector emitter voltage (volts) 0.5 2.0 3.0 10 0.2 0.3 0 1.0 0.7 5.0 7.0 ce i c = 1.0 ma t j = 25 ? c 0.07 0.05 0.03 0.02 0.01 10 ma 30 ma 100 ma figure 18. ?on? voltages i c , collector current (ma) 0.4 0.6 0.8 1.0 1.2 0.2 figure 19. temperature coefficients i c , collector current (ma) v, voltage (volts) 1.0 2.0 5.0 10 20 50 0 100 -0.5 0 0.5 1.0 0 60 80 120 140 160 180 20 40 100 coefficient (mv/ c) 200 -1.0 -1.5 -2.0 200 ? t j = 25 ? c v be(sat) @ i c /i b =10 v ce(sat) @ i c /i b =10 v be @ v ce =1.0 v +25 ? c to +125 ? c -55 ? c to +25 ? c +25 ? c to +125 ? c -55 ? c to +25 ? c  vc for v ce(sat)  vb for v be(sat)
mmbt3904tt1g, SMMBT3904TT1G http://onsemi.com 7 package dimensions sc ? 75/sot ? 416 case 463 ? 01 issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. m 0.20 (0.008) d ? e ? ? d ? b e 3 pl 0.20 (0.008) e c l a a1 style 1: pin 1. base 2. emitter 3. collector 3 2 1 h e dim min nom max millimeters a 0.70 0.80 0.90 a1 0.00 0.05 0.10 b c 0.10 0.15 0.25 d 1.55 1.60 1.65 e e 1.00 bsc 0.027 0.031 0.035 0.000 0.002 0.004 0.004 0.006 0.010 0.059 0.063 0.067 0.04 bsc min nom max inches 0.15 0.20 0.30 0.006 0.008 0.012 h e l 0.10 0.15 0.20 1.50 1.60 1.70 0.004 0.006 0.008 0.061 0.063 0.065 0.70 0.80 0.90 0.027 0.031 0.035 0.787 0.031 0.508 0.020 1.000 0.039  mm inches  scale 10:1 0.356 0.014 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.803 0.071 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mmbt3904tt1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of SMMBT3904TT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X