Part Number Hot Search : 
1N6513 M29LV 10M8T MAX2232 MCH4020 HZK4C EN29LV EN29LV
Product Description
Full Text Search
 

To Download SMBJ5913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.0 watt features surface mount applications 3.3 thru 200 volt voltage range ideal for high density, low profile mounting withstands large surge stresses available on tape and reel m echanical data case: jedec d o - 214aa molded surface mountable terminals solderable per mil - std - 750, method 2026 p olarity is indicated by cathode band p ackaging: standard 12mm tape ( see eia 48 1 ) maximum temperature for soldering: 260 o c for 10 seconds for surface mount applications with flame retardent epoxy meeting ul94v - 0 m aximum ratings @ 25 o c unless otherwise specified st eady state power dissipation p ( av ) 3.0w ( note: 1 ) operation and storage temperature t j , t stg - 55 o c to +15 0 o c t hermal resistance r 25 o c/w 1 . mounted on 4.0mm 2 copper pads to each termin al. lead temperature at t l =75 o c note: SMBJ5913 thru smbj5956 surface mount silicon zener diodes bkpokqs ijkljmnopqrstun 
 dimensions in inches and (millimeters) 0.086 (2.20) 0.071 (1.80) 0.183(4.65) 0.167(4.25) 0.151(3.84) 0.126(3.20) 0.060(1.52) 0.030(0.76) 0.220(5.59) 0.205(5.21) 0.012(0.305) 0.006(0.152) 0.008(0.203)max. 0.093(2.35) 0.081(2.05) p a g e 1 h t t p : / / w w w. f o r m o s a m s . c o m / t e l : 8 8 6 - 2 - 2 2 6 9 6 6 6 1 fa x : 8 8 6 - 2 - 2 2 6 9 6 1 4 1 d o c u m e n t i d i s s u e d d a t e r e v i s e d d a t e r e v i s i o n p a g e . d s - 1 2 1 6 2 3 2 0 0 8 / 0 2 / 1 0 2 0 1 1 / 0 3 / 1 0 f 2 m?w3fms kinter 131 6803 0058
electrical characteristics @ 25 o c unless otherwise specified zener voltage vz test current izt maximum dynamic impedance zzt@i zt knee cur rent i zk knee impedance zzk maximum reverse current i r reverse voltage v r maximum dc current i zm mcc part number volts ma ohms ma ohms ua volts ma SMBJ5913 3.3 113.6 10 1.0 500 100 1.0 454 smbj5914 3.6 104.2 9.0 1.0 500 75 1.0 416 smbj5915 3.9 96.1 7.5 1.0 500 25 1.0 384 smbj5916 4.3 87.2 6.0 1.0 500 5.0 1.0 348 smbj5917 4.7 79.8 5.0 1.0 500 5.0 1.5 319 smbj5918 5.1 73.5 4.0 1.0 350 5.0 2.0 294 smbj5919 5.6 66.9 2.0 1.0 250 5.0 3.0 267 smbj5920 6.2 60.5 2.0 1.0 200 5.0 4.0 241 smbj5921 6.8 55.1 2.5 1.0 200 5.0 5.2 220 smbj5922 7.5 50 3.0 0.5 400 5.0 6.0 200 smbj5923 8.2 45.7 3.5 0.5 400 5.0 6.5 182 smbj5924 9.1 41.2 4.0 0.5 500 5.0 7.0 164 smbj5925 10 37.5 4.5 0.25 500 5.0 8.0 150 smbj5926 11 34.1 5.5 0.25 550 1.0 8.4 125 smbj5927 12 31.2 6.5 0.25 550 1.0 9.1 125 smbj5928 13 28.8 7.0 0.25 550 1.0 9.9 115 smbj5929 15 25 9.0 0.25 600 1.0 11.4 100 smbj5930 16 23.4 10 0.25 600 1.0 12.2 93 smbj5931 18 20.8 12 0.25 650 1.0 13.7 83 smbj5932 20 18.7 14 0.25 650 1.0 15.2 75 smbj5933 22 17 17.5 0.25 650 1.0 16.7 68 smbj5934 24 15.6 19 0.25 700 1.0 18.2 62 smbj5935 27 13.9 23 0.25 700 1.0 20.6 55 smbj5936 30 12.5 28 0.25 750 1.0 22.8 50 smbj5937 33 11.4 33 0.25 800 1.0 25.1 45 smbj5938 36 10.4 38 0.25 850 1.0 27.4 41 smbj59 39 39 9.6 45 0.25 900 1.0 29.7 38 smbj5940 43 8.7 53 0.25 950 1.0 32.7 34 smbj5941 47 8.0 67 0.25 1000 1.0 35.8 31 smbj5942 51 7.3 70 0.25 1100 1.0 38.8 29 smbj5943 56 6.7 86 0.25 1300 1.0 42.6 26 smbj5944 62 6.0 100 0.25 1500 1.0 47.1 24 smbj5 945 68 5.5 120 0.25 1700 1.0 51.2 22 smbj5946 75 5.0 140 0.25 2000 1.0 56 20 smbj5947 82 4.6 160 0.25 2500 1.0 62.2 18 smbj5948 91 4.1 200 0.25 3000 1.0 69.2 16 smbj5949 100 3.7 250 0.25 3100 1.0 76 15 smbj5950 110 3.4 300 0.25 4000 1.0 83.6 13 smbj5951 120 3.1 380 0.25 4500 1.0 91.2 12 smbj5952 130 2.9 450 0.25 5000 1.0 98.8 11 smbj5953 150 2.5 600 0.25 6000 1.0 114 10 smbj5954 160 2.3 700 0.25 6500 1.0 121.6 9.0 smbj5955 180 2.1 900 0.25 7000 1.0 136.8 8.0 smbj5956 200 1.9 1200 0.25 8000 1.0 152 7.0 3.0 watt SMBJ5913 thru smbj5956 surface mount silicon zener diodes bkpokqs p a g e 2 h t t p : / / w w w. f o r m o s a m s . c o m / t e l : 8 8 6 - 2 - 2 2 6 9 6 6 6 1 fa x : 8 8 6 - 2 - 2 2 6 9 6 1 4 1 d o c u m e n t i d i s s u e d d a t e r e v i s e d d a t e r e v i s i o n p a g e . d s - 1 2 1 6 2 3 2 0 0 8 / 0 2 / 1 0 2 0 1 1 / 0 3 / 1 0 f 2 m?w3fms kinter 131 6803 0058


▲Up To Search▲   

 
Price & Availability of SMBJ5913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X