Part Number Hot Search : 
03994 09231 D1200 IDT5V996 HCF4082B 87568 HFA3726 16F80
Product Description
Full Text Search
 

To Download SI535X-24QSOP-EVB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 0.2 10/10 copyright ? 2012 by silicon laboratori es SI535X-24QSOP-EVB SI535X-24QSOP-EVB si5350/51 24-qsop e valuation b oard u ser ? s g uide description the SI535X-24QSOP-EVB is used for evaluating the si5350/51 any-frequency <125 mhz cmos clock generator + vcxo. features ? fully-powered from a single usb port ? onboard 27 mhz crystal for asynchronous operation ? sma and test point hook for interfacing to an external clock reference ? jumper-selectable vdd and vddox allows device to operate at 2.5 or 3.3 v ? voltage supply jumpers provide easy access for use with external supplies functional block diagram jumper selectable vreg (2.5v / 3.3v) clk0 clk1 vddo0 vreg vreg vreg vreg* clk2 clk3 vddo1 clk4 clk5 vddo2 clk6 clk7 vddo3 si5350/51 i2c vreg* clkin xtal i2c bus vdd mcu usb connector status leds reset switch
SI535X-24QSOP-EVB 2 preliminary rev. 0.2 1. functional block diagram figure 1 highlights the main features of the evb. the on board mcu is responsible for programming the si535x timing ic, measuring the device's current consumption reported in clockbuilder? desktop, managing power, and controlling status leds. vdd and vddo jumpers allow the option to choose between 2.5 v and 3.3 v or to power the device with external supplies (s ee ?2. jumpers? for details). i 2 c jumpers allow the si535x to be disconnected from the i 2 c bus to allow external control from another i 2 c master. the device can run in stand-alone asynchronous mode using the onboard 27 mhz xtal (y1), or it can be synchronized to an external clock usin g the clkin sma connector or tp39/tp40. figure 1. evb features
SI535X-24QSOP-EVB preliminary rev. 0.2 3 2. jumpers the following jumpers are available on the evaluation board: ? vdd? connects the si5350/51 pin to the vdd voltage regulator (normally installed). ? vdd volt_sel ?allows user to select a vdd voltag e of 2.5 v or 3.3 v (default 3.3 v). ? vddoa ?connects the si5350/51 pin to the vddoa voltage regulator (normally installed). ? vddoa volt_sel ?allows user to select a vddoa volta ge of 2.5 v or 3.3 v (default 3.3 v). ? vddob ?connects the si5350/51 pin to the vddob voltage regulator (normally installed). ? vddob volt_sel ?allows user to select a vddob volta ge of 2.5 v or 3.3 v (default 3.3 v). ? vddoc ?connects the si5350/51 pin to the vddoc voltage regulator (normally installed). ? vddoc volt_sel ?allows user to select a vddoc volt age of 2.5 v or 3.3 v (default 3.3 v). ? vddod ?connects the si5350/51 pin to the vddod voltage regulator (normally installed). ? vddod volt_sel ?allows user to select a vddod volt age of 2.5 v or 3.3 v (default 3.3 v). ? scl ?connects the si5350/51 scl pin to the i 2 c bus from the mcu. removing the jumper breaks the connection to the mcu and allows the user to feed in an external i 2 c signal to the device. ? sda ?connects the si5350/51 sda pin to the i 2 c bus from the mcu. removing the jumper breaks the connection to the mcu and allows the user to feed in an external i 2 c signal to the device. ? exp power ?allows user to select between 5 v usb supply an d 5 v external supply on j17. see figure 1 for jumper locations. 3. status leds there are three status leds on the evaluation board: ? rdy (green)?indicates that the evb is operating normally. this led should always be on. ? busy (green)?indicates that the on-board mcu is co mmunicating with the device and/or the usb host. ? intr (red)?indicates device or evb fault condit ion (also on when dut ha sn't been pr ogrammed). 4. clock inputs the evb can operate in asynchronous mode using the onboard 27 mhz crysta l, in synchronous mode using an external cmos clock source, or in both modes if both plls in the device are utilized. an sma connector is provided to interface an external clock source to clkin. additionally, clkin can be applied using the test hooks tp39/tp49.
SI535X-24QSOP-EVB 4 preliminary rev. 0.2 5. clock outputs outputs must be measured with a high-impedance scope pr obe. a ground test point is provided 0.3" away from each clock output for ideal measurement. most scope pr obes have a ground clip attached to the probe with 3?6" length of cable. use of these ground clips is not recommended since t he ground reference is electrically far from the probe tip, especially for frequencies greater than a few mhz. figure 2 shows the ideal measurement practice. note that the probe ground closest to the probe tip is used as the reference. clock voltage levels can be 2.5 or 3.3 v depend ing on the vddox volt_ sel jumper selection. figure 2. measuring output
SI535X-24QSOP-EVB preliminary rev. 0.2 5 6. software guide the evaluation kit includes a software toolset called clockbuilder desktop - si535 0/51, consisting of two applications: ? clockbuilder desktop ?used to set up and evaluate the part a nd to save custom register map files. ? register programmer ?used to program individual regist ers on the evaluation board dut. 6.1. quick start 1. install the clockbuilder? desktop soft ware and driver (assumes that microsoft .net framework 1.1 is already installed). 2. connect a usb cable from the evb to the pc. 3. leave the jumpers as installed from the factory, and launch the software by clicking on start ? programs ? silicon laboratories ? clockbuilder desktop. click on one of the shortcuts in the group. 6.2. clockbuilder desk top software installation the following sections describe how to install and use the software. there is a readme.tx t file with the installation files as well as a software user guide installed wi th the software. 6.2.1. system requirements ? microsoft windows ? 2000, xp, vista, 7 ? usb 2.0 ? 3 mb of free hard drive space ? 1024 x 768 screen resolution or greater ? microsoft .net framework 1.1 ? usbxpress 3.1.1 driver note: usbxpress 3.1.1 driver is prov ided and installed with the software. newer or older versions of usbxpress available from other evb kits or online have no t been tested with this software. 6.2.2. microsoft .net framework installation the microsoft .net framework is requi red before installing an d running the software. details and installation information about the .net framework are available via a shortcut in the netframework directory or at the following web site: www.microsoft.com/downloads/details.aspx?familyid=262d25e3-f589-4842-8157- 034d1e7cf3a3&displaylang=en there are multiple versions of the .net framework available from microsoft, and they can be installed side-by-side on the same computer. the software requires version 1. 1 but can run under other versions. contact your system administrator for more details. 6.2.3. clockbuilder desktop software installation the clockbuilder desktop software is installe d from the clockbuilderdesktopswinstall.exe file. 1. double-click the install file to start the wizard. 2. follow the wizard instructions to comp lete the installation for both the software and the driver. use the default installation location for best results. 3. after the installa tion is complete, click on start ? programs ? silicon laboratories ? clockbuilder desktop software. select one of the items in the menu including the user guide to get more details on how to run the software. 6.2.4. clockbuilder desktop software uninstall instructions close all the programs and help files before running the uni nstaller to ensure complete removal of the software. to uninstall the software, use the add and remove prog rams utility in the control panel or click start ? programs ? silicon laboratories ? clockbuilder desktop ? uninstaller note: the driver software must be uninstalled separately.
SI535X-24QSOP-EVB 6 preliminary rev. 0.2 7. si535x-24qso p-evb schematics place r24/c13 as close to pin u1.9 as possible. place y1 as close to pins u1.1 and u1.2 as possible. remove ground plane from underneath the crystal. note that clk0 - clk7 must be 85-ohm tx lines of equal electrical lengths. place each clk and gnd tp pair 0.3" apart. clkin must be 50-ohm stripline. place r109/c69 as close to u1.12 as possible. vddob vdd vddoc vddod vddoa 3v3 3v3 scl_5350_dut 3 sda_5350_dut 3 tp47 gnd tp47 gnd r13 2k r13 2k tp33 clk0 tp33 clk0 c7 0.1uf c7 0.1uf tp52 p4 tp52 p4 r9 0 r9 0 r3 0 r3 0 c13 1nf ni c13 1nf ni r30 100k r30 100k tp43 gnd tp43 gnd tp38 vc tp38 vc r4 0 r4 0 c69 0.1uf ni c69 0.1uf ni r23 0 r23 0 tp20 gnd tp20 gnd tp44 gnd tp44 gnd c5 0.1uf c5 0.1uf c8 0.1uf c8 0.1uf y1 27mhz y1 27mhz xtal1 1 gnd 2 xtal2 3 gnd 4 tp34 clk0 tp34 clk0 r24 0 r24 0 r31 100k r31 100k tp30 clk0 tp30 clk0 r25 100k r25 100k u1 si5350_24qsop u1 si5350_24qsop vdd 4 xa 6 xb 7 p2 11 p1 10 gnd 17 clk0 21 clk1 20 clk2 15 clk3 14 clk6 24 clk7 23 clk5 1 clk4 3 vddoa 18 vddob 16 vddod 22 vddoc 2 p0 9 gnd 8 gnd 5 gnd 19 p3 12 p4 13 tp35 clk0 tp35 clk0 tp40 gnd tp40 gnd j5 sma clkin j5 sma clkin r29 100k r29 100k tp36 clk0 tp36 clk0 tp41 gnd tp41 gnd tp39 clkin tp39 clkin c9 0.1uf c9 0.1uf r5 0 r5 0 c2 0.1uf c2 0.1uf tp45 gnd tp45 gnd tp31 clk1 tp31 clk1 tp3 gnd tp3 gnd tp49 gnd tp49 gnd tp46 gnd tp46 gnd r26 100k r26 100k tp42 gnd tp42 gnd r8 0 r8 0 tp48 gnd tp48 gnd r109 49.9 ni r109 49.9 ni tp32 clk2 tp32 clk2 tp37 clk0 tp37 clk0 r12 2k r12 2k figure 3. si5350/51 main
SI535X-24QSOP-EVB preliminary rev. 0.2 7 i2c interface status leds place d1 and d5 close to programming socket (u7). place d2, d3, and d4 near usb connector. board configuration place c26 and c27 as close as possible to pins u5.16 and u5.17 respectively. set p2.6 to high-z for vdd_prog=3.3v, o-d output low for vdd_prog=4.0v. mcu place c23 as close to pin u5.41 as possible. 2.7v to 5.5v 0.9v to 5.5v mcu programming place tp12-tp19 and tp21-tp27 on a 2.54mm grid about u8. adc mux0 adc mux1 24-qsop socket programming socket usb external 5v0 +2.5v ref address is 1001100 address is 1001101 usb_d- usb_d+ sda_mcu usb_d- usb_d+ en_i2c_5v en_i2c_5v sel_5350_prog 2v50_ref scl_mcu 1v25_ref brd_cfg0 brd_cfg3 brd_cfg2 p4_prg_drv p3_prg_drv p0_prg_drv brd_cfg1 sda_mcu 5v0_usb sda_5350_prg scl_5350_prg 2v50_ref scl_mcu sel_5350_prog 1v25_ref sda_5350_prg scl_5350_prg p4_prg_drv p3_prg_drv p0_prg_drv 5v0_usb 3v3 3v3 3v3 5v0 5v0 5v0 5v0 3v3 5v0 vdd_prg 3v3 3v3 3v3 3v3 vdd_prg 5v0 3v3 5v0 5v0 3v3 3v3 3v3 5v0 vdd_pin vddob_pin vddoc_pin vddod_pin vddoa_pin vdd vddob vddoc vddod vddoa 5v0 3v3 3v3 nen_vdd 4 nen_prog_volt 4 nen_vddo0 4 nen_vdd_prg 4 nen_vddo1 4 scl_5v sda_5v nen_vddo2 4 nen_vddo3 4 sda_5350_dut 2 scl_5350_dut 2 scl_5v sda_5v scl_5v sda_5v + c28 10uf + c28 10uf tp23 clk5 tp23 clk5 r55 1k r55 1k d7 mmbd3004s-7-f d7 mmbd3004s-7-f c26 0.1uf c26 0.1uf tp12 3v3 tp12 3v3 tp8 gpio_p2.7 tp8 gpio_p2.7 tp25 clk6 tp25 clk6 r47 220 r47 220 r49 1k r49 1k c18 0.1uf c18 0.1uf adg728 u7 adg728 u7 sda 3 resetb 2 s1 4 s2 5 s3 6 s4 7 d 8 a0 16 s8 9 s7 10 s6 11 s5 12 vdd 13 gnd 14 scl 1 a1 15 r69 4.99k r69 4.99k tp27 clk7 tp27 clk7 tp9 mcu_adc tp9 mcu_adc r43 220 r43 220 s1 sw pushbutton s1 sw pushbutton c31 0.1uf c31 0.1uf c33 0.1uf c33 0.1uf tp22 p3 tp22 p3 j11 header 2x2 j11 header 2x2 1 1 3 3 2 2 4 4 c40 0.1uf c40 0.1uf r56 0 r56 0 r67 412 r67 412 r50 1k r50 1k + c34 10uf + c34 10uf u3 adg736brmz u3 adg736brmz d1 10 in1 1 s1a 2 gnd 3 s2a 4 in2 5 s2b 7 vdd 8 s1b 9 d2 6 c39 0.1uf c39 0.1uf d1 red prog fail d1 red prog fail c37 0.1uf c37 0.1uf r57 0 ni r57 0 ni tp50 scl_prg red tp50 scl_prg red d5 green rdy d5 green rdy r41 0 r41 0 u4 c8051f340 u4 c8051f340 vdd 10 regin 11 gnd 7 vbus 12 d+ 8 d- 9 p0.0 6 p0.1 5 p0.2 4 p0.3 3 p0.4 2 p0.5 1 p0.6 48 p0.7 47 p1.0 46 p1.1 45 p1.2 44 p1.3 43 p1.4 42 p1.5 41 p1.6 40 p1.7 39 p2.0 38 p2.1 37 p2.2 36 p2.3 35 p2.4 34 p2.5 33 p2.6 32 p2.7 31 p3.0 30 p3.1 29 p3.2 28 p3.3 27 p3.4 26 p3.5 25 p3.6 24 p3.7 23 p4.0 22 p4.1 21 p4.2 20 p4.3 19 p4.4 18 p4.5 17 p4.6 16 p4.7 15 rst/c2ck 13 c2d 14 tp24 p0 tp24 p0 tp26 p4 tp26 p4 c36 0.1uf c36 0.1uf r58 0 ni r58 0 ni tp15 clk0 tp15 clk0 tp51 sda_prg red tp51 sda_prg red + c29 10uf + c29 10uf c17 0.1uf c17 0.1uf j19 5x2 shrouded header j19 5x2 shrouded header 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 9 9 10 10 r63 0 r63 0 r68 0 r68 0 c25 1uf c25 1uf r61 1.02k r61 1.02k r36 1k r36 1k r66 2k r66 2k c22 0.1uf c22 0.1uf d4 green busy d4 green busy r70 4.99k r70 4.99k r62 0 r62 0 c30 1uf c30 1uf d6 mmbd3004s-7-f d6 mmbd3004s-7-f u8 24pin qsop socket u8 24pin qsop socket vdd 4 xa 6 xb 7 p2 11 p1 10 gnd 17 clk0 21 clk1 20 clk2 15 clk3 14 clk6 24 clk7 23 clk5 1 clk4 3 vddoa 18 vddob 16 vddod 22 vddoc 2 p0 9 gnd 8 gnd 5 gnd 19 p3 12 p4 13 j18 usb type b j18 usb type b 1 2 3 4 5 6 tp5 scl red tp5 scl red c35 0.1uf c35 0.1uf r42 1k r42 1k r59 0 r59 0 r60 1.02k r60 1.02k c20 0.1uf c20 0.1uf c24 4.7uf c24 4.7uf jp1 header 1x3 jp1 header 1x3 tp4 sda red tp4 sda red c23 0.1uf c23 0.1uf r64 2k r64 2k r44 1k r44 1k r37 1k r37 1k tp16 clk1 tp16 clk1 r51 0 ni r51 0 ni r48 1.02k r48 1.02k r71 4.99k r71 4.99k d3 red intr d3 red intr tp19 clk3 tp19 clk3 j17 conn trblk 2 j17 conn trblk 2 1 2 tp13 vdd_prg tp13 vdd_prg tp7 gpio_p1.7 tp7 gpio_p1.7 r52 0 r52 0 tp17 xb tp17 xb c21 0.1uf c21 0.1uf r65 0 ni r65 0 ni r45 1.02k r45 1.02k tp18 clk2 tp18 clk2 adg728 u6 adg728 u6 sda 3 resetb 2 s1 4 s2 5 s3 6 s4 7 d 8 a0 16 s8 9 s7 10 s6 11 s5 12 vdd 13 gnd 14 scl 1 a1 15 r40 2k r40 2k r38 1k r38 1k r53 0 r53 0 tp14 xa tp14 xa 2.5v u5 2.5v u5 vout 1 gnd 2 vin 3 c32 0.1uf c32 0.1uf r46 220 r46 220 c38 0.1uf c38 0.1uf c19 4.7uf c19 4.7uf tp21 clk4 tp21 clk4 d2 green prog pass d2 green prog pass r39 2k r39 2k c27 0.1uf c27 0.1uf pca9517d u2 pca9517d u2 vcca 1 scla 2 sdaa 3 gnd 4 vccb 8 sclb 7 en 5 sdab 6 r54 0 ni r54 0 ni figure 4. mcu and programming socket
SI535X-24QSOP-EVB 8 preliminary rev. 0.2 vdd 2.5v 3.3v power supplies vddoa vddob vddoc vddod vdd_prg 3v3 2.5v 3.3v 2.5v 3.3v 2.5v 3.3v 2.5v 3.3v vdd_pin vdd 5v0 vddob_pin vddob vddoc_pin vddoc 5v0 vddod_pin vddod 5v0 5v0 5v0 3v3 vdd_prg 5v0 5v0 vddoa_pin vddoa nen_vddo1 3 nen_vddo2 3 nen_vddo0 3 nen_vddo3 3 nen_vdd_prg 3 nen_vdd 3 nen_prog_volt 3 c52 0.1uf c52 0.1uf r90 20.0 r90 20.0 j24 jumper j24 jumper 1 2 r72 20.0 r72 20.0 r74 20.0 r74 20.0 jp6 header 1x3 jp6 header 1x3 r84 5.90k r84 5.90k r106 10k r106 10k r103 9.53k r103 9.53k + c55 10uf + c55 10uf j22 jumper j22 jumper 1 2 + c65 10uf + c65 10uf r86 4.42k r86 4.42k + c46 10uf + c46 10uf r107 2.55k r107 2.55k c62 0.1uf c62 0.1uf c51 0.1uf c51 0.1uf jp5 header 1x3 jp5 header 1x3 r85 9.53k r85 9.53k r91 20.0 r91 20.0 jp2 header 1x3 jp2 header 1x3 r73 20.0 r73 20.0 c56 4.7uf c56 4.7uf c54 4.7uf c54 4.7uf r98 6.98k r98 6.98k u12 tps76201 u12 tps76201 in 1 gnd 2 en 3 fb 4 out 5 j21 jumper j21 jumper 1 2 c45 4.7uf c45 4.7uf + c57 10uf + c57 10uf + c43 10uf + c43 10uf + c53 10uf + c53 10uf r94 100k r94 100k u13 tps76201 u13 tps76201 in 1 gnd 2 en 3 fb 4 out 5 c50 0.1uf c50 0.1uf u9 tps76201 u9 tps76201 in 1 gnd 2 en 3 fb 4 out 5 c42 4.7uf c42 4.7uf jp3 header 1x3 jp3 header 1x3 r92 10k r92 10k c64 0.01uf c64 0.01uf c58 0.1uf c58 0.1uf + c41 10uf + c41 10uf c59 0.01uf c59 0.01uf u14 tps76201 u14 tps76201 in 1 gnd 2 en 3 fb 4 out 5 r95 10k r95 10k c60 0.01uf c60 0.01uf c48 4.7uf c48 4.7uf u11 tps76201 u11 tps76201 in 1 gnd 2 en 3 fb 4 out 5 r76 10k r76 10k jp4 header 1x3 jp4 header 1x3 c44 0.01uf c44 0.01uf r99 5.90k r99 5.90k r79 100k r79 100k r93 100k r93 100k r81 5.90k r81 5.90k r101 4.42k r101 4.42k r75 10k r75 10k c66 0.1uf c66 0.1uf c49 0.01uf c49 0.01uf r83 4.42k r83 4.42k c61 0.01uf c61 0.01uf r100 9.53k r100 9.53k r105 2.55k r105 2.55k u10 tps76201 u10 tps76201 in 1 gnd 2 en 3 fb 4 out 5 r97 10k r97 10k c63 0.1uf c63 0.1uf r87 5.90k r87 5.90k r82 9.53k r82 9.53k r80 100k r80 100k c47 0.01uf c47 0.01uf j23 jumper j23 jumper 1 2 r102 5.90k r102 5.90k u15 tps76201 u15 tps76201 in 1 gnd 2 en 3 fb 4 out 5 r89 4.42k r89 4.42k j20 jumper j20 jumper 1 2 r77 100k r77 100k r78 10k r78 10k r104 4.42k r104 4.42k r88 9.53k r88 9.53k r96 100k r96 100k figure 5. power supplies
SI535X-24QSOP-EVB preliminary rev. 0.2 9 8. bill of materials table 1. si535x bill of materials item qty reference value manufacturer part number 1 5 c2,c5,c7,c8,c9 0.1 f venkel c0402x5r100-104k 2 1 c13 1 nf venkel c0603x7r101-102k 317 c17,c18,c20, c21,c22,c23,c26, c27,c31,c32,c33, c35,c36,c37,c38, c39,c40 0.1 f venkel c0402x7r100-104k 47 c19,c24,c42,c45, c48,c54,c56 4.7 f venkel c1206x7r100-475m 5 2 c25,c30 1 f venkel c1206x7r250-105k 610 c28,c29,c34,c41, c43,c46,c53,c55, c57,c65 10 f kemet b45196h5106m309 77 c44,c47,c49,c59, c60,c61,c64 0.01 f venkel c0603x7r160-103m 87 c50,c51,c52,c58, c62,c63,c66 0.1 f venkel c0603x7r100-104m 9 1 c69 0.1 f venkel c0603x7r100-104m 10 2 d1,d3 red panasonic ln1271ral 11 3 d2,d4,d5 green panasonic ln1371g 12 2 d6,d7 mmbd3004s-7-f diodes inc. mmbd3004s-7-f 13 6 jp1,jp2,jp3,jp4, jp5,jp6 header 1x3 samtec tsw-103-07-t-s 14 1 j5 sma johnson components 142-0701-801 15 1 j11 header 2x2 samtec tsw-102-07-t-d 16 1 j17 conn trblk 2 phoenix contact 1729018 17 1 j18 usb type b tyco 292304-1 18 1 j19 5x2 shrouded header tyco 5103309-1 19 5 j20,j21,j22, j23,j24 jumper samtec tsw-102-07-t-s
SI535X-24QSOP-EVB 10 preliminary rev. 0.2 20 11 r3,r4,r5,r8,r9, r23,r24,r52,r53, r56,r59 0 venkel cr0603-16w-000 21 4 r12,r13,r39,r40 2 k ? venkel cr0603-10w-2001f 22 2 r64,r66 2 k ? venkel cr0603-10w-2001f 23 5 r25,r26,r29,r30, r31 100 k ? venkel cr0603-10w-104j 24 8 r36,r37,r38,r42, r44,r49,r50,r55 1k ? venkel cr0402-16w-102j 25 1 r41 0 ? venkel cr0402-16w-000 26 3 r43,r46,r47 220 ? venkel cr0402-16w-221j 27 4 r45,r48,r60,r61 1.02 k ? venkel tfcr0402-16w-e-1021b 28 8 r51,r54,r57,r58, r62,r63,r65,r68 0 ? venkel cr0603-16w-000 29 1 r67 412 ? venkel tfcr0402-16w-e-4120b 30 3 r69,r70,r71 4.99 k ? venkel cr0603-16w-4991f 31 5 r72,r73,r74,r90, r91 20 ? venkel cr2512-1w-20r0d 32 7 r75,r76,r78,r92, r95,r97,r106 10 k ? venkel cr0603-16w-1002f 33 6 r77,r79,r80,r93, r94,r96 100 k ? venkel cr0603-10w-1003f 34 5 r81,r84,r87, r99,r102 5.90 k ? venkel cr0603-16w-5901f 35 5 r82,r85,r88, r100,r103 9.53 k ? venkel cr0603-16w-9531f 36 5 r83,r86,r89, r101,r104 4.42 k ? venkel cr0603-16w-4421f 37 1 r98 6.98 k ? venkel cr0603-16w-6981f 38 2 r105,r107 2.55 k ? venkel cr0603-16w-2551f 39 1 r109 49.9 ? venkel cr0603-16w-49r9f 40 1 s1 sw pushbutton mountain switch 101-0161-ev 41 6 tp2,tp3,tp6, tp10,tp20,tp29 black kobiconn 151-203-rc table 1. si535x bill of materials (continued) item qty reference value manufacturer part number
SI535X-24QSOP-EVB preliminary rev. 0.2 11 42 3 tp4,tp5,tp11 red kobiconn 151-207-rc 43 14 tp7,tp8,tp9, tp30,tp31,tp32, tp33,tp34,tp35, tp36,tp37,tp38, tp39,tp52 white kobiconn 151-201-rc 44 18 tp12,tp13,tp14, tp15,tp16,tp17, tp18,tp19,tp21, tp22,tp23,tp24, tp25,tp26,tp27, tp28,tp50,tp51 red kobiconn 151-207-rc 45 10 tp40,tp41,tp42, tp43,tp44,tp45, tp46,tp47,tp48, tp49 1-pin header 46 1 u2 pca9517d nxp pca9517d 47 1 u3 adg736brmz adi adg736brmz 48 1 u4 c8051f340 silabs c8051f340-gq 49 1 u5 2.5v analog devices ad1582brt 50 2 u6,u7 adg728 analog devices adg728bruz 51 1 u8 24-pin qsop socket wells-cti 656-4242211-001 52 7 u9,u10,u11,u12, u13,u14,u15 tps76201 ti tps76201dbv 53 1 y1 27 mhz txc 7m-27.000meeq-t table 1. si535x bill of materials (continued) item qty reference value manufacturer part number
SI535X-24QSOP-EVB 12 preliminary rev. 0.2 9. approved crystals the crystals listed in table 2 have been approved for use with the si5350/51 family of devices. note that this device has on-chip load capacitors that can be configured for 0, 6, 8, and 10 pf. for crystals with any other rated load capacitance, external capa citors may be required to achi eve the best absolute accuracy. table 2. approved crystals mfr part number freq load capacitance initial accuracy stability over temp web site kyocera cx3225sb25000d0fljz1 25 mhz 8 pf 10 ppm 15 ppm http://global.kyocera.com/ index.html cx3225sb27000d0fljz1 27 mhz sunny sp10115j6-25.000mhz 25 mhz 10 pf 15 ppm 30 ppm http://www.sunny-usa.com/ sp10115j6-27.000mhz 27 mhz ndk nx3225ga-25.000m-std-crg-2 25 mhz 8 pf 20 ppm 30 ppm http://www.ndk.com/en/ nx3225ga-27.000m-std-crg-2 27 mhz epson fa-238 25.0000mb-k 25 mhz 10 pf 50 ppm 30 ppm http://www.eea.epson.com/ txc 7m-27.000meeq 27 mhz 10 pf 10 ppm 10 ppm http://www.txc.com.tw
SI535X-24QSOP-EVB preliminary rev. 0.2 13 d ocument c hange l ist revision 0.1 to revision 0.2 ? updated table 2, ?approved crystals,? on page 12.
SI535X-24QSOP-EVB 14 preliminary rev. 0.2 c ontact i nformation silicon laboratories inc. 400 west cesar chavez austin, tx 78701 tel: 1+(512) 416-8500 fax: 1+(512) 416-9669 toll free: 1+(877) 444-3032 please visit the silicon labs technical support web page: https://www.silabs.com/support/pages/contacttechnicalsupport.aspx and register to submit a technical support request. silicon laboratories and silicon labs are trademarks of silicon laboratories inc. other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders. the information in this document is believed to be accurate in all respects at the time of publ ication but is subject to change without notice. silicon laboratories assumes no responsibility for errors and om issions, and disclaims responsibi lity for any consequences resu lting from the use of information included herein. ad ditionally, silicon laboratorie s assumes no responsibility for the functioning of und escribed features or parameters. silicon laboratories reserves the right to make changes without further notice . silicon laboratories makes no wa rranty, rep- resentation or guarantee regarding the suitability of its products for any particular purpose, nor does silicon laboratories as sume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including wi thout limitation conse- quential or incidental damages. silicon laborat ories products are not designed, intended, or authorized for use in applications intended to support or sustain life, or for any other application in which the failure of t he silicon laboratories product could create a s ituation where per- sonal injury or death may occur. should buyer purchase or us e silicon laboratories products for any such unintended or unauthor ized ap- plication, buyer shall indemnify and hold silicon laboratories harmles s against all claims and damages.


▲Up To Search▲   

 
Price & Availability of SI535X-24QSOP-EVB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X