Part Number Hot Search : 
2N603 AS8202N GR3AB IRFF133 74ALVC 2SB817E SK170 IRFSL
Product Description
Full Text Search
 

To Download SGM724XTS14TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sgm721 / 2 /3/4 11 mhz, rai l -to - rail i/o cmos operational amplifier s product description the sgm721 (single), sgm722 (dual), sgm723 (single with shutdown) and sgm724 (quad) are low noise, low voltage, and low power op erational amp lifier s, that can be designed into a wide range of applications. the sgm 72 1/2/3 /4 have a high g ain - b an dwidth p roduct of 1 1 mhz and a slew rate of 8.5 v/ s. the sgm72 3 has a power - down disable feature that reduces the supply current to less than 1 a . the sgm721/2/3/4 are designed to provide optimal performance in low voltage and low noise systems. they provide rail - to - rail output swing into heavy loads. t he input common mode voltage range includes ground, and the maximum input offset voltage is 4 mv for sgm721/2/3/4 . they are specified over the extended industrial temperature range ( - 40 to +125 ) . the operating supply range is from 2. 1 v to 5.5v. the singl e version, sgm721 is available in green sc70 - 5, sot - 23 - 5 and so ic - 8 packages. sgm723 is available in green sot - 23- 6 and so ic - 8 packages. the d ual version sgm 72 2 is available in green so ic - 8 , msop - 8 and tssop - 8 package s . the quad version sgm724 is available in green so ic - 1 4 and tssop - 1 4 packages. features ? rail - to - rail i nput and o utput 4 mv maximum v os ? high gain - bandwidth product: 1 1 mhz ? high slew rate: 8.5 v/ s ? settling time to 0.1% with 2v step: 0. 21 s ? overload recovery time: 0. 6 s ? low noise : 8.5 nv/ hz at 10khz ? supply voltage range: 2. 1 v to 5.5 v ? input voltage range = - 0.1v to +5.6 v with v s = 5.5 v ? low power sgm721/3: 1. 2ma (typ) sgm722 /4 : 1.1 ma/amplifier (typ) sgm 723 l ess than 1 a when disabled ? small packaging sgm721 available in green sc70 - 5 , sot - 23 - 5 and so ic - 8 packages sgm 72 2 available in green msop - 8 , so ic - 8 and tssop - 8 packages sgm 723 available in green sot - 23 - 6 and so ic - 8 packages s gm724 available in green tssop - 1 4 and so ic - 1 4 packages applications sensors audio active filters a/d converters communications test equipment cellular and cordless phones laptops and pdas photodiode amplification battery - powered instrumentation rev. c sg micro corp www.sg - micro.com
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s package/ordering information model package description specified temperature range ordering number package marking packing option sgm721 sc70 - 5 -40 to +125 sgm721xc5 /tr 721 tape and reel, 3000 sot -23-5 -40 to +125 sgm721xn5 /tr 721 tape and reel, 3000 so ic -8 -40 to +125 sgm721xs /tr sgm721xs xxxxx tape and reel, 2500 sgm722 msop -8 -40 to +125 sgm722xms /tr sgm722 xms xxxxx tape and reel, 30 00 so ic -8 -40 to +125 sgm722xs /tr sgm722xs xxxxx tape and reel, 2500 tssop -8 -40 to +125 sgm722xts8g/tr sgm722 xts8 xxxxx tape and reel, 4 000 sgm723 sot -23-6 -40 to +125 sgm723xn6 /tr 723 tape and reel, 3000 so ic -8 -40 to +125 sgm723xs /tr sgm 723xs xxxxx tape and reel, 2500 sgm724 so ic -1 4 -40 to +125 sgm724xs14 /tr sgm724xs14 xxxxx tape and reel, 2500 tssop -1 4 -40 to +125 sgm724xts14 /tr sgm724 xts14 xxxxx tape and reel, 3000 note: x xxxx = date c ode and vendor code. green (rohs & hsf): sg micro corp defines "green" to mean pb - free (rohs compatible) and free of halogen substances. if you have additional comments or questions, please contact your sgmicro representative directly. absolute maximum ratings supply voltage, + v s to -v s ................................................ 6 v inpu t common mode voltage range .................................................... (-v s ) - 0. 3 v to (+v s ) + 0. 3 v storage temperature range ........................ -65 to + 150 junction temperature ................................................. + 1 5 0 package thermal resistance @ t a = + 25 sc70 - 5, ja .............................................................. 333 /w sot -23- 5, ja .......................................................... 190 /w sot -23- 6, ja .......................................................... 190 /w so ic - 8, ja .............................................................. 125 /w msop - 8, ja ............................................................ 216 /w lead temperature range (soldering 10 sec) .............. + 260 esd susceptibility hbm (sgm721/2 /4) ..................................................... 80 00v hbm (sgm723) ........................................................... 40 00v mm ................................................................................. 400v cdm ............................................................................ 1000v recommended operating conditions operating temperature range ..................... -40 to + 1 25 overstress caution stresses beyond those listed may cause permanent damage to the device. functional operation of the device at thes e or any other conditions beyond those indicated in the operational section of the specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. esd sensitivity caution this integrated circuit ca n be damaged by esd if you dont pay attention to esd protection. sgmicro recommends that all integrated circuits be handled with appropriate precautions. failure to observe proper handling and installation procedures can cause damage. esd damage can range from subtle performance degradation to complete device failure. precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. disclaimer sg micro cor p reserves the right to make any change in circuit design, specification or other related things if necessary without notice at any time. sg micro corp www.sg - micro.com 2
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s pin configurations sgm721 (top view) sgm721/723 (top view) + v s - in 1 2 3 4 5 out - v s + in ( sgm 723 only ) - in + in - v s nc 1 2 3 4 5 6 7 8 + v s nc out disable nc = no connect sc70 - 5/sot -23-5 soic -8 sgm723 (top view) sgm722 (top view) out 6 1 2 3 4 5 - v s + in + v s disable - in outb + v s + inb outa 5 6 7 8 1 2 3 4 - ina + ina - v s - inb sot - 23 - 6 soic - 8/msop - 8 /tssop - 8 sgm724 (top view) 10 11 12 13 14 1 2 3 4 5 outa - ina + ina - v s + v s - ind + ind 6 7 9 8 - inb + inb - inc outb outc + inc outd tssop - 14/soic -14 sg micro corp www.sg - micro.com 3
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s electrical characteristics (a t t a = +25 , v s = +5v , v cm = v s /2, r l = 600, unless otherwise noted . ) parameter conditions sgm721/ 2/3/4 typ min/max over temperature +25 input offset voltage (v os ) 1.5 4 4.3 4.6 mv max input bias current (i b ) 1 p a typ input offset current (i os ) 1 p a typ input common mode voltage range (v cm ) v s = 5.5v - 0.1 to +5.6 v typ common mode reection ratio (cmrr) v s = 5.5v, v cm = - 0.1v to 4v 83 67 66 65 db min v s = 5.5v, v cm = - 0.1v to 5.6v 75 60 59 56 db min open - loop voltage gain (a ol ) r l = 600 = 10k input offset voltage drift (v os /t) 2.1 v / typ output characteristics output voltage swing from rail r l = 600 = 10k typ power - down disable (sgm723 o nly ) turn - on time 1.1 s typ disable voltage - off 0.8 v max disable voltage - on 2 v min power supply operating voltage range 2.1 2.1 2.1 2.1 v min 5.5 5.5 5.5 5.5 v max power supply rejection ratio (psrr) v s = +2. 1 v to +5.5v , v cm = ( - v s ) + 0.5v 82 68 67 64 db min quiescent current/ amplifier (i q ) sgm722/4 i out = 0 1.10 1.40 1.60 1.75 ma max sgm721/3 i out = 0 1.2 1.5 1.7 1.85 ma max supply current when disabled (sgm723 only) 0.5 8 9 10 a max dynamic performance gain - bandwidth product (gbp) 11 mhz typ phase margin ( 1% distortion 400 khz typ slew rate (sr) g = 1, 2v output step 8.5 v/s s gain = v s 0.6 s typ noise performance voltage noise density (e n ) f = 1khz 12.5 nv/ hz typ f = 10khz 8.5 nv/ hz typ sg micro corp www.sg - micro.com 4
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s typical performance charac teristics at t a = +25 , v cm = v s /2, r l = 600, unless otherwise noted. cmrr vs. frequency psrr vs. frequency 0 20 40 60 80 100 120 1 10 100 1000 10000 frequency (khz) cmrr (db) v s = 5v 0 20 40 60 80 100 120 1 10 100 1000 10000 frequency (khz) psrr (db) v s = 5v psrr+ psrr- channel separation vs. frequency channel separation vs. freuency 0 30 60 90 120 150 0.1 1 10 100 1000 freuency (khz) channel separation (db) v s = 2.1 v r l = 620 t a = + 25 g = 1 channel b to a channel a to b 0 30 60 90 120 150 0.1 1 10 100 1000 frequency (khz) channel separation (db) v s = 5v r l = 620 t a = +25 g = 1 channel b to a channel a to b closed - loop output voltage swing closed - loop output voltage swing 0.0 0.5 1.0 1.5 2.0 2.5 10 100 1000 10000 frequency (khz) output voltage (v p-p ) v s = 2.1v v in = 2.1v p-p t a = + 25 r l = 2k g = 1 0 1 2 3 4 5 6 10 100 1000 10000 frequency (khz) output voltage (v p-p ) v s = 5v v in = 4.9v p-p t a = + 25 r l = 2k g = 1 sg micro corp www.sg - micro.com 5
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s typical performance characteristics at t a = +25 , v cm = v s /2, r l = 600, unless otherwise noted . sma ll - signal overshoot vs. load capacitance small - signal overshoot vs. load capacitance 0 10 20 30 40 50 10 100 1000 load capacitance (pf) small-signal overshoot (%) v s = 2.1v r l = 10k t a = + 25 g = 1 0 10 20 30 40 50 10 100 1000 load capacitance (pf) small-signal overshoot (%) v s = 5 v r l = 10k t a = + 25 g = 1 output impedance vs. frequency output impedance vs. freuency 0 10 20 30 40 50 60 1 10 100 1000 10000 freuency (khz) output impedance () output impedance () v s = 5v g = 10 g = 1 g = 100 large - signal step response large - signal step response 7lphvgly voltage (1v/div) g = 1 c l = 200pf r l = 10k v s = 2.1v 7lphvgly voltage (1v/div) g = 1 c l = 200pf r l = 10k v s = 5v sg micro corp www.sg - micro.com 6
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s typical performance characteristics at t a = +25 , v cm = v s /2, r l = 600, unless otherwise noted . small - signal step response small - signal step response time (200ns/div) voltage (50mv/div) g = 1 c l = 100pf r l = 10k v s = 2.1v time (200ns/div) voltage (50mv/div) g = 1 c l = 100pf r l = 10k v s = 5v positive overload recovery negative overload recovery time (1s/div) = 10k g = -100 1v/div 0v 50mv/div 0v v in v out time (1s/div) = 10k g = -100 0v 50mv/div 0v v in v out 1v/div supply current vs. temperature shutdown current vs. temperature 0.5 0.7 0.9 1.1 1.3 1.5 -50 -25 0 25 50 75 100 125 temperature ( ) supply current (ma) v s = 2.1v v s = 5v v s = 3v 0 150 300 450 600 750 -50 -25 0 25 50 75 100 125 temperature ( ) shutdown current (na) v s = 5v v s = 3 v v s = 2.1v sg micro corp www.sg - micro.com 7
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s typical performance characteristics at t a = +25 , v cm = v s /2, r l = 600, unless otherwise noted . cmr r vs. temperature psrr vs. temperature 50 60 70 80 90 100 110 -50 -25 0 25 50 75 100 125 temperature ( ) cmrr (db) v cm = -0.1v to 4v v s = 5.5v v cm = -0.1v to 5.6v 60 70 80 90 100 110 120 -50 -25 0 25 50 75 100 125 temperature ( ) psrr (db) v s = 2.1v to 5.5v open - loop voltage gain vs. temperature open - loop voltage gain vs. temperature 70 80 90 100 110 120 -50 -25 0 25 50 75 100 125 temperature ( ) openCloop voltage gain (db) v s = 5v r l = 10k ) openCloop voltage gain (db) v s = 5v r l = 600 sg micro corp www.sg - micro.com 8
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s typical performance characteristics at t a = +25 , v cm = v s /2, r l = 600, unless otherwise noted. input voltage noise spectral density vs. frequency offset voltage production distribu tion 1 10 100 1000 10 100 1000 10000 freuency (hz) voltage noise (nv/ hz) v s = 5v 0 5 10 15 20 25 30 -4 -3 -2 -1 0 1 2 3 4 5 6 offset voltage (mv) percentage of amplifiers (%) 21100 samples 1 production lot v s = 5v sg micro corp www.sg - micro.com 9
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s application notes driving capacitive loads the sgm72 1/2/3/4 can directly drive 4700 pf in unity - gain without oscillation. the unity - gain follower (buffer) is the most sensitive configuration to capacitive loading. direct capacitive loading reduces the phase margin of amplifiers and this result s in ringing or even oscillation. applications that require greater capacitive driv ing capability should use an isolation resistor between the output and the capacitive load like the circuit in figure 1 . the isolation resistor r iso and the load capacitor c l form a zero to increase stability. the bigger the r iso resistor value, the more stable v out will be. note that this method results in a loss of gain accuracy because r iso forms a voltage divider with the r load . v in v out sgm 721 c l r iso figure 1 . indirectly driving heavy capacitive load an improve d c ircuit is shown in figure 2 . it provides dc accuracy as well as ac stability. r f provides the dc accuracy by connecting the inverting input with the output. c f and r iso serve to counteract the loss of phase margin by feeding the high frequency component of the output signal back to the amplifiers inverting input, thereby preserving phase margin in the overall feedback loop. v in v out sgm 721 c l r iso r l r f c f figure 2 . indirectly driving heavy capacitive load with dc accuracy for no n - buffer con figuration, there are two other ways to increase the ph ase margin: (a) by increasing the amplifiers closed - loop gain or (b) by placing a capacitor in parallel with the feedback resistor to counteract the parasitic capacitance associated with inverting node. power - supply bypassing and layout the sgm72x family operates from either a single +2. 1 v to +5.5v supply or dual 1. 0 5v to 2.75v supplies. for single - supply operation, bypass the power supply + v s with a 0.1f ceramic capacitor which should be placed close to the + v s pin. for dual - supply operation, both the + v s and the - v s supplies should be bypassed to ground with separate 0.1f ceramic capacitors. 2.2f tantalum capacitor can be added for better performance. good pc board layout techniques optimize performance by decreasing the amount of stray capacitance at the op amps inputs and output. to decrease stray capacitance, minimize trace lengths and widths by placing external components as close to the device as possible. use surface - mount components whenever possible. for the operational amp lifier , solderin g the part to the board directly is strongly recommended. tr y to keep the high frequency current loop area small to minimize the emi (electromagnetic interfacing). sgm 721 + v s v n v p - v s v out 10 f 0 . 1 f 10 f 0 . 1 f sgm 721 v n v p + v s - v s ( gnd) v out 10 f 0 . 1 f figure 3 . amplifier with bypass capacitors grounding a ground plane layer is important for sgm72x circuit design. the length of the current p ath in an inductive ground return will create an unwanted voltage noise. broad ground plane areas will reduce the parasitic inductance. input - to - output coupling to minimize capacitive coupling, the input and output signal traces should not be in parallel. this helps reduce unwanted positive feedback. sg micro corp www.sg - micro.com 10
11 mhz, rail- to - rail i/o sgm721 / 2 /3/4 c mos operational amplifier s typical application circuits differential amplifier the circuit shown in figure 4 performs the difference function. if the resistor ratios are equal (r 4 /r 3 = r 2 /r 1 ), then v out = (v p - v n ) r 2 /r 1 + v ref . v n v p v out sgm 721 v ref r 1 r 2 r 3 r 4 figure 4 . differential amplifier instrumentation amplifier the circuit in figure 5 performs the same function as that in figure 4 but with a high input impedance. v n v p sgm 721 v ref r 1 r 2 r 3 r 4 v out sgm 721 sgm 721 figure 5 . instrumentation amplifier low - pass active filter the low - pass filter shown in figure 6 has a dc gain of ( - r 2 /r 1 ) and the - 3db corner frequency is 1/2 r 2 c. make sure the filter bandwidth is within the b andwidth of the amplifier. the l arge values of feedback resistors can couple with parasitic capacitance and cause undesired effects such as ringing or oscillation in high - speed amplifiers. keep resistor value s as low as possible and consistent with output loading consideration. v in v out sgm 721 r 1 r 2 r 3 = r 1 // r 2 c figure 6 . low - pass active filter sg micro corp www.sg - micro.com 11
package information sg micro corp www.sg-micro.com tx00043.000 package outline dimensions sc70-5 e e1 e1 e d b a a2 a1 l c 0.20 l1 recommended land pattern (unit: mm) 1.9 0.65 1.3 0.75 0.4 dimensions in millimeters dimensions in inches symbol min max min max a 0.900 1.100 0.035 0.043 a1 0.000 0.100 0.000 0.004 a2 0.900 1.000 0.035 0.039 b 0.150 0.350 0.006 0.014 c 0.080 0.150 0.003 0.006 d 2.000 2.200 0.079 0.087 e 1.150 1.350 0.045 0.053 e1 2.150 2.450 0.085 0.096 e 0.65 typ 0.026 typ e1 1.300 bsc 0.051 bsc l 0.525 ref 0.021 ref l1 0.260 0.460 0.010 0.018 0 8 0 8
package information sg micro corp www.sg-micro.com tx00033.000 package outline dimensions sot-23-5 e e1 e e1 b d a1 a2 a c l 0.2 recommended land pattern (unit: mm) 1.90 2.59 0.99 0.69 0.95 dimensions in millimeters dimensions in inches symbol min max min max a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.300 0.500 0.012 0.020 c 0.100 0.200 0.004 0.008 d 2.820 3.020 0.111 0.119 e 1.500 1.700 0.059 0.067 e1 2.650 2.950 0.104 0.116 e 0.950 bsc 0.037 bsc e1 1.900 bsc 0.075 bsc l 0.300 0.600 0.012 0.024 0 8 0 8
package information sg micro corp www.sg-micro.com tx00010.000 package outline dimensions soic-8 d e e1 e b a a2 a1 c l 1.27 0.6 2.2 5.2 recommended land pattern (unit: mm) dimensions in millimeters dimensions in inches symbol min max min max a 1.350 1.750 0.053 0.069 a1 0.100 0.250 0.004 0.010 a2 1.350 1.550 0.053 0.061 b 0.330 0.510 0.013 0.020 c 0.170 0.250 0.006 0.010 d 4.700 5.100 0.185 0.200 e 3.800 4.000 0.150 0.157 e1 5.800 6.200 0.228 0.244 e 1.27 bsc 0.050 bsc l 0.400 1.270 0.016 0.050 0 8 0 8
package information sg micro corp www.sg-micro.com tx00014.000 package outline dimensions msop-8 e1 e e d a1 l c a a2 b recommended land pattern (unit: mm) 1.02 0.41 0.65 4.8 dimensions in millimeters dimensions in inches symbol min max min max a 0.820 1.100 0.032 0.043 a1 0.020 0.150 0.001 0.006 a2 0.750 0.950 0.030 0.037 b 0.250 0.380 0.010 0.015 c 0.090 0.230 0.004 0.009 d 2.900 3.100 0.114 0.122 e 2.900 3.100 0.114 0.122 e1 4.750 5.050 0.187 0.199 e 0.650 bsc 0.026 bsc l 0.400 0.800 0.016 0.031 0 6 0 6
package information sg micro corp www.sg-micro.com tx00034.000 package outline dimensions sot-23-6 e e1 e e1 b d a1 a2 a c l 0.2 2.59 0.99 0.95 0.69 recommended land pattern (unit: mm) dimensions in millimeters dimensions in inches symbol min max min max a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.300 0.500 0.012 0.020 c 0.100 0.200 0.004 0.008 d 2.820 3.020 0.111 0.119 e 1.500 1.700 0.059 0.067 e1 2.650 2.950 0.104 0.116 e 0.950 bsc 0.037 bsc e1 1.900 bsc 0.075 bsc l 0.300 0.600 0.012 0.024 0 8 0 8
package information sg micro corp www.sg-micro.com tx00018.000 package outline dimensions tssop-8 e e1 d e b a l c h a1 a2 0.65 1.78 0.42 5.94 recommended land pattern (unit: mm) dimensions in millimeters dimensions in inches symbol min max min max a 1.100 0.043 a1 0.050 0.150 0.002 0.006 a2 0.800 1.000 0.031 0.039 b 0.190 0.300 0.007 0.012 c 0.090 0.200 0.004 0.008 d 2.900 3.100 0.114 0.122 e 4.300 4.500 0.169 0.177 e1 6.250 6.550 0.246 0.258 e 0.650 bsc 0.026 bsc l 0.500 0.700 0.02 0.028 h 0.25 typ 0.01 typ 1 7 1 7
package information sg micro corp www.sg-micro.com tx00019.001 package outline dimensions tssop-14 e e1 d b a a1 a2 l c h e recommended land pattern (unit: mm) 5.94 0.42 1.78 0.65 dimensions in millimeters dimensions in inches symbol min max min max a 1.200 0.047 a1 0.050 0.150 0.002 0.006 a2 0.800 1.050 0.031 0.041 b 0.190 0.300 0.007 0.012 c 0.090 0.200 0.004 0.008 d 4.860 5.100 0.191 0.201 e 4.300 4.500 0.169 0.177 e1 6.250 6.550 0.246 0.258 e 0.650 bsc 0.026 bsc l 0.500 0.700 0.02 0.028 h 0.25 typ 0.01 typ 1 7 1 7
package information sg micro corp www.sg-micro.com tx00011.001 package outline dimensions soic-14 recommended land pattern (unit: mm) d e1 e l1 l2 a3 a a2 5.2 1.27 0.6 2.2 e b a1 l h h r r1 dimensions in millimeters dimensions in inches symbol min max min max a 1.35 1.75 0.053 0.069 a1 0.10 0.25 0.004 0.010 a2 1.25 1.65 0.049 0.065 a3 0.55 0.75 0.022 0.030 b 0.36 0.49 0.014 0.019 d 8.53 8.73 0.336 0.344 e 5.80 6.20 0.228 0.244 e1 3.80 4.00 0.150 0.157 e 1.27 bsc 0.050 bsc l 0.45 0.80 0.018 0.032 l1 1.04 ref 0.040 ref l2 0.25 bsc 0.01 bsc r 0.07 0.003 r1 0.07 0.003 h 0.30 0.50 0.012 0.020 0 8 0 8
package information sg micro corp www.sg-micro.com tx10000.000 tape and reel information note: the picture is only for reference. pl ease make the object as the standard. key parameter list of tape and reel package type reel diameter reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p0 (mm) p1 (mm) p2 (mm) w (mm) pin1 quadrant sc70-5 7 9.5 2.25 2.55 1.20 4. 0 4.0 2.0 8.0 q3 sot-23-5 7 9.5 3.2 3.2 1.4 4. 0 4.0 2.0 8.0 q3 sot-23-6 7 9.5 3.17 3.23 1.37 4. 0 4.0 2.0 8.0 q3 soic-8 13 12.4 6.4 5.4 2.1 4. 0 8.0 2.0 12.0 q1 msop-8 13 12.4 5.2 3.3 1.5 4. 0 8.0 2.0 12.0 q1 tssop-8 13 12.4 6.76 3.3 1.8 4. 0 8.0 2.0 12.0 q1 tssop-14 13 12.4 6.95 5.6 1.2 4. 0 8.0 2.0 12.0 q1 soic-14 13 16.4 6.6 9.3 2.1 4. 0 8.0 2.0 16.0 q1 dd0001 reel width (w1) reel diameter reel dimensions tape dimensions direction of feed p2 p0 w p1 a0 k0 b0 q1 q2 q4 q3 q3 q4 q2 q1 q3 q4 q2 q1
package information sg micro corp www.sg-micro.com tx20000.000 carton box dimensions note: the picture is only for reference. pl ease make the object as the standard. key parameter list of carton box reel type length (mm) width (mm) height (mm) pizza/carton 7 (option) 368 227 224 8 7 442 410 224 18 13 386 280 370 5 dd0002


▲Up To Search▲   

 
Price & Availability of SGM724XTS14TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X