Part Number Hot Search : 
D5FB40Z MUR1605E D5V0S LFZ28V04 DZ15V TC2503 SB120 TMP87PH
Product Description
Full Text Search
 

To Download SGM1N25E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SGM1N25E 1a, 250v, r ds(on) 1.78 ? n-channel enhancement mode mosfet 07-jul-2015 rev. a page 1 of 4 rohs compliant product a suffix of -c specifies halogen and lead-free features  low gate charge  simple drive requirement  green device available  esd susceptibility 2kv marking package information absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 250 v gate-source voltage v gs 20 v t a =25c 1 continuous drain current@ v gs =10v 1 t a =70c i d 0.8 a pulsed drain current 2 i dm 4 a total power dissipation 3 t a =25c p d 3.5 w operating junction and storage temperature range t j ,t stg -55~150 c thermal resistance rating thermal resistance from junction to ambient 1 r ja 35 c / w millimeter millimeter ref. min. max. ref. min. max . a 4 . 30 4. 70 g 0.40 0.58 b 3 . 94 4. 40 h 1.50 typ c 1. 3 0 1. 70 j 3.00 typ d 2.25 2.70 k 0.32 0.52 e 1.50 1.85 l 0.35 0.46 f 0.89 1.20 package mpq leader size sot-89 3k 7 inch sot-89 a e c d b k h f g l j 1 2 3 4
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SGM1N25E 1a, 250v, r ds(on) 1.78 ? n-channel enhancement mode mosfet 07-jul-2015 rev. a page 2 of 4 electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test condition static drain-source breakdown voltage bv dss 250 - - v v gs =0, i d =250 a breakdown voltage temperature coefficient b v dss / t j - 0.3 - v/c reference to 25c, i d =1ma gate-threshold voltage v gs(th) 1.5 - 3.5 v v ds =v gs , i d =250 a forward transconductance g fs - 1.8 - s v ds =15v, i d =1a gate-source leakage current i gss - - 10 a v gs = 20v t j =25c - - 1 drain-source leakage current t j =85c i dss - - 25 a v ds =200v, v gs =0 static drain-source on-resistance 2 r ds(on) - - 1.78  v gs =10v, i d =1a total gate charge 2 q g - 4.47 - gate-source charge q gs - 1 - gate-drain (miller)charge q gd - 1.45 - nc v ds =200v v gs =10v i d =1a turn-on delay time 2 t d(on) - 11.8 - rise time t r - 10.7 - turn-off delay time t d(off) - 12.9 - fall time t f - 6.9 - ns v dd =125v v gs =10v r g =6  i d =1a input capacitance c iss - 214 - output capacitance c oss - 16.2 - reverse transfer capacitance c rss - 8 - pf v ds =25v v gs =0v f=1mhz source-drain diode diode forward voltage 2 v sd - 0.8 1.2 v i s =1a, v gs =0, t j =25c reverse recovery time t rr - 78 - ns reverse recovery charge q rr - 325 - nc i f =1a, di/dt=100a/ s, t j =25c notes: 1. the data tested by surface mounted on a 1 inch2 fr-4 board with 2oz copper ,t 5sec , Q 62.5 /w at steady state. 2. the data tested by pulsed , pulse width 300 Q s, duty cycle 2%. Q 3. the power dissipation is limited by 150 c junc tion temperature. 4. the data is theoretically the same as i d and i dm , in real applications , should be limited by tota l power dissipation.
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SGM1N25E 1a, 250v, r ds(on) 1.78 ? n-channel enhancement mode mosfet 07-jul-2015 rev. a page 3 of 4 characteristic curves
http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. elektronische bauelemente SGM1N25E 1a, 250v, r ds(on) 1.78 ? n-channel enhancement mode mosfet 07-jul-2015 rev. a page 4 of 4 characteristic curves


▲Up To Search▲   

 
Price & Availability of SGM1N25E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X