Part Number Hot Search : 
IRFP1405 T4318 0302B RL201G VH2S51 RL201G CA61T 02227
Product Description
Full Text Search
 

To Download SFH6206-2T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 1 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, ac input description the sfh620a (dip) and sfh6206 (smd) feature a high current transfer ratio, low co upling capacitance and high isolation voltage. these couplers have a gaas infrared diode emitter, which is optically coupled to a silicon planar phototransistor detector, and is incorporated in a plastic dip-4 or smd package. the coupling devices are design ed for signal transmission between two electrically sepa rated circuits. the couplers are end-stackable with 2.54 mm lead spacing. creepage and clearance distances of > 8 mm are achieved with option 6. this version complies with iec 60950 (din vde 0805) for reinforced insulation to an operation voltage of 400 v rms or dc. features ? good ctr linearity depending on forward current ? isolation test voltage, 5300 v rms ? high collector emitter voltage, v ceo = 70 v ? low saturation voltage ? fast switching times ? low ctr degradation ? temperature stable ? low coupling capacitance ? end-stackable, 0.100" (2.54 mm) spacing ? high common-mode interference immunity ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 agency approvals the safety application model number covering all products in this datasheet is sfh620a and shf6206. this model number should be used when consulting safety agency documents. ? ul1577, file no. e52744 system code h, double protection ? csa 93751 ? bsi en 60950, en 60065 ? din en 60747-5-5 (vde 0884-5), available with option 1 ? cqc gb8898-2011, gb4943.1-2011 notes ? additional options may be possib le, please contact sales office. (1) also available in tubes; do not add t to end. e c a/c c/a 1 2 4 3 ordering information sfh620x-#x0##t part number ctr bin package option tape and reel agency certified/package ctr (%) 10 ma sfh620a sfh6206 ul, cul, bsi 40 to 125 63 to 200 100 to 320 40 to 125 63 to 200 100 to 320 dip-4 sfh620a-1 sfh620a-2 sfh620a-3 - - - dip-4, 400 mil, option 6 sfh620a-1x006 sfh620a-2x006 sfh620a-3x006 - - - smd-4, option 7 - sfh620a-2x007t (1) -- - - smd-4, option 9 - - - sfh6206-1t (1) SFH6206-2T (1) sfh6206-3t (1) vde, ul, cul, bsi 40 to 125 63 to 200 100 to 320 40 to 125 63 to 200 100 to 320 dip-4 sfh620a-1x001 sfh620a-2x001 sfh620a-3x001 - - - dip-4, 400 mil, option 6 - sfh620a-2x016 sfh620a-3x016 - - - smd-4, option 7 - sfh620a-2x017t - - - - smd-4, option 9 - - - - sfh6206-2x001t (1) sfh6206-3x001t (1) > 0.1 mm 10.16 mm > 0.7 mm 7.62 mm dip-# option 7 option 6 option 9
sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 2 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the absolu te maximum ratings can ca use permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of th e time can adversely affect reliability. (1) refer to reflow profile for soldering conditions for surface mount ed devices (smd). refer to wave profile for soldering conditi ons for through hole devices (dip). note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. still air, coupler soldered to pcb or base. absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input dc forward current i f 60 ma surge forward current t p 10 s i fsm 2.5 a power di ssipation p diss 100 mw output collector emitter voltage v ceo 70 v emitter collector voltage v eco 7v collector current i c 50 ma t p 1 s i c 100 ma power di ssipation p diss 150 mw coupler total power dissipation p tot 250 mw storage temperature range t stg -55 to +150 c ambient temperature range t amb -55 to +100 c junction temperature t j 100 c soldering temperature (1) max. 10 s, dip soldering distance to seating plane 1.5 mm t sld 260 c electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit input forward voltage i f = 60 ma v f 1.25 1.65 v capacitance v r = 0 v, f = 1 mhz c o 50 pf thermal resistance r thja 750 k/w output collector emitte r capacitance v ce = 5 v, f = 1 mhz c ce 6.8 pf thermal resistance r thja 500 c/w coupler collector emitter sa turation voltage i f = 10 ma, i c = 2.5 ma v cesat 0.25 0.4 v coupling capacitance c c 0.2 pf collector emitter leakage current v ce = 10 v sfh620a-1 i ceo 250na sfh6206-1 i ceo 250na sfh620a-2 i ceo 250na sfh6206-2 i ceo 250na sfh620a-3 i ceo 5 100 na sfh6206-3 i ceo 5 100 na
sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 3 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - switching times linear operation (without saturation) note ? as per din en 60747-5-5, 7.4.3.8.2, this optocoupler is suitab le for safe electrica l insulation only wi thin the safety rat ings. compliance with the safety ratings shall be ensured by means of protective circuits. current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f v ce = 5 v, i f = 10 ma sfh620a-1 ctr 40 125 % sfh6206-1 ctr 40 125 % sfh620a-2 ctr 63 200 % sfh6206-2 ctr 63 200 % sfh620a-3 ctr 100 320 % sfh6206-3 ctr 100 320 % v ce = 5 v, i f = 1 ma sfh620a-1 ctr 13 30 % sfh6206-1 ctr 13 30 % sfh620a-2 ctr 22 45 % sfh6206-2 ctr 22 45 % sfh620a-3 ctr 34 70 % sfh6206-3 ctr 34 70 % switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit turn-on time r l = 75 , i f = 10 ma, v cc = 5 v t on 3s rise time r l = 75 , i f = 10 ma, v cc = 5 v t r 2s turn-off time r l = 75 , i f = 10 ma, v cc = 5 v t off 2.3 s fall time r l = 75 , i f = 10 ma, v cc = 5 v t f 2s cut-off frequency r l = 75 , i f = 10 ma, v cc = 5 v t ctr 208 khz safety and insulation ratings parameter test condition symbol value unit climatic classifica tion according to ie c 68 part 1 55/115/21 pollution degree accord ing to din vde 0109 2 comparative tracking index insulation group iiia cti 175 maximum rated withstanding isolation vo ltage according to ul1577, t = 1 min v iso 4470 v rms tested withstanding isolation voltage according to ul1577, t = 1 s v iso 5300 v rms maximum transient isol ation voltage according to din en 60747-5-5 v iotm 8000 v peak maximum repetitive peak isolation voltage according to din en 60747-5-5 v iorm 890 v peak isolation resistance t amb = 25 c, v io = 500 v r io 10 12 t amb = 100 c, v io = 500 v r io 10 11 output safety power p so 700 mw input safety current i si 400 ma input safety temperature t s 175 c creepage distance dip-4 7mm clearance distance dip-4 7mm creepage distance dip-4, 400 mil, option 6 8mm clearance distance dip-4, 400 mil, option 6 8mm creepage distance smd-4, option 7 and option 9 7mm clearance distance smd-4, option 7 and option 9 7mm insulation thickness dti 0.4 mm isfh620a_08 r l =75 v cc =5 v 47 i f i c
sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 4 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 2 - current transfer ratio (ctr) vs. temperature fig. 3 - output characteristics (typ.) collector current vs. collector emitter voltage fig. 4 - diode forward voltage (typ.) vs. forward current fig. 5 - transistor capacitance (typ.) vs. collector emitter voltage fig. 6 - permissible pulse handling capability forward current vs. pulse width fig. 7 - permissible power dissipation vs. ambient temperature (%) 10 3 10 2 10 1 - 25 75 25 050 t a (c) isfh620a_01 i f = 10 ma, v cc = 5 v 1 2 3 i c i f 30 10 20 0 015 10 5 v ce (v) isfh620a_02 i f = 14 ma i f = 12 ma i f = 10 ma i f = 6 ma i f = 8 ma i f = 4 ma i f = 2 ma i f = 1 ma i c (ma) 1.2 1.1 1.0 0.9 10 -1 10 1 10 0 i s fh620a_03 v f = f (i f ) 25 c 50 c 75 c i f (ma) v f (v) 10 2 0 5 10 15 20 10 -2 10 -1 10 0 10 1 10 2 c (pf) v e (v) isfh620a_04 f = 1 mhz c ce 10 1 10 2 10 3 10 4 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 i s fh620a_05 t p i f t t d = t p d = 0 0.005 0.01 0.02 pulse cycle d = parameter t p i f 0.05 0.1 0.2 0.5 dc i f (ma) t p ( s ) 0 50 100 150 200 0 50 100 75 25 i s fh620a_06 transistor diode t a (c) p tot (mw)
sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 5 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 8 - permissible diode forward current vs. ambient temperature package dimensions in millimeters dip-4, standard 0 30 60 90 120 0 50 100 75 25 i s fh620a_07 p tot = f (t a ) i f (ma) t a (c) 5.10 max. 4.70 0.15 0.70 min. 3.55 0.25 0.50 min. 1.27 0.10 0.50 0.10 2.54 typ. pin one i.d. 43 12 7.62 typ. 6.60 0.25 3.10 0.50 0.25 0.10 3 to 9
sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 6 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dip-4, option 6 smd-4, option 7 5.10 max. 4.70 0.15 0.70 min. 3.55 0.25 3.05 0.50 1.27 0.10 0.50 0.10 2.54 typ. pin one i.d. 43 1 2 7.62 typ. 6.60 0.25 0.25 0.10 10.16 typ. 10.55 0.40 0.10 min. 5.10 max. 4.70 0.15 0.70 min. 3.55 0.25 1.27 0.10 2.54 typ. pin one i.d. 43 1 2 7.62 typ. 6.60 0.25 10.30 max. 8.00 min. 0.50 min. 0.25 0.10 4.30 0.30 lead s coplanarity 0.1 max. 0.50 min. 8.00 min. 11.05 1.52 0.76 1.78 2.54 r0.25
sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 7 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 smd-4, option 9 package marking (example) notes ? only options 1 and 7 are reflected in the package marking. ? the vde logo is only marked on option1 parts. ? tape and reel suffix (t) is not part of the package marking. solder profiles fig. 9 - wave soldering double wave profile according to j-std-020 for dip-8 devices fig. 10 - lead (pb)-free reflow solder profile according to j-std-020 for smd-8 devices 8.00 min. 11.05 1.52 0.76 1.78 2.54 r0.25 7.62 typ. 6.60 0.25 10.05 max. 0.25 0.10 lead s coplanarity 0.1 max. 8.00 min. 0.50 min. 0.20 0.10 pin one i.d. 4 3 12 1.27 0.10 2.54 typ. 3.55 0.25 5.10 max. 4.70 0.15 0.70 min. yww h 68 sfh620a-1 v x001 2 k/s second wave first wave wave ca. 5 k/s 5 s full line: typical dotted line: process limits time (s) temperature (c) 300 250 200 150 100 50 0 050100 150 200 250 94 8626 lead temperature 235 c to 260 c 100 c to 130 c ca. 200 k/s forced cooling ca. 2 k/s 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c
sfh620a, sfh6206 www.vishay.com vishay semiconductors rev. 2.3, 31-aug-15 8 document number: 83675 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 handling and storage conditions esd level: hbm class 2 floor life: unlimited conditions: t amb < 30 c, rh < 85 % moisture sensitivity level 1, according to j-std-020
legal disclaimer notice www.vishay.com vishay revision: 08-feb-17 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. ? 2017 vishay intertechnology, inc. all rights reserved


▲Up To Search▲   

 
Price & Availability of SFH6206-2T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X