Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download RP170N301D-TR-FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rp170x series 300ma 10v input ldo regulator no.ea-205-160425 1 ? rp170q (sc-88a) is the discontinued product as of april, 2016. outline the rp170x series are cmos-based ldo regulators featuring 300ma output current. because of the 10v maximum input voltage, rp170x can be used in 2 cell lithium-ion battery powered portable appliances and besides a portable equipment. the supply current is typ. 23 a though an excellent response characteristics. the output voltage range from 1.2v is possible. the out put voltage accuracy and temperature-drift coefficient of output voltage of the rp170x series are excellent. rp170x has a fold-back protection circ uit and a thermal shutdown circuit. moreover, a standby mode with ultra low supply current can be realized with the chip enable function. sc-88a, sot-23-5 and sot-89-5 with high power dissipation packages are available. features ? supply current ............................................................. typ. 23 a ? standby mode .............................................................. typ. 0.1 a ? dropout voltage ............................................................ typ. 0.20v (i out = 100ma, v out = 3.0v) typ. 0.77v (i out = 300ma, v out = 2.8v) ? ripple rejectio n ........................................................... typ. 70db (f = 1khz) ? temperature-drift coefficient of output voltage .......... typ. 80ppm/ c ? line regulation ............................................................ typ. 0.02%/v ? output voltage accuracy .............................................. 1.0% ? packages ...................................................................... sc-88a, sot-23 -5, sot-89-5 ? input voltage range ..................................................... 2.6v to 10.0v ? output voltage range .................................................. 1.2v to 6.0v (0.1v steps) ( for other voltages, please refer to mark informations.) ? built-in fold back protection circuit ............................. typ. 40ma (c urrent at short mode) ? built-in thermal shutdown circui t ................................ shutdown te mperature at 165 c ? built-in constant slope circuit (soft-start function) ? ceramic capacitors are recommend ed to be used with this ic .... 1.0 f or more applications ? power source for portable communication equipment. ? power source for electrical appliances such as cameras, vcrs and camcorders. ? power source for battery-powered equipment. ? power source for home appliances.
rp170x no.ea-205-160425 2 ? rp170q (sc-88a) is the discontinued product as of april, 2016. block diagrams rp170xxxxb rp170xxxxd v dd gnd v out ce vref current limit thermal shutdown v dd gnd v out ce vref current limit thermal shutdown selection guide the output voltage, auto discharge function, and package fo r the ics can be selected at the user?s request. product name package quantity per reel pb free halogen free rp170qxx2 ? -tr-fe sc-88a 3,000 pcs yes yes rp170nxx1 ? -tr-fe sot-23-5 3,000 pcs yes yes rp170hxx1 ? -t1-fe sot-89-5 1,000 pcs yes yes xx : the output voltage can be designated in the rang e from 1.2v(12) to 6.0v(60) in 0.1v steps. (for other voltages, please refer to mark informations.) ? : the auto discharge function at off state are options as follows. (b) without auto discharge function at off state (d) with auto discharge function at off state
rp170x no.ea-205-160425 3 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. pin configurations ? sc-88a ? sot-23-5 ? sot-89-5 5 4 1 3 2 (mark side) 1 4 5 23 (mark side) 1 3 5 4 2 pin descriptions ? sc-88a pin no symbol pin description 1 ce chip enable pin ("h" active) 2 nc no connection 3 gnd ground pin 4 v out output pin 5 v dd input pin ? sot-23-5 pin no symbol pin description 1 v dd input pin 2 gnd ground pin 3 ce chip enable pin ("h" active) 4 nc no connection 5 v out output pin ? sot-89-5 pin no symbol pin description 1 v out output pin 2 gnd ground pin 3 ce chip enable pin ("h" active) 4 nc no connection 5 v dd input pin
rp170x no.ea-205-160425 4 ? rp170q (sc-88a) is the discontinued product as of april, 2016. absolute maximum ratings symbol item rating unit v in input voltage 12 v v ce input voltage (ce pin) 12 v v out output voltage ? 0.3 to v in + 0.3 v i out output current 330 ma p d power dissipation ? (sc-88a) 380 mw power dissipation ? (sot-23-5) 420 power dissipation ? (sot-89-5) 900 t opt operating temperature range ? 40 to 85 c t stg storage temperature range ? 55 to 125 c ? ) for power dissipation, please refer to package information. absolute maximum ratings electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent damages and may degrade the life time and safe ty for both device and sy stem using the device in the field. the functional operation at or over these absolute maximum ratings is not assured. recommended operating conditions (electrical characteristics) all of electronic equipment should be designed that the mounted semiconductor devices operate within the recommended operating conditions. the semiconductor devices cannot operate normally over the recommended operating conditions, even if when they are used over such conditions by momentary electronic noise or surge. and the semiconductor de vices may receive serious damage when they continue to operate over the recommended operating conditions.
rp170x no.ea-205-160425 5 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. electrical characteristics ? rp170xxxxb/d v in = set v out + 1v, i out = 1ma, unless otherwise noted. values indicate ? 40 c t opt 85 c, unless otherwise noted. topt = 25 c symbol item conditions min. typ. max. unit v out output voltage t opt = 25 c v out > 1.5v 1.01 v v out 1.5v ? + 15 mv ? 40 c t opt 85 c v out > 1.5v 0.974 1.023 v v out 1.5v ? 40 + 35 mv i out output current 300 ma v out / i out load regulation 0.1ma i out 300ma 10 70 mv v dif dropout voltage i out = 300ma 1.2v v out < 1.3v 1.400 1.800 v 1.3v v out < 1.5v 1.350 1.750 1.5v v out < 1.8v 1.200 1.550 1.8v v out < 2.3v 0.980 1.300 2.3v v out < 3.0v 0.770 1.080 3.0v v out < 4.0v 0.600 0.850 4.0v v out 6.0v 0.500 0.750 i ss supply current i out = 0ma 23 40 a i standby standby current v in = 10.0v, v ce = gnd 0.1 1.0 a v out / v in line regulation set v out + v in 10.0v (in case that v out 2.1v, 2.6v v in 10.0v) 0.02 0.2 %/v rr ripple rejection f = 1khz, ripple 0.2vp-p, i out = = 3.0v) 70 db v in input voltage 2.6 10 v v out / t opt output voltage temperature coefficient ? 40 c t opt 85 c 80 ppm/ c i sc short current limit v out = 0v 40 ma i pd ce pull-down current 0.30 a v ceh ce input voltage "h" 1.7 v v cel ce input voltage "l" 0.8 v t tsd thermal shutdown temperature junction temperature 165 c t tsr thermal shutdown released temperature junction temperature 110 c en output noise bw = 10hz to 100khz 100 vrms r low low output nch tr. on resistance (of d version) v in = 7.0v v ce = 0v 250 all of unit are tested and specified under load conditions such that tj t opt = 25 c except for output noise, ripple rejection, output voltage temperatur e coefficient and thermal shutdown.
rp170x no.ea-205-160425 6 ? rp170q (sc-88a) is the discontinued product as of april, 2016. typical application c1 rp170x series v dd v out ce gnd c2 v out (external components) c2 1.0 f murata: grm155b31a105ke15 technical notes when using these ics, consider the following points: phase compensation in these ics, phase compensation is made for securing stable operation even if the load current is varied. for this purpose, use a capacitor c2 with 1.0 f or more and good esr (equivalent series resistance). (note: if additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for phase compensation, the operation might be unstable. becaus e of this, test these ics with as same external components as ones to be used on the pcb.) pcb layout make v dd and gnd lines sufficient. if their impedance is hi gh, noise pickup or unstable operation may result. connect a capacitor c1 with a capacitance value as much as 1.0 f or more between v dd and gnd pin, and as close as possible to the pins. set external components, especially the output capacitor c2, as close as possible to the ics, and make wiring as short as possible.
rp170x no.ea-205-160425 7 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. test circuits c1 rp170x series v dd v out ce gnd v c2 v out i out c1=ceramic 1.0 f c2=ceramic 1.0 f basic test circuit c1 rp170x series v dd v out ce gnd c2 a i ss c1=ceramic 1.0 f c2=ceramic 1.0 f v out test circuit for supply current rp170x series v dd v out ce gnd c2 pulse generator i out c2=ceramic 1.0 f p. g. test circuit for ripple rejection c1 rp170x series v dd v out ce gnd c2 i outa i outb c1=ceramic 1.0 f c2=ceramic 1.0 f v out test circuit for load transient response
rp170x no.ea-205-160425 8 ? rp170q (sc-88a) is the discontinued product as of april, 2016. typical characteristics 1) output voltage vs. output current (t opt = 25 c) rp170x12xx rp170x30xx rp170x60xx 2) output voltage vs. input voltage (t opt = 25 c) rp170x12xx rp170x30xx 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 100 200 300 400 500 600 output current i out (ma) output voltage v out (v) vin=2.6v vin=3.0v vin=4.0v 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 0 100 200 300 400 500 600 output current i out (ma) output voltage v out (v) vin=3.3v vin=3.6v vin=4.0v vin=5.0v 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 0 100 200 300 400 500 600 output current i out (ma) output voltage v out (v) vin=6.3v vin=6.6v vin=7.0v vin=8.0v 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 012345678910 input voltage v in (v) output voltage v out (v) iout=1m a iout=10m a iout=50m a iout=150m a iout=300m a 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 012345678910 input voltage v in (v) output voltage v out (v) iout=1m a iout=10m a iout=50m a iout=150ma iout=300ma
rp170x no.ea-205-160425 9 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. rp170x60xx 3) supply current vs. input voltage (t opt = 25 c) rp170x12xx rp170x30xx rp170x60xx 0 5 10 15 20 25 30 35 40 0123456 input voltage v in (v) supply current iss ( a) 0 5 10 15 20 25 30 35 40 0123456 input voltage v in (v) supply current iss ( a) 0 5 10 15 20 25 30 35 40 012345678910 input voltage v in (v) supply current iss ( a) 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 012345678910 input voltage v in (v) output voltage v out (v) iout=1m a iout=10m a iout=50m a iout=150m a iout=300m a
rp170x no.ea-205-160425 10 ? rp170q (sc-88a) is the discontinued product as of april, 2016. 4) supply current vs. output current (t opt = 25 c) rp170x 5) output voltage vs. temperature rp170x12xx rp170x30xx rp170x60xx 0 20 40 60 80 100 120 140 160 0 50 100 150 200 250 300 output current i out (ma) supply current iss ( a) 1.15 1.16 1.17 1.18 1.19 1.20 1.21 1.22 1.23 1.24 1.25 -50 -25 0 25 50 75 100 temperature topt (c) output voltage v out (v) 2.90 2.92 2.94 2.96 2.98 3.00 3.02 3.04 3.06 3.08 3.10 -50 -25 0 25 50 75 100 temperature topt (c) output voltage v out (v) 5.80 5.84 5.88 5.92 5.96 6.00 6.04 6.08 6.12 6.16 6.20 -50 -25 0 25 50 75 100 temperature topt (c) output voltage v out (v)
rp170x no.ea-205-160425 11 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. 6) supply current vs. temperature rp170x12xx rp170x30xx rp170x60xx 7) dropout voltage vs. output current rp170x12xx rp170x30xx 0 5 10 15 20 25 30 35 40 -50-25 0 255075100 temperature topt (c) supply current iss ( a) 0 5 10 15 20 25 30 35 40 -50 -25 0 25 50 75 100 temperature topt (c) supply current iss ( a) 0 5 10 15 20 25 30 35 40 -50 -25 0 25 50 75 100 temperature topt (c) supply current iss ( a) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 50 100 150 200 250 300 output current i out (ma) dropout voltage v dif (v) 85c 25c -40c 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 50 100 150 200 250 300 output current i out (ma) dropout voltage v dif (v) 85c 25c -40c
rp170x no.ea-205-160425 12 ? rp170q (sc-88a) is the discontinued product as of april, 2016. rp170x60xx 8) dropout voltage vs. set output voltage (t opt = 25 c) rp170x 9) minimum operating voltage rp170x12xx 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 50 100 150 200 250 300 output current i out (ma) dropout voltage v dif (v) 85c 25c -40c 0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70 0.80 0.90 123456 set output voltage v reg (v) dropout voltage v dif (v) 10ma 30ma 50ma 100ma 150ma 300ma 2.00 2.20 2.40 2.60 2.80 3.00 3.20 0 50 100 150 200 250 300 output current i out (ma) input voltage v in (v) hatched area is avaiable for 1.2v output
rp170x no.ea-205-160425 13 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. 10) ripple rejection vs. input bias voltage ( c1 = none, c2 = ceramic 1.0 f, ripple = 0.2vp-p, t opt = 25 c ) rp170x30xx rp170x30xx rp170x30xx 11) ripple rejection vs. frequency (c1 = none, c2 = ceramic 1.0 f, t opt =25c) rp170x12xx rp170x12xx 0 10 20 30 40 50 60 70 80 90 100 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 input voltage v in (v) ripple rejection rr (db) f=300hz f=1khz f=10khz f=100khz i out =1ma 0 10 20 30 40 50 60 70 80 90 100 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 input voltage v in (v) ripple rejection rr (db) f=100hz f=1khz f=10khz f=100khz i out =30ma 0 10 20 30 40 50 60 70 80 90 100 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 input voltage v in (v) ripple rejection rr (db) f=300hz f=1khz f=10khz f=100khz i out =100ma 0 10 20 30 40 50 60 70 80 90 100 110 120 0.1 1 10 100 frequency f (khz) ripple rejection rr (db) iout=1m a iout=30m a iout=100m a v in =2.6vdc+0.2vp-p 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 frequency f (khz) ripple rejection rr (db) iout=1m a iout=30ma iout=100ma v in =3.0vdc+0.2vp-p
rp170x no.ea-205-160425 14 ? rp170q (sc-88a) is the discontinued product as of april, 2016. rp170x30xx rp170x30xx rp170x60xx rp170x60xx 12) input transient response (c1 = none, i out = 30ma, tr = tf = 5 s, t opt = 25 c) rp170x12xx rp170x12xx 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 frequency f (khz) ripple rejection rr (db) iout=1m a iout=30m a iout=100ma v in =4.0vdc+0.2vp-p 0 10 20 30 40 50 60 70 80 90 100 110 0.1 1 10 100 frequency f (khz) ripple rejection rr (db) iout=1m a iout=30ma iout=100ma v in =5.0vdc+0.2vp-p 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 frequency f (khz) ripple rejection rr (db) iout=1m a iout=30m a iout=100m a v in =7.0vdc+0.2vp-p 0 10 20 30 40 50 60 70 80 90 100 0.1 1 10 100 frequency f (khz) ripple rejection rr (db) iout=1m a iout=30ma iout=100ma v in =8.0vdc+0.2vp-p 1.16 1.18 1.20 1.22 1.24 1.26 1.28 1.30 1.32 0 102030405060708090100 time t ( s) output voltage v out ( v) -3 -2 -1 0 1 2 3 4 5 input voltage v in (v) c2=ceramic 1.0 f input voltage output voltage 1.16 1.18 1.20 1.22 1.24 1.26 1.28 1.30 1.32 0 102030405060708090100 time t ( s) output voltage v out (v) -3 -2 -1 0 1 2 3 4 5 input voltage v in (v) c2=ceramic 2.2 f input voltage output voltage
rp170x no.ea-205-160425 15 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. rp170x30xx rp170x30xx rp170x60xx rp170x60xx 13) load transient response (c1 = ceramic 1.0 f, tr = tf = 500ns, t opt = 25 c) rp170x12xx rp170x12xx 2.96 2.98 3.00 3.02 3.04 3.06 3.08 3.10 3.12 0 102030405060708090100 time t ( s) output voltage v out ( v) -2 -1 0 1 2 3 4 5 6 input voltage v in (v) c2=ceramic 1.0 f input voltage output voltage 2.96 2.98 3.00 3.02 3.04 3.06 3.08 3.10 3.12 0 102030405060708090100 time t ( s) output voltage v out (v) -2 -1 0 1 2 3 4 5 6 input voltage v in (v) c2=ceramic 2.2 f input voltage output voltage 5.96 5.98 6.00 6.02 6.04 6.06 6.08 6.10 6.12 0 102030405060708090100 time t ( s) output voltage v out ( v) 1 2 3 4 5 6 7 8 9 input voltage v in (v) c2=ceramic 1.0 f input voltage output voltage 5.96 5.98 6.00 6.02 6.04 6.06 6.08 6.10 6.12 0 102030405060708090100 time t ( s) output voltage v out (v) 1 2 3 4 5 6 7 8 9 input voltage v in (v) c2=ceramic 2.2 f input voltage output voltage 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 -20-100 1020304050607080 time t ( s) output voltage v out (v) -250 -200 -150 -100 -50 0 50 100 150 output current i out (ma) c2=1.0 f c2=2.2 f output current : 50ma ? 100ma output voltage 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 -20-100 1020304050607080 time t ( s) output voltage v out (v) -180 -150 -120 -90 -60 -30 0 30 60 output current i out (ma) c2=1.0 f c2=2.2 f output current : 0ma ? 30ma output voltage
rp170x no.ea-205-160425 16 ? rp170q (sc-88a) is the discontinued product as of april, 2016. rp170x12xx rp170x12xx rp170x30xx rp170x30xx rp170x30xx rp170x30xx 0.4 0.8 1.2 1.6 2 2.4 2.8 3.2 3.6 -40 -20 0 20 40 60 80 100 120 140 160 time t ( s) output voltage v out (v) -1800 -1500 -1200 -900 -600 -300 0 300 600 output current i out (ma) c2=1.0 f c2=2.2 f output current : 1m a ? 300ma output voltage 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 -20-100 1020304050607080 time t ( s) output voltage v out (v) -180 -150 -120 -90 -60 -30 0 30 60 output current i out (ma) c2=1.0 f c2=2.2 f output current : 0ma ? 30ma output voltage 2.2 2.6 3.0 3.4 3.8 4.2 4.6 5.0 5.4 -40-200 20406080100120140160 time t ( s) output voltage v out (v) -900 -750 -600 -450 -300 -150 0 150 300 output current i out (ma) c2=1.0 f c2=2.2 f output current : 1ma ? 150ma output voltage 1.4 2.2 3.0 3.8 4.6 5.4 6.2 7.0 7.8 -40 -20 0 20 40 60 80 100 120 140 160 time t ( s) output voltage v out (v) -1800 -1500 -1200 -900 -600 -300 0 300 600 output current i out (ma) c2=1.0 f c2=2.2 f output current : 1m a ? 300ma output voltage 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 -40-200 20406080100120140160 time t ( s) output voltage v out (v) -900 -750 -600 -450 -300 -150 0 150 300 output current i out (ma) c2=1.0 f c2=2.2 f output current : 1ma ? 150ma output voltage 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 -20-100 1020304050607080 time t ( s) output voltage v out (v) -250 -200 -150 -100 -50 0 50 100 150 output current i out (ma) c2=1.0 f c2=2.2 f output current : 50ma ? 100ma output voltage
rp170x no.ea-205-160425 17 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. rp170x60xx rp170x60xx rp170x60xx rp170x60xx 5.8 5.9 6.0 6.1 6.2 6.3 6.4 6.5 6.6 -20-100 1020304050607080 time t ( s) output voltage v out (v) -180 -150 -120 -90 -60 -30 0 30 60 output current i out (ma) c2=1.0 f c2=2.2 f output current : 0ma ? 30ma output voltage 5.8 5.9 6.0 6.1 6.2 6.3 6.4 6.5 6.6 -20-100 1020304050607080 time t ( s) output voltage v out (v) -250 -200 -150 -100 -50 0 50 100 150 output current i out (ma) c2=1.0 f c2=2.2 f output current : 50ma ? 100ma output voltage 4.4 5.2 6.0 6.8 7.6 8.4 9.2 10.0 10.8 -40-200 20406080100120140160 time t ( s) output voltage v out (v) -1800 -1500 -1200 -900 -600 -300 0 300 600 output current i out (ma) c2=1.0 f c2=2.2 f output current : 1ma ? 300ma output voltage 5.2 5.6 6.0 6.4 6.8 7.2 7.6 8.0 8.4 -40 -20 0 20 40 60 80 100 120 140 160 time t ( s) output voltage v out (v) -900 -750 -600 -450 -300 -150 0 150 300 output current i out (ma) c2=1.0 f c2=2.2 f output current : 1m a ? 150ma output voltage
rp170x no.ea-205-160425 18 ? rp170q (sc-88a) is the discontinued product as of april, 2016. 14) turn on speed with ce pin (c1 = ceramic 1.0 f, t opt = 25 c) rp170x12xx rp170x30xx rp170x60xx -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -100 0 100 200 300 400 500 600 700 800 900 inrush current irush (ma) iout=0ma iout=1ma iout=30ma iout=300ma ce input voltage output voltage v in =2.6v, c2=ceramic1.0 f inrus h curren t -5 -4 -3 -2 -1 0 1 2 3 4 5 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -100 0 100 200 300 400 500 600 700 800 900 inrush current irush (ma) iout=0ma iout=1ma iout=30ma iout=300ma ce input voltage output voltage v in =4.0v, c2=ceramic1.0 f inrus h curren t -10 -8 -6 -4 -2 0 2 4 6 8 10 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -100 0 100 200 300 400 500 600 700 800 900 inrush current irush (ma) iout=0ma iout=1ma iout=30ma iout=300ma ce input voltage output voltage v in =7.0v, c2=ceramic1.0 f inrus h curren t
rp170x no.ea-205-160425 19 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. rp170x12xx rp170x30xx rp170x60xx -2.5 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 2.5 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -200 0 200 400 600 800 1000 1200 1400 1600 1800 inrush current irush (ma) c2=1.0 f c2=2.2 f c2=4.7 f c2=10 f ce input voltage output voltage v in =2.6v, i out =1ma inrush curren t -5 -4 -3 -2 -1 0 1 2 3 4 5 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -200 0 200 400 600 800 1000 1200 1400 1600 1800 inrush current irush (ma) c2=1.0 f c2=2.2 f c2=4.7 f c2=10 f ce input voltage output voltage v in =4.0v, i out =1ma inrush curren t -10 -8 -6 -4 -2 0 2 4 6 8 10 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -200 0 200 400 600 800 1000 1200 1400 1600 1800 inrush current irush (ma) c2=1.0 f c2=2.2 f c2=4.7 f c2=10 f ce input voltage output voltage v in =7.0v, i out =1ma inrush current
rp170x no.ea-205-160425 20 ? rp170q (sc-88a) is the discontinued product as of april, 2016. rp170x12xx rp170x30xx rp170x60xx -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -100 0 100 200 300 400 500 600 700 800 900 inrush current irush (ma) vin=2.6v vin=4v vin=10v ce input voltage output voltage i out =1ma, c2=ceramic1.0 f inrush curren t -5 -4 -3 -2 -1 0 1 2 3 4 5 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -100 0 100 200 300 400 500 600 700 800 900 inrush current irush (ma) vin=4v vin=6v vin=10v ce input voltage output voltage i out =1ma, c2=ceramic1.0 f inrush curren t -10 -8 -6 -4 -2 0 2 4 6 8 10 -50 0 50 100 150 200 250 300 time t ( s) ce input voltage v ce / output voltage v out (v) -100 0 100 200 300 400 500 600 700 800 900 inrush current irush (ma) vin=7v vin=8v vin=10v ce input voltage output voltage i out =1ma, c2=ceramic1.0 f inrush curren t
rp170x no.ea-205-160425 21 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. 15) turn off speed with ce pin (d version) (c1 = ceramic 1.0 f, t opt = 25 c) rp170x121d rp170x301d rp170x601d -0.4 0.0 0.4 0.8 1.2 1.6 2.0 2.4 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 time t (ms) output voltage v out (v) -10 -8 -6 -4 -2 0 2 4 ce input voltage v ce (v) iout=0ma iout=1ma iout=30ma iout=300ma ce input voltage v in =2.6v output voltage -1 0 1 2 3 4 5 6 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 time t (ms) output voltage v out (v) -10 -8 -6 -4 -2 0 2 4 ce input voltage v ce (v) iout=0ma iout=1ma iout=30ma iout=300ma v in =4.0v ce input voltage output voltage -2 0 2 4 6 8 10 12 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 time t (ms) output voltage v out (v) -10 -8 -6 -4 -2 0 2 4 ce input voltage v ce (v) iout=0ma iout=1ma iout=30ma iout=300ma v in =7.0v ce input voltage output voltage
rp170x no.ea-205-160425 22 ? rp170q (sc-88a) is the discontinued product as of april, 2016. esr vs. output current ceramic type output capacitor is recommended for this se ries; however, the other output capacitors with low esr also can be used. the relations between i out (output current) and esr of an output capacitor are shown below. the conditions when the white noise level is under 40 v (avg.) are marked as the hatched area in the graph. measurement conditions frequency band : 10hz to 2mhz temperature : ? 40 c to 85 c c1, c2 : ceramic 1.0 f (murata grm155b31a105ke) rp170x12xx rp170x30xx rp170x60xx 0.01 0.1 1 10 100 1000 0 50 100 150 200 250 300 output current i out (ma) esr ( ? ) topt=-40, 85c v in =2.6v to 10.0v 0.01 0.1 1 10 100 1000 0 50 100 150 200 250 300 output current i out (ma) esr ( ? ) topt=-40, 85c v in =3.0v to 10.0v 0.01 0.1 1 10 100 1000 0 50 100 150 200 250 300 output current i out (ma) esr ( ? ) topt=-40, 85c v in =6.0v to 10.0v
rp170x no.ea-205-160425 23 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. power dissipation p d (mw) 600 500 400 300 200 100 0 0 25 50 75 100 125 150 ambient temperature ( c) power dissipation 85 on board 380 150 free air package information ? power dissipation (sc-88a) power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below; measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (double layers) board dimensions 40mm 40mm 1.6mm copper ratio top side: approx. 50%, back side: approx. 50% through-hole 0.5mm 44pcs measurement result (ta=25 c, tjmax=125 c) standard land pattern free air power dissipation 380mw 150mw thermal resistance ja=(125-25 c)/0.38w=263 c/w ja=(125-25 c)/0.15w=667 c/w jc=75 c/w - measurment board pattern ic mount area (unit : mm) 40 40
rp170x no.ea-205-160425 24 ? rp170q (sc-88a) is the discontinued product as of april, 2016. ? package dimensions (sc-88a) 2.00.2 1.30.2 5 1 2 3 4 + 0.2 - 0.1 1.25 2.10.3 0 0.1 unit : mm 0.2 a 0.65 0.150.07 0 14 0.15 0.360.1 + 0.1 - 0.05 b 0.10 s ab 0.10 s + 0.1 - 0.2 0.9 1.1max. s ? mark specification (sc-88a) cdef : product code ......... refer to the marking list table gh : lot no. ................... alphanumeric serial number. ?? ?? 5 1 2 3 4
rp170x no.ea-205-160425 25 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. rp170q series marking list table pkg: sc-88a (non-promotion) rp170qxx2b product name cdef vset product name cdef vset product name cdef vset rp170q122b aa01 1.2v rp170q312b aa23 3.1v rp170q512b aa43 5.1v rp170q132b aa03 1.3v rp170q322b aa24 3.2v rp170q522b aa44 5.2v rp170q142b aa04 1.4v rp170q332b aa25 3.3v rp170q532b aa45 5.3v rp170q152b aa05 1.5v rp170q342b aa26 3.4v rp170q542b aa46 5.4v rp170q162b aa06 1.6v rp170q352b aa27 3.5v rp170q552b aa47 5.5v rp170q172b aa07 1.7v rp170q362b aa28 3.6v rp170q562b aa48 5.6v rp170q182b aa08 1.8v rp170q372b aa29 3.7v rp170q572b aa49 5.7v rp170q192b aa10 1.9v rp170q382b aa30 3.8v rp170q582b aa50 5.8v rp170q202b aa11 2.0v rp170q392b aa31 3.9v rp170q592b aa51 5.9v rp170q212b aa12 2.1v rp170q402b aa32 4.0v rp170q602b aa52 6.0v rp170q222b aa13 2.2v rp170q412b aa33 4.1v rp170q232b aa14 2.3v rp170q422b aa34 4.2v rp170q122b5 aa02 1.25v rp170q242b aa15 2.4v rp170q432b aa35 4.3v rp170q182b5 aa09 1.85v rp170q252b aa16 2.5v rp170q442b aa36 4.4v rp170q282b5 aa20 2.85v rp170q262b aa17 2.6v rp170q452b aa37 4.5v rp170q272b aa18 2.7v rp170q462b aa38 4.6v rp170q282b aa19 2.8v rp170q472b aa39 4.7v rp170q292b aa21 2.9v rp170q482b aa40 4.8v rp170q302b aa22 3.0v rp170q492b aa41 4.9v rp170q502b aa42 5.0v rp170qxx2d product name cdef vset product name cdef vset product name cdef vset rp170q122d ab01 1.2v rp170q312d ab23 3.1v rp170q512d ab43 5.1v rp170q132d ab03 1.3v rp170q322d ab24 3.2v rp170q522d ab44 5.2v rp170q142d ab04 1.4v rp170q332d ab25 3.3v rp170q532d ab45 5.3v rp170q152d ab05 1.5v rp170q342d ab26 3.4v rp170q542d ab46 5.4v rp170q162d ab06 1.6v rp170q352d ab27 3.5v rp170q552d ab47 5.5v rp170q172d ab07 1.7v rp170q362d ab28 3.6v rp170q562d ab48 5.6v rp170q182d ab08 1.8v rp170q372d ab29 3.7v rp170q572d ab49 5.7v rp170q192d ab10 1.9v rp170q382d ab30 3.8v rp170q582d ab50 5.8v rp170q202d ab11 2.0v rp170q392d ab31 3.9v rp170q592d ab51 5.9v rp170q212d ab12 2.1v rp170q402d ab32 4.0v rp170q602d ab52 6.0v rp170q222d ab13 2.2v rp170q412d ab33 4.1v rp170q232d ab14 2.3v rp170q422d ab34 4.2v rp170q122d5 ab02 1.25v rp170q242d ab15 2.4v rp170q432d ab35 4.3v rp170q182d5 ab09 1.85v rp170q252d ab16 2.5v rp170q442d ab36 4.4v rp170q282d5 ab20 2.85v rp170q262d ab17 2.6v rp170q452d ab37 4.5v rp170q272d ab18 2.7v rp170q462d ab38 4.6v rp170q282d ab19 2.8v rp170q472d ab39 4.7v rp170q292d ab21 2.9v rp170q482d ab40 4.8v rp170q302d ab22 3.0v rp170q492d ab41 4.9v rp170q502d ab42 5.0v
rp170x no.ea-205-160425 26 ? rp170q (sc-88a) is the discontinued product as of april, 2016. 0 100 200 300 400 500 600 0 25 50 75 100 125 150 a mbient temperature (c) power dissipation p d (mw) 250 420 525 85 free air on board ? power dissipation (sot-23-5) power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below. (power dissipat ion (sot-23-5) is substitution of sot-23-6.) measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (double-sided) board dimensions 40mm x 40mm x 1.6mm copper ratio topside: approx. 50%, backside: approx. 50% through-holes 0.5mm x 44pcs measurement result (ta=25 c) standard land pattern free air power dissipation 420mw (tjmax=125 c) 525mw (tjmax=150 c) 250mw (tjmax=125 c) thermal resistance ja = (125-25 c)/0.42w= 238 c/w 400 c/w measurement board pattern power dissipation ic mount area (unit: mm) the above graph shows the power dissipation of the package based on tjmax=125 c and tjmax=150 c. operating the ic in the shaded area in the graph might have an influence it's lifetime. operating time must be within the time limit described in the table below, in case of operating in the shaded area. operating time estimated years (operating 4 hours/day) 9,000 hours 6 years
rp170x no.ea-205-160425 27 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. ? package dimensions (sot-23-5) ? mark specification (sot-23-5) cde : product code ... refer to the marking list table fg : lot no. ? alphanumeric serial number 2.90.2 1.90.2 (0.95) (0.95) 5 4 1 2 3 1.6 - 0.1 +0.2 2.80.3 0.40.1 0.80.1 1.10.1 0 0.1 0.15 - 0.05 +0.1 unit : mm 0.2min. 5 4 cdefg 1 2 3
rp170x no.ea-205-160425 28 ? rp170q (sc-88a) is the discontinued product as of april, 2016. rp170n series marking list table pkg: sot-23-5 rp170nxx1b product name cde vset product name cde vset product name cde vset rp170n121b faa 1.2v rp170n311b fay 3.1v rp170n511b gau 5.1v rp170n131b fac 1.3v rp170n321b faz 3.2v rp170n521b gav 5.2v rp170n141b fad 1.4v rp170n331b gaa 3.3v rp170n531b gaw 5.3v rp170n151b fae 1.5v rp170n341b gab 3.4v rp170n541b gax 5.4v rp170n161b faf 1.6v rp170n351b gac 3.5v rp170n551b gay 5.5v rp170n171b fag 1.7v rp170n361b gad 3.6v rp170n561b gaz 5.6v rp170n181b fah 1.8v rp170n371b gae 3.7v rp170n571b haa 5.7v rp170n191b fak 1.9v rp170n381b gaf 3.8v rp170n581b hab 5.8v rp170n201b fal 2.0v rp170n391b gag 3.9v rp170n591b hac 5.9v rp170n211b fam 2.1v rp170n401b gah 4.0v rp170n601b had 6.0v rp170n221b fan 2.2v rp170n411b gaj 4.1v rp170n231b fap 2.3v rp170n421b gak 4.2v rp170n121b5 fab 1.25v rp170n241b faq 2.4v rp170n431b gal 4.3v rp170n181b5 faj 1.85v rp170n251b far 2.5v rp170n441b gam 4.4v rp170n281b5 fav 2.85v rp170n261b fas 2.6v rp170n451b gan 4.5v rp170n271b fat 2.7v rp170n461b gap 4.6v rp170n281b fau 2.8v rp170n471b gaq 4.7v rp170n291b faw 2.9v rp170n481b gar 4.8v rp170n301b fax 3.0v rp170n491b gas 4.9v rp170n501b gat 5.0v rp170nxx1d product name cde vset product name cde vset product name cde vset rp170n121d fba 1.2v rp170n311d fby 3.1v rp170n511d gbu 5.1v rp170n131d fbc 1.3v rp170n321d fbz 3.2v rp170n521d gbv 5.2v rp170n141d fbd 1.4v rp170n331d gba 3.3v rp170n531d gbw 5.3v rp170n151d fbe 1.5v rp170n341d gbb 3.4v rp170n541d gbx 5.4v rp170n161d fbf 1.6v rp170n351d gbc 3.5v rp170n551d gby 5.5v rp170n171d fbg 1.7v rp170n361d gbd 3.6v rp170n561d gbz 5.6v rp170n181d fbh 1.8v rp170n371d gbe 3.7v rp170n571d hba 5.7v rp170n191d fbk 1.9v rp170n381d gbf 3.8v rp170n581d hbb 5.8v rp170n201d fbl 2.0v rp170n391d gbg 3.9v rp170n591d hbc 5.9v rp170n211d fbm 2.1v rp170n401d gbh 4.0v rp170n601d hbd 6.0v rp170n221d fbn 2.2v rp170n411d gbj 4.1v rp170n231d fbp 2.3v rp170n421d gbk 4.2v rp170n121d5 fbb 1.25v rp170n241d fbq 2.4v rp170n431d gbl 4.3v rp170n181d5 fbj 1.85v rp170n251d fbr 2.5v rp170n441d gbm 4.4v rp170n281d5 fbv 2.85v rp170n261d fbs 2.6v rp170n451d gbn 4.5v rp170n271d fbt 2.7v rp170n461d gbp 4.6v rp170n281d fbu 2.8v rp170n471d gbq 4.7v rp170n291d fbw 2.9v rp170n481d gbr 4.8v rp170n301d fbx 3.0v rp170n491d gbs 4.9v rp170n501d gbt 5.0v
rp170x no.ea-205-160425 29 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. power dissipation p d (mw) 1500 1400 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 0 25 50 75 100 125 150 ambient temperature ( c) 85 on board (standard land pattern) on board ( hi g h watta g e land pattern ) free air ? power dissipation (sot-89-5) this specification is at mount ed on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: measurement conditions high wattage land pattern standard land pattern environment mounting on board (wind velocity=0m/s) mounting on board (wind velocity=0m/s) board material glass cloth epoxy plastic (doubl e-sided) glass cloth epoxy plastic (double-sided) board dimensions 30mm ? 30mm ? 1.6mm 50mm * 50mm ? 1.6mm copper ratio top side: approx. 20% back side: approx. 100% top side: approx. 10% back side: approx. 100% through-hole 0.85mm ? 10pcs - measurement result (ta=25 c) high wattage land pattern standard land pattern free air power dissipation 1300mw 900mw (tjmax=125 c) 1125mw (tjmax=150 c) 500mw thermal resistance 77 c/w 111 c/w 200 c/w measurement board pattern ic mount area unit: mm 30 7.5 15 30 7.5 50 50 high wattage standard 15 - the above graph shows the power dissipation of the package based on tjmax=125 c and tjmax=150 c. operating the ic in the shaded area in the graph might have an influence it's lifetime. operating time must be within the time limit described in the table below, in case of operating in the shaded area. operating time estimated years (operating four hours/day) 9,000 hours 6years 0 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 0 25 50 75 100 125 150 a mbient temperature (c) power dissipation p d (mw) 85 900 1125 on board power dissipation
rp170x no.ea-205-160425 30 ? rp170q (sc-88a) is the discontinued product as of april, 2016. ? package dimensions (sot-89-5) 1.50.1 1.50.1 0.470.1 0.420.1 0.420.1 1.50.1 0.40.1 0.40.1 0.1 s s 0.30.2 0.30.2 4 5 3 2 1 bottom view 0.420.1 4.50.1 1.60.2 4.350.1 2.50.1 0.40.3 5 4 1 2 3 1.0 1.000.2 unit : mm ? mark specification (sot-89-5) cdef : product code ......... refer to the mark list table gh : lot no. ................... alphanumeric serial number. cde fgh
rp170x no.ea-205-160425 31 ? rp170q ( sc-88 a ) is the discontinued product as of a pril, 2016. rp170h series marking list table pkg: sot-89-5 rp170hxx1b product name cdef vset product name cdef vset product name cdef vset rp170h121b y12b 1.2v rp170h311b y31b 3.1v rp170h511b y51b 5.1v rp170h131b y13b 1.3v rp170h321b y32b 3.2v rp170h521b y52b 5.2v rp170h141b y14b 1.4v rp170h331b y33b 3.3v rp170h531b y53b 5.3v rp170h151b y15b 1.5v rp170h341b y34b 3.4v rp170h541b y54b 5.4v rp170h161b y16b 1.6v rp170h351b y35b 3.5v rp170h551b y55b 5.5v rp170h171b y17b 1.7v rp170h361b y36b 3.6v rp170h561b y56b 5.6v rp170h181b y18b 1.8v rp170h371b y37b 3.7v rp170h571b y57b 5.7v rp170h191b y19b 1.9v rp170h381b y38b 3.8v rp170h581b y58b 5.8v rp170h201b y20b 2.0v rp170h391b y39b 3.9v rp170h591b y59b 5.9v rp170h211b y21b 2.1v rp170h401b y40b 4.0v rp170h601b y60b 6.0v rp170h221b y22b 2.2v rp170h411b y41b 4.1v rp170h231b y23b 2.3v rp170h421b y42b 4.2v rp170h121b5 y01b 1.25v rp170h241b y24b 2.4v rp170h431b y43b 4.3v rp170h181b5 y02b 1.85v rp170h251b y25b 2.5v rp170h441b y44b 4.4v rp170h281b5 y03b 2.85v rp170h261b y26b 2.6v rp170h451b y45b 4.5v rp170h271b y27b 2.7v rp170h461b y46b 4.6v rp170h281b y28b 2.8v rp170h471b y47b 4.7v rp170h291b y29b 2.9v rp170h481b y48b 4.8v rp170h301b y30b 3.0v rp170h491b y49b 4.9v rp170h501b y50b 5.0v rp170hxx1d product name cdef vset product name cdef vset product name cdef vset rp170h121d y12d 1.2v rp170h311d y31d 3.1v rp170h511d y51d 5.1v rp170h131d y13d 1.3v rp170h321d y32d 3.2v rp170h521d y52d 5.2v rp170h141d y14d 1.4v rp170h331d y33d 3.3v rp170h531d y53d 5.3v rp170h151d y15d 1.5v rp170h341d y34d 3.4v rp170h541d y54d 5.4v rp170h161d y16d 1.6v rp170h351d y35d 3.5v rp170h551d y55d 5.5v rp170h171d y17d 1.7v rp170h361d y36d 3.6v rp170h561d y56d 5.6v rp170h181d y18d 1.8v rp170h371d y37d 3.7v rp170h571d y57d 5.7v rp170h191d y19d 1.9v rp170h381d y38d 3.8v rp170h581d y58d 5.8v rp170h201d y20d 2.0v rp170h391d y39d 3.9v rp170h591d y59d 5.9v rp170h211d y21d 2.1v rp170h401d y40d 4.0v rp170h601d y60d 6.0v rp170h221d y22d 2.2v rp170h411d y41d 4.1v rp170h231d y23d 2.3v rp170h421d y42d 4.2v rp170h121d5 y01d 1.25v rp170h241d y24d 2.4v rp170h431d y43d 4.3v rp170h181d5 y02d 1.85v rp170h251d y25d 2.5v rp170h441d y44d 4.4v rp170h281d5 y03d 2.85v rp170h261d y26d 2.6v rp170h451d y45d 4.5v rp170h271d y27d 2.7v rp170h461d y46d 4.6v rp170h281d y28d 2.8v rp170h471d y47d 4.7v rp170h291d y29d 2.9v rp170h481d y48d 4.8v rp170h301d y30d 3.0v rp170h491d y49d 4.9v rp170h501d y50d 5.0v
http://www.e-devices.ricoh.co.jp/en/ 4bmft4vqqpsu0$?dft 3*$0)&-&$530/*$%&7*$&4$0 -5% )jhbtij4ijobhbxb0$?df *oufsobujpobm4bmft
 )jhbtij4ijobhbxb 4ijobhbxblv 5plzp +bqbo 1ipof 'by  3*$0)&6301& /&5)&3-"/%4
#7 4fnjdpoevdups4vqqpsu$fousf 1spg8),fftpnmbbo %+"ntufmwffo 5if/fuifsmboet 1ipof  3*$0)*/5&3/"5*0/"-#7(fsnbo#sbodi 4fnjdpoevdups4bmftboe4vqqpsu$fousf 0cfssbuifs4usbttf %?ttfmepsg (fsnboz 1ipof  3*$0)&-&$530/*$%&7*$&4,03&"$0 -5% ' )bftvoh#meh  5fifsbosp (bohobnhv 4fpvm   ,psfb 1ipof 'by  3*$0)&-&$530/*$%&7*$&44)"/()"*$0 -5% 3ppn /p#vjmejoh /p#jcp3pbe 1v%poh/fx%jtusjdu 4ibohibj  1fpqmft3fqvcmjdpg$ijob 1ipof 'by  3*$0)&-&$530/*$%&7*$&4$0 -5% 5bjqfjp$?df 3ppn ' /p )fohzboh3e 5bjqfj$juz 5bjxbo 30 $
1ipof 'by  ricoh is committed to reducing the environmental loading materials in electrical devices with a view to contributing to the protection of human health and the environment. ricoh has been providing rohs compliant products since april 1, 2006 and halogen-free products since april 1, 2012. halogen free  5ifqspevdutboeuifqspevdutqfdjpdbujpoteftdsjcfejouijtep dvnfoubsftvckfduupdibohfps ejtdpoujovbujpopgqspevdujpoxjuipvuopujdfgpssfbtpot tvdibtjnqspwfnfou5ifsfgpsf cfgpsfefdjejoh upvtfuifqspevdut qmfbtfsfgfsup3jdpitbmftsfqsftfoubujwf tgpsuifmbuftujogpsnbujpouifsfpo 5ifnbufsjbmtjouijtepdvnfounbzopucfdpqjfepspuifsxjtfsfqspevdfejoxipmfpsjoqbsuxjuipvu qsjpsxsjuufodpotfoupg3jdpi 1mfbtfcftvsfupublfbozofdfttbszgpsnbmjujftvoefssfmfwboumbxtpssfhvmbujpotcfgpsffyqpsujohps puifsxjtfubljohpvupgzpvsdpvouszuifqspevdutpsuifufdioj dbmjogpsnbujpoeftdsjcfeifsfjo  5ifufdiojdbmjogpsnbujpoeftdsjcfejouijtepdvnfoutipxtuzqj dbmdibsbdufsjtujdtpgboefybnqmf bqqmjdbujpodjsdvjutgpsuifqspevdut5ifsfmfbtfpgtvdijogp snbujpojtopuupcfdpotusvfebtbxbssbouz pgpsbhsboupgmjdfotfvoefs3jdpitpsbozuijseqbsuztjou fmmfduvbmqspqfsuzsjhiutpsbozpuifssjhiut  5ifqspevdutmjtufejouijtepdvnfoubsfjoufoefeboeeftjhofe gpsvtfbthfofsbmfmfduspojd dpnqpofoutjotuboebsebqqmjdbujpot p$?dffrvjqnfou ufmfdpnnvo jdbujpofrvjqnfou nfbtvsjoh jotusvnfout dpotvnfsfmfduspojdqspevdut bnvtfnfoufrvjqnfou fud
5iptfdvtupnfstjoufoejohup vtf bqspevdujobobqqmjdbujposfrvjsjohfyusfnfrvbmjuzboesfmjb cjmjuz gpsfybnqmf jobijhimztqfdjpd bqqmjdbujpoxifsfuifgbjmvsfpsnjtpqfsbujpopguifqspevdudp vmesftvmujoivnbojokvszpsefbui bjsdsbgu tqbdfwfijdmf ovdmfbssfbdupsdpouspmtztufn usb$?d dpouspmtztufn bvupnpujwfboe usbotqpsubujpofrvjqnfou dpncvtujpofrvjqnfou tbgfuzefwjdft mjgftvqqpsutztufnfud
tipvmepstu dpoubduvt 8fbsfnbljohpvsdpoujovpvtf$?psuupjnqspwfuifrvbmjuzboesfmjbcjmjuzpgpvsqspevdut cvu tfnjdpoevdupsqspevdutbsfmjlfmzupgbjmxjuidfsubjoqspcbcjm juz*opsefsupqsfwfoubozjokvszup qfstpotpsebnbhftupqspqfsuzsftvmujohgspntvdigbjmvsf dvt upnfsttipvmecfdbsfgvmfopvhiup jodpsqpsbuftbgfuznfbtvsftjouifjseftjho tvdibtsfevoebodz gfbuvsf psfdpoubjonfougfbuvsfboe gbjmtbgfgfbuvsf8fepopubttvnfbozmjbcjmjuz pssftqpotjcjmjuzgpsbozmpttpsebnbhfbsjtjohgspn njtvtfpsjobqqspqsjbufvtfpguifqspevdut "oujsbejbujpoeftjhojtopujnqmfnfoufejouifqspevduteftdsjcfejouijtepdvnfou  1mfbtfdpoubdu3jdpitbmftsfqsftfoubujwfttipvmezpvibwfboz rvftujpotpsdpnnfoutdpodfsojoh uifqspevdutpsuifufdiojdbmjogpsnbujpo


▲Up To Search▲   

 
Price & Availability of RP170N301D-TR-FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X