Part Number Hot Search : 
C100L SW12401 BZX70C33 BAT854CW Q980002 AH055 AH055 M61540
Product Description
Full Text Search
 

To Download NPIM74PAR20YTRQYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 npim_pa series npim shielded power inductors features ? shielded power inductor ? molded metal composite construction ? high saturation current characteristics (~ 118a) ? low profile (1.2mm ~ 4.7mm) ? meets the requirements of aec-q200 case code 32 42 74 104 145 146 inductance range ( h) 0.1 ~ 10 0.1 ~ 22 0.1 ~ 47 0.15 ~ 68 1.0 ~ 220 0.15 ~ 47 ambient operating temperature range -55c ~ +125c maximum component temperature (ambient + self-heating) +125c temperature rise at irms +40c inductance change at isat -20% inductance tolerance see specifcations tables resistance to solder heat 260c 5c for 10 seconds series a b c d e f g h npim32pa 3.500.20 3.200.20 1.800.20 0.700.20 1.200.20 4.10 1.90 1.45 npim42pa 4.450.25 4.060.25 1.800.20 0.760.30 2.000.20 5.20 2.20 2.40 npim74pa 7.300.30 6.600.30 2.800.20 1.800.30 3.000.30 8.40 2.50 3.50 npim104pa 11.000.50 10.000.30 3.800.20 2.300.30 3.000.30 13.60 5.40 3.50 npim145pa 13.500.50 12.500.30 5.700.30 2.300.30 4.700.30 14.20 8.00 5.00 npim146pa 13.500.50 12.500.30 6.200.30 2.300.30 4.700.30 14.20 8.00 5.00 characteristics dimensions (mm) *see part number system for details rohs compliant includes all homogeneous materials c a e d b r22 f h g part number system npim -- pa 4r7 m tr f rohs compliant packaging: tr = tape & reel inductance tolerance code: m=20% inductance code ( h): 1st two digits are signifcant, 3rd digit is multiplier for values from 10 h and up. construction code (see drawing for details) size code (see table for details) series "qy" denotes suitable for automotive equipment, sourced to special production and inspection at ts-16949 certifed production site qy nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change
2 part number standard values - case size 32pa ( 3.5 x 3.2 x 1.8mm) inductance value ( h) tolerance dc resistance (m ? ) dc current isat (amps) dc current irms (amps) test frequency npim32par10ytrqyf 0.10 30% 9.0 14.0 10.5 100khz/1.0v npim32par22ytrqyf 0.22 30% 14.0 11.2 9.0 100khz/1.0v npim32par33mtrqyf 0.33 20% 21.0 10.0 8.0 100khz/1.0v npim32par47mtrqyf 0.47 20% 23.0 9.0 7.0 100khz/1.0v npim32par68mtrqyf 0.68 20% 29.0 7.0 5.5 100khz/1.0v npim32pa1r0mtrqyf 1.0 20% 38.0 5.0 4.0 100khz/1.0v npim32pa1r5mtrqyf 1.5 20% 50.0 4.0 3.8 100khz/1.0v npim32pa2r2mtrqyf 2.2 20% 75.0 3.7 3.5 100khz/1.0v npim32pa3r3mtrqyf 3.3 20% 145.0 3.5 3.0 100khz/1.0v npim32pa4r7mtrqyf 4.7 20% 200.0 3.0 2.6 100khz/1.0v npim32pa5r6mtrqyf 5.6 20% 238.0 2.6 2.2 100khz/1.0v npim32pa6r8mtrqyf 6.8 20% 300.0 2.2 1.9 100khz/1.0v npim32pa8r2mtrqyf 8.2 20% 390.0 1.9 1.6 100khz/1.0v npim32pa100mtrqyf 10 20% 422.0 1.6 1.4 100khz/1.0v maximum +40c temperature rise at irms. approximate -30% inductance change at isat. npim_pa series npim shielded power inductors part number standard values - case size 42pa ( 4.45 x 4.06 x 1.8mm) inductance value ( h) tolerance dc resistance (m ? ) dc current isat (amps) dc current irms (amps) test frequency npim42par10ytrqyf 0.10 30% 4.0 35.0 12.0 100khz/1.0v npim42par18ytrqyf 0.18 30% 5.4 28.0 13.5 100khz/1.0v npim42par22ytrqyf 0.22 30% 7.3 24.0 13.0 100khz/1.0v npim42par33mtrqyf 0.33 20% 8.6 18.0 10.0 100khz/1.0v npim42par47mtrqyf 0.47 20% 14.0 12.0 8.0 100khz/1.0v npim42par56mtrqyf 0.56 20% 16.0 10.0 7.3 100khz/1.0v npim42par68mtrqyf 0.68 20% 19.0 10.0 7.0 100khz/1.0v npim42pa1r0mtrqyf 1.0 20% 27.0 8.5 5.0 100khz/1.0v npim42pa1r2mtrqyf 1.2 20% 30.0 7.8 4.8 100khz/1.0v npim42pa1r5mtrqyf 1.5 20% 42.0 7.0 4.5 100khz/1.0v npim42pa2r2mtrqyf 2.2 20% 61.0 6.0 4.0 100khz/1.0v npim42pa3r3mtrqyf 3.3 20% 76.0 4.0 3.5 100khz/1.0v npim42pa4r7mtrqyf 4.7 20% 105.0 3.5 2.6 100khz/1.0v npim42pa5r6mtrqyf 5.6 20% 125.0 3.0 2.2 100khz/1.0v npim42pa6r8mtrqyf 6.8 20% 172.0 2.8 2.1 100khz/1.0v npim42pa8r2mtrqyf 8.2 20% 180.0 2.5 2.0 100khz/1.0v npim42pa100mtrqyf 10 20% 243.0 2.3 1.8 100khz/1.0v npim42pa150mtrqyf 15 20% 374.0 1.9 1.5 100khz/1.0v npim42pa220mtrqyf 22 20% 500.0 1.4 1.2 100khz/1.0v maximum +40c temperature rise at irms. approximate -30% inductance change at isat. nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change
3 part number standard values - case size 74pa ( 7.3 x 6.6 x 2.8mm) inductance value ( h) tolerance dc resistance (m ? ) dc current isat (amps) dc current irms (amps) test frequency npim74par10ytrqyf 0.10 30% 1.7 60.0 32.5 100khz/1.0v npim74par15ytrqyf 0.15 30% 1.9 45.0 27.0 100khz/1.0v npim74par16ytrqyf 0.16 30% 1.9 45.0 27.0 100khz/1.0v NPIM74PAR20YTRQYF 0.20 30% 2.5 41.0 24.0 100khz/1.0v npim74par22ytrqyf 0.22 30% 2.8 40.0 23.0 100khz/1.0v npim74par33mtrqyf 0.33 20% 3.9 32.0 20.0 100khz/1.0v npim74par36mtrqyf 0.36 20% 4.2 32.0 19.0 100khz/1.0v npim74par47mtrqyf 0.47 20% 4.2 26.0 17.5 100khz/1.0v npim74par56mtrqyf 0.56 20% 5.0 25.5 16.5 100khz/1.0v npim74par60mtrqyf 0.60 20% 5.2 25.5 16.0 100khz/1.0v npim74par68mtrqyf 0.68 20% 5.5 25.0 15.5 100khz/1.0v npim74par75mtrqyf 0.75 20% 6.6 24.5 14.5 100khz/1.0v npim74par82mtrqyf 0.82 20% 8.0 24.0 13.0 100khz/1.0v npim74pa1r0mtrqyf 1.0 20% 10.0 22.0 11.0 100khz/1.0v npim74pa1r2mtrqyf 1.2 20% 12.0 20.0 10.0 100khz/1.0v npim74pa1r5mtrqyf 1.5 20% 15.0 18.0 9.0 100khz/1.0v npim74pa1r8mtrqyf 1.8 20% 17.0 16.0 8.5 100khz/1.0v npim74pa2r0mtrqyf 2.0 20% 19.0 15.0 8.2 100khz/1.0v npim74pa2r2mtrqyf 2.2 20% 20.0 14.0 8.0 100khz/1.0v npim74pa2r5mtrqyf 2.5 20% 22.0 13.0 7.0 100khz/1.0v npim74pa3r3mtrqyf 3.3 20% 30.0 13.5 6.0 100khz/1.0v npim74pa4r7mtrqyf 4.7 20% 40.0 10.0 5.5 100khz/1.0v npim74pa5r6mtrqyf 5.6 20% 48.0 9.0 5.0 100khz/1.0v npim74pa6r8mtrqyf 6.8 20% 60.0 8.0 4.5 100khz/1.0v npim74pa8r2mtrqyf 8.2 20% 68.0 7.5 4.0 100khz/1.0v npim74pa100mtrqyf 10 20% 85.0 6.0 3.5 100khz/1.0v npim74pa220mtrqyf 22 20% 190.0 3.5 2.0 100khz/1.0v npim74pa470mtrqyf 47 20% 363.0 2.0 1.75 100khz/1.0v npim_pa series npim shielded power inductors maximum +40c temperature rise at irms. approximate -30% inductance change at isat. nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change
4 part number standard values - case size 104pa (11.0 x 10.0 x 3.8mm) inductance value ( h) tolerance dc resistance (m ? ) dc current isat (amps) dc current irms (amps) test frequency npim104par15mtrqyf 0.15 20% 0.6 75.0 43.0 100khz/1.0v npim104par22mtrqyf 0.22 20% 1.0 60.0 35.0 100khz/1.0v npim104par27mtrqyf 0.27 20% 1.0 60.0 33.0 100khz/1.0v npim104par30mtrqyf 0.30 20% 1.1 60.0 32.0 100khz/1.0v npim104par36mtrqyf 0.36 20% 1.2 60.0 31.0 100khz/1.0v npim104par39mtrqyf 0.39 20% 1.3 60.0 30.0 100khz/1.0v npim104par45mtrqyf 0.45 20% 1.5 45.0 29.0 100khz/1.0v npim104par47mtrqyf 0.47 20% 1.5 43.0 28.0 100khz/1.0v npim104par56mtrqyf 0.56 20% 1.8 40.0 25.0 100khz/1.0v npim104par68mtrqyf 0.68 20% 2.7 39.0 22.0 100khz/1.0v npim104pa1r0mtrqyf 1.0 20% 3.3 36.0 18.0 100khz/1.0v npim104pa1r5mtrqyf 1.5 20% 4.6 33.0 16.0 100khz/1.0v npim104pa2r2mtrqyf 2.2 20% 7.0 27.0 12.0 100khz/1.0v npim104pa2r5mtrqyf 2.5 20% 8.7 23.0 11.5 100khz/1.0v npim104pa3r3mtrqyf 3.3 20% 11.8 20.0 11.0 100khz/1.0v npim104pa4r0mtrqyf 4.0 20% 15.0 18.0 10.2 100khz/1.0v npim104pa4r7mtrqyf 4.7 20% 15.5 17.0 10.0 100khz/1.0v npim104pa5r6mtrqyf 5.6 20% 19.3 14.0 9.0 100khz/1.0v npim104pa6r8mtrqyf 6.8 20% 23.3 13.5 8.5 100khz/1.0v npim104pa8r2mtrqyf 8.2 20% 22.5 12.5 8.0 100khz/1.0v npim104pa100mtrqyf 10 20% 30.0 12.0 7.5 100khz/1.0v npim104pa150mtrqyf 15 20% 45.0 10.0 6.25 100khz/1.0v npim104pa220mtrqyf 22 20% 74.0 7.0 5.0 100khz/1.0v npim104pa270mtrqyf 27 20% 100.0 6.0 4.0 100khz/1.0v npim104pa330mtrqyf 33 20% 112.0 5.0 3.5 100khz/1.0v npim104pa470mtrqyf 47 20% 167.0 4.5 3.0 100khz/1.0v npim104pa680mtrqyf 68 20% 240.0 3.0 2.0 100khz/1.0v npim_pa series npim shielded power inductors maximum +40c temperature rise at irms. approximate -30% inductance change at isat. nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change
5 part number standard values - case size 145pa (13.5 x 12.5 x 5.7mm) inductance value ( h) tolerance dc resistance (m ? ) dc current isat (amps) dc current irms (amps) test frequency npim145pa1r0mtrqyf 1.0 20% 2.4 45.0 29.0 100khz/1.0v npim145pa1r2mtrqyf 1.2 20% 2.8 44.0 28.0 100khz/1.0v npim145pa1r5mtrqyf 1.5 20% 3.2 43.0 26.0 100khz/1.0v npim145pa2r2mtrqyf 2.2 20% 4.7 34.0 21.0 100khz/1.0v npim145pa3r3mtrqyf 3.3 20% 7.1 28.0 17.0 100khz/1.0v npim145pa4r7mtrqyf 4.7 20% 11.5 25.0 16.0 100khz/1.0v npim145pa5r6mtrqyf 5.6 20% 12.6 22.0 15.5 100khz/1.0v npim145pa6r8mtrqyf 6.8 20% 13.8 19.0 15.0 100khz/1.0v npim145pa8r2mtrqyf 8.2 20% 16.0 17.0 11.0 100khz/1.0v npim145pa100mtrqyf 10 20% 20.7 15.5 11.0 100khz/1.0v npim145pa120mtrqyf 12 20% 23.0 13.5 9.5 100khz/1.0v npim145pa150mtrqyf 15 20% 29.0 13.0 9.0 100khz/1.0v npim145pa180mtrqyf 18 20% 35.0 12.0 8.5 100khz/1.0v npim145pa220mtrqyf 22 20% 39.5 11.0 8.0 100khz/1.0v npim145pa270mtrqyf 27 20% 56.0 9.0 7.0 100khz/1.0v npim145pa330mtrqyf 33 20% 75.0 8.0 6.0 100khz/1.0v npim145pa470mtrqyf 47 20% 90.0 7.0 5.5 100khz/1.0v npim145pa560mtrqyf 56 20% 118.0 6.5 5.3 100khz/1.0v npim145pa680mtrqyf 68 20% 140.0 6.0 5.0 100khz/1.0v npim145pa820mtrqyf 82 20% 161.0 5.5 4.5 100khz/1.0v npim145pa101mtrqyf 100 20% 200.0 5.0 4.0 100khz/1.0v npim145pa121mtrqyf 120 20% 235.0 4.5 3.5 100khz/1.0v npim145pa151mtrqyf 150 20% 350.0 4.0 3.0 100khz/1.0v npim145pa221mtrqyf 220 20% 550.0 3.0 2.0 100khz/1.0v npim_pa series npim shielded power inductors maximum +40c temperature rise at irms. approximate -20% inductance change at isat. nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change
6 part number standard values - case size 146pa (13.5 x 12.5 x 6.2mm) inductance value ( h) tolerance dc resistance (m ? ) dc current isat (amps) dc current irms (amps) test frequency npim146par15mtrqyf 0.15 20% 0.6 118.0 55.0 100khz/1.0v npim146par22mtrqyf 0.22 20% 0.6 112.0 53.0 100khz/1.0v npim146par30mtrqyf 0.30 20% 0.72 72.0 48.0 100khz/1.0v npim146par33mtrqyf 0.33 20% 0.8 68.0 46.0 100khz/1.0v npim146par36mtrqyf 0.36 20% 0.9 66.0 45.0 100khz/1.0v npim146par40mtrqyf 0.40 20% 1.0 64.0 44.0 100khz/1.0v npim146par47mtrqyf 0.47 20% 1.2 63.0 41.0 100khz/1.0v npim146par50mtrqyf 0.50 20% 1.25 60.0 40.0 100khz/1.0v npim146par56mtrqyf 0.56 20% 1.2 58.0 37.0 100khz/1.0v npim146par68mtrqyf 0.68 20% 1.5 55.0 35.0 100khz/1.0v npim146par82mtrqyf 0.82 20% 1.9 50.0 33.0 100khz/1.0v npim146pa1r0mtrqyf 1.0 20% 2.3 48.0 30.0 100khz/1.0v npim146pa1r5mtrqyf 1.5 20% 3.0 45.0 27.0 100khz/1.0v npim146pa1r8mtrqyf 1.8 20% 4.0 40.0 24.0 100khz/1.0v npim146pa2r2mtrqyf 2.2 20% 4.2 37.0 22.0 100khz/1.0v npim146pa3r3mtrqyf 3.3 20% 6.8 30.0 18.0 100khz/1.0v npim146pa4r7mtrqyf 4.7 20% 8.4 28.0 13.5 100khz/1.0v npim146pa5r6mtrqyf 5.6 20% 10.0 23.0 12.5 100khz/1.0v npim146pa6r8mtrqyf 6.8 20% 11.5 18.0 11.5 100khz/1.0v npim146pa8r2mtrqyf 8.2 20% 15.5 16.0 10.5 100khz/1.0v npim146pa100mtrqyf 10 20% 16.5 15.5 10.0 100khz/1.0v npim146pa130mtrqyf 13 20% 24.0 13.0 9.0 100khz/1.0v npim146pa150mtrqyf 15 20% 28.0 12.5 9.0 100khz/1.0v npim146pa220mtrqyf 22 20% 37.0 12.0 9.0 100khz/1.0v npim146pa330mtrqyf 33 20% 58.0 11.0 8.0 100khz/1.0v npim146pa470mtrqyf 47 20% 90.0 9.5 6.5 100khz/1.0v npim_pa series npim shielded power inductors maximum +40c temperature rise at irms. approximate -20% inductance change at isat. nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change
7 npim_pa series npim shielded power inductors series b 0 b 1 a 0 a 1 ko po w co t npim32pa 3.80.1 n/a 3.50.1 n/a 2.30.1 8.00.1 12.00.3 5.50.1 0.350.05 npim42pa 5.00.1 n/a 4.40.1 n/a 2.30.1 8.00.1 12.00.3 5.50.1 0.350.05 npim74pa 7.80.1 n/a 7.10.1 n/a 3.30.1 12.00.1 16.00.3 7.50.1 0.350.05 npim104pa 11.60.1 n/a 10.40.1 n/a 4.50.1 16.00.1 24.00.3 11.50.1 0.350.05 npim145pa 14.10.1 13.00.1 12.90.1 7.00.1 6.50.1 16.00.1 24.00.3 11.50.1 0.350.05 npim146pa 14.10.1 13.00.1 12.90.1 7.00.1 7.00.1 16.00.1 24.00.3 11.50.1 0.350.05 carrier tape dimensions (mm) 2r2 2r2 2r2 2r2 w co ao po ko bo 1.50mm 0.10 4.0mm 0.1 1.75mm 0.1 t b 0 b 1 a 0 a 1 2r2 2r2 2r2 2r2 w co ao po bo 1.50mm 0.10 4.0mm 0.1 1.75mm 0.1 ko t b 0 a 0 carrier tape for sizes 32, 42, 74 and 104 carrier tape for sizes 145 and 146 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change
8 series a b c d qty/reel npim32pa 12.4 +2.0/-0 100 2.0 13.5 0.5 330 3,000 npim42pa 3,000 npim74pa 16.4 +2.0/-0 1,000 npim104pa 24.4 +2.0/-0 500 npim145pa 500 npim146pa 500 reel dimensions (mm) series f g h npim32pa 1.9 4,1 1.45 npim42pa 2.2 5.2 2.4 npim74pa 2.5 8.4 3.5 npim104pa 5.4 13.6 3.5 npim145pa 8.0 14.2 5.0 npim146pa 8.0 14.2 5.0 land pattern dimensions (mm) g h f reflow soldering profile soldering 260c max. 10 seconds max. cool down 60 ~ 180 sec. 25 50 100 150 200 250 300 pre-heat 150c ~ 200c time above 245c 20 ~ 40 seconds temperature c time above 217c 60 ~ 150 seconds npim_pa series npim shielded power inductors nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ? specifcations are subject to change


▲Up To Search▲   

 
Price & Availability of NPIM74PAR20YTRQYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X