Part Number Hot Search : 
0469SWR MBJ90 331M16 D5702 000X1 331M1 MB95130M 126254H
Product Description
Full Text Search
 

To Download NFM21HC223R1H3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NFM21HC223R1H3_ (0805, 22000pf, dc50v) _: packaging code reference sheet 1.scope 2.murata part no. system (ex.) 3. type & dimensions a)equivalent circuit (unit:mm) 4.rated value 5.package product specifications in this catalog are as of mar.3,2016,and are subject to change or obsolescence without notice. please consult the approval sheet before ordering. please read rating and !cautions first. insulation resistance mark packaging unit (7) packaging this product specification is applied to chip emifil?chip 3-terminal capacitor used for automotive electronic equipment. (3) nominal capacitance capacitance tolerance (5) dc rated voltage rated current (ma) i 0.60.2 j 0.2+0.2/-0.1 chip emifil?chip 3-terminal capacitor for automotive specifications and test methods (operating /storage temp. range) -55 to 125 c / -55 to 125 c 20 % 2a(dc) 30mmax. 22000 pf dc resistance 1000mmin. dc 50 v (1)-1 l (1)-2 w t e g d f 180mm reel paper w8p4 4000 pcs./reel 2.00.2 1.250.1 0.850.1 0.30.2 0.2 min. (1)l/w dimensions (2)features (3)nominal capacitance (4)temperature characteristics (5)dc rated voltage (6)electrode (7)packaging code NFM21HC223R1H3-01 1 nfm 21 hc 223 r 1h 3 d
aec-q200 murata standard specification and test methods electrical performance no specification test method 1 capacitance shown in rated value. frequency (cap.) 22 to 100pf : 10.1mhz 220pf to 1uf : 10.1khz voltage : 10.2v(rms) 2 voltage : rated voltage time : 2 minutes max. 3 dc resistance measured with 100ma max. (rdc1,2) rdc1 : between signal terminals rdc2 : between ground terminals 4 withstanding voltage products shall not be damaged. test voltage : rated voltage x 300% time : 1 to 5 s charge current : 50 ma max. 5 operating temperature shown in rated value. includes self-heating 6 storage temperature standard testing condition < unless otherwise specified > < in case of doubt > temperature : ordinary temp. / 15 c to 35 c temperature: 20 c 2 c humidity: ordinary humidity / 25 %(rh) to 85 %(rh) humidity: 60 %(rh) to 70 %(rh) atmospheric pressure: 86 kpa to 106 kpa item insulation resistance(i.r.) jemcps-03093 2 r d c 2 r d c 1 r d c 1 r d c 2
aec-q200 murata standard specification and test methods mechanical performance (based on table 2 for tantalum & ceramic capacitors) aec-q200 rev.c issued june 17. 2005 murata specification / deviation no. stress test method 3 high temperature exposure unpowered 1000 hours @ t=150c (ceramics) measurement at 24+/-2 hours after test meet table d after testing. 4 temperature cycling 1000cycles (-55c to +125c) measurement at 24+/-2 hours after test meet table a after testing. 6 moisture resistance t=24 hours/cycle. note: steps 7a & 7b not required. unpowered. meet table d after testing. 7 biased humidity 1000hours 85c/85%rh. note: ceramics only specified conditions: rated voltage and 1.3 to 1.5 volts. add 100kohm resister. tantalums-rated voltage only. measurement at 24+/-2 hours after test meet table d after testing. 8 operational life condition d steady state ta=125c full rated ceramic caps measurement at 24+/-2 hours after test conclusion. meet table d after testing. 9 external visual visual inspection no abnormalities 10 physical dimension within the specified dimensions. no defects 12 resistance to solvents per mil-std-202 method 215 not applicable 13 mechanical shock figure 1 of method 213. smd:condition f leaded:condition c meet table c after testing. 14 vibration 5g's for 20 minutes, 12cycles each of 3 oritentations use 8"x5" pcb, .031"thick. 7 secure points on one long side and 2 secure points at corners of opposite sides. parts mounted within 2" from any secure point. test from 10-2000hz. meet table c after testing. 15 resistance to soldering heat note: condition b no pre-heat of samples. note:single wave solder-procedure 2 for smd. procedure 1 for leaded with solder within 1.5mm of device body. meet table a after testing. deviation for aec-q200; testing condition flux: ethanol solution of rosin, 25(wt)% pre-heating: 150c+/-10c, 60 to 90s solder: sn-3.0ag-0.5cu solder temperature: 270c+/-5c immesion time: 10s+/-1s immesion and emersion rates: 25mm/s then measured after exposure in the room 16 thermal shock -55c/+125c note: number of cycles required-300, maximum transfer time-20 s, dwell time-15 minuites. air-air. meet table a after testing. 17 esd per aec-q200-002 component classification:meet table e 18 solderability per j-std-002 95% of the terminations is to be soldered. method b : not applicable 19 electrical characterization summary to show min, max, mean and standard deviation at room as well as min and max operating temperatures. deviation for aec-q200; shown in rated value. aec-q200 jemcps-03093 3 4 5 r 3 4 0 f d e f l e c t i o n 4 5 p r o d u c t p r e s s u r e j i g
aec-q200 murata standard specification and test methods mechanical performance (based on table 2 for tantalum & ceramic capacitors) aec-q200 rev.c issued june 17. 2005 murata specification / deviation no. stress test method 21 board flex appendix 2. note:2mm(min) for all except 3mm for class 1. meet table b after testing. deviation for aec-q200; it shall be soldered on the glass-epoxy substrate (t = 1mm). ? deflection : 2mm ? keeping time : 30s 22 terminal strength per aec-q200-006 a force of 1.8 kg for 60 s the electrode should show no failure after testing. deviation for aec-q200; it shall be soldered on the substrate. ? applying force : 17.6n ? applying time : 60s 23 beam load test per aec-q200-003 the chip endure 20n. deviation for aec-q200 place the capacitor in the beam load fixture as below figure. pressure jig: r0.5 speed supplied the stress load: 0.5mm/s. aec-q200 iron board jemcps-03093 4 4 5 r 2 3 0 f d e f l e c t i o n 4 5 p r o d u c t p r e s s u r e j i g 0 . 6 0 . 8 1 . 6 1 . 0
aec-q200 murata standard specification and test methods mechanical performance (based on table 2 for tantalum & ceramic capacitors) aec-q200 rev.c issued june 17. 2005 table a appearance no damage capacitance change within +/-7.5% at 20c i.r. 1000m ? min. (22pf-470000pf) 500m ? min. (1000000pf) dc resistance(rdc1,2) 0.5 ? max (22pf-2200pf) 0.05 ? max (22000pf-1000000pf) tabe b appearance no damage capacitance change within +/-12.5% at 20c dc resistance(rdc1,2) 0.5 ? max (22pf-2200pf) 0.05 ? max (22000pf-1000000pf) table c appearance no damage capacitance meet initial value (shown in rated value.) dc resistance(rdc1,2) 0.5 ? max (22pf-2200pf) 0.05 ? max (22000pf-1000000pf) table d appearance no damage capacitance change within +/-12.5% at 20c i.r. 1000m ? min. (22pf-470000pf) 500m ? min. (1000000pf) dc resistance(rdc1,2) 0.5 ? max (22pf-2200pf) 0.05 ? max (22000pf-1000000pf) table e murata pn dc resistance (rdc 1,2) value after testing (ohm) max. esd component classification 1c: 1kv(dc) to 2kv(dc) nfm21hc220u1h3d 0.5 1c nfm21hc470u1h3d 0.5 1c nfm21hc101u1h3d 0.5 1c nfm21hc221r1h3d 0.5 1c nfm21hc471r1h3d 0.5 1c nfm21hc102r1h3d 0.5 1c nfm21hc222r1h3d 0.5 1c NFM21HC223R1H3d 0.05 1c nfm21hc104r1a3d 0.05 1c nfm21hc224r1a3d 0.05 1c nfm21hc474r1a3d 0.05 1c nfm21hc105r1c3d 0.05 1c jemcps-03093 5
1. appearance and dimensions (8mm-wide paper tape) (in mm) 2. specification of taping (1) packing quantity (standard quantity) 4000 pcs. / reel (2) packing method products shall be packaged in the cavity of the base tape and sealed by top tape and bottom tape. (3) sprocket hole the sprocket holes are to the right as the tape is pulled toward the user. (4) base tape and top tape the base tape and top tape have no spliced point. (5) cavity there shall not be burr in the cavity. (6) missing components number 3. pull strength of top tape and bottom tape 5n min. 4. peeling off force of top tape 0.1n to 0.6n (minimum value is typical) speed of peeling off : 300 mm / min 5. dimensions of leader-tape, trailer and reel there shall be leader-tape (top tape and empty tape) and trailer-tape (empty tape) as follows. (in mm) missing components number within 0.1% of the number per reel or 1 pc., whichever is greater, and are not continuous. the specified quantity per reel is kept. p a c k a g i n g nfm21 type jemcpp-02232a 6 f 1 6 5 t o 1 8 0 d e g r e e t o p t a p e b o t t o m t a p e b a s e t a p e e m p t y t a p e 1 9 0 m i n . l e a d e r t r a i l e r t o p t a p e 2 . 0 0 . 5 f 1 3 . 0 0 . 2 f 2 1 . 0 0 . 8 f 1 8 0 f 6 0 9 1 3 1 . 4 1 0 0 3 d i r e c t i o n o f f e e d 2 1 0 m i n . 1 6 0 m i n . 1 0 l a b e l
1.operating environment do not use this product under the following environmental conditions, on deterioration of the performance, such as insulation resistance may result from the use. (1) in the corrodible atmosphere (acidic gases, alkaline gases, chlorine, sulfur gases, organic gases and etc.) (2) in the atmosphere where liquid such as organic solvent, may splash on the products. (3) in the atmosphere where dust rises. 2. caution (rating) do not use products beyond the operating temperature range, rated voltage and rated current. 3. attention regarding product's lay out < attention regarding the heat generated by other products > please provide special attention when mounting products in close proximity to other products that radiate heat. 4. attention regarding chip mounting an excessively low bottom dead point of the suction nozzle imposes great force on the chip during mounting, causing cracked chips. please set the suction nozzle's bottom dead point on the upper surface of the board, after the board is adjusted flat. the chip received force (static loading) from the suction nozzle's should be 1n to 3n. 5. note for assembling < thermal shock > pre-heating should be in such a way that the temperature difference between solder and products surface is limited to 100c max. also cooling into solvent after soldering should be in such a way that the temperature difference is limited to 100c max. caution ! jemcpc-02249a 7
6. attention regarding p.c.b. bending the following shall be considered when designing p.c.b.'s and laying out products. (1) p.c.b. shall be designed so that products are not subject to the mechanical stress for board warpage. [products direction] products shall be located in the sideways direction (length:ac >b P d. 7. pre-heating temperature soldering shall be handled so that the difference between pre-heating temperature and solder temperature shall be limited to 100c max. to avoid the heat stress for the products. 8. reflow soldering ? standard printing pattern of solder paste. 1) soldering paste printing for reflow ? standard thickness of solder paste: 100m to 150m. ? use the solder paste printing pattern of the right pattern. ? for the resist and copper foil pattern, use standard land dimensions. (in mm) 2) soldering conditions standard soldering profile and the limit soldering profile is as follows. the excessive limit soldering conditions may cause leaching of the electrode and/or resulting in the deterioration of product quality. 9. reworking with soldering iron the following conditions shall be strictly followed when using a soldering iron. ? pre-heating : 150c, 1 min ? soldering iron output : 30w max. ? tip temperature : 350c max. ? tip diameter : 3mm max. ? soldering time : 3(+1,-0) s ? times : 2times max. note: do not directly touch the products with the tip of the soldering iron in order to prevent the crack on the ceramic material due to the thermal shock. caution ! jemcpc-02249a 8 2 . 6 0 . 6 1 . 4 0 . 8 1 . 9 0 . 6 p o o r e x a m p l e g o o d e x a m p l e b a s e a m s l i t a d b c b a l e n g t h : a ? b standard profile l imit profile pre - heating 150 c ~ 180 c , 90s 30s heating above 220c , 30s ~ 60s above 230 c , 60s max. peak temperature 245c 3c 260 c , 10s cycle of reflow 2 times 2 times l i m i t p r o f i l e s t a n d a r d p r o f i l e 9 0 s 3 0 s 2 3 0 c 2 6 0 c 2 4 5 c 3 c 2 2 0 c 3 0 s 6 0 s 6 0 s m a x . 1 8 0 1 5 0 t e m p . t i m e . ( s ) ( c )
10. solder volume solder shall be used not to be exceeded as shown below. accordingly increasing the solder volume, the mechanical stress to product is also increased. excessive solder volume may cause the failure of mechanical or electrical performance. 11.resin coating the capacitance value may change and/or it may affect on the product's performance due to high cure-stress of resin to be used for coating / molding products. so please pay your careful attention when you select resin. in prior to use, please make the reliability evaluation with the product mounted in your application set. 12. handling of a substrate after mounting products on a substrate, do not apply any stress to the product caused by bending or twisting to the substrate when cropping the substrate, inserting and removing a connector from the substrate or tightening screw to the substrate. excessive mechanical stress may cause cracking in the product. bending twisting failure to follow the above cautions may result, worst case, in a short circuit and cause fuming or partial dispersion when the product is used. 13.fail-safe be sure to provide an appropriate fail-safe function on your product to prevent a second damage that may be caused by the abnormal function or the failure of our product. 14.limitation of applications (1)aircraft equipment (2)aerospace equipment (3)undersea equipment (4)power plant control equipment (5)medical equipment (6)transportation equipment(trains, ships, etc.) (7)traffic signal equipment (8)disaster prevention / crime prevention equipment (9)data-processing equipment (10)applications of similar complexity or with reliability requirements comparable to the applications listed in the above caution please contact us before using our products for the applications listed below which require especially high reliability for the prevention of defects which might directly cause damage to the third party's life, body or property. ! jemcpc-02249a 9 u p p e r l i m i t r e c o m m e n d a b l e 1 / 3 t ? t ? t ( t : c h i p t h i c k n e s s ) t r e c o m m e n d a b l e u p p e r l i m i t
products can only be soldered with reflow. this product is designed for solder mounting. please consult us in advance for applying other mounting method such as conductive adhesive. 1. flux and solder 2. cleaning conditions products shall be cleaned on the following conditions. (1) cleaning temperature shall be limited to 60c max. (40c max. for isopropyl alcohol (ipa)) (2) ultrasonic cleaning shall comply with the following conditions, with avoiding the resonance phenomenon at the mounted products and p.c.b. power : 20w / l max. frequency : 28khz to 40khz time : 5 minutes max. (3) cleaner 1. cleaner isopropyl alcohol (ipa) 2. aqueous agent pine alpha st-100s (4) there shall be no residual flux and residual cleaner after cleaning. in the case of using aqueous agent, products shall be dried completely after rinse with de-ionized water in order to remove the cleaner. (5) other cleaning please contact us. 3. standard land dimensions the chip emi filter suppresses noise by conducting the high-frequency noise element to ground. < standard land dimensions for reflow > ? side on which chips are mounted 4.storage and delivery condition (in mm) (1) storage period use the products within 12 months after delivered. solderability should be checked if this period is exceeded. (2) storage environment condition ? products should be stored in the warehouse on the following conditions. temperature: -10 to +40c humidity: 15 to 85% relative humidity no rapid change on temperature and humidity ? don't keep products in corrosive gases such as sulfur, chlorine gas or acid, or it may cause oxidization of electrode, resulting in poor solderability. ? products should be stored on the palette for the prevention of the influence from humidity, dust and so on. ? products should be stored in the warehouse without heat shock, vibration, direct sunlight and so on. ? products should be stored under the airtight packaged condition. (3) delivery care should be taken when transporting or handling product to avoid excessive vibration or mechanical shock. notice therefore, to get enough noise reduction, feed through holes which is connected to ground-plane should be arranged according to the figure to reinforce the ground-pattern. jemcpc-02249a 10 s m a l l d i a m e t e r t h r u h o l e f 0 . 4 r e s i s t c o p p e r f o i l p a t t e r n n o p a t t e r n 0 . 6 1 . 4 2 . 6 0 . 8 2 . 3 0 . 6 1 . 9 flux use rosin - based flux, do not use highly acidic flux (with chlorine content exceeding 0.2(wt)%). do not use water - soluble flux. other flux (except above) please contact us for details, then use. solder use sn - 3.0ag - 0.5cu solder use of sn - zn based sold er will deteriorate performance of products. in case of using sn - zn based solder, please contact murata in advance.
(1) please make sure that your product has been evaluated in view of your specifications with our product being mounted to your product. (2) you are requested not to use our product deviating from the agreed specifications. (3) we consider it not appropriate to include any terms and conditions with regard to the business transaction in the product specifications, drawings or other technical documents. therefore, if your technical documents as above include such terms and conditions such as warranty clause, product liability clause, or intellectual property infringement liability clause, they will be deemed to be invalid. note ! jemcpc-02249a 11


▲Up To Search▲   

 
Price & Availability of NFM21HC223R1H3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X