Part Number Hot Search : 
TPCP8H02 SFAS802G C1206 C1206 512K3 300A1 TIP145 HT66F018
Product Description
Full Text Search
 

To Download NCP600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 january, 2013 ? rev. 11 1 publication order number: NCP600/d NCP600 high performance low-power, ldo regulator with enable the NCP600 provides 150 ma of output current at fixed voltage options, or an adjustable output voltage from 5.0 v down to 1.25 v. it is designed for portable battery powered applications and offers high performance features such as low power operation, fast enable response time, and low dropout. the device is designed to be used with low cost ceramic capacitors and is packaged in the tsop ? 5 and dfn6, 2x2.2 packages. features ? output voltage options: adjustable, 1.3 v, 1.5 v, 1.8 v, 2.5 v, 2.8 v, 3.0 v, 3.3 v, 3.5 v, 5.0 v ? ultra ? low dropout voltage of 150 mv at 150 ma ? adjustable output by external resistors from 5.0 v down to 1.25 v ? fast enable turn ? on time of 15  s ? wide supply voltage range operating range ? excellent line and load regulation ? high accuracy up to 1.5% output voltage tolerance over all operating conditions ? typical noise voltage of 50  v rms without a bypass capacitor ? pb ? free package is available typical applications ? smps post ? regulation ? hand ? held instrumentation ? noise sensitive circuits ? vco, rf stages, etc. ? camcorders and cameras figure 1. simplified block diagram driver w/ current limit thermal shutdown - + enable v out adj gnd v in + ? 1.25 v fixed voltage only adjustable version only marking diagrams http://onsemi.com see detailed ordering and shipping information in the package dimensions section on page 13 of this data sheet. ordering information tsop ? 5 sn suffix case 483 1 5 xxxayw   1 5 1 6 6 pin dfn, 2x2.2 mn suffix case 506ba xx = specific device code xxx = specific device code m = date code a = assembly location y = year  = pb ? free package (note: microdot may be in either location)  
NCP600 http://onsemi.com 2 figure 2. pin connections ? tsop5 figure 3. pin connections ? dfn6 (top view) 1 2 3 5 4 v in gnd enable v out adj/nc* pin connections 1 3 enable v out 2 gnd nc 4 v in 6 (top view) 5 gnd gnd * adj ? adjustable version * nc ? fixed voltage version pin function description pin no. pin name description dfn6 ? 5 3 ? power standby when pulled to logic low (< 0.4 v). connect to v in if the function is not used. 6 absolute maximum ratings rating symbol value unit input voltage range (note 2) v in ? 0.3 to 6.5 v output, enable, adjustable voltage range v out , enable, adj ? 0.3 to 6.5 (or v in + 0.3) whichever is lower v maximum junction temperature t j(max) 150 c storage temperature range t stg ? 65 to 150 c esd capability, human body model (note 3) esd hbm 3500 v esd capability, machine model (note 3) esd mm 200 v moisture sensitivity level msl msl1/260 ? stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 2. refer to electrical characteristics and application information for safe operating area. 3. this device series incorporates esd protection and is tested by the following methods: esd human body model tested per aec ? q100 ? 002 (eia/jesd22 ? a114) esd machine model tested per aec ? q100 ? 003 (eia/jesd22 ? a115) latchup current maximum rating:  150 ma per jedec standard: jesd78. thermal characteristics rating symbol value unit thermal characteristics, dfn6, 2x2.2 mm (note 4) thermal resistance, junction ? to ? air (note 5) r  ja 122 c/w thermal characteristics, tsop ? 5 (note 4) thermal resistance, junction ? to ? air (note 5) r  ja 215 c/w 4. refer to electrical characteristics and application information for safe operating area. 5. values based on copper area of 645 mm 2 , 1 oz copper thickness. operating ranges (note 6) rating symbol min max unit operating input voltage (note 7) v in 1.75 v 6 v adjustable output voltage (adjustable version only) v out 1.25 5.0 v output current i out 0 150 ma ambient temperature t a ? 40 125 c 6. refer to electrical characteristics and application information for safe operating area. 7. minimum v in = 1.75 v or (v out + v do ), whichever is higher.
NCP600 http://onsemi.com 3 electrical characteristics (v in = 1.750 v, v out = 1.250 v, c in = c out =1.0  f, for typical values t a = 25 c, for min/max values t a = ? 40 c to 125 c, unless otherwise specified.) (note 8) characteristic symbol test conditions min typ max unit regulator output (adjustable voltage version) output voltage v out i out = 1.0 ma to 150 ma v in = 1.75 v to 6.0 v, v out = adj 1.231 ( ? 1.5%) 1.250 1.269 (+1.5%) v power supply ripple rejection (v in = v out + 1.0 v + 0.5 v p ? p ) psrr i out = 1.0 ma to 150 ma f = 120 hz f = 1.0 khz f = 10 khz ? ? ? 62 55 38 ? ? ? db line regulation reg line v in = 1.750 v to 6.0 v, i out = 1.0 ma ? 1.0 10 mv load regulation reg load i out = 1.0 ma to 150 ma ? 2.0 15 mv output noise voltage (note 9) v n f = 10 hz to 100 khz ? 50 ?  v rms output short circuit current i sc v out = 0 v 300 550 800 ma dropout voltage 1.25 v 1.3 v 1.5 v 1.8 v 2.5 v 2.8 v to 5.0 v v do measured at: v out ? 2.0%, i out = 150 ma ? ? ? ? ? ? 175 175 150 125 100 75 250 250 225 175 150 125 mv regulator output (fixed voltage version) (v in = v out + 0.5 v, c in = c out =1.0  f, for typical values t a = 25 c, for min/max values t a = ? 40 c to 125 c; unless otherwise noted.) (notes 8) output voltage 1.3 v 1.5 v 1.8 v 2.5 v 2.8 v 3.0 v 3.3 v 3.5 v 5.0 v v out i out = 1.0 ma to 150 ma v in = (v out + 0.5 v) to 6.0 v 1.274 1.470 1.764 2.450 2.744 2.940 3.234 3.430 4.900 ( ? 2%) 1.326 1.530 1.836 2.550 2.856 3.060 3.366 3.570 5.100 (+2%) v power supply ripple rejection (note 9) (v in = v out + 1.0 v + 0.5 v p ? p ) psrr i out = 1.0 ma to 150 ma f = 120 hz f = 1.0 khz f = 10 khz ? ? ? 62 55 38 ? ? ? db line regulation reg line v in = 1.750 v to 6.0 v, i out = 1.0 ma ? 1.0 10 mv load regulation 1.3 v to 1.5 v 1.8 v 2.5 v to 5.0 v reg load i out = 1.0 ma to 150 ma ? ? ? 2.0 2.0 2.0 20 25 30 mv output noise voltage (note 9) v n f = 10 hz to 100 khz ? 50 ?  v rms output short circuit current i sc v out = 0 v 300 550 800 ma dropout voltage 1.3 v 1.5 v 1.8 v 2.5 v 2.8 v to 5.0 v v do measured at: v out ? 2.0% ? ? ? ? ? 175 150 125 85 75 250 225 175 175 125 mv 8. performance guaranteed over the indicated operating temperature range by design and/or characterization, production tested at t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 9. values based on design and/or characterization.
NCP600 http://onsemi.com 4 electrical characteristics (v in = v out + 0.5 v, for typical values t a = 25 c, for min/max values t a = ? 40 c to 125 c, unless otherwise specified.) (note 10) characteristic symbol test conditions min typ max unit general disable current i dis enable = 0 v, v in = 6 v t a = ? 40 c to 85 c ? 0.01 1.0  a ground current 1.25 v (adjustable) 1.3 v 1.5 v 1.8 v to 3.0 v 3.3 v to 5.0 v i gnd enable = 0.9 v, i out = 1.0 ma to 150 ma ? ? ? ? ? 100 135 135 140 145 135 150 170 175 180  a thermal shutdown temperature (note 11) t sd ? 175 ? c thermal shutdown hysteresis (note 11) t sh ? 10 ? c adj input bias current i adj ? 0.75 ? 0.75  a chip enable enable input threshold voltage v th(en) v voltage increasing, logic high 0.9 ? ? voltage decreasing, logic low ? ? 0.4 enable input bias current (note 11) i en ? 3.0 100 na timing output turn on time (note 11) 1.25 v 1.3 v to 3.5 v 5.0 v t en enable = 0 v to v in ? ? ? 15 15 30 25 25 50  s 10. performance guaranteed over the indicated operating temperature range by design and/or characterization, production tested a t t j = t a = 25 c. low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible . 11. values based on design and/or characterization.
NCP600 http://onsemi.com 5 figure 4. typical application circuit for v out = 1.25 v (adjustable version) figure 5. typical application circuit for adjustable v out figure 6. typical application circuit (fixed voltage version) v in v out c out c in en v out gnd v in NCP600 (fixed) v in v out c out c in en v out gnd v in NCP600 (adjustable) adj v in v out c out c in en v out gnd v in NCP600 (adjustable) adj r 2 r 1
NCP600 http://onsemi.com 6 typical characteristics figure 7. output voltage vs. temperature (v in = v out + 0.5 v) figure 8. output voltage vs. temperature (v in = 6.0 v) t a , ambient temperature ( c) t a , ambient temperature ( c) 100 80 60 40 20 0 ? 20 ? 40 1.240 1.244 1.248 1.252 1.256 1.260 125 110 85 60 35 10 ? 15 ? 40 1.240 1.244 1.248 1.252 1.256 1.260 figure 9. output voltage vs. temperature (1.5 v fixed output, v in = 2 v) figure 10. output voltage vs. temperature (1.5 v fixed output, v in = 6 v) t a , ambient temperature ( c) t a , ambient temperature ( c) 110 85 60 ? 40 35 10 ? 15 1.475 1.480 1.485 1.490 1.495 1.500 125 85 60 35 10 ? 15 ? 40 1.475 1.480 1.485 1.490 1.495 1.500 figure 11. output voltage vs. temperature (3.0 v fixed output, v in = 3.5 v) figure 12. output voltage vs. temperature (3.0 v fixed output, v in = 6 v) t a , ambient temperature ( c) t a , ambient temperature ( c) 125 85 60 35 10 ? 15 ? 40 2.975 2.980 2.985 2.990 2.995 3.000 3.005 125 110 85 60 35 10 ? 15 ? 40 2.970 2.985 2.990 2.995 3.005 120 v out , output voltage (v) v out , output voltage (v) 125 v out , output voltage (v) i out = 1.0 ma i out = 150 ma v in = v out + 0.5 v v out = adj i out = 1.0 ma i out = 150 ma v in = 6.0 v v out = adj i out = 1.0 ma i out = 150 ma 110 v out , output voltage (v) v out , output voltage (v) v out , output voltage (v) i out = 1.0 ma i out = 150 ma 110 i out = 1.0 ma i out = 150 ma 3.000 2.980 i out = 1.0 ma i out = 150 ma 2.975
NCP600 http://onsemi.com 7 typical characteristics 1.25 v 3.3 v 5.0 v figure 13. output voltage vs. temperature (5.0 v fixed output, v in = 5.5 v) figure 14. output voltage vs. temperature (5.0 v fixed output, v in = 6 v) t a , ambient temperature ( c) t a , ambient temperature ( c) 110 85 60 35 10 ? 15 ? 40 4.965 4.970 4.980 4.990 4.995 5.000 125 110 85 60 35 10 ? 15 ? 40 4.965 4.970 4.980 4.985 4.995 5.000 figure 15. dropout voltage vs. temperature (over current range) figure 16. dropout voltage vs. temperature (over output voltage) t a , ambient temperature ( c) t a , ambient temperature ( c) 100 80 60 40 20 0 ? 20 ? 40 0 50 100 150 200 250 120 80 60 40 20 0 ? 20 ? 40 0 50 100 150 200 250 figure 17. output voltage vs. input voltage figure 18. enable threshold vs. temperature v in , input voltage (v) t a , ambient temperature ( c) 6.0 5.0 4.0 3.0 2.0 1.0 0 0 0.5 1.0 2.0 2.5 4.0 5.0 6.0 125 110 85 60 35 10 ? 15 ? 40 600 650 700 750 800 125 v out , output voltage (v) v out , output voltage (v) 120 v do , dropout voltage (mv) i out = 1.0 ma i out = 150 ma i out = 1.0 ma i out = 150 ma i out = 1.0 ma i out = 150 ma v out = adj i out = 50 ma 100 v do , dropout voltage (mv) v out = 1.25 v 1.50 v 1.80 v 3.00 v 2.80 v v out , output voltage (v) i out = 0 ma c out = 1.0  f t a = 25 c enable = v in v th(en) , enable threshold (mv) v in = 5.5 v enable increasing enable decreasing 4.985 4.975 4.990 4.975 5.00 v i out = 150 ma 1.5 3.0 3.5 4.5 5.5 1.5 v 1.80 v 3.0 v 2.80 v
NCP600 http://onsemi.com 8 typical characteristics 1.5 v 1.8 v figure 19. ground current (sleep mode) vs. temperature figure 20. ground current (run mode) vs. temperature t a , ambient temperature ( c) t a , ambient temperature ( c) 110 85 60 35 10 ? 15 ? 40 0 1.0 2.0 3.0 5.0 6.0 120 100 60 40 20 0 ? 20 ? 40 90 98 106 114 138 154 figure 21. ground current vs. input voltage v in , input voltage (v) 5.0 4.0 3.0 2.0 1.0 0 0 20 60 80 120 160 figure 22. ground current vs. output current figure 23. adj input bias current vs. temperature i out , output current (ma) t a , ambient temperature ( c) 150 125 100 75 50 25 0 98 99 100 101 102 104 105 106 120 100 80 40 20 0 ? 20 ? 40 0 200 300 400 125 i gnd , ground current (  a) i gnd , ground current (  a) 6.0 i gnd , ground current (  a) enable = 0 v i out = 1.0 ma i out = 150 ma i gnd , ground current (  a) i adj , adj input bias current (na) 4.0 enable = 0.9 v 80 146 40 100 103 v out = adj v in = 1.75 v 60 100 122 130 i out = 1.0 ma i out = 150 ma v out = 5.0 v v out = 1.25 v 140 2.8 v 3.0 v 3.3 v 5.0 v 1.25 v
NCP600 http://onsemi.com 9 typical characteristics 5.0 v 3.0 v 1.5 v 1.25 v (adj) v in = v out + 1.0 v v ripple = 0.5 v p ? p c out = 1.0  f i out = 1.0 ma to 150 ma figure 24. output short circuit current vs. temperature figure 25. current limit vs. input voltage t a , ambient temperature ( c) v in , input voltage (v) 100 80 40 20 0 ? 20 ? 40 450 500 550 600 650 6.0 5.0 3.0 2.0 1.0 0 0 100 200 300 500 700 figure 26. line regulation vs. temperature figure 27. load regulation vs. temperature t a , ambient temperature ( c) t a , ambient temperature ( c) 100 40 20 0 ? 20 ? 40 0 2.0 4.0 125 60 35 10 ? 15 ? 40 0 1.0 2.0 3.0 4.0 5.0 figure 28. output turn on time vs. temperature figure 29. power supply ripple rejection vs. frequency t a , ambient temperature ( c) f, frequency (khz) 120 100 40 20 0 ? 20 ? 40 10 15 20 25 30 40 45 100 10 1.0 0.1 0 20 30 80 120 i sc , output short circuit current (ma) i lim , current limit (ma) 120 reg line , line regulation (mv) 110 reg load , load regulation (mv) t on , output turn on time (  s) psrr (db) 4.0 600 1.0 3.0 v in = (v out + 0.5 v) to 6.0 v i out = 1.0 ma i out = 1.0 ma to 150 ma 10 60 400 80 60 85 60 80 40 50 60 35 70 5.0 v 3.3 v 1.25 v
NCP600 http://onsemi.com 10 typical characteristics figure 30. output stability with output capacitor esr over output current i out , output current (ma) 125 100 75 50 25 0 0.01 0.1 1.0 10 150 output capacitor esr (  ) c out = 1.0  f to 10  f t a = ? 40 c to 125 c v in = up to 6.0 v unstable region stable region v out = 5.0 v v out = 1.25 v figure 31. load transient response (1.0  f) figure 32. load transient response (10  f) v out = 1.25 v v out = 1.25 v
NCP600 http://onsemi.com 11 definitions load regulation the change in output voltage for a change in output load current at a constant temperature. dropout voltage the input/output differential at which the regulator output no longer maintains regulation against further reductions in input voltage. measured when the output drops 2% below its nominal. the junction temperature, load current, and minimum input supply requirements affect the dropout level. output noise voltage this is the integrated value of the output noise over a specified frequency range. input voltage and output load current are kept constant during the measurement. results are expressed in  v rms or nv/ hz . disable and ground current ground current (i gnd ) is the current that flows through the ground pin when the regulator operates with a load on its output. this consists of internal ic operation, bias, etc. it is actually the difference between the input current (measured through the ldo input pin) and the output load current. if the regulator has an input pin that reduces its internal bias and shuts off the output (enable/disable function), this term is called the disable current (i dis ). line regulation the change in output voltage for a change in input voltage. the measurement is made under conditions of low dissipation or by using pulse techniques such that the average junction temperature is not significantly affected. line transient response typical output voltage overshoot and undershoot response when the input voltage is excited with a given slope. load transient response typical output voltage overshoot and undershoot response when the output current is excited with a given slope between no ? load and full ? load conditions. thermal protection internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum junction temperature is exceeded. when activated at typically 175 c, the regulator turns off. this feature is provided to prevent failures from accidental overheating. maximum package power dissipation the power dissipation level at which the junction temperature reaches its maximum operating value. applications information the NCP600 series regulator is self ? protected with internal thermal shutdown and internal current limit. t ypical application circuits are shown in figures 4 and 5. input decoupling (c in ) a ceramic or tantalum 1.0  f capacitor is recommended and should be connected close to the NCP600 package. higher capacitance and lower esr will improve the overall line transient response. output decoupling (c out ) the NCP600 is a stable component and does not require a minimum equivalent series resistance (esr) for the output capacitor. the minimum output decoupling value is 1.0  f and can be augmented to fulfill stringent load transient requirements. the regulator works with ceramic chip capacitors as well as tantalum devices. larger values improve noise rejection and load regulation transient response. figure 30 shows the stability region for a range of operating conditions and esr values. no ? load regulation considerations the NCP600 adjustable regulator will operate properly under conditions where the only load current is through the resistor divider that sets the output voltage. however, in the case where the NCP600 is configured to provide a 1.250 v output, there is no resistor divider. if the part is enabled under no ? load conditions, leakage current through the pass transistor at junction temperatures above 85 c can approach several microamps, especially as junction temperature approaches 150 c. if this leakage current is not directed into a load, the output voltage will rise up to a level approximately 20 mv above nominal. the NCP600 contains an overshoot clamp circuit to improve transient response during a load current step release. when output voltage exceeds the nominal by approximately 20 mv, this circuit becomes active and clamps the output from further voltage increase. tying the enable pin to v in will ensure that the part is active whenever the supply voltage is present, thus guaranteeing that the clamp circuit is active whenever leakage current is present. when the NCP600 adjustable regulator is disabled, the overshoot clamp circuit becomes inactive and the pass transistor leakage will charge any capacitance on v out . if no load is present, the output can charge up to within a few millivolts of v in . in most applications, the load will present some impedance to v out such that the output voltage will be inherently clamped at a safe level. a minimum load of 10  a is recommended.
NCP600 http://onsemi.com 12 noise decoupling the NCP600 is a low noise regulator and needs no external noise reduction capacitor. unlike other low noise regulators which require an external capacitor and have slow startup times, the NCP600 operates without a noise reduction capacitor, has a typical 15  s start up delay and achieves a 50  v rms overall noise level between 10 hz and 100 khz. enable operation the enable pin will turn the regulator on or off. the threshold limits are covered in the electrical characteristics table in this data sheet. the turn ? on/turn ? off transient voltage being supplied to the enable pin should exceed a slew rate of 10 mv/  s to ensure correct operation. if the enable function is not to be used then the pin should be connected to v in . output voltage adjust the output voltage can be adjusted from 1 times (figure 4) to 4 times (figure 5) the typical 1.250 v regulation voltage via the use of resistors between the output and the adj input. the output voltage and resistors are chosen using equation 1 and equation 2. v out  1.250  1  r 1 r 2    i adj  r 1  (eq. 1) r 2  r 1 v out 1.25 1 (eq. 2) input bias current i adj is typically less than 150 na. choose r2 arbitrarily to minimize errors due to the bias current and to minimize noise contribution to the output voltage. use equation 2 to find the required value for r1. thermal as power in the NCP600 increases, it might become necessary to provide some thermal relief. the maximum power dissipation supported by the device is dependent upon board design and layout. mounting pad configuration on the pcb, the board material, and the ambient temperature affect the rate of junction temperature rise for the part. when the NCP600 has good thermal conductivity through the pcb, the junction temperature will be relatively low with high power applications. the maximum dissipation the NCP600 can handle is given by: p d(max)  t j(max) t a r  ja (eq. 3) since t j is not recommended to exceed 125 c (t j(max) ), then the NCP600 in a dfn6 package can dissipate up to 870 mw when the ambient temperature (t a ) is 25 c, and pcb area is 640 mm 2 and larger, see figure 33. the power dissipated by the NCP600 can be calculated from the following equations: p d
v in  i gnd @i out   i out  v in v out  (eq. 4) or v in(max)
p d(max)   v out  i out  i out  i gnd (eq. 5) 0 50 100 150 200 250 300 350 0 100 200 300 400 500 600 700 figure 33. r thja vs. pcb copper area pcb copper area (mm 2 ) r thja , thermal resistance junction ? to ? ambient ( c/w) tsop ? 5 (1 oz) dfn6 2x2.2 (1 oz) tsop ? 5 (2 oz) dfn6 2x2.2 (2 oz) hints v in and gnd printed circuit board traces should be as wide as possible. when the impedance of these traces is high, there is a chance to pick up noise or cause the regulator to malfunction. place external components, especially the output capacitor, as close as possible to the NCP600, and make traces as short as possible.
NCP600 http://onsemi.com 13 device ordering information device marking code version package shipping* NCP600snadjt1g lio adj tsop ? 5 (pb ? free) 3000 / tape & reel NCP600sn130t1g ljz 1.3 v NCP600sn150t1g lid 1.5 v NCP600sn180t1g lie 1.8 v NCP600sn250t1g acm 2.5 v NCP600sn280t1g lih 2.8 v NCP600sn300t1g lij 3.0 v NCP600sn330t1g lik 3.3 v NCP600sn350t1g ljr 3.5 v NCP600sn500t1g lin 5.0 v NCP600mn130r2g l2 1.3 v dfn6 (pb ? free) 3000 / tape & reel *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d.
NCP600 http://onsemi.com 14 package dimensions tsop ? 5 case 483 ? 02 issue h notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. 5. optional construction: an additional trimmed lead is allowed in this location. trimmed lead not to extend more than 0.2 from body. dim min max millimeters a 3.00 bsc b 1.50 bsc c 0.90 1.10 d 0.25 0.50 g 0.95 bsc h 0.01 0.10 j 0.10 0.26 k 0.20 0.60 l 1.25 1.55 m 0 10 s 2.50 3.00 123 54 s a g l b d h c j  0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.20 5x c ab t 0.10 2x 2x t 0.20 note 5 t seating plane 0.05 k m detail z detail z
NCP600 http://onsemi.com 15 package dimensions 6 pin dfn, 2x2.2, 0.65p case 506ba issue a notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.15 and 0.20 mm from terminal. 4. coplanarity applies to the exposed pad as well as the terminals. a b e d d2 e2 bottom view b e 6x 0.10 b 0.05 a c c k 6x note 3 2x 0.10 c pin one reference top view 2x 0.10 c 7x a a1 0.08 c 0.10 c c seating plane side view l 6x 1 3 4 6 dim min max millimeters a 0.80 1.00 a1 0.00 0.05 b 0.20 0.30 d 2.00 bsc d2 1.10 1.30 e 2.20 bsc e2 0.70 0.90 e 0.65 bsc k 0.20 ??? l 0.25 0.35 l1 0.00 0.10 l1 6x 0.58 1.36 0.96 1 0.35 0.65 pitch 2.50 6x dimensions: millimeters *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* l1 detail a l alternate terminal constructions ?? ?? package outline on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 NCP600/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCP600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X