Part Number Hot Search : 
D20400 EGFZ15K T6061A 2SC4764 L9305A RBV1504 BAR6404W GU80N03
Product Description
Full Text Search
 

To Download MT3506A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mt350 4a thru mt3516a 35 amp three phase bridge rectifier 400 to 1600 volts features ? glass passivated die construction ? general purpose 3 phase bridge rectifier applications ? high surge current capability maximum ratings ? operating temperature: -40 to +150 ? storage temperature: -40 to +150 electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 35.0a t c = 55 forward surge current(nonrepetitive) i fsm 400a peak forward voltage v fm 1.2v i fm =12a pk ,pulse measurement,rating of per diode peak reverse current i rrm 10 a pulse measurement rating of per diode inches mm dim min max min max note a 1.110 1.134 28.20 28.80 b .354 .394 9.0 10.0 c .610 .650 15.5 16.5 d .948 .988 24.10 25.10 e .944 25.00 g h .244 .251 6.20 6.40 a  
omponents 20736 marilla street chatsworth    !"# $
% !"# re vision: a 2 01 6 /01/1 5 dimensions www.mccsemi .com 1 of 3 lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) ? epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 ? ? 60hzsine wave,1cycle, ? maximum thermal resistance: 1.3 o c/w junction to case current squared time i 2 t 660a 2 s 1msMT3506A 600v mt3508a 800v mt3510a 1000v mt3512a 1200v mt3514a 1400v mt3516a 1600v
re vision: a 2 01 6 /01/1 5 www.mccsemi .com 2 of 3 characteristics(typical) 0.4 0.6 0.8 1.0 1.2 1.4 0.1 0.2 0.5 vf(v) if(a) fig3:instantaneous forward voltage 1.0 10 20 40 60 5.0 ta=25 0 io (a) tc( ) fig1:io-tc curve 50 150 100 0 10 20 30 40 50 60 70 1 0 ifsm(a) 2 5 10 20 50 100 400 600 sine wave 0 non-repetitive ta=25 fig2:surge forward current capadility number of cycles 200 0 20 40 60 80 100 0.01 0.1 1.0 10 100 voltage(%) ir(a) tj=125 tj=25 fig4:typical re verse characteristics micro commercial components m c c tm
revision: a 2016/01/15 www. mccsemi .com ***i mportant notice*** m icro comme rcial components corp. r eserve s the right to make changes wit hout further notice to any prod uct herein to m a ke corr ections, modifications , enhancements , improvement s , or other changes . micro commercial components corp . do es not assume any liabilit y a rising out of the application or use of any product described herein; neither does it c onvey any lic ense under its patent rights ,no r the rights of others . the user o f products in such applications shall assum e all r isks of such use and will agree to hold micr o commerc ia l components c orp . a nd all the comp anies who se products are r e presented on our website, h armless against all damages. ***life support*** mcc's products are not authorized for use as critical compone nts in life support devices or sy stems wit hout the e xpre ss written a pproval of micro co mmerc ial compone nts corporatio n. ***customer awareness*** count erf ei ting of semiconductor parts is a growi ng problem in the industry. micro commercial components (mcc) is taking s trong measures to protect ourselves and our customers from t he pro liferation of counterfeit parts . mcc strongly encourages custome rs to purc hase mcc parts eithe r directly from mcc or from authorized mcc distri butors who are listed by coun try on o ur web page cited below. products customers buy either from mcc dir ectly or from authorized mcc distri butors are gen uine p arts, hav e f ull traceability, meet mcc's quality standards for h andling and storage. mcc will not provide any warranty c overage or other assistance for parts bought from unaut horiz ed s ources. mcc is committed to combat this global problem and encourage our custome rs to do their part in stopping t his practice by buying direct or from autho rized distribut ors. device packing part n umber-bp bulk: 50pcs/box ;500pcs/ctn tm 3 of 3


▲Up To Search▲   

 
Price & Availability of MT3506A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X