generated 6/15/2017 - e4ea8631-c171-46f8-96fa-f0b497dc645d kemet part number: MPCG1040LR45 (upib1040lr4500) power, mpcg, 450 nh, 20% dimensions chip size 4539 l 11.5mm max w 10mm +/-0.3mm t 4mm max ll 2.1mm nom g 3.5mm +/-0.5mm packaging specifications packaging: t&r, 330mm packaging quantity: 500 general information style: smd chip series: mpcg description: shielded, surface mount inductor features: high speed, large current dc/ dc converter rohs: yes core: composite specifications inductance: 0.45 uh (0.1 mhz) inductance tolerance: 20% temperature range: -20/+120c shielded: yes current: 27000 mamps (isat, 20% drop in inductance), 25000 mamps (irms, 40c rise by self heating) dc resistance: 1.1 mohms ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
|