Part Number Hot Search : 
B25667 2SC5831 331ME 20240 C5042 4060743 MAZY110 RF2373
Product Description
Full Text Search
 

To Download MBRB20100CT-4W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr(f,b)2090ct & mbr(f,b)20100ct www.kersemi.com 1 features ? trench mos schottky technology ? lower power losses, high efficiency ? low forward voltage drop ? high forward surge capability ? high frequency operation ? meets msl level 1, per j-std-020, lf maximum peak of 245 c (for to-263ab package) ? solder bath temperature 275 c maximum, 10 s, per jesd 22-b106 (for to-220ab and ito-220ab package) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. mechanical data case: to-220ab, ito-220ab, to-263ab molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs comp liant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 2 x 10 a v rrm 90 v, 100 v i fsm 150 a v f 0.65 v t j max. 150 c case pin 2 pin 1 pin 3 to-220ab mbr2090ct mbr20100ct mbrb2090ct mbrb20100ct pin 1 pin 2 k heatsink 1 2 3 1 2 k pin 2 pin 1 pin 3 mbrf2090ct mbrf20100ct ito-220ab tmbs ? to-263ab 1 2 3 maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr2090ct mbr20100ct unit maximum repetitive peak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current at t c = 133 c total device per diode i f(av) 20 10 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 150 a non-repetitive avalanche energy at t j = 25 c, l = 60 mh per diode e as 130 mj peak repetitive reverse current at t p = 2 s, 1 khz, t j = 38 c 2 c per diode i rrm 0.5 a voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction and storage temperature range t j , t stg - 65 to + 150 c isolation voltage (ito-220ab only) from terminal to heatsink t = 1 min v ac 1500 v mbr(f,b)2090ct & mbr(f,b)20100ct vishay general semiconductor document number: 89033 revision: 24-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 new product dual common-cathode high-voltage schottky rectifier features ? trench mos schottky technology ? lower power losses, high efficiency ? low forward voltage drop ? high forward surge capability ? high frequency operation ? meets msl level 1, per j-std-020, lf maximum peak of 245 c (for to-263ab package) ? solder bath temperature 275 c maximum, 10 s, per jesd 22-b106 (for to-220ab and ito-220ab package) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high frequency rectifier of switching mode power supplies, freewheeling diodes, dc-to-dc converters or polarity protection application. mechanical data case: to-220ab, ito-220ab, to-263ab molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs comp liant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 2 x 10 a v rrm 90 v, 100 v i fsm 150 a v f 0.65 v t j max. 150 c case pin 2 pin 1 pin 3 to-220ab mbr2090ct mbr20100ct mbrb2090ct mbrb20100ct pin 1 pin 2 k heatsink 1 2 3 1 2 k pin 2 pin 1 pin 3 mbrf2090ct mbrf20100ct ito-220ab tmbs ? to-263ab 1 2 3 maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr2090ct mbr20100ct unit maximum repetitive peak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current at t c = 133 c total device per diode i f(av) 20 10 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 150 a non-repetitive avalanche energy at t j = 25 c, l = 60 mh per diode e as 130 mj peak repetitive reverse current at t p = 2 s, 1 khz, t j = 38 c 2 c per diode i rrm 0.5 a voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction and storage temperature range t j , t stg - 65 to + 150 c isolation voltage (ito-220ab only) from terminal to heatsink t = 1 min v ac 1500 v
mbr(f,b)2090ct & mbr(f,b)20100ct www.kersemi.com 2 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol value unit maximum instantaneous forward voltage per diode (1) i f = 10 a i f = 10 a i f = 20 a t c = 25 c t c = 125 c t c = 125 c v f 0.80 0.65 0.75 v maximum reverse current per diode at working peak reverse voltage (2) t j = 25 c t j = 100 c i r 100 6.0 a ma thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance per diode r ja r jc 60 2.0 - 3.5 60 2.0 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab mbr20100ct-e3/4w 1.88 4w 50/tube tube ito-220ab mbrf20100ct-e3/4w 1.75 4w 50/tube tube to-263ab mbrb20100ct-e3/4w 1.38 4w 50/tube tube to-263ab mbrb20100ct-e3/8w 1.38 8w 800/reel tape and reel figure 1. forward current derating curve 0 4 8 12 20 0 50 100 150 16 case temperat u re (c) a v erage for w ard c u rrent (a) resisti v e or ind u cti v e load mbrf mbr & mbrb figure 2. maximum non-repetitive peak forward surge current per diode 40 60 100 8 0 140 120 160 1 100 10 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) new product mbr(f,b)2090ct & mbr(f,b)20100ct vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 89033 revision: 24-jun-09 2 notes (1) pulse test: 300  s pulse width, 1 % duty cycle (2) pulse test: pulse width d 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t c = 25 c unless otherwise noted) parameter test conditions symbol value unit maximum instantaneous forward voltage per diode (1) i f = 10 a i f = 10 a i f = 20 a t c = 25 c t c = 125 c t c = 125 c v f 0.80 0.65 0.75 v maximum reverse current per diode at working peak reverse voltage (2) t j = 25 c t j = 100 c i r 100 6.0 a ma thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance per diode r t ja r t jc 60 2.0 - 3.5 60 2.0 c/w ordering information (example) package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab mbr20100ct-e3/4w 1.88 4w 50/tube tube ito-220ab mbrf20100ct-e3/4w 1.75 4w 50/tube tube to-263ab mbrb20100ct-e3/4w 1.38 4w 50/tube tube to-263ab mbrb20100ct-e3/8w 1.38 8w 800/reel tape and reel figure 1. forward current derating curve 0 4 8 12 20 0 50 100 150 16 case temperat u re (c) a v erage for w ard c u rrent (a) resisti v e or ind u cti v e load mbrf mbr & mbrb figure 2. maximum non-repetitive peak forward surge current per diode 40 60 100 8 0 140 120 160 1 100 10 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
mbr(f,b)2090ct & mbr(f,b)20100ct www.kersemi.com 3 figure 3. typical instantaneous forw ard characteristics per diode figure 4. typical reverse characteristics per diode figure 5. typical junction capacitance per diode 0 0.2 0.1 0.5 1.0 0.4 0.3 1 100 10 0.01 0.1 0.6 0.7 0. 8 0.9 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 150 c t j = 125 c t j = 25 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent (ma) 20 10 100 40 60 8 0 1 10 0.01 0.1 100 0.001 30 50 70 90 t j = 150 c t j = 125 c t j = 25 c 1 10 100 1000 10 000 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1 mhz v sig = 50 m v p-p figure 6. typical transient thermal impedance per diode figure 7. typical transient thermal impedance per diode 0.01 10 1 100 10 100 0.1 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbr(b) 0.1 10 1 100 1 10 0.001 0.1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbrf 0.01 new product mbr(f,b)2090ct & mbr(f,b)20100ct vishay general semiconductor document number: 89033 revision: 24-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 figure 3. typical instantaneous forw ard characteristics per diode figure 4. typical reverse characteristics per diode figure 5. typical junction capacitance per diode 0 0.2 0.1 0.5 1.0 0.4 0.3 1 100 10 0.01 0.1 0.6 0.7 0. 8 0.9 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 150 c t j = 125 c t j = 25 c percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent (ma) 20 10 100 40 60 8 0 1 10 0.01 0.1 100 0.001 30 50 70 90 t j = 150 c t j = 125 c t j = 25 c 1 10 100 1000 10 000 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1 mhz v sig = 50 m v p-p figure 6. typical transient thermal impedance per diode figure 7. typical transient thermal impedance per diode 0.01 10 1 100 10 100 0.1 0.1 1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbr(b) 0.1 10 1 100 1 10 0.001 0.1 t - p u lse d u ration (s) transient thermal impedance (c/ w ) j u nction to case mbrf 0.01
mbr(f,b)2090ct & mbr(f,b)20100ct www.kersemi.com 4 package outline dimensions to-220ab 0.113 (2. 8 7) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) 0.415 (10.54) max. 0.635 (16.13) 0.625 (15. 8 7) pi n 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.02 8 (0.70) 0.154 (3.91) 0.14 8 (3.74) 1 3 2 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) 0.404 (10.26) 0.3 8 4 (9.75) 0.076 ref. (1.93) ref. 45 ref. 0.600 (15.24) 0.5 8 0 (14.73) pi n 0.560 (14.22) 0.530 (13.46) 0.025 (0.64) 0.015 (0.3 8 ) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4. 8 5) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.076 ref. (1.93) ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 7 ref. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.190 (4. 8 3) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54) 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 7 ref. 0.110 (2.79) 0.100 (2.54) 0.02 8 (0.71) 0.020 (0.51) ito-220ab 3 2 1 0.105 (2.67) 0.095 (2.41) to-263ab mountin g pad layout 0.670 (17.02) 0.591 (15.00) 0.105 (2.67) 0.095 (2.41) 0.0 8 (2.032) mi n . 0.15 (3. 8 1) mi n . 0.33 ( 8 .3 8 ) mi n . 0.42 (10.66) mi n . 12 k k 0.140 (3.56) 0.110 (2.79) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0 to 0.01 (0 to 0.254) 0.055 (1.40) 0.047 (1.19) 0.055 (1.40) 0.045 (1.14) 0.190 (4. 8 3) 0.160 (4.06) 0.205 (5.20) 0.195 (4.95) 0.624 (15. 8 5) 0.591 (15.00) 0.037 (0.940) 0.027 (0.6 8 6) 0.105 (2.67) 0.095 (2.41) 0.360 (9.14) 0.320 ( 8 .13) 0.411 (10.45) 0.3 8 0 (9.65) 0.245 (6.22) mi n . new product mbr(f,b)2090ct & mbr(f,b)20100ct vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 89033 revision: 24-jun-09 4 package outline dimensions in inches (millimeters) to-220ab 0.113 (2. 8 7) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) 0.415 (10.54) max. 0.635 (16.13) 0.625 (15. 8 7) pi n 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.02 8 (0.70) 0.154 (3.91) 0.14 8 (3.74) 1 3 2 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) 0.404 (10.26) 0.3 8 4 (9.75) 0.076 ref. (1.93) ref. 45 ref. 0.600 (15.24) 0.5 8 0 (14.73) pi n 0.560 (14.22) 0.530 (13.46) 0.025 (0.64) 0.015 (0.3 8 ) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4. 8 5) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.076 ref. (1.93) ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 7 ref. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.190 (4. 8 3) 0.170 (4.32) 0.110 (2.79) 0.100 (2.54) 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 7 ref. 0.110 (2.79) 0.100 (2.54) 0.02 8 (0.71) 0.020 (0.51) ito-220ab 3 2 1 0.105 (2.67) 0.095 (2.41) to-263ab mountin g pad layout 0.670 (17.02) 0.591 (15.00) 0.105 (2.67) 0.095 (2.41) 0.0 8 (2.032) mi n . 0.15 (3. 8 1) mi n . 0.33 ( 8 .3 8 ) mi n . 0.42 (10.66) mi n . 12 k k 0.140 (3.56) 0.110 (2.79) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0 to 0.01 (0 to 0.254) 0.055 (1.40) 0.047 (1.19) 0.055 (1.40) 0.045 (1.14) 0.190 (4. 8 3) 0.160 (4.06) 0.205 (5.20) 0.195 (4.95) 0.624 (15. 8 5) 0.591 (15.00) 0.037 (0.940) 0.027 (0.6 8 6) 0.105 (2.67) 0.095 (2.41) 0.360 (9.14) 0.320 ( 8 .13) 0.411 (10.45) 0.3 8 0 (9.65) 0.245 (6.22) mi n .


▲Up To Search▲   

 
Price & Availability of MBRB20100CT-4W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X