Part Number Hot Search : 
TDA8139 62000 M62714ML SM7512SG 00800 CMPZ4693 DSP563 68000
Product Description
Full Text Search
 

To Download LMD800-0120-C2A0-7030000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  clm-ds23 rev 0 e cree ? lmd800 led module driver pro duc t d escrip tion cree ? l e d modules provide lighting designers and manufacturers with simple, easy-to-adopt l e d lighting solutions that reduce luminaire development time and speed time-to-market. the cree ? lmd800 led module driver is specifcally designed to work with the cree lmh2 8000 -lumen light source to jump-start the design process for recessed downlights, wall sconces or pendant lights in demanding end markets such as retail, museums, hospitality and restaurants. fe atures ? input voltage: 120?277?v ? 0/1? 10?v dimming support ? optimized for cree lmh2 8000 -lm light sources ? e nables california title 24 compliance t able o f cont e nts order code ................................................... 2 characteristics - lmd800 120- to 277 -v 0/1? 10?v dimming driver ............................ 2 dimming ...................................................... 2 mechanical dimensions ............................. 2 wiring diagrams .......................................... 4 thermal design ........................................... 5 e mergency battery operation .................... 5 safety and regulatory notes ...................... 5 packaging .................................................... 6 led mo dule drive r d ata sheet copyright ? 2014-2016 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree ? and xlamp ? are registered trademarks and the cree logo is a trademark of cree, inc. ul ? and the ur logo are registered trademarks of ul llc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www. cr ee. c om/x lamp
2 o rde r code nominal input voltage (v a c) frequency (hz) t ypical o utput current (ma) dimming o rder code 120-277 50/60 2000 0/1?10?v LMD800-0120-C2A0-7030000 chara c teristic s - lmd800 120- to 277 - v 0/1-10?v di mm ing driver order code: LMD800-0120-C2A0-7030000 characteristics unit minimum t ypical maximum input voltage range v ac 108 305 input power w 105 130 output current ma 2000 output voltage v 28 54 driver effciency (@ 55?c) ? with lmh2 8000?lm light source % 90 power factor - with lmh2 8000 - lm light source 0.95 dimming current @ 120?v ma .05 dimming current @ 277?v ma .05 le d driver case temperature c -40 75 ? 3? d models (.step fles) for the lmd800 led module driver are available on the cree website by selecting the documentation tab on the lmh2 product page . dimming the lmh2 8000?lm light source can use the lmd800 led module driver with 0/1 ?10?v dimming. driver i nput voltage dimming lowest light level LMD800-0120-C2A0-7030000 120?277?v 0/1?10?v 1% mech anical dimensions physical characteristics of the lmd800 driver physical characteristic lmd800 120- to 277-v driver weight (g) 440 maximum height (mm) 47 maximum length (mm) 160 maximum width (mm) 63 copyright ? 2014-2016 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree ? and xlamp ? are registered trademarks and the cree logo is a trademark of cree, inc. ul ? and the ur logo are registered trademarks of ul llc. lmd800 led mo dule driver
3 lmd800 120- to 277-v driver 1 1 dimensions for all the diagrams are in mm and are for reference only. for exact dimensions and tolerances, refer to the 3 ? d models (.step fles) for the lmd800 driver available by selecting the documentation tab on the lmh2 product page . 50 23 wire l = 150mm typ. 8 tc 6-32 mounting studs 61.6 50.8 160 14.4 39 63 47 50 23 wire l = 150mm typ. 8 tc 6-32 mounting studs 61.6 50.8 160 14.4 39 63 47 copyright ? 2014-2016 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree ? and xlamp ? are registered trademarks and the cree logo is a trademark of cree, inc. ul ? and the ur logo are registered trademarks of ul llc. lmd800 led mo dule driver
4 wiring diagra ms electrical connection lmh2 led module operation is accomplished by connecting the ac mains to the two (2) lead wires (line and neutral) from the driver and connecting the driver output wires to the input leads on the cree lmh2 light source, as indicated in the following wiring diagram. the led module driver lead wires are 150?mm long, 18?awg with the ends stripped 10?mm. lmd800 120- to 277 - v driver wiring s train relief lmd800 l e d module drivers must not be suspended directly by the leads. though the wiring from the lmd800 le d module driver is internally strain relieved, additional strain relief methods must be employed if the luminaire is to be suspended solely by the wiring, as in a pendant luminaire. copyright ? 2014-2016 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree ? and xlamp ? are registered trademarks and the cree logo is a trademark of cree, inc. ul ? and the ur logo are registered trademarks of ul llc. lmd800 led mo dule driver
5 therm al design expected lmd800 lifetime versus t emperature at t c point expected o peration life (hours) t c (c) @ 25?c room a mbient lmd800 120- to 277-v 0/1-10?v dimming driver 50,000 75 emergenc y battery o peration the lmd800 l e d module driver is a constant- current supply. interrupting the driver current with a battery supply is an acceptable method of emergency or power outage operation. an acceptable installation should also include a switching mechanism that prevents the battery power from entering the driver through the dc output leads. confrming backup power supply compatibility is the responsibility of the luminaire manufacturer or installer. please refer to the backup power supply manufacturers instructions for installation and further product information. s afety and regul atory n otes the following table shows the safety and regulatory certifcations for the lmd800 led module driver. lmd800 120- to 277 -v a c driver s tandard file number safety ul/cul recognized (ul8750) e333437 l vle for us and canada ul C damp rated air handling (plenum) 5va fame rating en 61347-1 en 61347-2-13 ce sel v equivalent ip-20 e lectromagnetic compatibility en 55015 e1/2014/60038 iec 61000-3-2 iec 61000-3-3 iec 61547 fcc 47 cfr part 15 class b/ ices 03 e1/2014/60036c e1/2014/60037 regulatory ieee c.62.41? 1991 class a (surge) ne ma 410 e nvironmental rohs copyright ? 2014-2016 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree ? and xlamp ? are registered trademarks and the cree logo is a trademark of cree, inc. ul ? and the ur logo are registered trademarks of ul llc. lmd800 led mo dule driver
6 s afety certifcation together, the lmh2 light source combined with the lmd800 l e d module driver is suitable for damp locations; covered ceilings. final luminaire designs should go through safety certifcation as required, which is the responsibility of the luminaire manufacturer. p a c kaging lmd800 120- to 277C v le d module drivers are packaged in boxes of 5, which are then combined in cartons of 5 boxes, or 25 lmd800 120- to 277C v drivers. box and carton sizes are as follows. box of 5 lmd800 120- to 277 -v le d module drivers: 490 x 235 x 90 mm carton of 5 lmd800 120- to 270 -v driver boxes: 510 x 510 x 255 mm copyright ? 2014-2016 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree ? and xlamp ? are registered trademarks and the cree logo is a trademark of cree, inc. ul ? and the ur logo are registered trademarks of ul llc. lmd800 led mo dule driver


▲Up To Search▲   

 
Price & Availability of LMD800-0120-C2A0-7030000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X