Part Number Hot Search : 
2SC2826 2SC2826 2SC2826 P8203T 2SJ116 28C256 28C256 SKY65
Product Description
Full Text Search
 

To Download LD1117A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd ld1117/a linear integrated circuit www.unisonic.com.tw 1 of 15 copyright ? 2011 unisonic technologies co., ltd qw-r102-006.ac low drop fixed and adjustable positive voltage regulators ? description the utc ld1117/a is a low dropout, 3-terminal positive voltage regulator designed to provide output current up to 800ma/1a, there are adjustable version (v ref =1.25v) and various fixed versions. ? features * low dropout voltage * suitable for scsi-2 active termination if v out set to 2.85v * output current up to 0.8a for 1117 and 1.0a for 1117a * built-in current limit and ov er temperature protection * available in 1%(at 25 c) and 2% in all temperature range * low current consumption * support mlcc lead-free: ld1117l-xx / LD1117Al-xx halogen-free: ld1117g-xx / LD1117Ag-xx ? ordering information ordering number normal lead free halogen free package d pin assignment packing ld1117 c -xx-aa3- d - e ld1117 c l-xx-aa3- d - e ld1117 c g-xx-aa3- d - e sot-223 ld1117 c -xx-ab3- d - e ld1117 c l-xx-ab3- d - e ld1117 c g-xx-ab3- d - e sot-89 ld1117 c -xx-ta3- d - e ld1117 c l-xx-ta3- d - e ld1117 c g-xx-ta3- d - e to-220 ld1117 c -xx-tf3- d - e ld1117 c l-xx-tf3- d - e ld1117 c g-xx-tf3- d - e to-220f ld1117 c -xx-tn3- d - e ld1117 c l-xx-tn3- d - e ld1117 c g-xx-tn3- d - e to-252 ld1117 c -xx-tq2- d - e ld1117 c l-xx-tq2- d - e ld1117 c g-xx-tq2- d - e to-263 ld1117 c -xx-tq3- d - e ld1117 c l-xx-tq3- d - e ld1117 c g-xx-tq3- d - e to-263-3 a: goi b: ogi c: gio d: igo ld1117 c -xx-s08- d - e ld1117 c l-xx-s08- d - e ld1117 c g-xx-s08- d - e sop-8 gooixoox r: tape reel t: tube note: pin assignment: i:v in o:v out g:gnd/adj
ld1117/a linear integrated circuit unisonic technologies co., ltd 2 of 15 www.unisonic.com.tw qw-r102-006.ac ? marking information package voltage code marking sot-89 sot-223 to-220 to-220f to-252 to-263 to-263-3 12 :1.2v 15 :1.5v 18 :1.8v 25 :2.5v 2j :2.85v 30 :3.0v 33 :3.3v 36 :3.6v 50 :5.0v ad :adj note: current code: blank: 0.8a a: 1a ? pin configuration of sop-8 1 nc v in gnd/ adj v out v out v out v out nc 2 3 4 5 6 7 8
ld1117/a linear integrated circuit unisonic technologies co., ltd 3 of 15 www.unisonic.com.tw qw-r102-006.ac ? block diagram
ld1117/a linear integrated circuit unisonic technologies co., ltd 4 of 15 www.unisonic.com.tw qw-r102-006.ac ? absolute maximum ratings (t a =25c) parameter symbol ratings unit dc input voltage v in 18 v power dissipation p d internally limited junction temperature t j +150 c storage temperature t stg -65 ~ +150 c note absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only an d functional device operat ion is not implied. ? recommended operating ratings parameter symbol ratings unit input voltage v in 15 v operating junction temperature range t j 0 ~ +125 c ? thermal data parameter symbol ratings unit sot-223 165 c/w sot-89 180 c/w sop-8 150 c/w to-252 112 c/w to-220 54 c/w junction to ambient to-263 ja 64 c/w sot-223 15 c/w sot-89 50 c/w sop-8 20 c/w to-252 12 c/w to-220 4 c/w junction to case to-263 jc 4 c/w
ld1117/a linear integrated circuit unisonic technologies co., ltd 5 of 15 www.unisonic.com.tw qw-r102-006.ac ? electrical characteristics (ta=25c, refer to the test circuits, t j =0 to 125c, co=10 f unless otherwise specified) for ld1117/a-1.2 parameter symbol test conditions min. typ. max. unit output voltage v out v in =3.2v, i out =10ma, t j =25 c 1.176 1.200 1.224 v output voltage v out v in =2.7 to 8v ld1117 : i out =10~800ma LD1117A : i out =10~1000ma 1.176 1.200 1.224 v line regulation v out v in =2.7 to 8v, i out =10ma 1 6 mv load regulation v out v in =2.7v ld1117 : i out =10~800ma LD1117A : i out =10~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 10v 5 10 ma ld1117 800 current limit i limit v in =6.2v, t j =25c LD1117A 1000 ma minimum load current i o(min) v in =15v 2 5 ma output noise voltage en b=10hz to 10khz, t j =25c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25c, v in =4.2v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25c, 30ms pulse 0.01 0.10 %/w for ld1117/a-1.5 parameter symbol test conditions min typ max unit output voltage v out v in =3.5v, i out =10ma, t j =25c 1.470 1.500 1.530 v output voltage v out v in =3 to 8v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1.470 1.500 1.530 v line regulation v out v in =3 to 8v, i out =0ma 1 6 mv load regulation v out v in =3v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 10v 5 10 ma ld1117 800 current limit i limit v in =6.5v, t j =25 c LD1117A 1000 ma output noise voltage en b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =4.5v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w
ld1117/a linear integrated circuit unisonic technologies co., ltd 6 of 15 www.unisonic.com.tw qw-r102-006.ac ? electrical characteristics(cont.) for ld1117/a-1.8 parameter symbol test conditions min. typ. max. unit output voltage v out v in =3.8v, i out =10ma, t j =25 c 1.764 1.800 1.836 v output voltage v out v in =3.3 to 8v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1.764 1.800 1.836 v line regulation v out v in =3.3 to 8v, i out =0ma 1 6 mv load regulation v out v in =3.3v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 10v 5 10 ma ld1117 800 current limit i limit v in =6.8v, t j =25 c LD1117A 1000 ma output noise voltage en b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =5.5v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w for ld1117/a-2.5 parameter symbol test conditions min. typ. max. unit output voltage v out v in =4.5v, i out =10ma, t j =25 c 2.450 2.500 2.550 v output voltage v out v in =3.9 to 10v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 2.450 2.500 2.550 v line regulation v out v in =3.9 to 10v, i out =0ma 1 6 mv load regulation v out v in =3.9v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 10v 5 10 ma ld1117 800 current limit i limit v in =7.5v, t j =25 c LD1117A 1000 ma output noise voltage en b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =5.5v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w
ld1117/a linear integrated circuit unisonic technologies co., ltd 7 of 15 www.unisonic.com.tw qw-r102-006.ac ? electrical characteristics(cont.) for ld1117/a-2.85 parameter symbol test conditions min typ max unit output voltage v out v in =4.85v, i out =10ma, t j =25 c 2.793 2.850 2.907 v output voltage v out v in =4.25 to 10v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 2.793 2.850 2.907 v line regulation v out v in =4.25 to 10v, i out =0ma 1 6 mv load regulation v out v in =4.25v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 10v 5 10 ma ld1117 800 current limit i limit v in =7.85v, t j =25 c LD1117A 1000 ma output noise voltage en b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =5.85v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w for ld1117/a-3.0 parameter symbol test conditions min. typ. max. unit output voltage v out v in =5v, i out =10ma, t j =25 c 2.940 3.000 3.060 v output voltage v out v in =4.5 to 10v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 2.940 3.000 3.060 v line regulation v out v in =4.5 to 12v, i out =0ma 1 6 mv load regulation v out v in =4.5v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 15v 5 10 ma ld1117 800 current limit i limit v in =8v, t j =25 c LD1117A 1000 ma output noise voltage en b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =6v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w
ld1117/a linear integrated circuit unisonic technologies co., ltd 8 of 15 www.unisonic.com.tw qw-r102-006.ac ? electrical characteristics(cont.) for ld1117/a-3.3 parameter symbol test conditions min. typ. max. unit output voltage v out v in =5.3v, i out =10ma, t j =25 c 3.234 3.300 3.366 v output voltage v out v in =4.75 to 10v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 3.234 3.300 3.366 v line regulation v out v in =4.75 to 15v, i out =0ma 1 6 mv load regulation v out v in =4.75v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 15v 5 10 ma ld1117 800 current limit i limit v in =8.3v, t j =25 c LD1117A 1000 ma output noise voltage en b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =6.3v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w for ld1117/a-3.6 parameter symbol test conditions min. typ. max. unit output voltage v out v in =5.6v, i out =10ma, t j =25 c 3.528 3.600 3.672 v output voltage v out v in =5 to 10v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 3.528 3.600 3.672 v line regulation v out v in =5 to 15v, i out =0ma 1 6 mv load regulation v out v in =5v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 10 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 15v 5 10 ma ld1117 800 current limit i limit v in =8.6v, t j =25 c LD1117A 1000 ma output noise voltage e n b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =6.6v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w
ld1117/a linear integrated circuit unisonic technologies co., ltd 9 of 15 www.unisonic.com.tw qw-r102-006.ac ? electrical characteristics(cont.) for ld1117/a-5.0 parameter symbol test conditions min. typ. max. unit output voltage v out v in =7v, i out =10ma, t j =25 c 4.900 5.000 5.100 v output voltage v out v in =6.5 to 15v ld1117 : i out =0~800ma LD1117A : i out =0~1.0a 4.900 5.000 5.100 v line regulation v out v in =6.5 to 15v, i out =0ma 1 10 mv load regulation v out v in =6.5v ld1117 : i out =0~800ma LD1117A : i out =0~1000ma 1 15 mv temperature stability v out 0.5 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in i out =100ma 15 v quiescent current i q v in 15v 5 10 ma ld1117 800 current limit i limit v in =10v, t j =25 c LD1117A 1000 ma output noise voltage e n b=10hz to 10khz, t j =25 c 100 v supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in =8v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w for ld1117/a-adj parameter symbol test conditions min typ max unit reference voltage v ref v in -v out =2v, i out =10ma, t j =25 c 1.225 1.25 1.275 v reference voltage v ref v in -v out =1.4 to 10v ld1117 : i out =10~800ma LD1117A : i out =10~1000ma 1.225 1.25 1.275 v line regulation v out v in -v out =1.5 to 13.75v, i out =10ma 0.035 0.2 % load regulation v out v in -v out =3v ld1117 : i out =10~800ma LD1117A : i out =10~1000ma 0.1 0.4 % temperature stability v out 0.50 % long term stability v out 1000 hrs, t j =125 c 0.3 % operating input voltage v in 15 v adjustment pin current i adj v in 15v 60 120 a adjustment pin current change i adj v in -v out =1.4 to 10v, ld1117 : i out =10 ~ 800ma LD1117A : i out =10 ~ 1000ma 1 5 a minimum load current i o(min) v in =15v 2 5 ma ld1117 800 current limit i limit v in -v out =5v, t j =25 c LD1117A 1000 ma output noise (%vo) en b=10hz to 10khz, t j =25 c 0.003 % supply voltage rejection svr i out =40ma, f=120hz, t j =25 c, v in -v out =3v, v ripple =1vpp 60 75 db i out =100ma 1.00 1.10 i out =500ma 1.15 1.25 i out =800ma 1.20 1.30 dropout voltage v d i out =1a 1.20 1.30 v thermal regulation t a =25 c, 30ms pulse 0.01 0.10 %/w
ld1117/a linear integrated circuit unisonic technologies co., ltd 10 of 15 www.unisonic.com.tw qw-r102-006.ac ? typical applications in out utc ld1117/a-xx + + 10f 100f v in gnd/adj v out fig.1 tyncal application circuit in out utc ld1117/a-xx 10f 10f v in gnd/adj v out fig.2 tyncal application circuit (for mlcc) fig.3 negative supply
ld1117/a linear integrated circuit unisonic technologies co., ltd 11 of 15 www.unisonic.com.tw qw-r102-006.ac fig.4 active terminator for scsi-2 bus fig.5 circuit for increasing output voltage
ld1117/a linear integrated circuit unisonic technologies co., ltd 12 of 15 www.unisonic.com.tw qw-r102-006.ac ? application note of ld1117/a adjustable the ld1117/a adjustable has a reference voltage of between the out and adj/gnd pins. i adj is 60 a typ. (120a max.) and i adj is 1 a typ. (5a max.). r 1 is normally fixed to 120 . from figure 4 we obtain: v out =v ref +r 2 (i adj +i r1 )=v ref + r 2 (i adj +v ref /r 1 )=v ref (1+r 2 /r 1 ) + r 2 x i adj . usually r 2 value is in the range of few k ? , so the r 2 x i adj product could be neglected; then the above expression becomes: v out =v ref (1+r 2 /r 1 ) for better load regulation, realize a good kelvin connection of r 1 and r 2 is important. particularly r 1 connection must be realized very close to out and adj/gnd pin, while r 2 ground connection must be placed as near as possible to the negative load pin. ripple rejection can be improved by introducing a 10 f electrolytic capacitor placed in parallel to the r 2 resistor (see fig. 8) fig.6 adjustable output vo ltage application circuit fig.7 adjustable output voltage ap plication circuit (for mlcc) fig.8 adjustable output voltage app lication with improved ripple rejection.
ld1117/a linear integrated circuit unisonic technologies co., ltd 13 of 15 www.unisonic.com.tw qw-r102-006.ac ? typical characteristics output voltage deviation(mv) load current(ma) output voltage deviation(mv) input voltage change(v) ripple rejection (db) dropout voltage, v d (v)
ld1117/a linear integrated circuit unisonic technologies co., ltd 14 of 15 www.unisonic.com.tw qw-r102-006.ac ? typical characteristics(cont.) output voltage deveiation (%) temperature (c) load regulation short-circuit current short circuit current (a) input/output differential (v) 05 10 0 1.6 2.4 0.4 1.2 2.8 0.8 2.0 t j =25c t j =125c -0.12 -0.04 0.08 0.16 0 0.12 -0.08 -50 0 75 125 25 -25 50 100 i load =1a 0.04 reference voltge vs. temperature output voltage vs. temperautre -75 junction temperature(c) reference voltage, v ref (v) junction temperature, t j (c) -75 output voltage, v out (v) 3.20 maximum power dissipation 25 65 105 4 6 8 10 case temperature, t c (c) power (w) to-263 & to-252 sot-223 2 1.255 1.205 1.210 1.215 1.220 1.225 1.230 1.235 1.240 1.245 1.250 -25 0 25 50 75 100 125 150 175 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 -50 -25 0 25 50 75 100 125 150 175 v out =3.3v v out set with 1% resistors 45 85 125 0 output voltage vs. temperautre junction temperature, t j (c) -75 output voltage, v out (v) 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 -50 -25 0 25 50 75 100 125 150 175 v out =1.8v v out set with 1% resistors -50
ld1117/a linear integrated circuit unisonic technologies co., ltd 15 of 15 www.unisonic.com.tw qw-r102-006.ac ? typical characteristics(cont.) output voltage, v out (v) esr(ohm) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of LD1117A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X