Part Number Hot Search : 
RF101L4S K2P60D DSFT311D PAT0816 LA4535M 2SA937M KE200 MA4P604
Product Description
Full Text Search
 

To Download KP50100ATL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cosmo electronics corp. document no. 6 9p21001 .2 - 1 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? description the kp5 010 series consist of a photodarlington optically coupled to a gallium arsenide infrared - emitting diode in a 6 - pin dip package and available in wide - lead spacing and smd option. collector - emitter voltage is 300v. it features a high curre nt transfer ratio, low coupling capacitance and high isolation voltage. ? schematic 2 3 1 5 4 6 1. an ode 2. c athode 3. nc 4 . emitter 5 . collector 6. base ? features 1. current transfer ratio ( ctr min. 60 0 % at i f = 1 ma v ce = 2 v ) 2. high isolation voltage between input and output ( viso 5000vrms ) 3. pb free and rohs compliant 4. compact dual - in - line package 5. msl class 1 6. agency approvals : ? ul approved ( no. e 169586 ): ul1577 ? c - ul approved ( no. e 169586 ) ? v de approved (no. 101347): din en60747 - 5 - 5 ? fimko approved: en60065, en 60950 , en60335 ? semko approved: en60065, en60950, en60335 ? application s ? c op ie r s, automatic vending machines ? system ap pliances, measuring instruments ? telephone sets ? sig nal transmission between circuits of different potentials and impedances ? facsimile s ? interface with various power supply circuits, power distribution boards ? numerical control machines
cosmo electronics corp. document no. 6 9p21001 .2 - 2 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? outside dimension unit : mm k p 5 0 1 0 k p 5 0 1 0 s k p 5 0 1 0 h k p 5 0 1 0 l t o l e r a n c e 0 .2 m m 6 .5 0 7.6 2 0.2 5 o 1 3.0 0 2. 54 o 1 3.0 0 7. 30 3.50 1 .20 5 .08 3.00 0.40 2.70 0. 50 7 .30 0.25 1 0.0 0 0.4 1.0 0 6. 50 7 .62 0 ~ 10 0.100.1 1 .20 2. 54 3.50 2 .5 4 7 . 30 3.50 3.00 0.30 1 . 20 0 . 5 0 2 . 5 4 2.70 5 .0 8 6. 5 0 7 . 62 0 . 25 1 0. 16 0.50 0 ~ 10 0.2 0.25 6. 5 0 7. 6 2 1 0. 1 6 0 .9 0 0. 25 0. 90 0 . 25 1 1. 8 0 + 0 .2 - 0 .5 7 .30 5.0 8 1.2 0 3.50 2.5 4 1 .d u a l-in -lin e typ e . 2 .s u rfa ce m o u n t typ e . 3 .l o n g c re e p a g e d ista n ce typ e 4 .l o n g c re e p a g e d ista n ce fo r s u rfa ce m o u n t typ e . ? device marking notes: cosmo 501 0 yww y: year c ode / ww: week c ode cosmo 5010 yww
cosmo electronics corp. document no. 6 9p21001 .2 - 3 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? absolute maximum ratings (ta=25 ) parameter symbol rating unit input forward current i f 50 ma peak forward cu rrent i fm 1 a reverse voltage v r 6 v power dissipation p d 70 mw output collector - emitter voltage v ceo 300 v collector - base voltage v cbo 300 v emitter - base voltage v ebo 6 v collector current i c 150 ma collector power dissipation p c 200 mw tota l power dissipation p tot 200 mw isolation voltage 1 minute v iso 5000 vrms operating temperature t opr - 55 to +1 15 storage temperature t stg - 55 to +125 soldering temperature 10 seconds t sol 260 ? electro - optical characteristics (ta=25 ) parameter symbol conditions m in . t yp . m ax . unit input forward voltage v f i f =2 0ma - 1.2 1 . 4 v peak forward voltage v fm i fm =0.5a - - 3. 5 v reverse current i r v r =4 v - - 10 a terminal capacitance c t v=0, f=1khz - 30 - pf output collector dark current i ceo v ce =2 0 0v - - 1.0 a transfer charac - teristics current transfer ratio ctr i f = 1 ma, v ce =2 v 60 0 - 90 00 % collector - emitter saturation v ce(sat) i f = 20 ma, i c = 5 ma - - 1.5 v isolation resistance r iso dc500v 5x10 10 - - floating capacitance c f v=0, f=1mhz - 0.6 1.0 pf cut - off frequency f c v cc =5v, i c =2ma, r l =100 - 7 - khz response time ( rise ) t r v ce =2v, i c =2 0 ma, r l =100 - 60 300 s response time ( fall ) t f - 50 250 s
cosmo electronics corp. document no. 6 9p21001 .2 - 4 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler classification table of current transfer ratio is shown below. kp 50 10 model no. ctr ( % ) kp5010 a 60 0 ~ 20 00 kp5010 b 150 0 ~ 40 00 kp5010 c 300 0 ~ 60 00 kp 5010 d 500 0 ~ 90 00 kp5010 e 60 0 ~ 90 00 fig.1 current transfer ratio vs. forward current current transfer ratio ctr ( % ) 1000 0 2000 5000 3000 4000 10 0.5 0.1 0.2 5 1 2 ta=25'c v =2v ce forward current i f (ma) fig.2 collector power dissipation vs. ambient temperature fig.3 collector dark current vs. ambient temperature collector power dissipation p c ( mw ) 25 0 -55 50 0 100 125 75 50 200 150 250 115 collector dark current i ceo ( a ) -8 10 -55 0 25 10 -11 10 -10 -9 10 v =200v 10 -7 10 -6 10 -5 75 50 115 ce ambient temperature ta ( ) ambient temperature ta ( ) fig.4 forward current vs. ambient temperature fig.5 forward current vs. forward voltage forward current i f ( ma ) 60 10 -55 0 20 0 25 30 40 50 50 75 115 125 forward current i f ( ma ) 500 1.8 -25 1.6 1.2 1.0 1.4 20 2 5 10 50 ta=75 c 50 100 200 c 2.4 2.0 2.2 c c 25 c 0 1 am bient temperature ta ( ) forward voltage v f (v)
cosmo electronics corp. document no. 6 9p21001 .2 - 5 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler fig.6 collector current vs. collector - emitter voltage fig.7 relative current transfer ratio vs. ambient temperature collector current i c (ma) 0 0 1 2 0.5ma 3 4 1ma 5 3ma 200 i =10ma 100 f 5ma ta=25'c 1.5ma 2ma 2.5ma relative current tra nsfer ratio ( % ) - 2 5 0 0 5 0 2 5 5 0 1 1 5 7 5 i = 1 m a v = 2 v 1 5 0 1 0 0 f c e collector - emitter voltage v ce (v) ambient temperature ta ( ) fig.8 collector - emitter saturation voltage vs. forward current fig. 9 response time vs. load resistance collector - emitter saturati on voltage v ce ( v ) ta=25 c 3 1 0 0 1 2 2 3 4 50ma 70ma 100ma 4 5 10ma 30ma ic=5ma 5 response time ( us ) 0 . 1 1 0 0 0 . 0 1 1 2 5 1 0 2 0 5 0 v c e = 2 v i c = 2 0 m a t a = 2 5 5 0 0 2 0 0 c 1 1 0 t f t r forward current i f (ma) load resistance r l (k )
cosmo electronics corp. document no. 6 9p21001 .2 - 6 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? test circuit f or response time vce tr tf 90% 10% r vcc vce i f i f l
cosmo electronics corp. document no. 6 9p21001 .2 - 7 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? recommended sol dering conditions (a) infrared reflow soldering ? peak reflow soldering ? time of peak reflow temperature ? time of temperature higher than 230 ? time to preheat t emperature from 180~190 ? time(s) of reflow ? flux 2 60 or below (package surface temperature) 1 0 sec 30 - 60 sec 60 - 120 sec two rosin flux containing small amount of chlorine (the f lux with a maximum chlorine content of 0.2 wt% is recommended.) recommended temperature profile of infrared reflow 1 8 0 1 9 0 2 3 0 2 6 0 6 0 -1 2 0 s e c 3 0 -6 0 s e c t (s ) temperature 1 0 s e c m a x . (b) wave soldering ? temperature ? time ? preheating conditions ? t ime ( s ) of reflow ? flux 260 or below (molten solder temperature) 10 seconds or less 120 or below (package surface temperature) one rosin flux containing small amount of chlorine (the flux with a maximum chlori ne content of 0.2 wt% is recommended.) (c) cautions ? fluxes avoid removing the residual flux with f reon - based and chlorine - based cleaning solvent . ? avoid shorting between portion of frame and leads.
cosmo electronics corp. document no. 6 9p21001 .2 - 8 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? numbering system k p501 0 x y (z) note s: k p50 1 0 = part no. x = lead f orm option ( 0 , 2 , 3 , 6 ) y = ctr rank option ( a~ e ) z = tape and r eel option ( tl,tr, tld,tru) option description packing quantity 2 (tl ) surface mount type package + tl tape & reel option 1 000 un its per reel 2 (tr ) surface mount type pa ckage + tr tape & reel option 1 000 un its per reel 6 (tld) long creepage distance for surface mount type package + tld tape & reel option 1 000 un its per reel 6 (tru) long creepage distance for surface mount type package + tru tape & reel option 1 000 un i ts per reel ? recommended pad l ayout for s urface m ount l ead f orm u nit : mm 2.long creepage distance for surface mount type. 6 pin smd 6 pin l 1.surface mount type.
cosmo electronics corp. document no. 6 9p21001 .2 - 9 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? 6 - pin smd c arrier t ape & r eel tolerance 0.2mm
cosmo electronics corp. document no. 6 9p21001 .2 - 10 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? 6 - pin l c arrier t ape & r eel tolerance 0.2mm tld tru 7.6 12.0 4.0 2.0 1.8 11.5 240.3 12.2 4.15 0.4 5
cosmo electronics corp. document no. 6 9p21001 .2 - 11 - http://www.cosmo - ic.com cosmo k p501 0 series 6pin photodarlington photocoupler ? application n otice the content of datasheet is the guidance for product use only. cosmo takes no responsibility to the accuracy of the information provided here. for continuously improving all of products, including quality, reliability, function...etc., cosmo reserves the right to cha nge the specification, characteristics, data, materials, and structure of products without notice. please contact with cosmo to obtain the latest specification. it would be required to comply with the absolute maximum ratings listed in the specification. cosmo has no liability and responsibility to the damage caused by improper use of the products. cosmo products are intended to be designed for use in general electronics application list below: a. personal c omputer b. oa machine c. audio / video d. inst rumentation e. electrical a pplication f. measurement equipment g. consumer electronics h. telecommunication cosmo devices shall not be used or related with equipment requiring higher level of quality / reliability, or malfunction, or failure which may ca use loss of human life, bodily injury, includes, without limitation: a. medical and other life supporting equipments b. space application c. telecommunication equipment (trunk lines) d. nuclear power control e. equipment used for automotive vehicles, train s, ships...etc. this publication is the property of cosmo. no part of this publication may be reproduced or copied in any form or any means electronically or mechanically for any purpose, in whole or in part without any written permission expressed fr o m cosmo.


▲Up To Search▲   

 
Price & Availability of KP50100ATL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X