Part Number Hot Search : 
74HC75P TYN625 BLF041S 39K2FKR3 LTC31 MK2704S MBT555 07401
Product Description
Full Text Search
 

To Download KF9N50P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2013. 5. 03 1/7 semiconductor technical data KF9N50P/f n channel mos field effect transistor revision no : 1 general description this planar stripe mosfet has better characteristics, such as fast switching time, low on resistance, low gate charge and excellentavalanche characteristics. it is mainly suitable for electronic ballast and switching mode power supplies. features h v dss(min.) = 500v, i d = 9a h r ds(on) =0.75 ? (max) @v gs =10v h qg(typ.) =19nc maximum rating (tc=25 ? ) * : drain current limited by maximum junction temperature. g d s characteristic symbol rating unit KF9N50P kf9n50f drain-source voltage v dss 500 v gate-source voltage v gss ? 30 v drain current @t c =25 ? i d 9 9* a @t c =100 ? 5.5 5.5* pulsed (note1) i dp 24 24* single pulsed avalanche energy(note 2) e as 200 mj repetitive avalanche energy(note 1) e ar 4 mj peak diode recovery dv/dt(note 3) dv/dt 4.5 v/ns drain power dissipation tc=25 ? p d 125 41 w derate above25 ? 1.0 0.33 w/ ? maximum junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? thermal characteristics thermal resistance, junction-to-case r thjc 1.0 3.05 ? /w thermal resistance, junction-to-ambient r thja 62.5 62.5 ? /w dim millimeters to-220ab 1.46 a bc d e f gh j k m no 0.8 0.1 + _ 2.8 0.1 + _ 2.54 0.2 + _ 1.27 0.1 + _ 1.4 0.1 + _ 13.08 0.3 + _ 3.6 0.2 + _ + _ 9.9 0.2 + _ 9.2 0.2 + _ 4.5 0.2 + _ 2.4 0.2 15.95 max 1.3+0.1/-0.05 0.5+0.1/-0.05 3.7 1.5 a f b j g k m l l e i i o c h nn q d q p p 1. gate2. drain 3. source 123 to-220is (1) a a b b c c d d e e f f g g h h 1.47 max1.47 max j j k k l m l n nn o o q r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ * single gauge lead frame pin connection kf9n50f KF9N50P downloaded from: http:///
2013. 5. 03 2/7 KF9N50P/f revision no : 1 electrical characteristics (tc=25 ? ) characteristic symbol test condition min. typ. max. unit static drain-source breakdown voltage bv dss i d =250  a, v gs =0v 500 - - v breakdown voltage temperature coefficient  bv dss /  t j i d =250  a, referenced to 25 ? - 0.5 - v/ ? drain cut-off current i dss v ds =500v, v gs =0v, - - 10  a gate threshold voltage v th v ds =v gs , i d =250  a 2.5 - 4.5 v gate leakage current i gss v gs = ? 30v, v ds =0v - - ? 100 na drain-source on resistance r ds(on) v gs =10v, i d =4.5a - 0.64 0.75 ? dynamic total gate charge q g v ds =400v, i d =9a v gs =10v (note4,5) - 19 - nc gate-source charge q gs - 4.5 - gate-drain charge q gd - 7.5 - turn-on delay time t d(on) v dd =250v, i d =9a r g =25 ? (note4,5) v gs =10v - 25 - ns turn-on rise time t r - 30 - turn-off delay time t d(off) - 50 - turn-off fall time t f - 30 - input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz - 890 - pf output capacitance c oss - 120 - reverse transfer capacitance c rss - 10 - source-drain diode ratings continuous source current i s v gs 2013. 5. 03 3/7 KF9N50P/f revision no : 1 normalized breakdown voltage bv dss gate - source voltage v gs (v) fig1. i d - v ds drain - source voltage v ds (v) drain current i d (a) 10 0 10 -1 10 1 68 41 0 2 fig2. i d - v gs fig3. bv dss - t j fig4. r ds(on) - i d -100 -50 0.8 0.9 1.21.1 1.0 05 0 100 150 drain current i d (a) drain current i d (a) on - resistance r ds(on) ( ) fig5. i s - v sd 0.2 0.4 0.8 1.0 1.2 0.6 1.4 1.6 1.8 reverse drain current i s (a) 1.40.6 0.2 0.4 0.8 1.21.0 08 41 2 6 21 0 junction temperature tj ( ) c source - drain voltage v sd (v) 10 0 10 -1 10 1 10 2 fig6. r ds(on) - t j junction temperature t j ( ) 0 50 -100 -50 100 150 normalized on resistance 0.0 0.5 3.02.5 1.0 1.5 2.0 c v gs =10v i d = 4.5a v gs = 0v i ds = 250 100 c 25 c 11 0 0 0.1 10 0.1 1 10 100 v gs =10v v gs =10v v gs =6v v ds =30v v gs =5v 100 c 25 c v gs =7v downloaded from: http:///
2013. 5. 03 4/7 KF9N50P/f revision no : 1 drain current i d (a) gate - charge q g (nc) drain - source voltage v ds (v) 0 1210 62 4 8 28 32 12 4 20 16 24 8 0 fig8. q g - v gs fig9. safe operation area gate - source voltage v gs (v) 10 1 10 2 10 1 10 -1 10 0 10 0 10 -2 10 2 10 3 drain current i d (a) drain - source voltage v ds (v) fig10. safe operation area 0 62 4 1210 8 75 150 125 50 100 02 5 drain current i d (a) (KF9N50P) i d =9a c junction temperature t j ( ) fig11. i d - t j v ds = 400v t c = 25 t j = 150 single pulse c c fig 7. c - v ds drain - source voltage v ds (v) capacitance (pf) 1 10 100 1000 10000 0 5 15 25 35 10 20 30 40 c rss c oss c iss dc 10ms 1ms 100 s operation in this area is limited by r ds(on) 10 1 10 2 10 1 10 -1 10 0 10 0 10 -2 10 2 10 3 t c = 25 t j = 150 single pulse c c operation in this area is limited by r ds(on) (kf9n50f) 10 s dc 10ms 1ms 100 s 10 s downloaded from: http:///
2013. 5. 03 5/7 KF9N50P/f revision no : 1 time (sec) fig12. transient thermal response curve transient thermal resistance time ( sec ) fig13. transient thermal response curve transient thermal resistance 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 10 -2 10 -1 10 0 (KF9N50P) duty=0.5 0.02 0.05 0.1 0.2 0.01 singl e pulse - duty factor, d= t 1 /t 2 t j(max) - t c - r thjc = p d t 1 t 2 p dm 10 -5 10 -3 10 -2 10 -1 10 0 10 1 10 -4 10 -2 10 -1 10 0 10 (kf9n50f) duty=0. 5 0.02 0.05 0.1 0.2 0. 01 singl e pul se - duty factor, d= t 1 /t 2 t j(max) - t c - r thjc = p d t 1 t 2 p dm downloaded from: http:///
2013. 5. 03 6/7 KF9N50P/f revision no : 1 fig14. gate charge i d i d v ds v gs v gs v ds v gs 1.0 ma fast recovery diode 10v 10 v 25 r l q g q gd q gs q t p fig16. resistive load switching fig15. single pulsed avalanche energy v ds (t) i d (t) v ds v gs 10 v 25 l time e as = li as 2 bv dss - v dd bv dss 12 v dd i as bv dss v ds v gs t r t d(off) t off t d(on) t on t f 10% 90% 50v 0.8 v dss 0.5 v dss downloaded from: http:///
2013. 5. 03 7/7 KF9N50P/f revision no : 1 fig17. source - drain diode reverse recovery and dv /dt i f i s v ds v sd i sd (dut) v ds (dut) v gs 10v driver dut body diode recovery dv/dt body diode forword voltage drop body diode forword current body diode reverse current di/dt v dd i rm 0.5 v dss downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of KF9N50P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X