Part Number Hot Search : 
60CT15VI PE4602 B6549506 4400A MJF1800 P6KE39 BAT160A T1005
Product Description
Full Text Search
 

To Download IRFZ34A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRFZ34A bv dss = 60 v r ds(on) = 0.04 w i d = 30 a 60 30 21.2 120 20 463 30 7.7 5.5 77 0.52 - 55 to +175 300 1.94 -- 62.5 -- 0.5 -- avalanche rugged technology rugged gate oxide technology lower input capacitance improved gate charge extended safe operating area 175 c operating temperature lower leakage current: 10 m a (max.) @ v ds = 60v lower r ds(on) : 0.030 w (typ.) $gydqfhg 3rzhu 026)(7 thermal resistance junction-to-case case-to-sink junction-to-ambient r q jc r q cs r q ja c/w characteristic max. units symbol typ. features absolute maximum ratings drain-to-source voltage continuous drain current (t c =25 c) continuous drain current (t c =100 c) drain current-pulsed (1) gate-to-source voltage single pulsed avalanche energy (2) avalanche current (1) repetitive avalanche energy (1) peak diode recovery dv/dt (3) total power dissipation (t c =25 c) linear derating factor operating junction and storage temperature range maximum lead temp. for soldering purposes, 1/8 from case for 5-seconds characteristic value units symbol i dm v gs e as i ar e ar dv/dt i d p d t j , t stg t l a v mj a mj v/ns w w/ c a c v dss v to-220 1.gate 2. drain 3. source 3 2 1 ?1999 fairchild semiconductor corporation rev. b
IRFZ34A 60 -- 2.0 -- -- -- -- -- 0.057 -- -- -- -- -- 355 140 18 16 58 58 41 8.6 17.7 -- -- 4.0 100 -100 10 100 0.04 -- 1350 410 165 40 40 120 120 54 -- -- 21.3 1040 -- -- -- 75 0.2 30 120 1.6 -- -- notes; (1) repetitive rating: pulse width limited by maximum junction temperature (2) l=0.6mh, i as =30a, v dd =25v, r g =27 w , starting t j =25 c (3) i sd 30a, di/dt 300a/ m s, v dd bv dss , starting t j =25 c (4) pulse test: pulse width = 250 m s, duty cycle 2% (5) essentially independent of operating temperature 1&+$11(/ 32:(5 026)(7 electrical characteristics (t c =25 c unless otherwise specified) drain-source breakdown voltage breakdown voltage temp. coeff. gate threshold voltage gate-source leakage , forward gate-source leakage , reverse characteristic symbol max. units typ. min. test condition static drain-source on-state resistance forward transconductance input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time total gate charge gate-source charge gate-drain ( miller ) charge g fs c iss c oss c rss t d(on) t r t d(off) t f q g q gs q gd bv dss d bv/ d t j v gs(th) r ds(on) i gss i dss v v/ c v na m a w w pf ns nc -- -- -- -- -- -- -- -- -- -- -- -- -- v gs =0v,i d =250 m a i d =250 m a see fig 7 v ds =5v,i d =250 m a v gs =20v v gs =-20v v ds =60v v ds =48v,t c =150 c v gs =10v,i d =15a (4) v ds =30v,i d =15a (4) v dd =30v,i d =30a, r g =12 w see fig 13 (4) (5) v ds =48v,v gs =10v, i d =30a see fig 6 & fig 12 (4) (5) drain-to-source leakage current v gs =0v,v ds =25v,f =1mhz see fig 5 source-drain diode ratings and characteristics continuous source current pulsed-source current (1) diode forward voltage (4) reverse recovery time reverse recovery charge i s i sm v sd t rr q rr characteristic symbol max. units typ. min. test condition -- -- -- -- -- a v ns m c integral reverse pn-diode in the mosfet t j =25 c,i s =30a,v gs =0v t j =25 c,i f =30a di f /dt=100a/ m s (4)
IRFZ34A 10 -1 10 0 10 1 10 0 10 1 10 2 @ n otes : 1 . 250 m s p ulse test 2 . t c = 25 o c v gs top : 1 5 v 1 0 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v bott om : 4.5 v i d , drain current [a] v ds , drain-source voltage [v] 0. 40. 60. 81. 01. 21. 41. 61. 82. 02. 22. 42. 6 10 0 10 1 10 2 17 5 o c 25 o c @ note s : 1. v gs = 0 v 2. 2 50 m s puls e t est i dr , reverse drain current [a] v sd , source-drain voltage [v] 10 0 10 1 0 500 100 0 150 0 200 0 c iss = c gs + c gd ( c ds = s horte d ) c oss = c ds + c gd c rss = c gd @ n otes : 1 . v gs = 0 v 2 . f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 0 1020304050 0 5 10 v ds = 48 v v ds = 30 v v ds = 12 v @ note s : i d = 30. 0 a v gs , gate-source voltage [v] q g , total gate charge [nc] 246810 10 -1 10 0 10 1 10 2 25 o c 17 5 o c - 55 o c @ note s : 1. v gs = 0 v 2. v ds = 30 v 3. 2 50 m s puls e t est i d , drain current [a] v gs , gate-source voltage [v] 0 25 50 75 100 125 0.0 1 0.0 2 0.0 3 0.0 4 0.0 5 @ n ote : t j = 25 o c v gs = 20 v v gs = 10 v r ds(on) , [ w ] drain-source on-resistance i d , drain current [a] 1&+$11(/ 32:(5 026)(7 fig 1. output characteristics fig 2. transfer characteristics fig 6. gate charge vs. gate-source voltage fig 5. capacitance vs. drain-source voltage fig 4. source-drain diode forward voltage fig 3. on-resistance vs. drain current
IRFZ34A -75 -50 -25 0 25 50 75 100 125 150 175 200 0.8 0.9 1.0 1.1 1.2 @ n otes : 1 . v gs = 0 v 2 . i d = 250 m a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] -7 5-5 0-2 5 0 25 50 75 10 012 515 017 520 0 0. 5 1. 0 1. 5 2. 0 2. 5 @ note s : 1. v gs = 10 v 2. i d = 15 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 10 3 dc 100 m s 1 m s 10 ms @ n otes : 1 . t c = 25 o c 2 . t j = 175 o c 3 . si ngle puls e ope rati on i n thi s ar ea is limi ted by r ds(on) i d , drain current [a] v ds , drain-source voltage [v] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 single pulse 0.2 0.1 0.01 0.02 0.05 d=0.5 @ notes : 1. z q jc (t)=1.94 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm -t c =p dm *z q jc (t) z q jc (t) , thermal response t 1 , square wave pulse duration [sec] 25 50 75 10 012 515 017 5 0 10 20 30 40 i d , drain current [a] t c , case temperature [ o c] 1&+$11(/ 32:(5 026)(7 fig 7. breakdown voltage vs. temperature fig 8. on-resistance vs. temperature fig 11. thermal response fig 10. max. drain current vs. case temperature fig 9. max. safe operating area p dm t 1 t 2
IRFZ34A 1&+$11(/ 32:(5 026)(7 fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as =l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v out 10% 90% t d(on) t r t on t off t d(off) t f charge v gs 10v q g q gs q gd vary t p to obtain required peak i d 10v v dd c l l v ds i d r g t p dut bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) 10v v out v in r l dut r g 3ma v gs current sampling (i g ) resistor current sampling (i d ) resistor dut v ds 300nf 50k w 200nf 12v same type as dut current regulator r 1 r 2
IRFZ34A 1&+$11(/ 32:(5 026)(7 fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + -- l i s driver v gs r g same type as dut v gs dv/dt controlled by r g i s controlled by duty factor d v dd 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward voltage drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period --------------------------
trademarks acex? coolfet? crossvo l t? e 2 cmos tm f act? f act quiet series? f ast ? f as t r? g t o? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy f airchilds products are not authorized for use as critical components in life suppo r t devices or systems without the express written appro v al of f airchild semiconduc t or corpor a tion. as used herein: isoplanar? microwire? pop? power t rench? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 t inylogic? 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the bod y , or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the use r . 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to a f fect its safety or e f fectiveness. product s t a tus definitions definition of t erms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconducto r . the datasheet is printed for reference information onl y . formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein to improve reliabilit y , function or design. fairchild does not assume any liability arising out of the applic a tion or use of any product or circuit described herein; neither does it convey any license under its pa tent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of IRFZ34A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X