Part Number Hot Search : 
SK8050 MAX038 21210 2N167A SK8GD126 SG6520 3223C D7677
Product Description
Full Text Search
 

To Download IN75232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN75232 eia-232-d interface 1 chip ic description the IN75232n, IN75232d, IN75232tds are monolithic device containing 3 independent drives and 5 receivers. these are designed to interface between date terminal equipment and date communication equipment as designed by eia-232- d. v cc- ra5 dy3 ra4 dy2 dy1 ra3 ra2 ra1 v cc+ 10 9 8 7 6 5 4 3 2 1 11 12 13 14 15 16 17 18 19 20 gnd ry5 da3 ry4 da2 da1 ry3 ry2 ry1 v cc block d iagram i l75232n , i l75232d features ? meets standard eia-232-d (revision of rs-232-c) ? designed to support data rate up to 120kbps ? drivers - current limited output 10 ma typical - power-off output impedance 300 min - slew rate control by load capacitor - flexible supply voltage range - input compatible with most ttl and dtl circuits ? receivers - input resistance 3 k to 7 k - input signal range 30 v - built-in input hysteresis (double threshold) ? the transmitter outputs and receiver inputs are protected to 15kv air esd. IN75232n , IN75232d , IN75232tds pin description name pin no function name pin no function v cc+ 1 driver section supply + v cc- 10 driver section supply - da1 16 dy1 5 da2 15 dy2 6 driver output da3 13 driver input dy3 8 v cc 20 receiver section supply gnd 11 ground ra1 2 ry1 19 ra2 3 ry2 18 ra3 4 receiver input ry3 17 receiver output ra4 7 ry4 14 ra5 9 ry5 12 rev. 01
IN75232 absolute maximum ratin gs symbol parameter rating unit v cc+ supply voltage 15 v v cc- supply voltage -15 v v cc supply voltage 10 v vi (driver) input voltage -15 ~7 v vi (reciver) input voltage 30 v vo (driver) output voltage -15 ~15 v pt continuous power dissipation (below 25 o c) 1.0 w o c t stg storage temperature -65 ~150 o c top operating temperature 0 ~75 schematic v cc- 300 70 6.2 8.2 70 7 10 3.6 v cc+ da dy driver receive r 10 2 4 2 5 9 v cc da dy rev. 01
IN75232 rev. 01 electrical characteristics supply current v cc = 5v, t a = 25 o c symbol parameter test conditions min max unit i cc+ supply current v cc+ = 9 v v in = 1.9v 15 ma from v cc+ no load v in = 0.8v 4.5 v cc+ = 12 v v in = 1.9v 19 no load v in = 0.8v 5.5 v cc+ = 15 v v in = 1.9v 25 no load v in = 0.8v 9 i cc- supply current v cc- = -9 v v in = 1.9v -15 ma from v cc- no load v in = 0.8v -3.2 v cc- = -12 v v in = 1.9v -19 no load v in = 0.8v -3.2 v cc- = -15 v v in = 1.9v -25 no load v in = 0.8v -3.2 i cc supply current v cc = 5 v v in = 5.0v 30 ma from v cc driver section symbol parameter test conditions min max unit v ih high level v cc+ = 9 v 1.9 v input voltage v cc- = -9 v v il low level 0.8 v input voltage v oh high level v il = 0.8v v cc+ = 9 v 6 v output voltage rl = 3 k v cc- = -9 v v cc+ = 13.2 v 9 v cc- = -13.2 v v ol low level v ih = 1.9v v cc+ = 9 v -6 v output voltage rl = 3 k v cc- = -9 v v cc+ = 13.2 v -9 v cc- = -13.2 v i ih high level v i = 5v 10 a input current i il low level v i = 0 -1.6 ma input current i os(h) short circuit v i = 0.8v -6 -12 ma output current v o = 0 at high level i os(l) short circuit v i = 1.9v 6 12 ma output current v o = 0 at low level r o output resistance, v cc+ = 0, v cc- = 0 300 power off v o = -2v to 2v
IN75232 rev. 01 driver switching characteristic v cc+ = 9v, v cc- = -9v t a = 25 o c symbol parameter test conditions min max unit t plh propagation delay time, rl = 3 k 500 ns low-to-high-level output cl = 15 f t phl propagation delay time, 175 ns high -to- low -level output see figure 1 t tlh transition time, 100 ns low-to-high-level output * t thl transition time, 75 ns high -to- low -level output* t tlh transition time, rl = 3 k to 7 k 2.5 s low-to-high-level output** cl = 2500 f (tip) t thl transition time, 3.0 s high-to-low -level output** see figure 1 (tip) *- measured between 10 % and 90 % points of output waveform ** - measured between +3v and -3v points on the output waveform (eia-232-d condition) receiver section symbol parameter test conditions min max unit vt+ positive-going 1.75 2.25 v threshold voltage vt- negative-going 0.75 1.25 v threshold voltage v oh high level output v i = 0.75v, i ol = - 0.5ma 2.6 5 v voltage input open, 2.6 5 i ol = -0.5 ma v ol low level output voltage v i = 3v, i ol = 10 ma 0.45 v i ih high-level input current v i = 25v 3.6 8.3 ma v i = 3v 0.43 i il low-level input current v i = -25v -3.6 -8.3 ma v i = -3v -0.43 i os short-circuit -3 ma output current (tip) receiver switching characteristic v cc = 5v symbol parameter test conditions min max unit t plh propagation delay time, c l = 15 f 150 ns low-to-high-level output r l = 3.9 k t phl propagation delay time, c l = 15 f 50 ns high -to- low -level output r l = 390 k t tlh transition time, c l = 15 f 175 ns low-to-high-level output r l = 3.9 k t thl transition time, c l = 15 f 20 ns high -to- low -level output r l = 390 k
IN75232 parameter measurement information driver c l r l test circuit output pulse generator (see note a) reseive r v cc c l r1 test circuit output ( see note c ) pulse generator (see note a) voltage waveform intput 50% 50% 1.5v 1.5v 3v v ol v oh ov 10ns t phl t plh t tlh t thl output t w =25 s, voltage waveform intput 1.5v 1.5v 50% 10% 10% 90% 90% 50% 3v v ol v oh ov 10ns t phl t plh t tlh t thl output note a. the pulse generator has the following characteristics. f = 200 khz, z o = 50 b. c included probe and jig capacitance. c. all diodes are 1n3064 or equivalent. fig1. propagation and transition times typical application db95 si o card rev. 01 i la75232n , d 9 8 6 7 5 4 3 2 1 uart IN75232n,d +5v +12v dcd /dcd dsr /dsr rx sin rts /rts tx so u t cts /cts dtr /dtr ri /ri -12v
IN75232 rev. 01 n suffix plastic dip (ms - 001ad) symbol min max a 24.89 26.92 b 6.1 7.11 c 5.33 d 0.36 0.56 f 1.14 1.78 g h j 0 10 k 2.92 3.81 notes: l 7.62 8.26 1. dimensions ?a?, ?b? do not include mold flash or protrusions. m 0.2 0.36 maximum mold flas h or protrus ions 0.25 mm (0.010) per s ide. n 0.38 d suffix soic (ms - 013ac) symbol min max a 12.6 13 b 7.4 7.6 c 2.35 2.65 d 0.33 0.51 f 0.4 1.27 g h notes: j 0 8 1. dimensions a and b do not include mold flash or protrusion. k 0.1 0.3 2. maximum mold flash or protrusion 0.15 mm (0.006) per side m 0.23 0.32 for a; for b ? 0.25 mm (0.010) per s ide. p 10 10.65 r 0.25 0.75 dimens ion, mm 1.27 9.53 dimens ion, mm 2.54 7.62 a b h c k c m j f m p g d r x 45 seating plane 0.25 (0.010) m t -t- 1 20 10 11 l h m j a b f g d seating plane n k 0.25 (0.010) m t -t- c 1 20 10 11
IN75232 tssop-20 rev. 01


▲Up To Search▲   

 
Price & Availability of IN75232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X