design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) a0.2 w l ( ) reference size 0 d0.5 h b0.2 (i) k (p) (i) + ? 0.3 max. pressure relief ( 0 10 and larger) 22 fc j capacitance (f) rated voltage code series identi?cation lot number negative polarity marking (?) mark for lead-free products (black dot) frequency correction factor for ripple current dimensions marking surface mount type series : fc type : v high temperature lead-free refl ow (suffix : a ? ) category temperature range ?40 c to +105 c rated voltage range 6.3 v.dc to 35 v.dc capacitance range 1 f to 1500 f capacitance tolerance 20 % (120 hz/+20 c) leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) dissipation factor (tan d ) please see the attached characteristics list characteristics at low temperature v.dc 6.3 10 16 25 35 (impedance ratio at 120 hz) z(?25 c) / z(+20 c) 22222 z(?40 c) / z(+20 c) 33333 endurance after applying rated working voltage for 1000 hours at +105 c2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change within 20 % of the initial value tan d < 200 % of the initial limit dc leakage current within the initial limit shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance.(with voltage treatment) resistance to soldering heat after re? ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change within 10 % of the initial value tan d within the initial limit dc leakage current within the initial limit aec-q200 aec-q200 compliant ha fc low impedance size code 0 d l a, b h i w p k b 4.0 5.4 -0.2 4.3 5.5 max. 1.8 0.650.1 1.0 0.35 -0.20 c 5.0 5.4 -0.2 5.3 6.5 max. 2.2 0.650.1 1.5 0.35 -0.20 d 6.3 5.4 -0.2 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 -0.20 e 8.0 6.20.3 8.3 9.5 max. 3.4 0.650.1 2.2 0.35 -0.20 f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.2 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.2 +0.1 +0.1 +0.1 +0.15 +0.15 +0.15 +0.15 frequency (hz) 50, 60 120 1 k 10 k 100 k to correction factor 0.70 0.75 0.90 0.95 1.00 example : 6.3 v.dc 22 f marking color : black (unit : mm) endurance : 105 c 1000 h low impedance (1/2 for ha series) vibration-proof product is available upon request. ( 0 8 mm and larger) rohs compliant features specifi cations r. voltage (v.dc) 6.3 10 16 25 35 code j acev mar. 2016 02
design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors (smd type) endurance : 105 c 1000 h rated voltage (v.dc) cap. (20 %) (f) case size (mm) size code speci? cation part no. re? ow min. packaging q'ty 0 dl ripple current (100 khz) (+105 c) (ma r.m.s.) impedance (100 khz) (+20 c) ( ) tan d (120 hz) (+20 c) taping (pcs) 6.3 22 4 5.4 b 60 3.00 0.26 eeefc0j220ar (5) 2000 47 5 5.4 c 95 1.80 0.26 eeefc0j470ar (5) 1000 68 6.3 5.4 d 140 1.00 0.26 eeefc0j680ap (5) 1000 100 6.3 5.4 d 140 1.00 0.26 eeefc0j101ap (5) 1000 220 8 6.2 e 230 0.40 0.26 eeefc0j221ap (6) 1000 330 8 10.2 f 450 0.30 0.26 eeefc0j331ap (6) 500 1000 10 10.2 g 670 0.15 0.26 eeefc0j102ap (6) 500 1500 10 10.2 g 670 0.15 0.26 eeefc0j152ap (6) 500 10 33 5 5.4 c 95 1.80 0.19 EEEFC1A330AR (5) 1000 100 8 6.2 e 230 0.40 0.19 eeefc1a101ap (6) 1000 150 8 6.2 e 230 0.40 0.19 eeefc1a151ap (6) 1000 220 8 10.2 f 450 0.30 0.19 eeefc1a221ap (6) 500 470 10 10. 2 g 670 0.15 0.19 eeefc1a471ap (6) 500 1000 10 10.2 g 670 0.15 0.19 eeefc1a102ap (6) 500 16 10 4 5.4 b 60 3.00 0.16 eeefc1c100ar (5) 2000 22 5 5.4 c 95 1.80 0.16 eeefc1c220ar (5) 1000 47 6.3 5.4 d 140 1.00 0.16 eeefc1c470ap (5) 1000 68 8 6.2 e 230 0.40 0.16 eeefc1c680ap (6) 1000 100 8 6.2 e 230 0.40 0.16 eeefc1c101ap (6) 1000 2 2 0 10 10. 2 g 670 0.15 0.16 eeefc1c221ap (6) 500 3 3 0 10 10. 2 g 670 0.15 0.16 eeefc1c331ap (6) 500 470 10 10. 2 g 670 0.15 0.16 eeefc1c471ap (6) 500 6 8 0 10 10. 2 g 670 0.15 0.16 eeefc1c681ap (6) 500 25 6.8 4 5.4 b 60 3.00 0.14 eeefc1e6r8ar (5) 2000 22 6.3 5.4 d 140 1.00 0.14 eeefc1e220ap (5) 1000 33 6.3 5.4 d 140 1.00 0.14 eeefc1e330ap (5) 1000 47 8 6.2 e 230 0.40 0.14 eeefc1e470ap (6) 1000 68 8 10.2 f 450 0.30 0.14 eeefc1e680ap (6) 500 100 8 10.2 f 450 0.30 0.14 eeefc1e101ap (6) 500 2 2 0 10 10. 2 g 670 0.15 0.14 eeefc1e221ap (6) 500 3 3 0 10 10. 2 g 670 0.15 0.14 eeefc1e331ap (6) 500 470 10 10. 2 g 670 0.15 0.14 eeefc1e471ap (6) 500 35 14 5.4b 603.000.12 eeefc1v1r0ar (5) 2000 2.2 4 5.4 b 60 3.00 0.12 eeefc1v2r2ar (5) 2000 3.3 4 5.4 b 60 3.00 0.12 eeefc1v3r3ar (5) 2000 4.7 4 5.4 b 60 3.00 0.12 eeefc1v4r7ar (5) 2000 6.8 5 5.4 c 95 1.80 0.12 eeefc1v6r8ar (5) 1000 10 5 5.4 c 95 1.80 0.12 eeefc1v100ar (5) 1000 22 6.3 5.4 d 140 1.00 0.12 eeefc1v220ap (5) 1000 33 8 6.2 e 230 0.40 0.12 eeefc1v330ap (6) 1000 47 8 6.2 e 230 0.40 0.12 eeefc1v470ap (6) 1000 10 0 10 10. 2 g 670 0.15 0.12 eeefc1v101ap (6) 500 2 2 0 10 10. 2 g 670 0.15 0.12 eeefc1v221ap (6) 500 3 3 0 10 10. 2 g 670 0.15 0.12 eeefc1v331ap (6) 500 please refer to the page of ?re? ow pro? le? and ?the taping dimensions?. when requesting vibration-proof product, please put the last ?v? instead to ?p? characteristics list mar. 2016 02
|