Part Number Hot Search : 
55C6V BD533 JBT6N81S MBR101 NE587 D1005 212BC CS5521
Product Description
Full Text Search
 

To Download C420C472B3G5TA7200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 1 benefts ? a xial leaded form factor ? c onformally coated ? operating temperature range of ?55c to +125c ? l ead (pb)-free, rohs and reach compliant ? d c voltage ratings of 25 v, 50 v, 100 v, 200 v and 250 v ? capacitance offerings ranging from 1.0 pf up to 0.1 f ? a vailable capacitance tolerances of 0.1 pf, 0.25 pf, 0.5 pf, 1%, 2%, 5%, and 10% ? e xtremely low esr and esl ? h igh thermal stability ? h igh ripple current capability overview kemets aximax conformally coated axial leaded ceramic capacitors in c0g dielectric feature a 125c maximum oper ating temperature. the electronics industries alliance (eia) characterizes c0g dielectric as a class i stable material. components of this classifcation are temper ature compensating and are suited for resonant circuit applications or those where q and stability of capacitance characteristics are required. c0g exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. capacitance change is limited to 30ppm/oc from ?55c to +125c. these devices meet the fame test requirements outlined in ul standar d 94vC0. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 25 C 250 vdc (commercial grade) ordering information c 410 c 472 j 5 g 5 t a 7200 ceramic style/ size specifcation/ series capacitance code (pf) capacitance tolerance 1 rated voltage (vdc) dielectric design lead finish 2 failure rate packaging (c-spec) 410 412 420 430 440 c = standard first two digits represent signifcant f gures. third d igit specifes n umber of zeros. b = 0.1 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% 3 = 25 5 = 50 1 = 100 2 = 200 a = 250 g = c0g 5 = multilayer t = 100% matte sn h = snpb (60/40) a = n/a blank = bulk 7200 = 12" reel 7293 = ammo pack 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 lead materials: standard: 100% matte tin (sn) with nickel (ni) underplate and steel core ( t designation). alternative 1: 60% tin (sn)/40% lead (pb) fnish with copper-clad steel core ( h designation). alternative 2: 60% tin (sn)/40% lead (pb) fnish with 100% copper core (available with h designation code with c-spec). contact kemet for c-spec details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 2 benefts cont'd ? n o capacitance change with respect to applied rated dc voltage ? n egligible capacitance change with respect to temperature from ?55c to +125c ? n o capacitance decay with time ? n on-polar device, minimizing installation concerns ? 100% pure matte tin-plated lead fnish allowing for excellent s olderability ? snpb-plated lead fnish option available upon request (sn60/pb40) ? encapsulation meets famability standard ul 94vC0 applications typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, fltering, transient voltage suppression, blocking and energy storage. application notes these devices are not recommended for use in overmold applications and/or processes. dimensions C inches (millimeters) l d ld 005 (0) maximum ll series style/ size l length maximum d 1 0 lead diameter ll 00l 1 c41x 410 0.170 (4.32) 0.095 (2.31) 0.020+0.001/?0.003 (0.51+0.025/?0.076) 1.0+0.001/?003 (25.4+0.025/?0.076) 412 0.170 (4.32) 0.120 (3.05) c42x 420 0.200 (5.08) 0.100 (2.5 4) c43x 430 0.240 (6.10) 0.150 (3.81) c44x 440 0.260 (6.60) 0.150 (3.81) qualifcation/certifcation commercial grade products are subject to internal qualifcation. details regarding test methods and conditions are r eferenced in table 2, performance & reliability. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 3 environmental compliance lead (pb)-free, reach and rohs compliant without exemptions when ordered with a 100% tin (sn) wire lead fnish. pr oduct ordered with tin/ lead (sn60/pb40) wire lead fnish do not meet rohs criteria. series termination finish (wire lead) rohs compliant rohs exemption code reach compliant 1 halogen free 400 (c4xx) 100% matte sn yes n/a yes yes sn60/pb40 no n/a yes yes 1 reach compliance indicates product does not contain substance/s of very high concern (svhc) electrical parameters/characteristics item parameters/characteristics operating temperature range ?55c to +125c capacitance change with reference to +25c and 0 vdc applied (tcc) 30 ppm/oc aging rate (maximum % cap loss/decade hour) 0% dielectric withstanding voltage 250% of rated voltage (51 seconds and charge/discharge not exceeding 50 ma at 25oc) dissipation factor (df) maximum limit at 25oc 0.1% insulation resistance (ir) limit at 25c 1,000 megohm microfarads or 100 g (rated voltage applied for 1205 seconds at 25c) to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: 1 m hz 100 khz and 1.0 v rms 0.2v if capacitance 1,000 pf 1 k hz 50 hz and 1.0 v rms 0.2 v if capacitance > 1,000 pf note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." post environmental limits high temperature life, biased humidity and storage life style/size rated dc voltage capacitance value dissipation factor (maximum %) capacitance shift insulation resistance c0g all all 0.5 0.3% or 0.25 pf 10% of initial limit axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 4 table 1a C c410 style/size, capacitance range waterfall these products are protected under one or more of the following united states patents and their non-us counterparts: us pat. no. 7172985; u.s. pat. no. 7670981. c410 style/size (0.095" diameter x 0.170" legnth) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 1pf b = 0.1pf c = 0.25pf d = 0.5pf 109 109 109 109 109 1.1pf 119 119 119 119 119 1.2pf 129 129 129 129 129 1.3pf 139 139 139 139 139 1.5pf 159 159 159 159 159 1.6pf 169 169 169 169 169 1.8pf 189 189 189 189 189 2.0pf 209 209 209 209 209 2.2pf 229 229 229 229 229 2.4pf 249 249 249 249 249 2.7pf 279 279 279 279 279 3.0pf 309 309 309 309 309 3.3pf 339 339 339 339 339 3.6pf 369 369 369 369 369 3.9pf 399 399 399 399 399 4.3pf 439 439 439 439 439 4.7pf 479 479 479 479 479 5.1pf 519 519 519 519 519 5.6pf 569 569 569 569 569 6.2pf 629 629 629 629 629 6.8pf 689 689 689 689 689 7.5pf 759 759 759 759 759 8.2pf 829 829 829 829 829 9.1pf 919 919 919 919 919 10pf f = 1% g = 2% j = 5% k = 10% 100 100 100 100 100 11pf 110 110 110 110 110 12pf 120 120 120 120 120 13pf 130 130 130 130 130 15pf 150 150 150 150 150 16pf 160 160 160 160 160 18pf 180 180 180 180 180 20pf 200 200 200 200 200 22pf 220 220 220 220 220 24pf 240 240 240 240 240 27pf 270 270 270 270 270 30pf 300 300 300 300 300 33pf 330 330 330 330 330 36pf 360 360 360 360 360 39pf 390 390 390 390 390 43pf 430 430 430 430 430 47pf 470 470 470 470 470 51pf 510 510 510 510 510 56pf 560 560 560 560 560 62pf 620 620 620 620 620 68pf 680 680 680 680 680 75pf 750 750 750 750 750 82pf 820 820 820 820 820 91pf 910 910 910 910 910 100pf 101 101 101 101 101 110pf 111 111 111 111 111 120pf 121 121 121 121 121 130pf 131 131 131 131 131 150pf 151 151 151 151 151 160pf 161 161 161 161 161 180pf 181 181 181 181 181 200pf 201 201 201 201 201 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 5 table 1a C c410 style/size, capacitance range waterfall cont'd these products are protected under one or more of the following united states patents and their non-us counterparts: us pat. no. 7172985; u.s. pat. no. 7670981. c410 style/size (0.095" diameter x 0.170" legnth) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 220pf f = 1% g = 2% j = 5% k = 10% 221 221 221 221 221 240pf 241 241 241 241 241 270pf 271 271 271 271 271 300pf 301 301 301 301 301 330pf 331 331 331 331 331 360pf 361 361 361 361 361 390pf 391 391 391 391 391 430pf 431 431 431 431 431 470pf 471 471 471 471 471 510pf 511 511 511 511 511 560pf 561 561 561 561 561 620pf 621 621 621 621 621 680pf 681 681 681 681 681 750pf 751 751 751 751 751 820pf 821 821 821 821 821 910pf 911 911 911 911 911 1000pf 102 102 102 102 102 1100pf 112 112 112 112 112 1200pf 122 122 122 122 122 1300pf 132 132 132 132 132 1500pf 152 152 152 152 152 1600pf 162 162 162 162 162 1800pf 182 182 182 182 182 2000pf 202 202 202 202 202 2200pf 222 222 222 222 222 2400pf 242 242 242 242 242 2700pf 272 272 272 272 272 3000pf 302 302 302 302 302 3300pf 332 332 332 332 332 3600pf 362 362 362 362 362 3900pf 392 392 392 392 392 4300pf 432 432 432 432 432 4700pf 472 472 472 472 472 5100pf 512 512 512 512 512 5600pf 562 562 562 562 562 6200pf 622 622 622 622 622 6800pf 682 682 682 682 682 7500pf 752 752 752 752 752 8200pf 822 822 822 822 822 9100pf 912 912 912 0.01f 103 103 103 0.012f 123 123 123 0.015f 153 153 153 0.018f 183 183 0.022f 223 223 0.027f 273 0.033f 333 0.039f 393 0.047f 473 rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 6 table 1b C c412 style/size, capacitance range waterfall c412 style/size (0.120" diameter x 0.170" length) rated voltage (vdc) 50 100 voltage code 5 1 capacitance capacitance tolerance capacitance code (available capacitance) 1100pf f = 1% g = 2% j = 5% k = 10% 112 112 1200pf 122 122 1300pf 132 132 1500pf 152 152 1600pf 162 162 1800pf 182 182 2000pf 202 202 2200pf 222 222 2400pf 242 242 2700pf 272 272 rated voltage (vdc) 50 100 voltage code 5 1 these products are protected under one or more of the following united states patents and their non-us counterparts: us pat. no. 7172985; u.s. pat. no. 7670981. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 7 table 1c C c420 style/size, capacitance range waterfall c420 style/size (0.100" diameter x 0.200" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 390pf f = 1% g = 2% j = 5% k = 10% 391 391 391 391 391 430pf 431 431 431 431 431 470pf 471 471 471 471 471 510pf 511 511 511 511 511 560pf 561 561 561 561 561 620pf 621 621 621 621 621 680pf 681 681 681 681 681 750pf 751 751 751 751 751 820pf 821 821 821 821 821 910pf 911 911 911 911 911 1000pf 102 102 102 102 102 1100pf 112 112 112 112 112 1200pf 122 122 122 122 122 1300pf 132 132 132 132 132 1500pf 152 152 152 152 152 1600pf 162 162 162 162 162 1800pf 182 182 182 182 182 2000pf 202 202 202 202 202 2200pf 222 222 222 222 222 2400pf 242 242 242 242 242 2700pf 272 272 272 272 272 3000pf 302 302 302 302 302 3300pf 332 332 332 332 332 3600pf 362 362 362 362 362 3900pf 392 392 392 392 392 4300pf 432 432 432 432 432 4700pf 472 472 472 472 472 5100pf 512 512 512 512 512 5600pf 562 562 562 562 562 6200pf 622 622 622 622 622 6800pf 682 682 682 682 682 7500pf 752 752 752 752 752 8200pf 822 822 822 822 822 9100pf 912 912 912 912 912 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.016f 163 163 163 0.018f 183 183 183 0.022f 223 223 223 0.027f 273 273 273 0.033f 333 333 333 0.039f 393 393 0.047f 473 473 0.056f 563 563 rated voltage (vdc) 25 50 100 200 250 voltage code 3 1 a these products are protected under one or more of the following united states patents and their non-us counterparts: us pat. no. 7172985; u.s. pat. no. 7670981. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 8 table 1d C c430 style/size, capacitance range waterfall c430 style/size (0.150" diameter x 0.240" length) rated voltage (vdc) 25 50 100 200 250 voltage code 3 5 1 2 a capacitance capacitance tolerance capacitance code (available capacitance) 1800pf f = 1% g = 2% j = 5% k = 10% 182 182 182 182 182 2000pf 202 202 202 202 202 2200pf 222 222 222 222 222 2400pf 242 242 242 242 242 2700pf 272 272 272 272 272 3000pf 302 302 302 302 302 3300pf 332 332 332 332 332 3600pf 362 362 362 362 362 3900pf 392 392 392 392 392 4300pf 432 432 432 432 432 4700pf 472 472 472 472 472 5100pf 512 512 512 512 512 5600pf 562 562 562 562 562 6200pf 622 622 622 622 622 6800pf 682 682 682 682 682 7500pf 752 752 752 752 752 8200pf 822 822 822 822 822 9100pf 912 912 912 912 912 0.01f 103 103 103 103 103 0.012f 123 123 123 123 123 0.015f 153 153 153 153 153 0.018f 183 183 183 183 183 0.022f 223 223 223 223 223 0.027f 273 273 273 0.033f 333 333 333 0.039f 393 393 393 0.047f 473 473 473 0.056f 563 563 0.068f 683 683 0.082f 823 823 0.100f 104 rated voltage (vdc) 25 50 100 200 250 voltage code 3 1 a these products are protected under one or more of the following united states patents and their non-us counterparts: us pat. no. 7172985; u.s. pat. no. 7670981. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 9 table 1e C c440 style/size, capacitance range waterfall c440 style/size (0.150" diameter x 0.260" length) rated voltage (vdc) 50 100 voltage code 5 1 capacitance capacitance tolerance capacitance code (available capacitance) 5600pf f = 1% g = 2% j = 5% k = 10% 562 562 6200pf 622 622 6800pf 682 682 7500pf 752 752 8200pf 822 822 9100pf 912 912 0.01f 103 103 0.012f 123 123 0.015f 153 153 0.015f 153 153 rated voltage (vdc) 50 100 voltage code 5 these products are protected under one or more of the following united states patents and their non-us counterparts: us pat. no. 7172985; u.s. pat. no. 7670981. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 10 soldering process recommended soldering methods: ? s older wave ? h and soldering (manual) recommended soldering profle: ? optimum wave solder profle 0 25 50 75 100 125 150 175 200 225 250 1 2 3 time (minutes) degrees ? co 4 5 6 flux zone preheat zone entrance to solder wave exit from solder wave hot air debridging exit from solder machine (time in wave ? 2 to 4 seconds) solder wave peak temperature 260oc entrance to solder machine 80oc to 120oc bottom side temperature range top side nominal 150oc maximum free air cool entrance to in-line cleaner exit from in-line cleaner (time in cleaner may be less) immersion in cleaning vapor mounting all encased capacitors will pass the resistance to soldering heat of mil-std-202, method 210, condition c. this test simulates wave solder topside board mount product. this demonstration of resistance to solder heat is in accordance with what is believed to be the industry standard. more severe treatment must be considered refective of an improper soldering pr ocess. the above fgure is a recommended solder wave profle for both axial and radial leaded ceramic capacitors. ? h and soldering (manual) ma nu al sold er profil e with pre-heating gra du al preh eat 60 ? 120 seconds recommend 2.5oc/second soldering m aximum 3 sec onds del ta t < = 120oc gra du al c ooli ng axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 11 table 2 C performance & reliability: test methods and conditions stress reference test or inspection method solderability j-std-002 magnifcation 50x. conditions: a) method a, at 235c, category 3 5 cycles (?55c to +125c), measurement at 24 hours +/?4 hours after test conclusion. biased humidity mil-std-202 method 103 load humidity, 1,000 hours 85c/85%rh and rated voltage. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. low volt humidity, 1,000 hours 85c/85%rh and 1.5 v. add 100 k ohm resistor. measurement at 24 hours +/?4 hours after test conclusion. t = 24 hours/cycle. steps 7a & 7b not required. unpowered. measurement at 24 hours +/?4 hours after test conclusion. thermal shock mil-std-202 method 107 ?55oc to +125c. note: number of cycles required = 300. maximum transfer time = 20 seconds. dwell time -15 minutes. air C air. high temperature life mil-std-202 method 108 / eia -198 1,000 hours at 125c (85c for z5u) with 1 x rated voltage applied. s torage life mil-std-202 method 108 125c, 0 vdc for 1,000 hours. vibration mil-std-202 method 204 5 g for 20 minutes, 12 cycles each of 3 orientations. note: use 8"x5" pcb .031" thick 7 condition b. no preheat of samples. note: single wave solder C procedure 2. terminal strength mil-std-202 method 211 conditions a (454g), condition c (227g) mechanical shock mil-std-202 method 213 figure 1 of method 213, condition c. resistance to solvents mil-std-202 method 215 add aqueous wash chemical C okem clean or equivalent. storage & handling the un-mounted storage life of a leaded ceramic capacitor is dependent upon storage and atmospheric conditions as well as packaging materials. while the ceramic chips enveloped under the epoxy coating themselves are quite robust in most environments, solderability of the wire lead on the fnal epoxy-coated product will be degraded by exposure to high temper atures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperature and exposure to direct sunlightCreels may soften or warp, and tape peel force may increase. kemet recommends storing the un-mounted capacitors in their original packaging, in a location away from direct sunlight, and where the temperature and relative humidity do not exceed 40 degrees centigrade and 70% respectively. for optimum solderability, capacitor stock should be used promptly, preferably within 18 months of receipt. for applications requiring pre-tinning of components, storage life may be extended if solderability is verifed. before cleaning, bonding or molding these de vices, it is important to verify that your process does not affect product quality and performance. kemet recommends testing and evaluating the performance of a cleaned, bonded or molded product prior to implementing and/or qualifying any of these processes. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 12 construction dielectric material (cazro 3 ) detailed cross section inner electrodes (ni) barrier layer (ni) external electrode (cu) finish layer (sn) epoxy encapsulation inner electrodes (ni) finish layer (sn) barrier layer (ni) external electrode (cu) epoxy encapsulation inner electrodes (ni) dielectric material (cazro 3 ) lead attach solder (sn95/sb5) core metal barrier layer finish layer alt 1 cu 60% sn 40% pb alt 2 cu ? 60% sn 40% pb lead wire std ni 100% matte sn steel marking voltage code dielectric code kemet id capacitance tolerance code capacitance code lot code date code 15 20 manufacturing y ear: 15 = 2015 manufacturing w eek: 20 = week 20 (of mfg. calendar year) axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 13 packaging quantities style/size standard bulk quantity ammo pack quantity maximum reel quantity maximum (12" reel) 410 300/box 4000 5000 412 200/box 420 300/box 430 200/box 2000 2500 440 200/box axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 14 symbol reference table a component pitch b inside tape spacing 8eti6iip4egoekmrk-rjsvqexmsr kemet offers standard reeling of molded and conformally coated axial leaded ceramic capacitors for automatic insertion or lead forming machines in accordance with eia standard 296. kemets internal specif cation four-digit suff x, 7200, is placed at the end of the part number to designate tape and reel packaging, e.g., c410c104z5u5ca7200. paper (50 lb.) test minimum is inserted between the layers of capacitors wound on reels for component pitch 0.400". capacitor lead length may extend only a maximum of .0625" (1.59 mm) beyond the tapes edges. capacitors are centered in a row between the two tapes and will deviate only 0.031" (0.79 mm) from the row center. a minimum of 36" (91.5 cm) leader tape is provided at each f nished length of taped components. universal splicing clips are used to connect the tape. table 3 C ceramic axial tape and reel dimensions metric will govern dimensions millimeters (inches) axial capacitor body diameter a 0.5 (0.020) b 1.5 (0.059)* 0.0 to 5.0 (0.0 to 0.197) 5.0 (0.197) 52.4 (2.062) * inside tape spacing dimension (b) is determined by the body diameter of the capacitor. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com c 1040_aximax_c0g ? 12/5/2016 15 kemet electronic corporation sales off ces for a complete list of our global sales off ces, please visit www.kemet.com/sales. disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet is a registered trademark of kemet electronics corporation. axial leaded multilayer ceramic capacitors aximax, 400 series, conformally coated, c0g dielectric, 50 ? 200 vdc (commercial grade)


▲Up To Search▲   

 
Price & Availability of C420C472B3G5TA7200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X