Part Number Hot Search : 
BU2620F D2011 2SA115 MBR1545 GF7NB60 SC183C UL302048 7C756T
Product Description
Full Text Search
 

To Download B32356B4205J0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors ? ac capacitors motor run capacitors series/type: b32356 ? motorcap s3 compact ordering code: b32356 date: september 2016 version: 8 ? epcos ag 2016. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prio r express consent is prohibited. epcos ag is a tdk group company. content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! please fill in the table and then change the color to "white". this ensures that the table disappears (invisible) for the customer pdf. don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it! identification/classification 1 (header 1 + top left bar): film capacitors ? ac capacitors identification/classification 2 (header 2 + bottom left header bar): motor run capacitors ordering code: (top right header bar) b32356 series/type: (bottom right header bar) b32356 ? motorcap s3 compact preliminary data (optional): department: cap rd film pd ac date: september 2016 version: 8
film capacitors ? ac capacitors b32356 motor run capacitors b32356 ? motorcap s3 compact cap rd film pd ac september 2016 please read cautions and warnings and page 2 of 7 important notes at the end of this document . construction ? metallized polypropylene film ? plastic can with plastic top ? dry type resin features ? self-healing properties ? low dissipation factor ? highest safety level s3 safety class to iec60252-1 (ed.2) am1 ? case ip53 protected ? file e 106388, component approval mark, on request ? en 60335-1 compatible applications ? for general sine wave applications, mainly as motor run capacitor terminals ? twin core cable, double insulated, 2 x 0.5 mm 2 minimum, 90 oc, h05-v2-v2-f as standard. ? twin core cable ul style on request ? receptacles on request mounting parts (optional ) ? threaded stud at bottom of can (m8, max. torque = 5 nm) ? fast fixation for mounting into a hole of ? 8 mm ? mounting in any position possible technical data and specifications reference standards en60252-1: 2014-07 iec60252-1: ed 2,2013-8,amendment 1 life expectancy to iec 60252-1 /2013 400 v: 30000 h (class a) 450 v: 10000 h (class b) safety class to iec 60252-1/ 2013 s3 ul 810 file e 106388 approved component,10000 afc protected up to 450 v (approval mark upon request) rated capacitance c r see table ordering codes, page 5 tolerance ? 5% permitted capacitance ? c/c ? 3% ? rated voltage v r 450 v ac rated frequency f r 50/60 hz
film capacitors ? ac capacitors b32356 motor run capacitors b32356 ? motorcap s3 compact cap rd film pd ac september 2016 please read cautions and warnings and page 3 of 7 important notes at the end of this document . maximum ratings maximum permissible voltage v max 1.1 v r (v r = rated voltage) maximum permissible current i max 1.3 i r (i r = rated current) test data ac test voltage terminal to terminal u tt ac test voltage terminals to can u tc 2 v r , 2 s (routine test) 2 v r , 60 s (type test) 2 kv ac, 2 s (routine test) 2 kv ac, 60 s (type test) insulation resistance r ins or time constant ? at +20 c, rel. humidity max. value 85%, annual means ? 65% 3000 s dissipation factor tan ? at +20 c ? 1.0 10 -3 (120 hz) maximum rate of voltage rise dv/dt max 10 v/ ? s climatic data climatic category 25/085/21 to iec 60068-1 lower category t min ?25 c upper category t max +85 c damp heat test t test 21 days mechanical and thermal properties ball pressure test to iec 60309-1 sec. 27.3 20 n at 125 c plastic can and top disk material ul 94 v2 min/ compliant to en60252-1/ en60335-1 ? glow wire test to iec 60695 ? 2 ? 1 / 1 test temp 550 oc for i r ? 0.5 a test temp 750 oc for i r 0.5 a self-extinguish within 2 s of withdrawing glow wire without igniting wrapping tissue to gwit ? part compliant to en 60335-1 glow wire test acc. to en60335-1:2002 +a11+a1 +a12+corr.+a2:2006, ie c60335-1 ed 4+a1+a2 self extinguish within 2 s with gwt 750 oc and within 60 s with gwfi 850 oc of withdrawing the glow wire and without igniting the wrapping tissue tracking test to iec 60112 solution a >250 v compatibility to rohs compliance to directive 2002/95/ec
film capacitors ? ac capacitors b32356 motor run capacitors b32356 ? motorcap s3 compact cap rd film pd ac september 2016 please read cautions and warnings and page 4 of 7 important notes at the end of this document . approvals vde ? 400 v/85 c: 30000 h (class a) vde ? 450 v/85 c: 10000 h (class b) approved approved ul 810 e106388 approved component 10000 afc, protected up to 450 v compliance to lv directive 2014/35/eu logistics delivery mode ? eu pallet as standard ? cardboard tape on pallet pack unit, see dimension table dimensional drawings
film capacitors ? ac capacitors b32356 motor run capacitors b32356 ? motorcap s3 compact cap rd film pd ac september 2016 please read cautions and warnings and page 5 of 7 important notes at the end of this document . ordering codes & packaging units v r v ac c r f dimensions d l mm ordering code packing units pcs. 400/450 2 25 58 B32356B4205J0#x 112 2.5 25 58 b32356b4255j0#x 112 3 30 62 b32356b4305j0#x 112 3.15 30 62 b32356b4315j5#x 112 4 30 62 b32356b4405j0#x 112 5 35 62 1 b32356b4505j0#x 84 6 35 62 b32356b4605j0#x 84 6.3 35 62 b32356b4635j0#x 84 7 35 62 b32356b4705j0#x 84 7.5 35 71 b32356b4755j0#x 84 8 35 71 b32356b4805j0#x 84 9 35 71 b32356b4905j0#x 84 10 35 71 b32356b4106j0#x 84 11 40 71 b32356b4116j0#x 60 12 40 71 b32356b4126j0#x 60 12.5 40 71 b32356b4126j5#x 60 14 45 71 b32356b4146j0#x 45 15 45 71 b32356b4156j0#x 45 16 45 96 b32356b4166j0#x 45 17.5 45 96 b32356b4176j5#x 45 18 50 96 b32356b4186j0#x 32 20 50 96 b32356b4206j0#x 32 1 in construction type, with fast fixation device, the dimension will change to 32 x 62. for plain can construction and plastic can with m8 c onstruction the dimension will remain as 35 x 62 composition of ordering code #: construction 1 plastic can 3 plastic can with m8 bolt 5 plastic can with fast fixation device, available for diameter 30 mm, 32 mm and 35 mm, others on request x: cable length (dimension ?b?, ?h? in drawing) up on request.
film capacitors ? ac capacitors b32356 motor run capacitors b32356 ? motorcap s3 compact cap rd film pd ac september 2016 please read cautions and warnings and page 6 of 7 important notes at the end of this document . display of ordering codes for epcos products the ordering code for one and the same product can be represented differently in data sheets, data books, other publications and the website of epcos, or in order-related documents such as shipping notes, order confirmations and product labels. the varying representations of the ordering codes are due to different processes employed and do not affect the specifications of the respective products . detailed information can be found on the internet under www.epcos.com/orderingcodes cautions and warnings u please read ?applications warning, installation and maintenance instructions? and the ?general safety data sheet for power capacitors? issued by zvei, which are available on the internet at www.epcos.com/ac_capacitors , to ensure optimum performance and to prevent products from failing, and in worst case, bursting and fire. information given in the data sheet reflects typical specifications. you are kindly requested to approve our product specifications or request our approval for your specification before ordering.
important notes cap rd film pd ac september 2016 please read cautions and warnings and page 7 of 7 important notes at the end of this document . the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. as a rule, epcos is either unfamiliar with individual cu stomer applications or less familiar with them than the customers themselves. for these reasons , it is always ultimately incumbent on the customer to check and decide whether an epcos product with the properties described in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must theref ore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our material data sheets on the internet (www.epcos.com/material). should you have any more detailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current version of the ?general terms of delivery for products and services in the electrical industry? published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, ceradiode, ceralink, ceraplas, csmp, cssp, ctvs, deltacap, digisimic, dssp, filtercap, formfit, miniblue, minicell, mkd, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simic, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks.


▲Up To Search▲   

 
Price & Availability of B32356B4205J0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X