Part Number Hot Search : 
12063 BP082 1N5059 SMBJ20 25616 TC1901 16244 1RSA2
Product Description
Full Text Search
 

To Download ATS-51250D-C1-R0-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev - 040517 bga heat sink - high performance maxiflow/maxigrip-low profile *image above is for illustration purpose only. ats part#: ats-51250d-c1-r0 description: 25.00 x 25.00 x 9.50 mm bga heat sink - high performance maxiflow/maxigrip- low profile heat sink type: maxiflow heat sink attachment: maxigrip equivalent part number: ats-51250d-c2-r0 discontinued features & benefits maxiflow? design features a low profile, spread fin array that maximizes surface area for more effective convection (air) cooling maxigrip? attachment applies steady, even pressure to the component and does not require holes in the pcb meets telcordia gr-63-core office vibration; etsi 300 019 transportation vibration; and mil-std-810 shock and unpackaged drop testing standards comes preassembled with high performance, phase changing, thermal interface material designed for low profile components from 1.5 to 2.99mm thermal performance air velocity @200 lfm 1.0 m/s @300 lfm 1.5 m/s @400 lfm 2.0 m/s @500 lfm 2.5 m/s @600 lfm 3.0 m/s @700 lfm 3.5 m/s @800 lfm 4.0 m/s thermal resistance unducted flow 8.6 c/w 6.8 c/w 5.8 c/w 5.2 c/w 4.8 c/w 4.4 c/w 4.1 c/w ducted flow 5.5 n/a n/a n/a n/a n/a n/a product detail schematic image dimension a dimension b dimension c dimension d tim finish *image above is for illustration purpose only. 25.00 mm 25.00 mm 9.50 mm 36.4 mm t766 black- anodized notes: dimension a and b refer to component size. dimension c is the heat sink height from the bottom of the base to the top of the fin field. ats-51250d-c2-r0 is the exact heat sink assembly with an equivalent thermal interface material (saint gobain c1100f). note: saint gobain c1100f is discontinued effective 12/31/10. thermal performance data are provided for reference only. actual performance may vary by application. ats reserves the right to update or change its products without notice to improve the design or performance. ats certifies that this heat sink assembly is rohs-6 and reach compliant. optional maxigrip? installation/removal tool set p/n: mgt170 contact ats to learn about custom options available. for more information, to find a distributor or to place an order, please contact us at 781-769-2800 (north america), sales@qats.com or www.qats.com . ? 2013 advanced thermal solutions, inc. | 89-27 access road | norwood ma | 02062 | usa


▲Up To Search▲   

 
Price & Availability of ATS-51250D-C1-R0-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X