Part Number Hot Search : 
MBRB25 00MHZ L6004D XEZ01 KE300 SR2N7 MBR40 LP1OA1AB
Product Description
Full Text Search
 

To Download APTGL700SK120D3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGL700SK120D3G APTGL700SK120D3G C rev 1 october, 2012 www.microsemi.com 1-6 absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 840 i c continuous collector current t c = 80c 700 i cm pulsed collector current t c = 25c 1800 a v ge gate C emitter voltage 20 v p d maximum power dissipation t c = 25c 3000 w rbsoa reverse bias safe operating area t j = 125c 1200a @ 1100v these devices are sensitiv e to electrostatic discharge. proper handling procedures should be followe d. see application note apt0502 on www.microsemi.com 2 1 5 q1 3 4 v ces = 1200v i c = 700a @ tc = 80c application ? ac and dc motor control ? switched mode power supplies features ? trench + field stop igbt 4 technology - low voltage drop - low leakage current - low switching losses - soft recovery parallel diodes - low diode vf - rbsoa and scsoa rated ? kelvin emitter for easy drive ? high level of integration ? m6 power connectors benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive t c of v cesat ? rohs compliant buck chopper trench + field stop igbt4 power module downloaded from: http:///
APTGL700SK120D3G APTGL700SK120D3G C rev 1 october, 2012 www.microsemi.com 2-6 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 5 ma t j = 25c 1.8 2.2 v ce(sat) collector emitter saturation voltage v ge = 15v i c = 600a t j = 125c 2.2 v v ge(th) gate threshold voltage v ge = v ce , i c = 11ma 5.0 5.8 6.5 v i ges gate C emitter leakage current v ge = 20v, v ce = 0v 800 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 37.2 c oes output capacitance 2.3 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 2 nf q g gate charge v ge = -8v / 15v ; v ce =600v i c =600a 3.4 c t d(on) turn-on delay time 200 t r rise time 40 t d(off) turn-off delay time 380 t f fall time inductive switching (25c) v ge = 15v v ce = 600v i c = 600a r g = 0.8 ? 70 ns t d(on) turn-on delay time 220 t r rise time 50 t d(off) turn-off delay time 450 t f fall time inductive switching (150c) v ge = 15v v ce = 600v i c = 600a r g = 0.8 ? 80 ns e on turn-on switching energy t j = 150c 54 mj e off turn-off switching energy v ge = 15v v ce = 600v i c = 600a r g = 0.8 ? t j = 150c 58 mj i sc short circuit data v ge 15v ; v bus = 900v t p 10s ; t j = 150c 2400 a chopper ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum repetitive reverse voltage 1200 v t j = 25c 250 i rrm maximum reverse leakage current v r =1200v t j = 150c 2000 a i f dc forward current t c = 80c 600 a t j = 25c 1.7 2.2 v f diode forward voltage i f = 600a v ge = 0v t j = 150c 1.65 v t j = 25c 155 t rr reverse recovery time t j = 150c 300 ns t j = 25c 53 q rr reverse recovery charge t j = 150c 110 c t j = 25c 23 e rr reverse recovery energy i f = 600a v r = 600v di/dt = 7000a/s t j = 150c 46 mj downloaded from: http:///
APTGL700SK120D3G APTGL700SK120D3G C rev 1 october, 2012 www.microsemi.com 3-6 igbt parallel protection diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum repetitive reverse voltage 1200 v t j = 25c 100 i rrm maximum reverse leakage current v r =1200v t j = 150c 500 a i f dc forward current t c = 80c 75 a t j = 25c 1.7 2.2 v f diode forward voltage i f = 75a v ge = 0v t j = 150c 1.65 v t j = 25c 155 t rr reverse recovery time t j = 150c 300 ns t j = 25c 7.3 q rr reverse recovery charge t j = 150c 15.2 c t j = 25c 2.6 e rr reverse recovery energy i f = 75a v r = 600v di/dt = 1900a/s t j = 150c 5.5 mj thermal and package characteristics symbol characteristic min typ max unit igbt 0.05 chopper diode 0.10 r thjc junction to case thermal resistance igbt parallel diode 0.62 c/w v isol rms isolation voltage, any terminal to case t =1 min, 50/60hz 4000 v t j operating junction temperature range -40 175 t stg storage temperature range -40 125 t c operating case temperature -40 125 c for terminals m6 3 5 torque mounting torque to heatsink m6 3 5 n.m wt package weight 350 g d3 package outline (dimensions in mm) downloaded from: http:///
APTGL700SK120D3G APTGL700SK120D3G C rev 1 october, 2012 www.microsemi.com 4-6 typical performance curve output characteristics (v ge =15v) t j =25c t j =150c 0 200 400 600 800 1000 1200 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =19v v ge =9v 0 200 400 600 800 1000 1200 01234 v ce (v) i c (a) t j = 150c transfert characteristics t j =25c t j =150c 0 200 400 600 800 1000 1200 5 6 7 8 9 10 11 12 13 v ge (v) i c (a) energy losses vs collector current eon eoff err 0 40 80 120 160 0 200 400 600 800 1000 1200 i c (a) e (mj) v ce = 600v v ge = 15v r g = 0.8. ? t j = 150c eon eoff err 0 30 60 90 120 150 180 0 1.25 2.5 3.75 5 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 600a t j = 150c switching energy losses vs gate resistance reverse bias safe operating area 0 300 600 900 1200 0 300 600 900 1200 1500 v ce (v) i c (a) v ge =15v t j =150c r g =0.8 ? maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.01 0.02 0.03 0.04 0.05 0.06 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt downloaded from: http:///
APTGL700SK120D3G APTGL700SK120D3G C rev 1 october, 2012 www.microsemi.com 5-6 hard switching zcs zvs 0 40 80 120 160 200 0 240 480 720 960 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =0.8 ? t j =150c tc=75c operating frequency vs collector current maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.03 0.06 0.09 0.12 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) diode forward characteristic of diode t j =25c t j =150c 0 300 600 900 1200 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) downloaded from: http:///
APTGL700SK120D3G APTGL700SK120D3G C rev 1 october, 2012 www.microsemi.com 6-6 disclaimer the information contained in the document (unless it is publicly available on the web without access restrictions) is proprietary and confidential information of microsemi and cannot be copied, published, uploaded, posted, transmitted, distributed or disclosed or used without the express duly signed written consent of microsemi. if the recipient of this document has entered into a disclosure agreement with microsemi, then the term s of such agreement will also apply. this document and the information contained herein may not be modified, by any person other than authorized personnel of microsemi. no license under any patent, copyright, trade secret or other intellectual property right is granted to or conferred upon you by disclosure or delivery of the information, either expressly, by implication , inducement, estoppels or otherwise. any license under such intellectual property rights must be approved by microsemi in writing signed by an officer of microsemi. microsemi reserves the right to change the configuration, functionality and performance of its products at anytime without any notice. this product has been subject to limited testing and should not be used in conjunction with life- support or other mission-critical equipment or applications. microsemi assumes no liability whatsoever, and microsemi disclaims any express or implied warranty, relating to sale and/or use of microsemi products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. any performance specifications believed to be reliable but are not verified and customer or user must conduct and complete all performance and other testing of this product as well as any user or custo mers final application. user or customer shall not rely on any data and performance specifications or parameters provided by microsemi. it is the customers and users responsibility to independently determine suitability of any microsemi product and to test and verify the same. the information contained herein is provided as is, where is and with all faults, and the entire risk associated with such information is entirely with the user. microsemi specifically disclaims any liability of any kind including for consequential, incidental and punitive damages as well as lost profit. the product is subject to other terms and conditions which can be located on the web at http://www.microsemi.com/legal/tnc.asp life support application seller's products are not designed, intended, or authorized for use as components in systems intended for space, aviation, surgical implant into the body, in other applications intended to support or sustain life, or for any other application in which the failure of the seller's product could create a situation where personal injury, death or property damage or loss may occur (collectively "life support applications"). buyer agrees not to use products in any life support applications and to the extent it does it shall conduct extensive testing of the product in such applications and further agrees to indemnify and hold seller, and its officers, employees, subsidiaries, affiliates, agents, sales representatives and distributors harmless against all claims, costs, dam ages and expenses, and attorneys' fees and costs arising, directly or directly, out of any claims of personal injury, death, damag e or otherwise associated with the use of the goods in life support applications, even if such claim includes allegations that seller was negligent regarding the design or manufacture of the goods. buyer must notify seller in writing before using sellers products in life support applications. seller will study with buyer alternative solutions to meet buyer application specification based on sellers sales conditions applicable for the new proposed specific part. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APTGL700SK120D3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X