Part Number Hot Search : 
KSC3502E ISL6210 01QXA 81BD15 FR604 BFS17LT1 BAV21W 04304
Product Description
Full Text Search
 

To Download APT20M45BVRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  050-5514 rev d 3 - 2010 absolute maximum ratings all ratings: t c = 25c unless otherwise speci ? ed. symbol parameter ratings unit v dss drain source voltage 200 volts i d continuous drain current @ t c = 25c 56 amps i dm pulsed drain current 1 224 v gs gate-source voltage continuous 30 volts v gsm gate-source voltage transient 40 p d total power dissipation @ t c = 25c 300 watts linear derating factor 2.4 w/c t j , t stg operating and storage junction temperature range -55 to 150 c t l lead temperature for soldering: 0.063" from case for 10 seconds 300 i ar avalanche current 1 (repetitive and non-repatitive) 56 amps e ar repetitive avalanche energy 1 30 mj e as single pulse avalanche energy 4 1300 features faster switching lower leakage 100% avalanche tested popular to-247 package rohs compliant 200v, 56a, 0.045 apt20m45bvr(g) power mos v ? is a new generation of high voltage n-channel enhancement mode power mosfets. this new technology minimizes the jfet effect, increase packing density and reduces the on-resistance. power mos v ? also achieves faster switching speeds through optimized gate layout. microsemi website - http://www.microsemi.com power mos v ? static characteristics t j = 25c unless otherwise speci? ed symbol parameter min typ max unit bv dss drain-source breakdown voltage (v gs = 0v, i d = 250 a) 200 volts i d(on) on state drain current 2 (v ds > i d(on) x r ds(on) max, v gs = 10v) 56 amps r ds(on) drain-source on-state resistance 2 (v gs = 10v, 0.5 i d[cont.] ) 0.045 ohms i dss zero gate voltage drain current (v ds = v dss , v gs = 0v) 25 a zero gate voltage collector current (v gs = 0.8 v dss , v gs = 0v, t c = 125c) 250 i gss gate-source leakage current (v gs = 30v, v ds = 0v) 100 na v gs(th) gate threshold voltage (v ds = v gs , i d = 1.0ma) 2 4 volts to-247 d 3 apt20m45bvr(g) g d s caution: these devices are sensitive to electrostatic discharge. proper handling procedures should be followed. downloaded from: http:///
050-5514 rev d 3 - 2010 dynamic characteristics apt20m45bvr(g) symbol parameter test conditions min typ max unit c iss input capacitance v gs = 0 v v ds = 25v f = 1mhz 4050 4860 pf c oss output capacitance 980 1375 c rss reverse transfer capacitance 300 450 q g total gate charge 1 v gs = 10v v dd = 0.5v dss i d = i d[cont.] @ 25c 130 195 q ge gate-source charge 30 45 nc q gd gate- drain ("miller") charge 55 80 t d(on) turn-on delay time v gs = 10v v dd = 0.5v dss i d = i d[cont.] @ 25c r g = 1.6 12 24 ns t r rise time 14 28 t d(off) turn-off delay time 43 70 t f fall time 71 4 1 repetitive rating: pulse width limited by maximum junction 3 see mil-std-750 method 3471 temperature. 4 starting t j = +25c, l = 830 h, r g = 25 , peak i l = 56a 2 pulse test: pulse width < 380 s, duty cycle < 2% microsemi reserves the right to change, without notice, the speci? cations and information contained herein. source-drain diode ratings and characteristics symbol characteristic / test conditions min typ max unit i s continuous source current (body diode) 56 amps i sm pulse source current 1 (body diode) 224 v sd diode forward voltage 2 (v gs = 0v, i s = -i d[cont.] ) 1.3 volts t rr reverse recovery time (i s = -i d[cont.] , di s /dt = 100a/ s) 280 ns q rr) reverse recovery time (i s = -i d[cont.] , di s /dt = 100a/ s) 3.5 c symbol characteristic min typ max unit r jc junction to case 0.42 c /w r ja junction to ambient 40 thermal characteristics downloaded from: http:///
050-5514 rev d 3 - 2010 typical performance curves apt20m45bvr(g) downloaded from: http:///
050-5514 rev d 3 - 2010 typical performance curves apt20m45bvr(g) 15.49 (.610)16.26 (.640) 5.38 (.212)6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780)20.32 (.800) 20.80 (.819)21.46 (.845) 1.65 (.065)2.13 (.084) 1.01 (.040)1.40 (.055) 3.50 (.138)3.81 (.150) 2.87 (.113)3.12 (.123) 4.69 (.185)5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087)2.59 (.102) 0.40 (.016)0.79 (.031) drain drain source gate 5.45 (.215) bsc dimensions in millimeters and (inches) 2-plcs. e3 100% sn plated to-247 (b) package outline downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT20M45BVRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X