3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 09.23.13 visit www.abracon.com for terms & conditions of sale |||||||||||| | | | abm3 5 . 0 x 3 . 2 x 1 . 3 m m m inia t u r e c e r a m ic s m d c r y s t a l smaller package alternative for abm7 series abracon is ce r tified abracon is iso9001:2008 ce r tified st andard specific a tions: applications: features: ? a t - c u t f u n d amen tal o r 3 r d o t mod e ? s u itab le f o r r o h s r e f l o w p r o f i l e ? tig ht s t a b ility a v ailab le 1 0 ? c e r amic p ack a g e h e r meticall y g l a ss s ealed a s s u r e s high p r eci s i o n a n d r elia b ilit y . ? cellu l a r telep h o n e s , p a g e r s ? c o m m u n icati o n a n d t e s t e q u i p m e n t ? p c m c i a a n d w i r ele ss a p p licati o n s paramete rs minimum typical maxim u m units notes frequency ra nge 8 . 0 00 54. 0 0 0 mhz funda m e n tal 54. 1 0 0 80. 0 0 0 3 rd overtone operation mode fundam e ntal or 3 r d overtone operating tem p erature -10 +60 o c see options storage te mperature -40 +90 o c frequency t o lerance @+2 5 c -50 +50 ppm see options frequency stabilit y over t h e operating te m p erature ( ref. to +25 c) -50 +50 ppm see options equivalent series resi stanc e (r1) 140 ? 8 . 0 0 0 f < 9 . 0 0 0 ( f u n d ) 120 9 . 0 0 0 f < 10.00 0 ( f und ) 60 1 0 .000 f < 1 6 . 0 0 0 ( f u n d) 40 1 6 .000 f < 2 0 . 0 0 0 ( f u n d) 30 2 0 .000 f < 3 0 . 0 0 0 ( f u n d) 25 3 0 .000 f 5 4 . 0 0 0 ( f u n d) 60 5 4 .000 < f 8 0 . 0 0 0 ( 3 r d o t ) shunt capacitance (c 0) 7 pf f p 8 1 ) l c ( e c n a t i c a p a c d a o l standard (see options i f other than std) drive level 1 0 100 w aging -5 +5 ppm @25 c3 c first y ear insulation resistance 500 m ? @ 100vdc 15v rohs/r ohs ii compliant. pb in glass, exemption 7c-i per rohs ii directive 2011/65/eu annex moisture s e nsitiv ity l e vel ( m sl) ? this product is hermetic a lly sea l ed and not moisture sensitive - msl = n/a: not applicable
3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 09.23.13 visit www.abracon.com for terms & conditions of sale |||||||||||| | | | abm3 5 . 0 x 3 . 2 x 1 . 3 m m m inia t u r e c e r a m ic s m d c r y s t a l abracon is ce r tified abracon is iso9001:2008 ce r tified options and part identification: options and p ar t identific a tion: (left blank if standard) rohs/r ohs ii compliant. pb in glass, exemption 7c-i per rohs ii directive 2011/65/eu annex abm3 - mhz - - - - frequenc y in mhz please speci fy the freque ncy i n mhz . e.g . 1 4 .31 818mh z load capacitance (pf ) please speci fy cl in pf o r s f o r se ries freq. sta bility (see t a ble 1 for de tails) u : 1 0 p p m g : 1 5 p p m x : 2 0 p p m w : 2 5 p p m y : 3 0 p p m h : 3 5 p p m q : 100 p p m cus t o m e s r i f other t ha n s t a nda r d r : speci fy a va lue in ? ( e. g . : r4 0) op erat in g te mp. (see t a ble 1 for de tails) e : 0c ~ + 7 0 c b : -20 c ~ +70 c c : -30 c ~ +70 c n : - 3 0c ~ + 8 5c d : - 4 0c ~ + 8 5c j : - 4 0 c ~ +105 c k : - 4 0c ~ + 1 2 5 c freq. t o lerance 7 : 1 5 p p m 2 : 2 0 p p m 3 : 2 5 p p m 4 : 3 0 p p m p a c kag i ng blan k : b u l k t: tape & reel table 1 available comb inations of operating temp. and freq. stability op erating t e mp. freq. sta bility u : 1 0 p p m g:15pp m x :2 0 p pm w:25pp m y : 3 0 p p m h:35pp m std : 50ppm q:100ppm std : -10 c ~ + 6 0c e : 0c ~ +70 c b : - 2 0 c ~ + 7 0 c c: - 3 0c ~ +70 c n: - 3 0c ~ +85 c d: - 4 0c ~ +85 c j : - 4 0c ~ +105 c k: - 4 0 c ~ + 1 2 5 c
tape & reel: dimensions: mm dimensions: inch (mm) outline drawing: |||||||||| | | | | | 5 . 0 x 3 . 2 x 1 . 3 m m need a test socket for the abm3 series? to view compatible precision test & burn-in sockets for these parts, click here. p/n: axs-5032-02-06 reflow profile a t t e n t i o n : a b r a c o n c o r p o r a t i o n ? s p r o d u c t s a r e c o t s ? c o m m e r c i a l - o f f - t h e - s h e l f p r o d u c t s ; s u i t a b l e f o r c o m m e r - c i a l , i n d u s t r i a l a n d , w h e r e d e s i g n a t e d , a u t o m o t i v e a p p l i ca t i o n s . a b r a c o n ? s p r o d u c t s a r e n o t s p e c i f i c a l l y d e s i g n e d f o r m i l i t a r y , a v i a t i o n , a e r o s p a c e , l i f e - d e p e n d a n t m e d i ca l a p p l i ca t i o n s o r a n y a p p l i c a t i o n r e q u i r i n g h i g h r e l i a b i l i t y w h e r e c o m p o n e n t f a i l u r e c o u l d r e s u l t i n l o s s o f l i f e a n d / o r p r o p e r t y . f o r a p p l i c a t i o n s r e q u i r i n g h i g h r e l i a b i l i t y a n d / o r p r e s e n t i n g a n e x t r e m e o p e r a t i n g e n v i r o n m e n t , w r i t t e n c o n s e n t a n d a u t h o r i z a t i o n f r o m a b r a c o n c o r p o r a t i o n i s r e q u i r e d . p l e a s e c o n t a c t a b r a c o n c o r p o r a t i o n f o r m o r e i n f o r m a t i o n . tape and reel (1,000pcs/reel) 3 0 3 3 2 e s p e r a n z a , r a n c h o s a n t a m a r g a r i t a , c a l i f o r n i a 9 2 6 8 8 t e l 9 4 9 - 5 4 6 - 8 0 0 0 | f a x 9 4 9 - 5 4 6 - 8 0 0 1 | w w w . a b r a c o n . c o m revised: 09.23.13 visit www.abracon.com for terms & conditions of sale abm3 m i n i a t u r e c e r a m i c s m d c r y s t a l abracon is ce r tified abracon is iso9001:2008 ce r tified rohs/r ohs ii compliant. pb in glass, exemption 7c-i per rohs ii directive 2011/65/eu annex pin 1 pin 2
|