Part Number Hot Search : 
MM1674 PI5V331 T302022 SDS20WM 107M00 TEA6101T PI5V331 EL5133
Product Description
Full Text Search
 

To Download 74LVC16373APAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74lvc16373a 3.3v cmos 16-bit transparent d-type latch 1 july 2015 industrial temperature range idt and the idt logo is a registered trademark of integrated device technology, inc. ? 2015 integrated device technology, inc. dsc-4624/6 features: ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ? cmos power levels (0.4 w typ. static) ? all inputs, outputs, and i/o are 5v tolerant ? supports hot insertion ? available in ssop and tssop packages functional block diagram applications: ? 5v and 3.3v mixed voltage systems ? data communication and telecommunication systems drive features: ? high output drivers: 24ma ? reduced system switching noise idt74lvc16373a description: the lvc16373a 16-bit transparent d-type latch is built using advanced dual metal cmos technology. this high-speed, low-power latch is ideal for temporary storage of data. the lvc16373a can be used for implement- ing memory address latches, i/o ports, and bus drivers. the output enable and latch enable controls are organized to operate each device as two 8- bit latches or one 16-bit latch. flow-through organization of signal pins simplifies layout. all inputs are designed with hysteresis for improved noise margin. all pins of the lvc16373a can be driven from either 3.3v or 5v devices. this feature allows the use of this device as a translator in a mixed 3.3v/ 5v supply system. the lvc16373a has been designed with a 24ma output driver. this driver is capable of driving a moderate to heavy load while maintaining speed performance. 1 oe d c 1 le 1 d 1 1 q 1 to seven other channels 2 oe d c 2 le 2 d 1 2 q 1 1 48 47 24 25 36 2 13 q q to seven other channels 3.3v cmos 16-bit transparent d-type latch with 3-state outputs and 5 volt tolerant i/o
industrial temperature range 2 idt74lvc16373a 3.3v cmos 16-bit transparent d-type latch ssop/ tssop top view pin configuration symbol description max unit v term terminal voltage with respect to gnd ?0.5 to +6.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, ?50 ma i ok v i < 0 or v o < 0 i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 4.5 6 pf c out output capacitance v out = 0v 6.5 8 pf c i/o i/o port capacitance v in = 0v 6.5 8 pf capacitance (t a = +25c, f = 1.0mhz) 1 q 2 gnd v cc gnd gnd 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 40 41 42 43 44 45 46 47 48 1 1 q 1 1 oe 1 q 4 1 q 3 1 q 6 1 q 5 1 q 8 1 q 7 2 q 1 2 q 3 2 q 2 2 q 4 v cc 2 q 5 2 q 6 gnd 2 q 7 2 q 8 2 oe 1 d 2 gnd v cc gnd gnd 1 d 1 1 le 1 d 4 1 d 3 1 d 6 1 d 5 1 d 8 1 d 7 2 d 1 2 d 3 2 d 2 2 d 4 v cc 2 d 5 2 d 6 gnd 2 d 7 2 d 8 2 le notes: 1. h = high voltage level x = don?t care l = low voltage level z = high-impedance 2. output level before the indicated steady-state input conditions were established. inputs outputs xdx xle x oe xqx hh l h lh l l xl l q (2) xx h z function table (1) pin names description x d x data inputs xle latch enable input (active high) x oe output enable inputs (active low) x q x 3-state outputs pin description
industrial temperature range idt74lvc16373a 3.3v cmos 16-bit transparent d-type latch 3 symbol param eter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input leakage current v cc = 3.6v v i = 0 to 5.5v ? ? 5 a i il i ozh high impedance output current v cc = 3.6v v o = 0 to 5.5v ? ? 10 a i ozl (3-state output pins) i off input/output power off leakage v cc = 0v, v in or v o 5.5v ? ? 50 a v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v v in = gnd or v cc ?? 10 a i cch i ccz 3.6 v in 5.5v (2) ?? 10 i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 500 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c notes: 1. typical values are at v cc = 3.3v, +25c ambient. 2. this applies in the disabled state only. note: 1. v ih and v il must be within the min. or max. range shown in the dc electrical characteristics over operating range table for the appropriat e v cc range. t a = ? 40c to + 85c. output drive characteristics symbol parameter test conditions (1) min. max. unit v oh output high voltage v cc = 2.3v to 3.6v i oh = ? 0.1ma v cc ? 0.2 ? v v cc = 2.3v i oh = ? 6ma 2 ? v cc = 2.3v i oh = ? 12ma 1.7 ? v cc = 2.7v 2.2 ? v cc = 3v 2.4 ? v cc = 3v i oh = ? 24ma 2.2 ? v ol output low voltage v cc = 2.3v to 3.6v i ol = 0.1ma ? 0.2 v v cc = 2.3v i ol = 6ma ? 0.4 i ol = 12ma ? 0.7 v cc = 2.7v i ol = 12ma ? 0.4 v cc = 3v i ol = 24ma ? 0.55
industrial temperature range 4 idt74lvc16373a 3.3v cmos 16-bit transparent d-type latch operating characteristics, v cc = 3.3v 0.3v, t a = 25c symbol parameter test conditions typical unit c pd power dissipation capacitance per latch outputs enabled c l = 0pf, f = 10mhz 39 pf c pd power dissipation capacitance per latch outputs disabled 6 switching characteristics (1) v cc = 2.7v v cc = 3.3v 0.3v symbol parameter min. max. min. max. unit t plh propagation delay ? 4.9 1.6 4.2 ns t phl xdx to xqx t plh propagation delay ? 5.3 2.1 4.6 ns t phl xle to xqx t pzh output enable time ? 5.7 1.3 4.7 ns t pzl x oe to xqx t phz output disable time ? 6.3 2.5 5.9 ns t plz x oe to xqx t su set-up time, data before le high or low 1.7 ? 1.7 ? ns t h hold time, data after le high or low 1.2 ? 1.2 ? ns t w pulse width le high 3.3 ? 3.3 ? ns t sk (o) output skew (2) ?? ? 500 ps notes: 1. see test circuits and waveforms. t a = ? 40c to + 85c. 2. skew between any two outputs of the same package and switching in the same direction.
industrial temperature range idt74lvc16373a 3.3v cmos 16-bit transparent d-type latch 5 open v load gnd v cc pulse generator d.u.t. 500 ? 500 ? c l r t v in v out (1, 2) lvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 lvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t lvc link data input 0v 0v 0v 0v t rem timing input asynchronous control synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t lvc link low-high-low pulse high-low-high pulse v t t w v t lvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v ol+ v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v oh- v hz lvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 10mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 10mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range 6 idt74lvc16373a 3.3v cmos 16-bit transparent d-type latch ordering information xx lvc xxxx xx package device type temp. range pvg pag 16 74 shrink small outline package - green thin shrink small outline package - green 16-bit transparent d-type latch with 3-state outputs -40c to +85c xxx family bus-hold 373a no bus-hold double-density, 24ma blank x blank 8 tube or tray tape and reel corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com datasheet document history 07/28/2015 pg. 6 updated the ordering information by removing non rohs parts and adding tape and reel information.


▲Up To Search▲   

 
Price & Availability of 74LVC16373APAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X