Part Number Hot Search : 
Z50FF5 A1504 01909 KBPC1502 MC1357 PIC16F85 10A30 AN17830
Product Description
Full Text Search
 

To Download 2SD718 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to ? 3p 1. base 2. collector 3. emitter jiangsu changjiang electron ics technology co., ltd to-3p plastic-encapsulate transistors 2SD718 transistor (npn) features z high breakdown voltage z complementary to 2sb688 applications z power amplifier applications maximum ratings (t a =25 unless otherwise noted) electrical characteristics (t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =100a,i e =0 120 v collector-emitter breakdown voltage v (br)ceo i c =50ma,i b =0 120 v emitter-base breakdown voltage v (br)ebo i e =100a,i c =0 5 v collector cut-off current i cbo v cb =120v,i e =0 10 a emitter cut-off current i ebo v eb =5v,i c =0 10 a dc current gain h fe * v ce =5v, i c =1a 55 160 collector-emitter saturation voltage v ce(sat) * i c =5a,i b =500ma 2.5 v base-emitter voltage v be * v ce =5v, i c =5a 1.5 v collector output capacitance c ob v cb =10v,i e =0, f=1mhz 280 pf transition frequency f t v ce =5v,i c =1a, f=1mhz 10 mhz *pulse test classification of h fe rank r o range 55-110 80-160 symbol parameter value unit v cbo collector-base voltage 120 v v ceo collector-emitter voltage 120 v v ebo emitter-base voltage 5 v i c collector current 8 a p c collector power dissipation 3 w r ja thermal resistance from junction to ambient 42 / w t j junction temperature 150 t stg storage temperature -55~+150 www.cj-elec.com 1 b,nov,2014
www.cj-elec.com 2 b,nov,2014 to-3p package outline dimensions m i nm a x m i nm a x a 4. 600 5 . 000 0. 1 81 0. 197 a 1 1. 200 1 . 600 0. 0 47 0. 063 b 0. 800 1 . 200 0. 0 31 0. 047 b1 2. 800 3 . 200 0. 1 10 0. 126 b2 1. 800 2 . 200 0. 0 71 0. 087 c 0. 500 0 . 700 0. 0 20 0. 028 c 1 1. 450 1 . 650 0. 0 57 0. 065 d 1 5. 4 50 15. 850 0. 6 08 0. 624 e 1 3. 7 00 14. 100 0. 5 39 0. 555 e1 e2 e3 f 1 1 3. 4 00 13. 800 0. 5 28 0. 543 f 2 9. 400 9 . 800 0. 3 70 0. 386 l 3 9. 9 00 40. 300 1. 5 71 1. 587 l1 2 3. 2 00 23. 600 0. 9 13 0. 929 l2 2 0. 3 00 20. 600 0. 7 99 0. 811 6. 900 7 . 100 0. 2 72 0. 280 g 5. 150 5 . 550 0. 2 03 0. 219 e h h 0. 000 0 . 300 0. 0 00 0. 012 5. 000 r e f 0. 12 6 r e f 0. 13 0 r e f 0. 2 15 t y p 0. 19 7 r e f 0. 53 0 r e f s y m bol d i m e n s i o n s i n m i ll im e t e r s 5. 450 t y p d im e n s io n s in i n c h e s 3. 200 r e f 3. 300 r e f 13 . 450 r e f


▲Up To Search▲   

 
Price & Availability of 2SD718

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X