Part Number Hot Search : 
T0805BH AD7824 PBU407 2N6673 W91820N AD7824 MA3J745D A502RW
Product Description
Full Text Search
 

To Download 0496191611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/26/2012 please check www.molex.com for latest part information part number: 49619-1611 status: active overview: combo memory card connectors description: 1.10mm/1.27mm pitch microsd/sim card combo connector, 8-pin microsd, reverse mount with detect switch, and 8-pin sim, normal mount, right entry type documents: 3d model packaging specification pk-49619-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-49619-001 (pdf) general product family memory card sockets series 49619 comments microsd card 8 circuits, sim card 8 circuits, switch 2 circuits component type header & ejector (host) overview combo memory card connectors product name combo, microsd card, sim style guide and holder, push-push type n/a upc 883906151669 physical card detection switch yes circuits (loaded) 18 durability (mating cycles max) 10,000 ejector button no ejector button side n/a entry angle 90 angle keying to mating part yes material - metal phosphor bronze, stainless steel material - plating mating gold material - plating termination gold net weight 1.145/g pcb locator no pcb mounting side normal pcb retention yes packaging type embossed tape on reel pitch - mating interface 1.09mm, 1.27mm ports 2 temperature range - operating -25c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded yes voltage - maximum 5v ac (rms)/dc solder process data duration at max. process temperature (seconds) 10 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 2 process temperature max. c 260 material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 49619 series mates with microsd card, sim card
reference - drawing numbers packaging specification pk-49619-001 product specification ps-49619-001, rps-49619-001 sales drawing sd-49619-001 this document was generated on 11/26/2012 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0496191611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X