Part Number Hot Search : 
SMA4743 SBR101 50014 B95027 KRA563U FDAP1D1 221MT CH29BU
Product Description
Full Text Search
 

To Download 0459460000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | functional electronics | surge protection | instrumentation and control | triple-stage protection with screw connection | egu 4 - serie - 1 - general ordering data order no. 0459460000 part designation egu4 eg3 24vdc 0,1a version surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 24 v dc ean 4008190084479 qty. 10 pc(s). clamped conductors flexible, max. 2.5 mm2 flexible, min. 0.5 mm2 rated cross-section for solid/flexible with ferrule 4 mm2 rated cross-section, max. ferrules 2.5 mm2 solid, min. 0.5 mm2 tightening torque range 0.4...0.7 nm type of connection screw connection general data design component housing storage temperature -25 ... 85c ambient temperature (operational) -25 ... 60c insulation coordination acc. to en 50178 overvoltage category iii pollution severity 2 interference voltage protection level on output side sym., input 1 kv/ s, typ. 33 v protection level on output side sym., input 8/20 s, typ. 45 v protection level on output side unsym., input 1kv/ s, typ. 48 v
product catalogue | functional electronics | surge protection | instrumentation and control | triple-stage protection with screw connection | egu 4 - serie - 2 - interference voltage protection level on output side unsym., input 8/20 s, typ. 90 v technical data limiting frequency (-3 db) at load resistance 5 khz volume resistance 22 rated current 0.1 a rated voltage 24 v dc rated voltage (dc) 24 v discharge current, max. (8/20 s) 6 ka fuse, max. 0.1 a dimensions clamping range, max. 4 mm2 clamping range, nom. 4 mm2 length 58 mm width 22.5 mm approvals approvals institutes classifications etim 2.0 ec000943 etim 3.0 ec000943 eclass 4.1 27-13-08-01 eclass 5.0 27-13-08-01 eclass 5.1 27-13-08-01 similar products order no. part designation version 1171160000 egu4 eg3 115vuc 1.5a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 115 v 0462060000 egu4 eg3 230vuc 0,1a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 230 v 1171260000 egu4 eg3 230vuc 1.5a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 230 v 1170960000 egu4 eg3 24vuc 1,5a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 24 v dc
product catalogue | functional electronics | surge protection | instrumentation and control | triple-stage protection with screw connection | egu 4 - serie - 3 - 0461860000 egu4 eg3 48vuc 0,1a surge protection for instrumentation and control, {reference (attributedefinition) not found: pattr2500833906422}, rated voltage: 48 v


▲Up To Search▲   

 
Price & Availability of 0459460000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X