Part Number Hot Search : 
B122J DB05B DT54F SAA8122A LC5876 MC33262 EP8323 SC101
Product Description
Full Text Search
 

To Download XTV121000-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maintenance-free sealed lead acid battery. absorbent glass mat (agm) technology for efficient gas recombination of up to 99%. design life up to 12 years in standby service at 25 13.5 ~ 13.8 vdc/unit at 25 ( 77 H ) eurobat (20 ) : 10-12 years, long life equalization charging voltage operating temperature range 14.4 ~ 15.0 vdc/unit at 25 (77 H ) less than 10% after 90 days, can be stored up to 6 months at 25 (77 H ); fully recharging is required before usage, and charged sooner if stored storage: -15 ~ 40 (5 H ~104 H ) at higher temperature than 25 (77 H ). design according with iec 60896-21/22:2004 nominal capacity 2258a 30a terminal hardware torque 138.6 kgf-cm / 120.3 lbf-in / 13.58 n-m pp (ul 94-hb) & flame retardant (94-v0) available upon request length (l) 308.72.5 mm 12.150.10 inch width (w) 169.02.0 mm 6.650.08 inch container height (h) 210.62.5 mm 8.290.10 inch overall height (h) 213.62.5 mm 8.410.10 inch f.v/time 5 min 10min 15min 30min 60min 90min 2hr 3hr 5hr 8hr 10hr 20hr 1.60v 371 259 194 116 67.8 48.9 38.7 27.7 17.7 11.6 9.54 5.05 1.67v 328 242 188 114 67.2 48.7 38.4 27.4 17.5 11.5 9.47 5.02 1.70v 309 231 184 113 66.7 48.3 38.0 27.3 17.4 11.4 9.45 5.01 1.75v 282 212 173 110 65.5 47.7 37.6 26.9 17.3 11.3 9.38 5.00 1.80v 243 193 157 104 63.0 46.3 36.5 26.1 16.8 11.2 9.16 4.84 1.85v 191 170 138 96.9 59.1 43.8 34.6 25.2 16.1 10.7 8.82 4.63 f.v/time 5 min 10min 15min 30min 60min 90min 2hr 3hr 5hr 8hr 10hr 20hr 1.60v 3591 2638 2095 1307 778 569 450 323 211 138 114 59.9 1.67v 3382 2513 2029 1286 775 567 447 321 210 137 113 59.6 1.70v 3268 2445 1987 1274 771 564 445 319 209 136 112 59.3 1.75v 2932 2308 1880 1245 761 557 440 316 207 135 111 59.0 1.80v 2572 2149 1727 1192 735 545 429 308 203 133 110 58.1 1.85v 2255 1872 1546 1125 695 519 412 297 194 129 105 55.9 please refer to the official site for the lastest rating confirmation. url: www.csb-battery.com issued: 161101 tel: +31(0)180-418-140 tel: +886-2-2880-5600 fax: +31(0)180-418-327 fax: +866-2-2888-3300 tel: +86-10-5820-5336, 5820-5338 fax: +86-10-5820-3053 fax: +86-755-8831-6075 fax: +86-21-5046-1046 tel: +1-817-244-7777 / 1-(800)3-csb-usa (272872) fax: +1-817-244-4445 shenzhen office (china) shanghai office (china) beijing office (china) tel: +86-755-8831-6488, 8831-6775 tel: +86-21-5046-1622, 5046-0833 business headquarters tel: +886-2-2880-5600 fax: +866-2-2888-3300 usa office europe (emea) office taipei office constant current discharge characteristics unit: a (25 H constant power discharge characteristics unit: w (25 H recognized under ul 1989, and certified by iso 9001, 14001. sales offices dimensions short circuit current maximum charge current terminal types i2 thread lead alloy terminal to accept m6 bolt container material weight approx. 30.20 kg (66.56 lbs) maximum discharge current 800a (5sec) internal resistance approx. 4.10 m 100 ah @20hr-rate to 1.75v per cell @25 (77 H ) xtv series xtv 121000 12v 100ah valve regulated lead acid battery design for standby power applications at extreme temperatures nominal operating temperature : 25 (77 H ) discharge : -20 ~ 50 (-4 H ~122 H ) charge: -20 ~ 50 (-4 H ~122 H ) specification nominal voltage 12v (6 cells per unit)


▲Up To Search▲   

 
Price & Availability of XTV121000-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X