Part Number Hot Search : 
PN29388 NE5532 SW670 GD74HC76 2SK239 MJ10011 SDR936DZ 167BG
Product Description
Full Text Search
 

To Download TC6501P095VCTRTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2002-2012 microchip technology inc. ds21451e-page 1 tc6501/2/3/4 features 5-pin sot-23a factory-programmed thresholds from -45c to +125c in 10c increments pin selectable +2c or +10c hysteresis 0.5c (typ) threshold accuracy over full temperature range no external components required 17 a supply current (typ) applications thermal management in pcs and servers over-temperature fail-safe circuits simple fan controller temperature alarms projectors/printers notebook computers network boxes package types general description the tc6501/2/3/4 are sot-23 temperature switches that require no external components and are available with factory-programmed temperature thresholds. a choice of factory-trimmed temperature trip points are also available. pin-selectable hysteresis of +2c or +10c allows flexibility to the design of the application. these parts typically consume only 17 a of current and operate over the entire -55c to +135c temperature range, while offering accuracies of 0.5c (typ). the tc6501 and tc6503 have an open-drain, active- low output, which targets microcontroller reset control. the tc6502 and tc6504 have a cmos, active-high output designed to drive the logic level mosfet that turns on a fan or heater element. the tc6501/tc6502 are designed for hot temperature monitoring (+35c to +125c). these devices assert a logic signal when the temperature goes above the threshold. the tc6503/tc6504 are optimized for cold temperature monitoring (-45c to +15c) and assert a logic signal when the temperature goes below the threshold. the tc6501/2/3/4 are offered with five standard tem- perature thresholds. available in 5-pin sot-23a pack- ages, these parts are ideal for applications requiring high integration, small size, low power and low installed cost. functional block diagram t over tc6502 hyst tc6501 tc6502 1 2 3 5 v cc gnd gnd 4 note: 5-pin sot-23a is equivalent to eiaj sc-74a t under tc6503 t under tc6504 hyst tc6503 tc6504 1 2 3 5 v cc gnd gnd 4 t over tc6501 gnd gndhyst +2.7v to +5.5v v cc int pic ? t over v cc tc6502 gnd 100 pf microcontroller ultra small temperature switches with pin selectable hysteresis downloaded from: http:///
tc6501/2/3/4 ds21451e-page 2 ? 2002-2012 microchip technology inc. 1.0 electrical characteristics absolute maximum ratings* supply voltage (v cc ) .............................. -0.3v to +7v input current (all pins) .......................................20 ma output current (all pins) ....................................20 ma operating temperature range..........- 55c to +135c storage temperature range .............- 65c to +165c t over (tc6501)....................................... -0.3v to +7v t over (tc6502)......................... -0.3v to (v cc + 0.3v) t under (tc6503)....................................... -0.3v to 7v t under (tc6504)....................... -0.3v to (v cc + 0.3v) all other pins ............................. -0.3v to (v cc + 0.3v) maximum junction temperature, t j .................. 150c power dissipation (t a = +70c): (derate 7.1 mw/c above +70c) ...............570 mw * notice: stresses above those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifica- tions is not implied. exposure to maximum rating con- ditions for extended periods may affect device reliability. electrical specifications electrical characteristics: unless otherwise noted, v cc = +2.7v to +5.5v, r pull-up = 100 k ? ( tc6501/tc6503 only), 100 pf decoupling capacitor from v cc to gnd, t amb = -55c to +135c. typical values are at t a = +25c. parameter symbol min typ max unit test conditions supply voltage range v cc 2.7 5.5 v supply current i cc 1 7 4 0 a hyst input threshold v ih 0.8 x v cc v hyst input threshold v il 0.2 x v cc v temperature threshold accuracy (note 1) ? t th -6 0.5 6 c -45c to -25c -4 0.5 4 c -15c to +15c -4 0.5 4 c +35c to +65c -6 0.5 6 c +75c to +125c temperature threshold hysteresis t hyst 2.0 c hyst = gnd 1 0 c h y s t = v cc output voltage high v oh 0.8 x v cc v i source = 500 a, v cc > 2.7v ( tc6502/tc6504 only) v cc - 1.5 v i source = 800 a, v cc > 4.5v ( tc6502/tc6504 only) output voltage low v ol 0 . 3v i sink = 1.2 ma, v cc > 2.7v 0 . 4v i sink = 3.2 ma, v cc > 4.5v open-drain output leakage current 10 na v cc = 2.7v, t under = 5.5v ( tc6503 ); t over = 5.5v ( tc6501 ) note 1: the tc6501/2/3/4 are available with internal, factory-programmed temper ature trip thresholds from -45c to +125c, in +10c increments. downloaded from: http:///
? 2002-2012 microchip technology inc. ds21451e-page 3 tc6501/2/3/4 2.0 typical performance curves note: unless otherwise noted, v cc = 5.0v, r pull-up = 100 k ? ( tc6501/tc6503 only), 100 pf decoupling capacitor from v cc to gnd, t amb = +25c. . figure 2-1: trip threshold accuracy. figure 2-2: output sink resistance vs. temperature. figure 2-3: thermal step response in perfluorinated fluid (sot-23). figure 2-4: supply current vs. temperature. figure 2-5: hysteresis vs. trip temperature. figure 2-6: thermal step response in still air (sot-23). note: the graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. the performance characteristics listed herein are not tested or guaranteed. in some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. -5 -3 -4 -1 -2 1 03 25 4 accuracy (?c) 6050 40 30 20 10 0 frequency 01020304050 temperature (?c) output resistance ( ) 8070 60 50 40 30 20 10 0 60 70 80 90 100 v cc = 2.7v v cc = 4.0v v cc = 5.0v +15?c/div +100?c +25?c 5sec/div mounted on 0.75 in 2 of 2 oz. copper -60 -40 -20 0 20 40 temperature (?c) supply current (?) 4035 30 25 20 15 10 50 60 80 100 120 140 trip temperature (?c) hysteresis (?c) -45 12 10 8 6 4 2 0 -25 -5 15 35 55 75 95 115 hys = gnd hyst = v cc tc6503/04 tc6503/04 tc6501/02 tc6501/02 +12.5 c/div +100?c +25?c 20sec/div mounted on 0.75 in 2 of 2 oz. copper downloaded from: http:///
tc6501/2/3/4 ds21451e-page 4 ? 2002-2012 microchip technology inc. note: unless otherwise noted, v cc = 5.0v, r pull-up = 100 k ? ( tc6501/tc6503 only), 100 pf decoupling capacitor from v cc to gnd, t amb = +25c. figure 2-7: output source resistance vs. temperature (tc6502). 0 20 40 60 80 100 temperature (?c) output source resistance ( ? ) 180160 140 120 100 8060 180 4020 140 120 v cc = 2.7v v cc = 4.0v v cc = 5.0v downloaded from: http:///
? 2002-2012 microchip technology inc. ds21451e-page 5 tc6501/2/3/4 3.0 pin descriptions the descriptions of the pins are listed in table 3-1. table 3-1: pin function table 3.1 ground connect the device ground pins directly to the pcb ground and minimize the length of the connection. the thermal resistance to the die is at a minimum at pin 2. 3.2 hysteresis input (hyst) either 2c (gnd) or 10c (v cc ) of hysteresis is selected by connecting hyst to gnd or v cc . 3.3 supply input (v cc ) a 100 pf or greater decoupling capacitor from v cc to gnd is recommended. 3.4 open-drain, active-low output (tc6501) (t over ) the voltage at the t over pin is equal to a logic-low level if the sensor detects a temperature that is greater than the factory-programmed threshold temperature. because this is an open-drain output, an external pull- up resistor is required (a 100 k ? pull-up resistor is recommended). the voltage on this pin can be higher than v cc , though the voltage must not exceed the absolute maximum input voltage of 7.0v. 3.5 push/pull active-high output (tc6502) (t over ) the voltage at t over is equal to a logic-high level if the sensor detects a temperature greater than the factory- programmed threshold temperature. 3.6 open-drain, active-low output (tc6503) (t under ) the voltage at the t under pin is equal to a logic-low level if the sensor detects a temperature that is less than the factory-programmed threshold temperature. because this is an open-drain output, an external pull- up resistor is required (a 100 k ? pull-up resistor is recommended). the voltage on this pin can be higher than v cc , though the voltage must not exceed the absolute maximum input voltage of 7.0v 3.7 push/pull active-high output (tc6504) (t under ) the voltage at t under is equal to a logic-high level if the sensor detects a temperature less than the factory- programmed threshold temperature. tc6501 tc6502 tc6503 tc6504 symbol description 1, 2 1, 2 1, 2 1, 2 gnd ground 3 3 3 3 hyst hysteresis input 4444v cc supply input (+2.7v to +5.5v) 5t over open-drain, active-low output 5 t over push/pull active-high output 5 t under open-drain, active-low output 5t under push/pull active-high output downloaded from: http:///
tc6501/2/3/4 ds21451e-page 6 ? 2002-2012 microchip technology inc. 4.0 detailed description the tc6501/2/3/4 integrate a temperature sensor with a factory-programmed threshold switch (see functional block diagrams in figure 5-4 through figure 5-7). a logic signal is asserted when the die temperature crosses the factory-programmed threshold. an external hysteresis input pin allows the user to select either 2c or 10c hysteresis to give further flexibility to the design of the application. the tc6501 and tc6502 are intended for a temperature range of 35c to 125c in 10c increments. the tc6501 has an open-drain output, while the tc6502 has a push-pull output stage. the tc6503 and tc6504 are intended for a cold temperature range of -45c to +15c in 10c increments. the tc6503 has an open-drain output, while the tc6504 has a push/pull output stage. the tc6501 and tc6503 are intended for applications with a microcontroller reset input. the tc6502 and tc6504 are intended for applications where a fan or heater element is turned on. please contact microchip technology for the availability of a particular temperature threshold not included in table 4-1. 4.1 hysteresis input to prevent the output from chattering at or near the trip point temperature, a selectable hyst input pin is provided. hysteresis can be externally selected at 2c (hyst = gnd) or 10c (hyst = v cc ) by means of the cmos compatible hyst input pin. do not let the hyst pin float, as this could cause an increase in supply current. the hysteresis does not depend on the parts programmed trip threshold. table 4-1: factory-programmed threshold range 4.2 thermal considerations with a 17 a typical supply current, the tc6501/2/3/4 dissipates very little power. thus, the die temperature is basically the same as the package temperature. to minimize the error in temperature readings, the load current should be limited to a few milliamps. for example, the typical thermal resistance of a 5-pin sot- 23a package is 140c/w. if, for instance, the tc6501 had to sink 1 ma, and the output voltage is ensured to be less than 0.3v, an additional 0.3 mw of power is dissipated within the temperature sensor. this corresponds to a 0.042c rise in die temperature. temperature-monitoring accuracy depends on the thermal resistance between the device being monitored and the temperature switch die. heat flows primarily through the leads onto the die. pin 2 provides the lowest thermal resistance to the die. to achieve the best temperature-monitoring results, the tc6501/2/3/4 should be placed closest to the device being monitored. additionally, a short and wide copper trace from pin 2 to the device should be used. in some cases, the 5-pin sot-23a package can be placed directly under the socketed microcontroller for improved ther- mal contact. part number threshold (t th ) range tc6501 +35c < t th < +125c tc6502 +35c < t th < +125c tc6503 -45c < t th < +15c tc6504 -45c < t th < +15c downloaded from: http:///
? 2002-2012 microchip technology inc. ds21451e-page 7 tc6501/2/3/4 5.0 applications the tc6501 and tc6503 have open-drain outputs and are, therefore, intended to interface as microcontroller reset inputs. moreover, the combination of these two devices can be used to implement a temperature window alarm by wire-oring the outputs and using an external pull-up resistor (see figure 5-1). figure 5-1: over and under temperature alarm. the tc6502 can be used to control a dc fan. the fan turns on when the sensed temperature rises above the factory-set threshold and remains on until the temperature falls below threshold minus the hysteresis selected. an additional fail-safe measure could be designed by using a second tc6502 with a higher temperature threshold to alert the user of an impending thermal shutdown, should the temperature continue to rise (see figure 5-2). figure 5-2: fan control with over temperature alert. the tc6504, with its push-pull output, may be used in a similar fashion to turn on a heater element at cold temperatures (see figure 5-3). figure 5-3: tc6504 as heater thermostat. hyst v cc gnd gnd hyst t under +5v r pull-up 100 k ? gnd gnd v cc t over tc6501 tc6503 hyst 100 pf out of range 100 pf hyst v cc gnd gnd hyst t under gnd gnd v cc t over tc6501 tc6503 hyst te m p erature gnd gnd 100 pf hyst +5v t over v cc tc6502po65 gnd gnd hyst t over v cc tc6502po45 temperature fault fan control gnd gnd hyst +5v t over v cc tc6502po65 gnd gnd hyst t over v cc tc6502po45 gnd gnd hyst +5v t over v cc tc6502 gnd gnd hyst t over v cc tc6502 100 pf heater "on" t under t under t under + 2c tc6504 +5v 12v gnd gnd hyst v cc heater t under 100 pf temperature time downloaded from: http:///
tc6501/2/3/4 ds21451e-page 8 ? 2002-2012 microchip technology inc. figure 5-4: tc6501 functional block diagram. figure 5-5: tc6502 functional block diagram. figure 5-6: tc6503 functional block diagram. figure 5-7: tc6504 functional block diagram. + C positive temperature coefficient hysteresis selection tc6501 temp tc6501 with 100 k ? pull-up cold +25c t th hot t over v t over reference negative temperature coefficient reference hyst negative temperature coefficient reference tc6502 temp tc6502 v t over cold +25c t th hot + C positive temperature coefficient hysteresis selection t over reference negative temperature coefficient reference hyst tc6503 temp tc6503 cold t th hot +25c with 100 k ? pull-up v + C positive temperature coefficient hysteresis selection reference negative temperature coefficient reference hyst t under t under tc6504 temp tc6504 cold t th hot +25c v + C positive temperature coefficient hysteresis selection reference negative temperature coefficient reference hyst t under t under downloaded from: http:///
? 2002-2012 microchip technology inc. ds21451e-page 9 tc6501/2/3/4 6.0 packaging information 6.1 package marking diagram part number marking code temperature threshold (c) tc6501p045vct ha 45 tc6501p065vct hc 65 tc6501p075vct hd 75 tc6501p095vct hf 95 tc6501p105vct hg 105 tc6501p115vct hh 115 tc6501p120vct hv 120 tc6501p125vct hj 125 tc6502p045vct ja 45 tc6502p065vct jc 65 tc6502p075vct jd 75 tc6502p095vct jf 95 tc6502p115vct jh 115 tc6502p125vct jj 125 tc6503n015vct ka -15 tc6503p005vct kb 5 tc6504n015vct la -15 tc6504p005vct lb 5 2 4 5 3 1 ???? note: please contact microchip technology for the availability of a particular temperature threshold not included in table 4-1. legend: xx...x customer-specific information y year code (last digit of calendar year) yy year code (last 2 digits of calendar year) ww week code (week of january 1 is week 01) nnn alphanumeric traceability code pb-free jedec designator for matte tin (sn) * this package is pb-free. the pb-free jedec designator ( ) can be found on the outer packaging for this package. note : in the event the full microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e downloaded from: http:///
tc6501/2/3/4 ds21451e-page 10 ? 2002-2012 microchip technology inc. 5-lead plastic small outline transistor (ct) (sot-23) 10 5 0 10 5 0 ? mold draft angle bottom 10 5 0 10 5 0 ? mold draft angle top 0.50 0.43 0.35 .020 .017 .014 b lead width 0.20 0.15 0.09 .008 .006 .004 c lead thickness 10 5 0 10 5 0 ? foot angle 0.55 0.45 0.35 .022 .018 .014 l foot length 3.10 2.95 2.80 .122 .116 .110 d overall length 1.75 1.63 1.50 .069 .064 .059 e1 molded package width 3.00 2.80 2.60 .118 .110 .102 e overall width 0.15 0.08 0.00 .006 .003 .000 a1 standoff 1.30 1.10 0.90 .051 .043 .035 a2 molded package thickness 1.45 1.18 0.90 .057 .046 .035 a overall height 1.90 .075 p1 outside lead pitch (basic) 0.95 .038 p pitch 5 5 n number of pins max nom min max nom min dimension limits millimeters inches* units 1 p d b n e e1 l c ? ? ? a2 a a1 p1 * controlling parameter notes: dimensions d and e1 do not include mold flash or protrusions. mold flash or protrusions shall not exceed .010 (0.254mm) per side. jedec equivalent: mo-178 drawing no. c04-091 significant characteristic note: for the most current package drawings, please see the microchip packaging specification located at http://www.microchip.com/packaging downloaded from: http:///
? 2002-2012 microchip technology inc. ds21451e-page 11 tc6501/2/3/4 product tape and reel specification us e r dir e ction of f ee d p, pitch standard r ee l compon e nt ori e ntation r e v e rs e r ee l compon e nt ori e ntation w, width of carri e r tap e pin 1 pin 1 d e vic e marking downloaded from: http:///
tc6501/2/3/4 ds21451e-page 12 ? 2002-2012 microchip technology inc. 7.0 revision history revision e (december 2012) added a note to the package outline drawing. downloaded from: http:///
? 2002-2012 microchip technology inc. ds21451e-page 13 tc6501/2/3/4 product identification system to order or obtain information, e. g., on pricing or delivery, refer to the factory or the listed sales office . sales and support device: tc6501: ultra small temp switch with pin-selectable hysteresis tc6502: ultra small temp switch with pin-selectable hysteresis tc6503: ultra small temp switch with pin-selectable hysteresis tc6504: ultra small temp switch with pin-selectable hysteresis standard temperature threshold: n015 = -15c (tc6503, tc6504) p005 = 5c (tc6503, tc6504 p045 = 45c (tc6501, tc6502) p065 = 65c (tc6501, tc6502) p075 = 75c (tc6501, tc6502) p095 = 95c (tc6501, tc6502) p105 = 105c (tc6501) p115 = 115c (tc6501, tc6502) p120 = 120c (tc6501) p125 = 125c (tc6501, tc6502) package: vcttr = sot-23, 5-lead (tape and reel) vctrt = sot-23, 5-lead (reverse tape and reel) (available only in 95c and 125c temperatures for tc6501) part no. xxxx standard temperature device threshold xx xxx package examples: a) tc6501p045vcttr: 5-pin sot-23a, 45c, open-drain, tape and reel. b) tc6501p065vcttr: 5-pin sot-23a, 65c, open-drain, tape and reel. c) tc6501p095vcttr: 5-pin sot-23a, 95c, open-drain, tape and reel. d) tc6501p095vctrt: 5-pin sot-23a, 95c, open-drain, reverse tape and reel. e) tc6501p125vctrt: 5-pin sot-23a, 125c, open-drain, reverse tape and reel. a) tc6502p045vcttr 5-pin sot-23a, 45c, push-pull, tape and reel. b) tc6502p065vcttr 5-pin sot-23a, 65c, push-pull, tape and reel. c) tc6502p095vcttr: 5-pin sot-23a, 95c, push-pull, tape and reel. a) tc6503n015vcttr 5-pin sot-23a, -15c, open-drain, tape and reel. b) tc6503p005vcttr: 5-pin sot-23a, 5c, open-drain, tape and reel. a) tc6504n015vcttr: 5-pin sot-23a, -15c, push-pull, tape and reel. b) tc6504p005vcttr: 5-pin sot-23a, 5c, push-pull, tape and reel. examples: a) tc6501p045vcttr: 5-pin sot-23a, 45c, open-drain, tape and reel. b) tc6501p065vcttr: 5-pin sot-23a, 65c, open-drain, tape and reel. c) tc6501p095vcttr: 5-pin sot-23a, 95c, open-drain, tape and reel. d) tc6501p095vctrt: 5-pin sot-23a, 95c, open-drain, reverse tape and reel. e) tc6501p125vctrt: 5-pin sot-23a, 125c, open-drain, reverse tape and reel. a) tc6502p045vcttr 5-pin sot-23a, 45c, push-pull, tape and reel. b) tc6502p065vcttr 5-pin sot-23a, 65c, push-pull, tape and reel. c) tc6502p095vcttr: 5-pin sot-23a, 95c, push-pull, tape and reel. a) tc6503n015vcttr 5-pin sot-23a, -15c, open-drain, tape and reel. b) tc6503p005vcttr: 5-pin sot-23a, 5c, open-drain, tape and reel. a) tc6504n015vcttr: 5-pin sot-23a, -15c, push-pull, tape and reel. b) tc6504p005vcttr: 5-pin sot-23a, 5c, push-pull, tape and reel. data sheets products supported by a preliminary data sheet may have an errata sheet describing minor operational differences and recommended workarounds. to determine if an errata sheet exists for a particular device, please contact one of the following: 1. your local microchip sales office 2. the microchip worldwide site (www.microchip.com) please specify which device, revision of silicon and data sheet (include literature #) you are using. customer notification system register on our web site (www.microchip.com/cn) to receive the most current information on our products. downloaded from: http:///
tc6501/2/3/4 ds21451e-page 14 ? 2002-2012 microchip technology inc. notes: downloaded from: http:///
? 2002-2012 microchip technology inc. ds21451e-page 15 information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application meets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safety applications is entirely at the buyers risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting from such use. no licenses are conveyed, implicitly or otherwise, under any microchip intellectual property rights. trademarks the microchip name and logo, the microchip logo, dspic, flashflex, k ee l oq , k ee l oq logo, mplab, pic, picmicro, picstart, pic 32 logo, rfpic, sst, sst logo, superflash and uni/o are registered trademarks of microchip technology incorporated in the u.s.a. and other countries. filterlab, hampshire, hi-tech c, linear active thermistor, mtp, seeval and the embedded control solutions company are registered trademarks of microchip technology incorporated in the u.s.a. silicon storage technology is a registered trademark of microchip technology inc. in other countries. analog-for-the-digital age, app lication maestro, bodycom, chipkit, chipkit logo, codeguard, dspicdem, dspicdem.net, dspicworks, dsspeak, ecan, economonitor, fansense, hi-tide, in-circuit serial programming, icsp, mindi, miwi, mpasm, mpf, mplab certified logo, mplib, mplink, mtouch, omniscient code generation, picc, picc-18, picdem, picdem.net, pickit, pictail, real ice, rflab, select mode, sqi, serial quad i/o, total endurance, tsharc, uniwindriver, wiperlock, zena and z-scale are trademarks of microchip technology incorporated in the u.s.a. and other countries. sqtp is a service mark of microchip technology incorporated in the u.s.a. gestic and ulpp are registered trademarks of microchip technology germany ii gmbh & co. & kg, a subsidiary of microchip technology inc., in other countries. all other trademarks mentioned herein are property of their respective companies. ? 2002-2012, microchip technology incorporated, printed in the u.s.a., all rights reserved. printed on recycled paper. isbn: 9781620768327 note the following details of the code protection feature on microchip devices: microchip products meet the specification cont ained in their particular microchip data sheet. microchip believes that its family of products is one of the most secure families of its kind on the market today, when used i n the intended manner and under normal conditions. there are dishonest and possibly illegal methods used to breach the code protection feature. all of these methods, to our knowledge, require using the microchip products in a manner outside the operating specif ications contained in microchips data sheets. most likely, the person doing so is engaged in theft of intellectual property. microchip is willing to work with the customer who is concerned about the integrity of their code. neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as unbreakable. code protection is constantly evolving. we at microchip are co mmitted to continuously improvin g the code protection features of our products. attempts to break microchips code protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2009 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona; gresham, oregon and design centers in california and india. the company?s quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperipherals, nonvolatile memory an d analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001:2000 certified. quality management s ystem certified by dnv == iso/ts 16949 == downloaded from: http:///
ds21451e-page 16 ? 2002-2012 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://www.microchip.com/ support web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 cleveland independence, oh tel: 216-447-0464 fax: 216-447-0643 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit farmington hills, mi tel: 248-538-2250 fax: 248-538-2260 indianapolis noblesville, in tel: 317-773-8323 fax: 317-773-5453 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 santa clara santa clara, ca tel: 408-961-6444 fax: 408-961-6445 toronto mississauga, ontario, canada tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway harbour city, kowloon hong kong tel: 852-2401-1200 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8569-7000 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - chongqing tel: 86-23-8980-9588 fax: 86-23-8980-9500 china - hangzhou tel: 86-571-2819-3187 fax: 86-571-2819-3189 china - hong kong sar tel: 852-2943-5100 fax: 852-2401-3431 china - nanjing tel: 86-25-8473-2460 fax: 86-25-8473-2470 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8864-2200 fax: 86-755-8203-1760 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7252 fax: 86-29-8833-7256 china - xiamen tel: 86-592-2388138 fax: 86-592-2388130 china - zhuhai tel: 86-756-3210040 fax: 86-756-3210049 asia/pacific india - bangalore tel: 91-80-3090-4444 fax: 91-80-3090-4123 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-2566-1512 fax: 91-20-2566-1513 japan - osaka tel: 81-6-6152-7160 fax: 81-6-6152-9310 japan - tokyo tel: 81-3-6880- 3770 fax: 81-3-6880-3771 korea - daegu tel: 82-53-744-4301 fax: 82-53-744-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - kuala lumpur tel: 60-3-6201-9857 fax: 60-3-6201-9859 malaysia - penang tel: 60-4-227-8870 fax: 60-4-227-4068 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-5778-366 fax: 886-3-5770-955 taiwan - kaohsiung tel: 886-7-213-7828 fax: 886-7-330-9305 taiwan - taipei tel: 886-2-2508-8600 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 uk - wokingham tel: 44-118-921-5869 fax: 44-118-921-5820 worldwide sales and service 11/29/12 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of TC6501P095VCTRTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X