Part Number Hot Search : 
E1231 AX6005 9Z1T3 2SA1037 279L7 AX6005 8S2632 RDFS02
Product Description
Full Text Search
 

To Download STGIPS10C60T-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. april 2015 docid025628 rev 2 1/19 STGIPS10C60T-H sllimm? small low-loss intelligent molded module ipm, 3-phase inverter - 10 a, 600 v short-circuit rugged igbt datasheet - production data features ? ipm 10 a, 600 v 3-phase igbt inverter bridge including control ics for gate driving and free- wheeling diodes ? short-circuit rugged igbts ? 3.3 v, 5 v, 15 v cmos/ttl inputs comparators with hysteresis and pull-down / pull-up resistors ? undervoltage lockout ? internal bootstrap diode ? interlocking function ? shutdown function ? dbc leading to low thermal resistance ? isolation rating of 2500 v rms /min ? 4.7 k ? ntc for temperature control ? ul recognized: ul1557 file e81734 applications ? 3-phase inverters for motor drives ? air conditioners description this intelligent power module provides a compact, high performance ac motor drive in a simple, rugged design. combining st proprietary control ics with the most advanced short-circuit- rugged igbt system technology, this device is ideal for 3-phase inverters in applications such as motor drives and air conditioners. sllimm? is a trademark of stmicroelectronics. sdip-25l table 1. device summary order code marking package packing STGIPS10C60T-H gips10c60t-h sdip-25l tube www.st.com
contents STGIPS10C60T-H 2/19 docid025628 rev 2 contents 1 internal block diagram and pin configuration . . . . . . . . . . . . . . . . . . . . 3 2 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.1 absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.2 thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 3.1 control part . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 3.1.1 ntc thermistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.2 waveforms definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 4 applications information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 4.1 recommendations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 5 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5.1 sdip-25l package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5.2 packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
docid025628 rev 2 3/19 STGIPS10C60T-H internal block diagram and pin configuration 19 1 internal block diagram and pin configuration figure 1. internal block diagram am09320v6
internal block diagram and pin configuration STGIPS10C60T-H 4/19 docid025628 rev 2 figure 2. pin layout (bottom view) table 2. pin description pin n symbol description 1out u high-side reference output for u phase 2v bootu bootstrap voltage for u phase 3lin u low-side logic input for u phase 4hin u high-side logic input for u phase 5v cc low voltage power supply 6out v high-side reference output for v phase 7v boot v bootstrap voltage for v phase 8 gnd ground 9lin v low-side logic input for v phase 10 hin v high-side logic input for v phase 11 out w high-side reference output for w phase 12 v boot w bootstrap voltage for w phase 13 lin w low-side logic input for w phase 14 hin w high-side logic input for w phase 15 sd shutdown logic input (active low) 16 t1 ntc thermistor terminal 17 n w negative dc input for w phase 18 w w phase output 19 p positive dc input 20 n v negative dc input for v phase 21 v v phase output 22 p positive dc input 23 n u negative dc input for u phase 24 u u phase output 25 p positive dc input 0$5.,1*$5($                         
docid025628 rev 2 5/19 STGIPS10C60T-H electrical ratings 19 2 electrical ratings 2.1 absolute maximum ratings table 3. inverter part symbol parameter value unit v pn supply voltage applied between p - n u , n v , n w 450 v v pn(surge) supply voltage (surge) applied between p - n u , n v , n w 500 v v ces each igbt collector emitter voltage (v in (1) = 0) 1. applied between hin i , lin i and gnd for i = u, v, w 600 v i c each igbt continuous collector current at t c = 25c 10 a i cp (2) 2. pulse width limited by max junction temperature each igbt pulsed collector current 20 a p tot each igbt total dissipation at t c = 25c 33 w t scw short circuit withstand time, v ce = 0.5 v (br)ces t j = 125 c, v cc = v boot = 15 v, v in (1) = 0 - 5 v 5s table 4. control part symbol parameter value unit v out output voltage applied between out u, out v, out w - gnd v boot - 21 to v boot + 0.3 v v cc low voltage power supply -0.3 to +21 v v boot bootstrap voltage applied between v boot i - out i for i = u, v, w -0.3 to 620 v v in logic input voltage applied between hin, lin and gnd -0.3 to 15 v v sd open drain voltage -0.3 to 15 v dv out /dt allowed output slew rate 50 v/ns table 5. total system symbol parameter value unit v iso isolation withstand voltage applied between each pin and heatsink plate (ac voltage, t = 60 sec.) 2500 v t j power chips operating junction temperature -40 to 150 c t c module case operation temperature -40 to 125 c
electrical ratings STGIPS10C60T-H 6/19 docid025628 rev 2 2.2 thermal data table 6. thermal data symbol parameter value unit r thjc thermal resistance junction-case single igbt 3.8 c/w thermal resistance junction-case single diode 5.5 c/w
docid025628 rev 2 7/19 STGIPS10C60T-H electrical characteristics 19 3 electrical characteristics t j = 25 c unless otherwise specified. note: t on and t off include the propagation delay time of the internal drive. t c(on) and t c(off) are the switching time of igbt itself under the internally given gate driving condition. table 7. inverter part symbol parameter test conditions value unit min. typ. max. v ce(sat) collector-emitter saturation voltage v cc = v boot = 15 v, v in (1) = 0 - 5 v, i c = 10 a -1.61.95 v v cc = v boot = 15 v, v in (1) = 0 - 5 v, i c = 10 a, t j = 125 c -1.7 i ces collector-cut off current (v in (1) = 0 ?logic state?) v ce = 550 v, v cc = v boot = 15 v - 100 a v f diode forward voltage v in (1) = 0 ?logic state?, i c = 10 a - 2.2 v inductive load switching time and energy t on turn-on time v pn = 300 v, v cc = v boot = 15 v, v in (1) = 0 5 v, i c = 10 a (see figure 3 ) -1700 - ns t c(on) crossover time (on) - 127 - t off turn-off time - 828 - t c(off) crossover time (off) - 145 - t rr reverse recovery time - 246 - e on turn-on switching losses - 242 - j e off turn-off switching losses - 184 - 1. applied between hin i , lin i and gnd for i = u, v, w.
electrical characteristics STGIPS10C60T-H 8/19 docid025628 rev 2 figure 3. switching time test circuit note: figure 4 "switching time definition" refers to hin, lin inputs (active high). figure 4. switching time definition am06019v2 v ce i c i c v in t on t c(on) v in(on) 10% i c 90% i c 10% v ce (a) turn-on (b) turn-off t rr 100% i c 100% i c v in v ce t off t c(off) v in(off) 10% v ce 10% i c am09223v1
docid025628 rev 2 9/19 STGIPS10C60T-H electrical characteristics 19 3.1 control part table 8. low voltage power supply (v cc = 15 v unless otherwise specified) symbol parameter test conditions min. typ. max. unit v cc_hys v cc uv hysteresis 1.2 1.5 1.8 v v cc_thon v cc uv turn on threshold 11.5 12 12.5 v v cc_thoff v cc uv turn off threshold 10 10.5 11 v i qccu undervoltage quiescent supply current v cc = 10 v sd = 5 v; lin = 0; hin = 0 450 a i qcc quiescent current v cc = 15 v sd = 5 v; lin = 0; hin = 0 3.5 ma table 9. bootstrapped voltage (v cc = 15 v unless otherwise specified) symbol parameter test conditions min. typ. max. unit v bs_hys v bs uv hysteresis 1.2 1.5 1.8 v v bs_thon v bs uv turn on threshold 11.1 11.5 12.1 v v bs_thoff v bs uv turn off threshold 9.8 10 10.6 v i qbsu undervoltage v bs quiescent current v bs < 9 v sd = 5 v; lin = 0, hin = 5 v 70 110 a i qbs v bs quiescent current v bs = 15 v sd = 5 v; lin = 0, hin = 5 v 200 300 a r ds(on) bootstrap driver on resistance lin= 5 v; hin= 0 v 120 ? table 10. logic inputs (v cc = 15 v unless otherwise specified) symbol parameter test conditions min. typ. max. unit v il low logic level voltage 0.8 1.1 v v ih high logic level voltage 1.9 2.25 v i hinh hin logic ?1? input bias current hin = 15 v 20 40 100 a i hini hin logic ?0? input bias current hin = 0 v 1 a i linh lin logic ?1? input bias current lin = 15 v 20 40 100 a i lini lin logic ?0? input bias current lin = 0 v 1 a i sdh sd logic ?0? input bias current sd = 15 v 30 120 300 a i sdl sd logic ?1? input bias current sd = 0 v 3 a dt dead time see figure 7 and table 14 1.2 s
electrical characteristics STGIPS10C60T-H 10/19 docid025628 rev 2 note: x: don?t care 3.1.1 ntc thermistor equation 1: resistance variation vs. temperature where t = temperature in kelvins table 11. shut down characteristics (v cc = 15 v unless otherwise specified) symbol parameter test conditions min. typ. max. unit t sd shut down to high / low side driver propagation delay v out = 0, v boot = v cc , v in = 0 to 3.3 v 50 125 200 ns table 12. truth table condition logic input (v i ) output sd lin hin lvg hvg shutdown enable half-bridge tri-state lxxll interlocking half-bridge tri-state hhhl l 0 ??logic state? half-bridge tri-state hllll 1 ?logic state? low side direct driving hhlhl 1 ?logic state? high side direct driving hlhlh table 13. ntc thermistor symbol parameter test conditions min. typ. max. unit. r 25 resistance t = 25c 4.7 k r 125 resistance t = 125c 160 b b-constant t = 25c to 85c 3950 k t operating temperature -40 150 c rt () r 25 e b 1 t --- 1 298 --------- - ? ?? ?? ? =
docid025628 rev 2 11/19 STGIPS10C60T-H electrical characteristics 19 figure 5. ntc resistance vs. temperature figure 6. ntc resistance vs. temperature (zoom) am16299v1 0 20 40 60 80 100 120 140 160 180 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 (c) ntc [k] min. max. center am17098v1 (c) ntc [k ] 0.000 0.200 0.400 0.600 0.800 1.000 1.200 1.400 1.600 1.800 50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 130 135 140 145 min. max. center
electrical characteristics STGIPS10C60T-H 12/19 docid025628 rev 2 3.2 waveforms definitions figure 7. dead time and interlocking waveforms definitions interl ocking interl ocking interl ocking interl ocking g
docid025628 rev 2 13/19 STGIPS10C60T-H applications information 19 4 applications information figure 8. typical application circuit am09321v2
applications information STGIPS10C60T-H 14/19 docid025628 rev 2 4.1 recommendations ? input signals hin, lin are active high logic. a 375 k (typ.) pull down resistor is built-in for each input. if an external rc filter is used, for noise immunity, pay attention to the variation of the input signal level. ? to prevent the input signals oscillation, the wiring of each input should be as short as possible. ? by integrating an application specific type hvic inside the module, direct coupling to mcu terminals without any opto-coupler is possible. ? each capacitor should be located as nearby the pins of ipm as possible. ? low inductance shunt resistors should be used for phase leg current sensing. ? electrolytic bus capacitors should be mounted as close to the module bus terminals as possible. additional high frequency ceramic capacitor mounted close to the module pins will further improve performance. ? the sd signal should be pulled up to 5 v / 3.3 v with an external resistor. note: for further details refer to an3338. table 14. recommended operating conditions symbol parameter conditions value unit min. typ. max. v pn supply voltage applied between p-nu,nv,nw 300 400 v v cc control supply voltage applied between v cc -gnd 13.5 15 18 v v bs high side bias voltage applied between v booti -out i for i=u,v,w 13 18 v t dead blanking time to prevent arm-short for each input signal 1.5 s f pwm pwm input signal -40c < t c < 100c -40c < t j < 125c 20 khz t c case operation temperature 100 c
docid025628 rev 2 15/19 STGIPS10C60T-H package information 19 5 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. please refer to dedicated technical note tn0107 for mounting instructions. 5.1 sdip-25l package information figure 9. sdip-25l package outline b
package information STGIPS10C60T-H 16/19 docid025628 rev 2 table 15. sdip-25l mechanical data dim. mm min. typ. max. a 43.90 44.40 44.90 a1 1.15 1.35 1.55 a2 1.40 1.60 1.80 a3 38.90 39.40 39.90 b 21.50 22.00 22.50 b1 11.25 11.85 12.45 b2 24.83 25.23 25.63 c 5.00 5.40 6.00 c1 6.50 7.00 7.50 c2 11.20 11.70 12.20 c3 2.90 3.00 3.10 e 2.15 2.35 2.55 e1 3.40 3.60 3.80 e2 4.50 4.70 4.90 e3 6.30 6.50 6.70 d 33.30 d1 5.55 e11.20 e1 1.40 f 0.85 1.00 1.15 f1 0.35 0.50 0.65 r 1.55 1.75 1.95 t 0.45 0.55 0.65 v0 6
docid025628 rev 2 17/19 STGIPS10C60T-H package information 19 5.2 packing information figure 10. sdip-25l packing information am10488v1 base quantity: 11 pcs bulk quantity: 132 pcs 8123127_e
revision history STGIPS10C60T-H 18/19 docid025628 rev 2 6 revision history table 16. document revision history date revision changes 08-may-2014 1 initial release. 08-apr-2015 2 text edits and formatting changes throughout document updated figure 2: pin layout (bottom view) updated section 5: package information
docid025628 rev 2 19/19 STGIPS10C60T-H 19 important notice ? please read carefully stmicroelectronics nv and its subsidiaries (?st?) reserve the right to make changes, corrections, enhancements, modifications, and improvements to st products and/or to this document at any time without notice. purchasers should obtain the latest relevant in formation on st products before placing orders. st products are sold pursuant to st?s terms and conditions of sale in place at the time of o rder acknowledgement. purchasers are solely responsible for the choice, selection, and use of st products and st assumes no liability for application assistance or the design of purchasers? products. no license, express or implied, to any intellectual property right is granted by st herein. resale of st products with provisions different from the information set forth herein shall void any warranty granted by st for such product. st and the st logo are trademarks of st. all other product or service names are the property of their respective owners. information in this document supersedes and replaces information previously supplied in any prior versions of this document. ? 2015 stmicroelectronics ? all rights reserved


▲Up To Search▲   

 
Price & Availability of STGIPS10C60T-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X