Part Number Hot Search : 
INTEGRA R1133 02205 SDPB5 INTEGRA AK4414 STP9NK50 ALVCH166
Product Description
Full Text Search
 

To Download S9014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification silicon epitaxial planar transistor S9014 c083 www.gmicroelec.com rev.a 1 features z complementary to s9015. z excellent h fe linearity. z power dissipation.(p c =0.2w) applications z per-amplifier low level & low noise. sot-23 ordering information type no. marking package code S9014 j6 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage 50 v v ceo collector-emitter voltage 45 v v ebo emitter-base voltage 5 v i c collector current -continuous 100 ma p c collector dissipation 200 mw t j, t stg junction and storage temperature -55 to +150 pb lead-free
production specification silicon epitaxial planar transistor S9014 c083 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-base breakdown voltage v (br)cbo i c =100 a,i e =0 50 v collector-emitter breakdown voltage v (br)ceo i c =0.1ma,i b =0 45 v emitter-base breakdown voltage v (br)ebo i e =100 a,i c =0 5 v collector cut-off current i cbo v cb =50v,i e =0 0.1 a collector cut-off current i ceo v ce =35v,i b =0 0.1 a emitter cut-off current i ebo v eb =3v,i c =0 0.1 a dc current gain h fe v ce =5v,i c =1ma 200 1000 collector-emitter saturation voltage v ce(sat) i c =100ma, i b = 5ma 0.3 v base-emitter saturation voltage v be(sat) i c =100ma, i b = 5ma 1 v transition frequency f t v ce =6v, i c = 20ma f=30mhz 150 mhz classification of h fe(1) rank l h range 200-450 450-1000
production specification silicon epitaxial planar transistor S9014 c083 www.gmicroelec.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified
production specification silicon epitaxial planar transistor S9014 c083 www.gmicroelec.com rev.a 4 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.70 3.10 b 1.10 1.50 c 1.0 typical d 0.4 typical e 0.35 0.48 g 1.80 2.00 h 0.02 0.1 j 0.1 typical k 2.20 2.60 all dimensions in mm device package shipping S9014 sot-23 3000/tape&reel a b c d e j h k g 0.90 0.80 2.00 0.95 0.95


▲Up To Search▲   

 
Price & Availability of S9014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X